Part Number Hot Search : 
IPW60R SMBJ51 33J400 150K30AM VPM05 724BC 15AC44 2730129
Product Description
Full Text Search
 

To Download SMBT3906S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBT3906S
PNP Silicon Switching Transistor Array High DC current gain: 0.1mA to 100mA Low collector-emitter saturation voltage Two ( galvanic) internal isolated Transistors with good matching in one package Complementary type: SMBT3904S (NPN)
4 5 6

2 1
C1 6 B2 5 E2 4
3
VPS05604
TR2 TR1
1 E1
2 B1
3 C2
EHA07175
Type SMBT3906S
Maximum Ratings Parameter
Marking s2A
Pin Configuration
Package
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Symbol VCEO VCBO VEBO IC Ptot Tj Tstg
Value 40 40 5 200 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature
mA mW C
Thermal Resistance Junction - soldering point1) RthJS
140
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Nov-30-2001
SMBT3906S
Electrical Characteristics at TA =25C, unless otherwise specified. Parameter DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 DC current gain 1) IC = 100 A, VCE = 1 V IC = 1 mA, VCE = 1 V IC = 10 mA, VCE = 1 V IC = 50 mA, VCE = 1 V IC = 100 mA, VCE = 1 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA VBEsat VCEsat hFE ICBO V(BR)EBO V(BR)CBO V(BR)CEO Symbol min. Values typ. max. Unit
40 40 5 -
-
50
V
nA -
60 80 100 60 30
-
300 V
0.65 -
-
0.25 0.4 0.85 0.95
1) Pulse test: t < 300s; D < 2%
2
Nov-30-2001
SMBT3906S
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter AC Characteristics Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz Open-circuit reverse voltage transf.ratio IC = 2 mA, VCE = 5 V, f = 1 kHz Short-circuit forward current transf.ratio IC = 2 mA, VCE = 5 V, f = 1 kHz IC = 2 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 100 A, VCE = 5 V, RS = 1 k, Delay time F f = 200 Hz td 35 ns 4 Open-circuit output admittance h21e h22e 100 3 400 60 S h12e 0.1 10 10-4 h11e 2 12 k Ceb 10 Ccb 4.5 pF fT 250 MHz Symbol min. Values typ. max. Unit
dB
VCC = 3 V, IC = 10 mA, IB1 = 1 mA, VBE(off) = 0.5 V Rise time VCC = 3 V, IC = 10 mA, IB1 = 1 mA, VBE(off) = 0.5 V Storage time VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA Fall time VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA tf 75 tstg 225 tr 35
f = 1 kHz,
3
Nov-30-2001
SMBT3906S
Test circuit Delay and rise time
-3.0 V
275 <1.0 ns +0.5 V 10 k 0 -10.6 V D = 2% C <4.0 pF
300 ns
EHN00059
Storage time and fall time
-3.0 V
<1.0 ns +9.1 V 0 -10.9 V 10 < t 1< 500 s D = 2% 10 k
275
C 1N916 <4.0 pF
t1
EHN00060
4
Nov-30-2001
SMBT3906S
Total power dissipation Ptot = f (TS )
300
mW
P tot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
Ptotmax / PtotDC
-
10 2
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
5
Nov-30-2001
SMBT3906S
DC current gain hFE = f (IC ) VCE = 10V, normalized
EHP00774
Saturation voltage IC = f (VBEsat, VCEsat) h FE = 10
EHP00767
10 1
2 mA
h FE
5
C
10 2 5
125 C
V CE V BE
10 0
25 C
10 1
5
-55 C
5
10 -1 -1 10
10 0
5 10
0
5 10
1
mA
10
2
0
0.2
0.4
0.6
0.8
1.0 V 1.2
C
V BE sat , V CE sat
Short-circuit forward current transfer ratio h21e = f(IC) VCE = 10V, f = 1MHz
10 3
EHP00770
Open-circuit output admittance h 22e = f (IC) VCE = 10V, f = 1MHz
10 2 s h 22e 5
EHP00771
h 21e
5
10 2
10 1
5
5
10 1 -1 10
5
10
0
mA
5
10
1
10 0 -1 10
5
10
0
mA
5
10
1
C
C
6
Nov-30-2001
SMBT3906S
Delay time td = f (IC ) Rise time tr = f (IC)
EHP00772
Storage time t stg = f(IC)
10 3 ns t r ,t d 10 2 tr td
10 3 ns ts
EHP00762
h FE = 10
25 C 125 C 10 2 h FE = 20 10
h FE = 20 10
VCC = 3 V 15 V 40 V
10 1
V BE = 2 V 0V
10 1
10 0 0 10
5 10
1
5 10
2
mA 5 10
3
10 0 0 10
5 10 1
5 10 2
mA 10 3
C
C
Fall time tf = f (IC)
Rise time tr = f (IC)
10 3 ns tf 25 C 125 C
EHP00773
10 3 ns tr 25 C
EHP00764
VCC = 40 V 10 2 h FE = 20
10 2
125 C
VCC = 40 V h FE = 10
10 1
h FE = 10
10 1
10 0 0 10
5 10 1
5 10 2 mA 5 10 3
10 0 0 10
5 10 1
5 10 2
mA 10 3
C
C
7
Nov-30-2001
SMBT3906S
Input impedance h11e = f (IC ) VCE = 10V, f = 1kHz
10 2 h 11e k
EHP00768
Open-circuit reverse voltage transfer ratio h12e = f (I C) VCE = 10V, f = 1kHz
10 -3 h 12e 5
EHP00769
10 1 5
10 -4
10 0 5
5
10 -1 -1 10
5
10 0
mA
10 1
10 -5 10
-1
C
5
10
0
mA
C
10
1
8
Nov-30-2001


▲Up To Search▲   

 
Price & Availability of SMBT3906S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X