Part Number Hot Search : 
2N6385 IN74A DP030S HPY5066X FR38N8 ACT8939 SC107 C3502
Product Description
Full Text Search
 

To Download SMBT3904UPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBT3904UPN
NPN/PNP Silicon Switching Transistor Array High current gain Low collector-emitter saturation voltage Two (galvanic) internal isolated NPN/PNP Transistors in one package
5 6
4
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

3 2 1
VPW09197
Tape loading orientation
Top View 654 W1s 123 Direction of Unreeling Position in tape: pin 1 opposite of feed hole side
SC74_Tape
Marking on SC74 package (for example W1s) corresponds to pin 1 of device
C1 6 B2 5
E2 4
TR2 TR1
1 E1
2 B1
3 C2
EHA07177
Type SMBT3904UPN
Maximum Ratings Parameter
Marking s3P
Pin Configuration
Package
1 = E 2 = B 3 = C 4 = E 5 = B 6 = C SC74
Symbol VCEO VCBO VEBO IC Ptot Tj Tstg Value 40 40 5 200 330 150 -65 ... 150 mA mW C Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current Total power dissipation, TS = 105 C Junction temperature Storage temperature Thermal Resistance
Thermal resistance, chip case1)
RthJC
135
K/W
Aug-21-2002
SMBT3904UPN
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics per Transistor Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 DC current gain 1) IC = 100 A, VCE = 1 V IC = 1 mA, VCE = 1 V IC = 10 mA, VCE = 1 V IC = 50 mA, VCE = 1 V IC = 100 mA, VCE = 1 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA VBEsat 0.65 0.85 0.95 VCEsat 0.25 0.4 hFE 40 70 100 60 30 300 ICBO 50 V(BR)EBO 5 V(BR)CBO 40 V(BR)CEO 40 typ. max.
Unit
V
nA -
V
1) Pulse test: t < 300s; D < 2%
2
Aug-21-2002
SMBT3904UPN
Electrical Characteristics at TA=25C, unless otherwise specified Symbol Values Parameter min. AC Characteristics per Transistor Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz Open-circuit reverse voltage transf.ratio IC = 2 mA, VCE = 5 V, f = 1 kHz Short-circuit forward current transf.ratio IC = 2 mA, VCE = 5 V, f = 1 kHz IC = 2 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 100 A, VCE = 5 V, RS = 1 k, Delay time F f = 200 Hz td 35 5 Open-circuit output admittance h21e h22e 100 1 400 60 h12e 0.1 10 h11e 2 12 Ceb 10 Ccb 4.5 fT 250 typ. max.
Unit
MHz pF
k 10-4 S
VCC = 3 V, IC = 10 mA, IB1 = 1 mA, VBE(off) = 0.5 V Rise time VCC = 3 V, IC = 10 mA, IB1 = 1 mA, VBE(off) = 0.5 V Storage time VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA Fall time VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA tf 75 tstg 225 tr 35
f = 1 kHz,
3
Aug-21-2002
dB
ns
SMBT3904UPN
Total power dissipation Ptot = f (TS )
400
mW
300
P tot
250
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10 3 10 2
K/W
Ptotmax / PtotDC
10 2
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 0 -6 10
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Aug-21-2002
SMBT3904UPN
DC current gain hFE = f (IC )
VCE = 10V, normalized
10 1 h FE
EHP00765
Saturation voltage IC = f (VBEsat, VCEsat)
h FE = 10
EHP00756
2
5
C
mA 10 2 5
125 C 10 0 25 C 10 1 5
V CE
V BE
-55 C 5
10 -1 10
-1
5 10 0
5 10 1
mA 10 2 2
10 0
0
0.2
0.4
0.6
C
0.8 1.0 V 1.2 V BE sat , V CE sat
Short-circuit forward current transfer ratio h21e = f(IC)
VCE = 10V, f = 1MHz
10 3 h 21e
EHP00759
Open-circuit reverse voltage transfer ratio h12e = f (IC )
VCE = 10V, f = 1kHz
10 -3 h 12e
EHP00758
5
10 2
10 -4
5
5
10 1 -1 10
5
10
0
mA
10
1
10 -5 10
-1
C
5
10
0
mA
10
1
C
5
Aug-21-2002
SMBT3904UPN
Delay time td = f (IC ) Rise time tr = f (IC)
EHP00761
Storage time t stg = f(IC)
10 3 ns t r ,t d tr td 10 2
10 3 ns ts
EHP00762
h FE = 10
25 C 125 C 10 2 h FE = 20 10
h FE = 20 10
VCC = 3 V
40 V 15 V 10 1 V BE = 2 V 0V
10 1
10 0 0 10
5 10
1
5 10
2
mA 10
3
10 0 0 10
5 10 1
5 10 2
mA 10 3
C
C
Fall time tf = f (IC)
Rise time tr = f (IC)
10 3 ns tf 25 C 125 C
EHP00763
10 3 ns tr 25 C
EHP00764
VCC = 40 V 10 2 h FE = 20
10 2
125 C
VCC = 40 V h FE = 10
10 1
h FE = 10
10 1
10 0 0 10
5 10
1
5 10
2
mA 10
3
10 0 0 10
5 10 1
5 10 2
mA 10 3
C
C
6
Aug-21-2002
SMBT3904UPN
Input impedance
h11e = f (IC ) VCE = 10V, f = 1kHz
10 2 h 11e k
EHP00757
Open-circuit output admittance
h22e = f (IC ) VCE = 10V, f = 1MHz
10 2 s h 22e 5
EHP00760
10 1 5
10 1
10 0 5
5
10 -1 10
-1
5
10
0
mA
10
1
10 0 -1 10
5
10
0
C
mA C
10
1
7
Aug-21-2002


▲Up To Search▲   

 
Price & Availability of SMBT3904UPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X