Part Number Hot Search : 
0603X PR100 HC4094 1E106 6M324VQB DFA01S 1E106 80C32X
Product Description
Full Text Search
 

To Download SFH6701-X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
High Speed Optocoupler, 5 MBd, 1 kV/s dV/dt
Features
* Data Rate 5.0 MBits/s (2.5 MBit/s over Temperature) * Buffer * Isolation Test Voltage, 5300 V RMS for 1.0 s * TTL, LSTTL and CMOS Compatible * Internal Shield for Very High Common Mode Transient Immunity * Wide Supply Voltage Range (4.5 to 15 V) * Low Input Current (1.6 mA to 5.0 mA) * Three State Output (SFH6700/ 19) * Totem Pole Output (SFH6701/ 02/ 11/ 12) * Open Collector Output (SFH6705) * Specified from 0 C to 85 C
SFH6700/6719 NC 1 A2 C3 NC 4 8 VCC 7 VO 6 VE 5 GND
SFH6701/6711 NC 1 A2 C3 NC 4 8 VCC 7 VO 6 NC 5 GND
SFH6702/6712 NC 1 A2 C3 NC 4 8 VCC 7 NC 6 VO 5 GND
i179073
SFH6705 NC 1 A 2 8 VCC 7 NC 6 VO 5 GND
C3 NC 4
Agency Approvals
* UL - File No. E52744 System Code H or J * DIN EN 60747-5-2(VDE0884) DIN EN 60747-5-5 pending Available with Option 1 The SFH67xx uses an industry standard DIP-8 package.With standard lead bending, creepage distance and clearance of 7.0 mm with lead bending options 6, 7, and 9 8 mm are achieved.
Applications
Industrial Control Replace Pulse Transformers Routine Logic Interfacing Motion/Power Control High Speed Line Receiver Microprocessor System Interfaces Computer Peripheral Interfaces
Order Information
Part SFH6700 SFH6701 SFH6702 SFH6705 SFH6711 SFH6712 Remarks Three State Output, DIP-8 Totem Pole Output, DIP-8 Totem Pole Output, DIP-8 Open Collector Output, DIP-8 Totem Pole Output, DIP-8 Totem Pole Output, DIP-8 Three State Output, DIP-8 Three State Output, SMD-8 (option 9) Totem Pole Output, DIP-8 400 mil (option 6) Totem Pole Output, SMD-8 (option 7) Totem Pole Output, SMD-8 (option 9) Open Collector Output, DIP-8 400 mil (option 6) Open Collector Output, SMD-8 (option 7) Totem Pole Output, SMD-8 (option 7)
Description
The SFH67xx high speed optocoupler series consists of a GaAlAs infrared emitting diode, optically coupled with an integrated photo detector. The detector incorporates a Schmitt-Trigger stage for improved noise immunity. Using the Enable input, the output can switched to the high ohmic state, which is necessary for data bus applications. A Faraday shield provides a common mode transient immunity of 1000 V/ at VCM = 50 V for SFH6700/ 01/ 02/ 05 and 2500 V/ at VCM = 400 V for SFH6711/ 12/ 19.
SFH6719 SFH6700-X009 SFH6701-X006 SFH6701-X007 SFH6701-X009 SFH6705-X006 SFH6705-X007 SFH6711-X007
For additional information on the available options refer to Option Information.
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 1
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors Truth Table (Positive Logic)
IR Diode SFH6700 SFH6719 SFH6701 SFH6702 SFH6705 SFH6711 SFH6712 on off on off on off on off on off on off on off Enable H H L L
VISHAY
Output Z Z H L H L H L H L H L H L
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage DC Forward current Surge forward current Power dissipation t 1.0 s Test condition Symbol VR IF IFSM Pdiss Value 3.0 10 1.0 20 Unit V mA A mW
Output
Parameter Supply voltage Three state enable voltage (SFH6700/19 only) Output voltage Average output current Power dissipation Test condition Symbol VCC VEN VO IO Pdiss Value - 0.5 to + 15 - 0.5 to + 15 - 0.5 to + 15 25 100 Unit V V V mA mW
Coupler
Parameter Storage temperature range Ambient temperature range Lead soldering temperature Isolation test voltage Pollution degree Creepage distance and clearance Standard lead bending Options 6, 7, 9 t = 10 s Test condition Symbol Tstg Tamb Tsld VISO Value - 55 to + 125 - 40 to + 85 260 5300 2.0 7.0 8.0 mm mm Unit C C C VRMS
www.vishay.com 2
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
Parameter Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Test condition Symbol Value 175 VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO 1012 10
11
Unit

ICC IF A (2) IO IE (3) Shield VO (7) VEN (6) GND (5) VCC (8)
ICC IF A (2) IO VO (6) K (3) Shield GND (5) VCC (8)
K
SFH6700/19
SFH6702/12
ICC IF A (2) IO VO (7) K (3) Shield GND (5) VCC (8)
ICC IF A (2) IO VCC (8) VO (6)
K (3) Shield GND (5)
SFH6701/11
SFH6705
isfh6700_01
Fig. 1 Schematics
Recommended Operating Conditions
A 0.1 F bypass capacitor connected between pins 5 and 8 must be used. Parameter Supply voltage Enable voltage high Enable voltage low Forward input current SFH6700 SFH6719 SFH6700 SFH6719 Test condition Part Symbol VCC VEH VEH VEL VEL IFon IFoff Operating temperature Output pull-up resistor Fan Output
(1)
Min 4.5 2.0 2.0 0 0 1.6 0 350
(1)
Typ.
Max 15 15 15 0.8 0.8 5.0 0.1 85 4 16
Unit V V V V V mA mA C k LS TTL Loads
TA SFH6705 RL = 1.0 k SFH6705 RL N
We recommended using a 2.2 mA to permit at least 20 % CTR degradation guard band.
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 3
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors Electrical Characteristics
VISHAY
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
0 C Tamb 85 C; 4.5 V VCC 15 V; 1.6 mA IFon 5.0 mA; 2.0 VEH 15 V; 0 VEL 0.8 V; 0 mA IFoff 0.1 mA; Typical values: Tamb = 25 C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified Parameter Forward voltage Input current hysteresis Reverse current Capacitance Thermal resistance Test condition IF = 5.0 mA IF = 5.0 mA, VCC = 5.0 V, IHYS = IFon-IFon VR = 3.0 V VR = 0 V, f = 1.0 MHz; Symbol VF VF IHYS IR CO Rthja 0.1 0.5 60 700 10 Min Typ. 1.6 Max 1.75 1.8 Unit V V mA A pF K/W
www.vishay.com 4
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
Output
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
0 C Tamb 85 C; 4.5 V VCC 15 V; 1.6 mA IFon 5.0 mA; 2.0 VEH 15 V; 0 VEL 0.8 V; 0 mA IFoff 0.1 mA; Typical values: Tamb = 25 C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified Parameter Logic low output voltage Logic high output voltage (except SFH6705) Output leakage current (VOUT>VCC) (except SFH6705) Test condition IOL = 6.4 mA IOH = 2.6 mA, VOH = VCC-1.8 V VO = 5.5 V, VCC = 4.5 V, IF = 5.0 mA VO = 15 V, VCC = 4.5 V, IF = 5.0 mA Output leakage current (SFH705 only) VO = 5.5 V, VCC = 5.5 V, IF = 5.0 mA VO = 15 V, VCC = 15 V, IF = 5.0 mA Logic high enable voltage (SFH6700/19 only) Logic low enable voltage (SFH6700/19 only) Logic high enable current (SFH6700/19 only) VEN = 2.7 V VEN = 5.5 V VEN = 15 V Logic low enable current (SFH6700/19 only) High impedance state output current (SFH6700/19 only) VEN = 0.4 V VO = 0.4 V, VEN = 2.0 V, IF = 5.0 mA VO = 2.4 V, VEN = 2.0 V, IF = 0 mA VO = 5.5 V, VEN = 2.0 V, IF = 0 mA Logic low supply current Logic high supply current Logic low short circuit output current 2) VO = VCC = 15 V, IF = 0 Logic high short circuit output current 2) VCC = 5.5 V, VO = 0 V, IF = 5.0 mA VCC = 15 V, VO = 0 V, IF = 5.0 mA Thermal resistance
2)
Symbol VOL
Min 2.4
Typ.
Max 0.5
Unit V V
IOHH IOHH IOHH IOHH VEH VEL IEH IEH IEH IEL IOZL IOZH IOZH IOZH - 320 - 20 2.0
0.5 1.0 0.5 1.0
100 500 100 500
A A A A V
0.8 20 100 0.001 - 50 250
V A A A A A
20 100 0.001 3.7 4.1 3.4 3.7 25 40 - 10 - 25 300 500 6.0 6.5 4.0 5.0
A A A mA mA mA mA mA mA mA mA K/W
VCC = 5.5 V, IF = 0 VCC = 15 V, IF = 0 VCC = 5.5 V, IF = 5.0 mA VCC = 15V, IF = 5.0 mA VO = VCC = 5.5 V, IF = 0
ICCL ICCL ICCH ICCH IOSL IOSL IOSL IOSL Rthja
Output short circuit time 10ms.
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 5
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors Coupler
VISHAY
0 C Tamb 85 C; 4.5 V VCC 15 V; 1.6 mA IFon 5.0 mA; 2.0 VEH 15 V; 0 VEL 0.8 V; 0 mA IFoff 0.1 mA; Typical values: Tamb = 25 C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified Parameter Capacitance (input-output) Isolation resistance Test condition f = 1.0 MHz, pins 1-4 and 5-8 shorted together VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Symbol CIO RIO RIO 1012 10
11
Min
Typ. 0.6
Max
Unit pF
Switching Characteristics
0 C Tamb 85 C; 4.5 V VCC 15 V; 1.6 mA IFon 5.0 mA; 2.0 VEH 15 V (SFH6700/19); 0 VEL 0.8 V (SFH6700/19); 0 mA IFoff 0.1 mA Typical values: Tamb = 25 C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified. (3) Parameter Propagation delay time to logic low output level, SFH6700/01/ 02/11/12/19 Test condition Without peaking capacitor Symbol tPHL Min Typ. 120 Max Unit ns
With peaking capacitor
tPHL tPLH tPLH
115 125 90 20 25 50 40 10
300 300
ns ns ns ns ns ns ns ns
Output enable time to logic high (SFH6700/19) Output enable time to logic low (SFH6700/19) Output disable time from logic low (SFH6700/19) Output rise time Output fall time 10 % to 90 % 90 % to 10 %
tPZH tPZL tPLZ tr tf
(3) A 0.1 F bypass capacitor connected between pins 5 and 8 must be used
Typical values: Tamb = 25 C, VCC = 5.0 V; IFon = 3.0 mA; RL = 390 unless otherwise specified (3) Parameter Propagation delay time to logic low output level Test condition Without peaking capacitor With peaking capacitor Without peaking capacitor With peaking capacitor Output rise time 10 % to 90 % 90 % to 10 % Part SFH6705 SFH6705 SFH6705 SFH6705 Symbol tPHL tPHL tPLH tPLH tr tr Min Typ. 115 105 125 90 25 4 300 300 Max Unit ns ns ns ns ns ns
www.vishay.com 6
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Common Mode Transient Immunity
Tamb = 25 C, VCC = 5.0 V (4) Parameter Logic High Common Mode Transient Immunity Test condition |VCM| = 50 V, IF = 1.6 mA Part SFH6700 SFH6701 SFH6702 SFH6705 |VCM| = 400 V, IF = 1.6 mA SFH6711 SFH6712 SFH6719 Logic Low Common Mode Transient Immunity |VCM| = 50V, IF = 0 mA |VCM| = 50 V, IF = 0 mA SFH6700 SFH6701 SFH6702 SFH6705 |VCM| = 400 V, IF = 0 mA SFH6711 SFH6712 SFH6719
(4)
Symbol |CMH| (4) |CMH| (4) |CMH| (4) |CMH| (4) |CMH| (4) |CMH| (4) |CMH| (4) |CML|
(4)
Min 1000 1000 1000 1000 2500 2500 2500 1000 1000 1000 1000 2500 2500 2500
Typ.
Max
Unit V/s V/s V/s V/s V/s V/s V/s V/s V/s V/s V/s V/s V/s V/s
|CML| (4) |CML| (4) |CML| (4) |CML| (4) |CML| (4) |CML|
(4)
CMH is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic high level (VO > 2.0 V)
CML is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic high level (VO < 0.8 V)
Typical Characteristics (Tamb = 25 C unless otherwise specified)
150
Ptot - Power dissipation - mW
10.000
IF - Forward Current - mA
120 100 75 50 Emitter 25 0 -60 -40 -20 0 20 40 60 80 100 Detector
1.000
0.100
0.010 1.3
1.4
1.5
1.6
1.7
TA - Temperature - C
isfh6700_02 isfh6700_03
VF - Forward Voltage
Fig. 2 Permissible Total Power Dissipation vs. Temperature
Fig. 3 Typical Input Diode Forward Current vs. Forward Voltage
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 7
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
VISHAY
1.75
VF - Forward Voltage - V
1.70 1.65 1.60 1.55 1.50 1.45 -60
IF = 5 mA
ICC - Supply Curent - mA
4.2 4.0 3.8 3.6 3.4 3.2 -60 -40 -20 0
ICCL @ VCC = 15 V ICCH @ VCC = 15 V & ICCL @ VCC = 5.5 V ICCH @ VCC = 5.5 V
20
40
60
80
100
-40
-20
0
20
40
60
80
100
TA - Temperature - C
TA - Temperature - C
isfh6700_04 isfh6700_07
Fig. 4 Typical Forward Input Voltage vs. Temperature
Fig. 7 Typical Supply Current vs. Temperature
IOHH - Output Leakage Current - nA
5
VO - Output Voltage - V
1100 1000 900 800 700 600 500 400 -60 -40 -20 0 20 40 60 80 100 TA - Temperature - C VCC = VO = 5.5 V VCC = VO = 15 V
4 3 2 1
VCC = 4.5 V
IOH = -2.6 mA
IOL = 6.4 mA 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
IF -Input Current - mA
isfh6700_05
isfh6700_08
Fig. 5 Typical Output Voltage vs. Forward Input Current (except SFH6705)
Fig. 8 Typical Output Leakage Current vs. Temperature
6
IOL - Low Level Output Current - mA
40 VCC = 5 V 38 35 33 30 28 25 23 20 -60 0.2 0.4 0.6 0.8 IF - Forward Input Current - mA 1.0 -40 -20 0 20 40 VCC = 5 V IF = 0 mA VOL = 0.8 V VOL = 0.6 V VOL = 0.4 V 60 80 100
5
VO - Output Voltage - V
4 3 2 1 0 0.0 RL = 1k - 4k RL = 390
TA - Temperature - C
isfh6700_09
isfh6700_06
Fig. 6 Typical Output Forward Voltage vs. Forward Input Current (only SFH6705)
Fig. 9 Typical Low Level Output Current vs. Temperature
www.vishay.com 8
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
VOL - Low Level Output Voltage - V
0.25 0.20 0.15 0.10 0.05 -60
VCC = 5 V IF = 0 mA IO = 16 mA IO = 12.8 mA IO = 9.6 mA IO = 6.4 mA -40 -20 0 20 40 60 80 100
tPLH - Propagation Delay - ns
0.30
150 VCC = 5 V C = 15 pF (without peaking capacitor) 130 IF = 3 mA 110 IF = 5 mA 90 70 -60 IF = 1.6 mA
TA - Temperature - C
-40
-20
0
20
40
60
80
100
TA - Temperature - C
isfh6700_10 isfh6700_24
Fig. 10 Typical Low Level Output Voltage vs. Temperature
Fig. 13 Typical Propagation Delay to Logic High vs. Temperature (except SFH6705)
IOH - High Level Output Current - mA
-1 -2 -3 -4 -5 -6 -7 -8 -60
VOH = 2.7 V
VCC = 4.5 V IF = 5 mA
tPHL - Propagation Delay - ns
0
180 160 140 120 100 80 60 -60 IF = 1.6 mA IF = 5 mA IF = 3 mA VCC = 5 V C1 = 15 pF (without peaking capacitor)
VOH = 2.4 V
-40
-20
0
20
40
60
80
100
TA - Temperature - C
-40
-20
0
20
40
60
80
100
TA - Temperature - C
isfh6700_14
isfh6700_11
Fig. 11 Typical High Level Output Current vs. Temperature (except SFH6705
Fig. 14 Typical Propagation Delay to Logic LOw vs. Temperature (except SFH6705)
60 54 48 42 36 30 24 18 12 6 0 -60
tPLH - Propagation Delay - ns
100 90 80 70 60 50 -60 IF = 1.6, 3 and 5 mA VCC = 5 V C1 = 120 pF (without peaking capacitor)
tR, tF -Rise, Fall Time - ns
VCC = 5 V IF = 3 mA
tR
tF -40 -20 0 20 40 60 80 100
-40
-20
0
20
40
60
80
100
TA - Temperature - C
TA - Temperature - C
isfh6700_12
isfh6700_15
Fig. 12 Typical Rise, Fall Time vs. Temperature (except SFH6705)
Fig. 15 Typical Propagation Delays to Logic High vs. Temperature (except SFH6705)
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 9
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
VISHAY
tPHL - Propagation Delay - ns
170 150 130 110 90 70 50 -60 IF = 5 mA IF = 1.6 mA IF = 3 mA VCC = 5 V C1 = 120 pF (without peaking capacitor)
tPLH - Propagation Delay - ns
80 70 60 50 40 30 -60 IF = 1.6, 3 and 5 mA VCC = 5 V C1 = 120 pF (without peaking capacitor)
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
TA - Temperature - C
isfh6700_16 isfh6700_19
TA - Temperature - C
Fig. 16 Typical Propagation Delay to Logic Low vs. Temperature
Fig. 19 Typical Propagation Delays to Logic High vs. Temperature
tPLH - Propagation Delay - ns
tPHL -Propagation Delay - ns
VCC = 15 V C1 = 15 pF (without peaking capacitor) 90 80 70 60 50 -60 -40 -20 0 20 40
IF = 1.6 mA
180 160 140 120 100 80 60 -60 IF = 1.6 mA -40 -20 0 20 40 60 80 100 IF = 5 mA IF = 3 mA VCC = 15 V C1 = 120 pf (Peaking Capacitor is used)
IF = 3 mA IF = 5 mA
60
80
100
TA - Temperature - C
TA - Temperature - C
isfh6700_20
isfh6700_17
Fig. 17 Typical Propagation Delays to Logic High vs. Temperature
Fig. 20 Typical propagation delays to Logic Low vs. temperature (except SFH6705)
tPHL - Propagation Delay - ns
170
tp - Enable Propagation Delay - ns
80 VCC = 5 V C1 = 15 pF (without peaking capacitor) IF = 5 mA 70 60 50 40 30 20 10 0 -60 tPZL VCC = 4.5 -15 V -20 0 20 40 60 80 100 tPLZ CL = 15 pF VCC = 15 V VCC = 4.5 V
150 130 110 90
IF = 3 mA
IF = 1.6 mA 70 50 -60
-40
-20
0
20
40
60
80
100
-40
TA - Temperature - C
isfh6700_18 isfh6700_21
TA - Temperature - C
Fig. 18 Typical Propagation Delays to Logic Low vs.Temperature
Fig. 21 Typical Logic Low Enable Propagation Delays vs. Temperature (only SFH6700/11)
www.vishay.com 10
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
tPHL - Propagation Delay - ns
80
tP - Enable Propagation Delay - ns
70 60 50 40 30 20 10 0 -60
CL = 15 pF VCC = 4.5 V tPHZ tPZH
140 130 120 110 100 90 80 70
VCC = 5 V RL = 350 - 4 k IF = 5 mA IF = 3 mA IF = 1.6 mA
VCC = 4.5 V -15 V VCC = 15 V -40 -20 0 20 40 60
tPHZ 80 100
-60
-40
-20
0
20
40
60
80
100
TA - Temperature - C
isfh6700_22 isfh6700_25
TA - Temperature - C
Fig. 22 Typical Logic High Enable Propagation Delays vs. Temperature (only SFH6700/11)
Fig. 25 Typical Propagation Delays to Low Level vs. Temperature ( only SFH6705)
250
tP - Propagation Delay - ns
250
tR, tF -Rise, Fall Time - ns
VCC = 5 V 200 tPLH @ RL = 4 k 150 100 tPLH @ RL = 35 k 50 1 3 5 7 9 11 IF - Pulse Input Current - mA tPLH @ RL = 1 k tPHL @ RL = 350 -4 k
225 200 50 25 0
VCC = 5V
tR @ RL = 4 k
tR @ RL = 1 k tR @ RL = 350 k tF @ RL = 350-4 k
-25 -60
-40
-20
0
20
40
60
80
100
TA - Temperature - C
isfh6700_26
isfh6700_23
Fig. 23 Typical Propagation Delays vs. Pulse Input Current (only SFH6705)
Fig. 26 Typical Rise, Fall Time vs. Temperature (only SFH6705)
tPLH - Propagation Delay - ns
220 200 180 160 140 120 100
VCC = 5 V IF = 3 mA RL = 4 k RL = 1 k
RL = 350k -40 -20 0 20 40 60 80 100
80 -60
TA - Temperature - C
isfh6700_24
Fig. 24 Typical Propagation Delays to High Level vs. Temperature (only SFH6705)
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 11
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
VISHAY
VCC Output Vo Monitoring Node D1 0.1 F Bypass
5V R3 = 619 Ohm
Pulse generator tr, tf = 5 ns f = 100 kHz 10% Duty cycle Input IF Monitoring Node
IF
1 2 3 4
VCC 8 Out* 7 En* Gnd 6 5
D2 D3 D4
R1 C1 = 120 pF The Probe and Jig Capacitances are included in C1 and C2 R1 2.15 kOhm 1.1 kOhm 681 Ohm IF (ON) 1.6 mA 3 mA 5 mA
C2 = 15 pF R2 = 5 kOhm All diodes are 1N916 or 1N3064 * SFH6701/02/11/12 without VEN * SFH6702/12 Pin 6 VOUT and Pin 7 n.c. IFon 50% IFon 0 mA VOH
Input IF
Output VO
1.3 V
VOL
isfh6700_27
tPLH
tPHL
Fig. 27 Test Circuit for tPLH, tPHL, tr and tf
VCC
5V
Pulse generator tr, tf = 5 ns Zo = 50 Ohm Input IF Monitoring Node
RL IF 1 2 3 4 VCC 8 n.c. 7 VOUT 6 5 0.1 F Bypass
Output VO Monitoring Node C2 = 15 pF
Gnd
R1 C1 = 120 pF The Probe and Jig Capacitances are included in C1 and C2 R1 2.15 kOhm 1.1 kOhm 681 Ohm IF (ON) 1.6 mA 3 mA 5 mA IFon 50% IFon 0 mA VOH Output VO 1.3 V VOL
Input IF
isfh6700_28
tPLH
tPHL
Fig. 28 Test Circuit for tPLH, tPHL, tr and - SFH6705
www.vishay.com 12
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Pulse generator ZO = 50 Ohm tr, tf = 5 ns VCC 8 Out 7 En Gnd 6 5
VCC
5V
IF Input VC Monitoring Node
1 2 3 4
Output VO S1 Monitoring Node 619 Ohm D1
5 kOhm 0.1F C1 Bypass
D2 D3 D4 S2
C1 = 15 pF including Probe and Jig Capacitances All diodes are 1N916 or 1N3064 3.0 V 1.3 V 0V 1.3 V t PZL S1 open Output VO S2 closed
isfh6700_29
Input VEN
Output VO S1 closed S2 open
0.5 V S1 and S2 closed VOL tPLZ 0.5 V
1.3 V 0V t PZH t PHZ
VOH
ca. 1.5 V S1 and S2 closed
Fig. 29 Test Circuit for tPHZ, tPZH, tPLZ and tPZL-SFH6700/19
VCC
1 A 2 R B 3 4
Vcc 8 Out* 7 En* Gnd - VCM 6 5
Output VO Monitoring Node 0.1F Bypass
+ Pulse Generator
* SFH6701/02/11/12 without VEN * SFH6702/12 Pin 6 VOUT and Pin 7 n.c. 400 V / 50 V VCM 0V Switch at A: IF = 1.6 mA VO (min) Output VO
isfh6700_30
VOH
VOL
VO (max) Switch at B: IF = 0 mA
Fig. 30 Test Circuit for Common Mode Transient Immunity and Typical Waveforms-SFH6700/01/02/11/12/19
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 13
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
VISHAY
VCC
5V
1 A 2 R B 3 4 + Pulse Generator
8 n.c. 7 Out Gnd - VCM 6 5
0.1F Bypass
RL Output VO Monitoring Node
50 V VCM 0V Switch at A: IF = 1.6 mA VO (min) Output VO VOL
isfh6700_31
VOH
VO (max) Switch at B: IF = 0 mA
Fig. 31 Test Circuit for Common Mode Transient Immunity and Typical Waveforms-SFH6705
Package Dimensions in Inches (mm)
pin one ID 4 .255 (6.48) .268 (6.81) 5 6 7 8
ISO Method A
3
2
1
.379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .031 (0.79) .130 (3.30) .150 (3.81) .050 (1.27) .018 (.46) .022 (.56)
i178006
.300 (7.62) typ.
.020 (.51 ) .035 (.89 ) .100 (2.54) typ.
10 3-9 .008 (.20) .012 (.30)
.230(5.84) .110 (2.79) .250(6.35) .130 (3.30)
www.vishay.com 14
Document Number 83683 Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.0098 (.249)
.020 (.51) .040 (1.02)
.012 (.30) typ.
.315 (8.00) min.
15 max.
18450
Document Number 83683 Rev. 1.3, 27-Apr-04
www.vishay.com 15
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 16
Document Number 83683 Rev. 1.3, 27-Apr-04


▲Up To Search▲   

 
Price & Availability of SFH6701-X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X