Part Number Hot Search : 
S2GJF CMHZ4117 CD7313GS HSBD140 1SS136 00450 RBOX103 KT973
Product Description
Full Text Search
 

To Download SFH6326-X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
SFH6325/ SFH6326
Vishay Semiconductors
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Features
* * * * * * Isolation Test Voltage: 5300 VRMS TTL Compatible Bit Rates: 1.0 MBit/s High Common-mode Transient Immunity Bandwidth 2.0 MHz Open-Collector Output
A1 1 C1 2 C2 3 A2 4
i179071
8
C(VCC)
7 C1(V01) 6 C2(V02) 5 E(GND)
Agency Approvals
* UL - File No. E52744 System Code H or J
Description
The SFH6325/ SFH6326 are dual channel optocouplers with a GaAIAs infrared emitting diode, optically coupled with an integrated photo detector which consists of a photo diode and a high-speed transistor in a DIP-8 plastic package. Signals can be transmitted between two electrically separated circuits up to frequencies of 2.0 MHz. The potential difference between the circuits to be coupled should not exceed the maximum permissible reference voltages.
Order Information
Part SFH6325 SFH6326 SFH6325-X009 SFH6326-X006 SFH6326-X007 SFH6326-X009 Remarks CTR > 7.0 %, DIP-8 CTR > 19 %, DIP-8 CTR > 7.0 %, SMD-8 (option 9) CTR > 19 %, DIP-8 400 mil (option 6) CTR > 19 %, SMD-8 (option 7) CTR > 19 %, SMD-8 (option 9)
For additional information on the available options refer to Option Information.
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Tamb = 25 C Parameter Reverse voltage Forward continuous current Peak forward current Derate linearly from 25 C Power dissipation Tamb 70 C Pdiss t = 1.0 ms, duty cycle 50 % Maximum surge forward current t 1.0 s, 300 pulses/s Test condition Symbol VR IF IFM IFSM Value 4.5 25 50 1.0 0.6 50 Unit V mA mA A mW/C mW
Document Number 83679 Rev. 1.3, 27-Apr-04
www.vishay.com 1
SFH6325/ SFH6326
Vishay Semiconductors Output
Parameter Supply voltage Output voltage Collector output current Derate linearly from 25 C Power dissipation Tamb 70 C Pdiss Test condition Symbol VS VO ICO Value - 0.5 to 30 - 0.5 to 25 8.0 1.33 50
VISHAY
Unit V V mA mW/C mW
Coupler
Parameter Isolation test voltage Pollution degree (DIN VDE 0109) Creepage Clearance Derate linearly from 25 C Total package dissipation Comparative tracking index per DIN IEC112/VDE 0303 part 1, group IIIa per DIN VDE 6110 Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Storage temperature range Ambient temperature range Soldering temperature max. 10 s, DIP soldering: distance to seating plane 1.5 mm RIO RIO Tstg Tamb Tsld Ptot t = 1.0 s Test condition Symbol VISO Value 5300 2 7.0 7.0 1.93 145 175 mm mm mW/C mW Unit VRMS
1012 10
11
C C C
- 55 to + 125 - 55 to + 100 260
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Tamb = 0 - 70 C unless otherwise specified Parameter Forward voltage Breakdown voltage Reverse current Capacitance Temperature coefficient of forward voltage Test condition IF = 16 mA IR = 10 S VR = 4.5 V VR = 0 V, f = 1.0 MHz IF = 16 mA Symbol VF VBR IR CO VF/Tamb 4.5 0.5 125 - 1.7 10 Min Typ. 1.6 Max 1.9 Unit V V A pF mV/C
www.vishay.com 2
Document Number 83679 Rev. 1.3, 27-Apr-04
VISHAY
Output
Parameter Logic low supply current Supply current logic high Logic low output voltage Test condition IF = 16 mA, VO = open, VCC = 4.5 V IF = 0 mA, VO = open, VCC = 15 V IF = 16 mA, VCC = 4.5 V, IO = 1.1 mA, IF = 16 mA, VCC = 4.5 V, IO = 3.0 mA Logic high output current Channel to channel 1) crosstalk IF = 0 mA, VO = VCC = 5.5 V IF = 0 mA, VO = VCC = 15 V IF = 16 mA, VO = VCC = 5.5 V SFH6325 SFH6326 Part
SFH6325/ SFH6326
Vishay Semiconductors
Symbol ICCL ICCH VOL VOL IOH IOH IOH-XT
Min
Typ. 100 0.01 0.1 0.1 3.0
Max 200 4.0 0.5 0.5 500 50 500
Unit A A V V nA A nA
Note: 1. To measure crosstalk, turn on the LED for channel 1 and the output current for channel 2 in logic high. Repeat for channel 2.
Coupler
Parameter Capacitance (input-output) Test condition f = 1.0 MHz Symbol CIO Min Typ. 0.6 Max Unit pF
Current Transfer Ratio
Parameter Current Transfer Ratio Test condition IF = 16 mA, VCC = 4.5 V, VO = 0.4 V Part SFH6325 SFH6326 IF = 16 mA, VCC = 4.5 V, VO = 0.5 V SFH6325 SFH6326 Symbol CTR CTR CTR CTR Min 5 19 5 15 Typ. 16 35 Max Unit % % % %
Switching Characteristics
Parameter High-low Low-high Test condition IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k Part SFH6325 SFH6326 SFH6325 SFH6326 Symbol tPHL tPHL tPLH tPLH Min Typ. 0.3 0.2 0.6 0.5 Max 1.5 0.8 1.5 0.8 Unit s s s s
Common Mode Transient Immunity
Parameter CMTI at logic high level output Test condition IF = 0 mA, CCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 0 mA, CCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k CMTI at logic low level output IF = 16 mA, CCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, CCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k Part SFH6325 SFH6326 SFH6325 SFH6326 Symbol CMH CMH CML CML Min Typ. 1000 1000 1000 1000 Max Unit V/s V/s V/s V/s
Document Number 83679 Rev. 1.3, 27-Apr-04
www.vishay.com 3
SFH6325/ SFH6326
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
20 25 (VCC = 5.0 V)
IF - LED Current in mA
IF=40mA IF=35mA IF=30mA IF=25mA IF=20mA IF=15mA
VISHAY
15 75 C 10 25 C 0 C
Output Current, Io(mA)
20 15 10 5 0
IF=10mA IF=5mA
5
0
1.3
1.4
1.5
1.6
1.7
isfh6325_06
0
5
VF - LED forward Voltage
isfh6325_03
10 15 Output Voltage, Vo (V)
20
25
Fig. 1 LED Forward Current vs.Forward Voltage
Fig. 4 Output Current vs. Output Voltage
30
Output Current, Io (mA)
8 7 6 5 4 3 2 1
@ VO = 0.4 V, VCC = 5.0 IF = 20mA IF = 16mA IF = 10mA
IF LED Current in ma
20
IF = 2mA
10
IF = 1mA
0 0
isfh6325_04
20
40
60
80
100
isfh6325_07
0 -60 -40 -20 0 20 40 60 Temperature, Ta (C) 80 100
Ambient Temperature in C
Fig. 2 Permissible Forward LED Current vs. Temperature
Fig. 5 Output Current vs. Temperature
900
tp - Propagation Delay Time - ns
120
Total Power in mW
800 700 600 500 400 300 200 100 0
100 80 60 40 20 0 0
Detector
SFH6326 @ VCC = 5.0 V IF = 16 mA, RL = 1.9 k
TpLH @ 3 V
TpLH @ 1.5 V
TpHL @ 1.5 V TpHL @ 3 V
Emitter
20
40 60 80 Ambient Temperature in C
100
isfh6325_08
-60
-40
-20
0 20 40 60 Temperature, Ta (C)
80
100
isfh6325_05
Fig. 3 Permissible Power Dissipation vs. Temperature
Fig. 6 Propagation Delay vs. Temperature
www.vishay.com 4
Document Number 83679 Rev. 1.3, 27-Apr-04
VISHAY
SFH6325/ SFH6326
Vishay Semiconductors
1400
tp - Propagation Delay Time - ns
0.6
iF/iO / Small Signal Current Transfer Ratio
1200 1000 800 600 400 200 0 -60
SFH6325 @ VCC = 5.0 V, IF = 16 mA, RL = 4.1 k
(VCC = 5.0 V, RL = 100 )
0.5 0.4 0.3 0.2 0.1 0
TpLH
TpHL
-40
-20
0 20 40 60 Temperature, Ta (C)
80
100
isfh6325_11
0
5
10 IF / mA
15
20
25
isfh6325_09
Fig. 7 Propagation Delay vs. Temperature
Fig. 9 Small Signal Current Transfer Ratio vs. Quiescent Input Current
100
IOH - Collector Current, IC (nA)
10 1 0.1 0.01 VCC = VO = 15 V VCC = VO = 5 V
0.001 -60
isfh6325_10
-40
-20
0 20 40 60 Temperature, TA (C)
80
100
Fig. 8 Logic High Output Current vs.Temperature
Pulse generator ZO = 50 tr, tf = 5 ns duty cycle 10% t 100 s IF 1 2 IF Monitor 100 3 4
isfh6325_01
IF
t 8 7 C=0.1 F 6 CL = 15 pF 5 tPHL tPLH 5V RL VO VO 5V 1.5 V t
VOL
Fig. 10 Switching Time and Test Circuit
Document Number 83679 Rev. 1.3, 27-Apr-04
www.vishay.com 5
SFH6325/ SFH6326
Vishay Semiconductors
VISHAY
VCM 90% IF B VCC A 1 2 3 4 8 7 6 5 5V RL VO C = 0.1 F 0V VO 5V A: IF = 0 mA t B: IF = 16 mA t 10% tr tf 10% 90% t
Pulse generator VCM ZO = 50 tr, tf = 8 ns
isfh6325_02
VO VOL
Fig. 11 Waveform and Test Circuit for Common-mode Transient Immunity
Package Dimensions in Inches (mm)
pin one ID 4 .255 (6.48) .268 (6.81) 5 6 7 8
ISO Method A
3
2
1
.379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .031 (0.79) .130 (3.30) .150 (3.81) .050 (1.27) .018 (.46) .022 (.56)
i178006
.300 (7.62) typ.
.020 (.51 ) .035 (.89 ) .100 (2.54) typ.
10 3-9 .008 (.20) .012 (.30)
.230(5.84) .110 (2.79) .250(6.35) .130 (3.30)
www.vishay.com 6
Document Number 83679 Rev. 1.3, 27-Apr-04
VISHAY
SFH6325/ SFH6326
Vishay Semiconductors
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.0098 (.249)
.020 (.51) .040 (1.02)
.012 (.30) typ.
.315 (8.00) min.
15 max.
18450
Document Number 83679 Rev. 1.3, 27-Apr-04
www.vishay.com 7
SFH6325/ SFH6326
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 8
Document Number 83679 Rev. 1.3, 27-Apr-04


▲Up To Search▲   

 
Price & Availability of SFH6326-X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X