Part Number Hot Search : 
ON2036 HPA17B MMBTA11 ZVN4424Z GSC4N01 36030 CPD25 1560A
Product Description
Full Text Search
 

To Download SD530S-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SD520S - SD5100S
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
! ! Schottky Barrier Chip A C J Guard Ring Die Construction for B Transient Protection D ! High Current Capability ! Low Power Loss, High Efficiency ! High Surge Current Capability E PIN 1 2 3 ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity G Protection Applications H L P P
D PAK/TO-252AA Dim Min Max A 6.4 6.8 B 5.0 5.4 C 2.35 2.75 D -- 1.60 E 5.3 5.7 G 2.3 2.7 H 0.4 0.8 J 0.4 0.6 K 0.3 0.7 L 0.50 Typical P -- 2.3 All Dimensions in mm
K
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band Weight: 0.4 grams (approx.) Mounting Position: Any Marking: Type Number Standard Packaging: 16mm Tape (EIA-481)
PIN 3 -
+ Case PIN 2
Single
!
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. SD 520S 20 14 SD 530S 30 21 SD 540S 40 28 SD 550S 50 35 5.0 100 0.55 0.2 20 400 50 -50 to +125 -50 to +150 0.75 0.85 SD 560S 60 42 SD 580S 80 56 SD 5100S 100 70
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TL = 75C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RJA Tj TSTG
Unit
V V A A V mA pF K/W C C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (Note 1) Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating Temperature Range Storage Temperature Range @IF = 5.0A @TA = 25C @TA = 100C
Note: 1. Mounted on P.C. Board with 14mm2 (0.13mm thick) copper pad. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SD520S - SD5100S
1 of 3
(c) 2002 Won-Top Electronics
5
40
4
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
SD520S - SD540S
20
3
SD550S - SD560S SD580S - SD5100S
2
10
1
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
0 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
100
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
80
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
60
1000
40
20
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SD520S - SD5100S
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
SD520S-T3 SD530S-T3 SD540S-T3 SD550S-T3 SD560S-T3 SD580S-T3 SD5100S-T3
!
Package Type
DPAK DPAK DPAK DPAK DPAK DPAK DPAK
Shipping Quantity
2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel
T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.165 (4.191)
0.100 (2.54)
0.118 (3.0) 0.063 (1.6)
0.190 (4.826)
0.243 (6.172)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SD520S - SD5100S
3 of 3
(c) 2002 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SD530S-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X