Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download RZ1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Avalanche Diodes with built-in Thyristor
Absolute Maximum Ratings Parameter Type No. VRDC (V) (-10C) ITSM (A)
50Hz Half-cycle Sinewave Single Shot
Electrical Characteristics (Ta = 25C) Tstg (C) VZ (V) IR (A) VR = VRM max IR (H) (A) VR = VRM Ta =100C max
Others
Tj (C)
(typ.)
Mass Fig. (g)
RZ1030 RZ1040 RZ1055 RZ1065 RZ1100 RZ1125 RZ1150 RZ1175 RZ1200 EZ0150
20 28 40
27 to 33 34 to 40 50 to 60 60 to 70 30 -10 to +125 -40 to +150 90 to 110 115 to 135 140 to 160 165 to 185 185 to 215 140 to 160
0.03 0.05 0.07 0.44 10 50 0.18 0.22 0.30 0.18 0.2
B A
* * *
50 80 105 125 150 180 125
*
DC reverse blocking voltage VR (DC) (V)
Under development
RZ1030
VR(DC) Temperature characteristic
22
Reverse breakdown voltage VZ (V)
RZ1040
VZ Temperature dependence
50
DC reverse blocking voltage VR(DC) (V)
VR(DC) Temperature characteristic
30
Reverse breakdown voltage VZ (V)
VZ Temperature dependence
55 50 45 40 38 35 30 28 25 -10 0 25 50 75 100 125 VRDC Temperature characteristic max
21
45 40 35 31.9 30 25.9 25 22 20 -10 0 max min 36
29
20
28
min
19
30
27
18
VRDC Temperature characteristic
26
-10 0
25
50
75
100
125
25
50
75
100
125
-10 0
25
50
75
100
125
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
RZ1055
VR(DC) Temperature characteristic
45
DC reverse blocking voltage VR (DC) (V) Reverse breakdown voltage VZ (V)
RZ1065
VZ Temperature dependence
70 67 65 60 57.6 55 50 47.6 45 40 -10 0 25 50 75 100 125 max
40
57 min
VRDC Temperature characteristic
35
-10 0
25
50
75
100
125
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
RZ1100
RZ1125
External Dimensions
(Unit: mm) Flammability: UL94V-0 or Equivalent
Fig. A
0.78
0.05
Fig. B
0.6 0.05
Equivalent circuit diagram
Cathode Mark
Cathode Mark
62.5 0.7
62.3 0.7
7.20.2
5.0 0.2
4.00.2
2.7 0.2
110
RZ1150
VR(DC) Temperature characteristic
140
DC reverse blocking voltage VR(DC) (V) Reverse breakdown voltage VZ (V)
RZ1175
VZ Temperature dependence
190
DC reverse blocking voltage VR(DC) (V)
VR(DC) Temperature characteristic
160
Reverse breakdown voltage VZ (V)
VZ Temperature dependence
210 200 190 180 177.3 170 160 157.3 150 -10 0 25 50 75 100 125 VRDC Temperature characteristic 207 max 187 min
135
180 170 160 153.7 150 140 133.7 130 125 -10 0 min max
178
155
130
150
158
125
145
120
VRDC Temperature characteristic
140
-10 0
25
50
75
100
125
25
50
75
100
125
-10 0
25
50
75
100
125
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
RZ1200
VR(DC) Temperature characteristic
190
DC reverse blocking voltage VR(DC) (V) Reverse breakdown voltage VZ (V)
EZ0150
VZ Temperature dependence
250 240 230 220 210 204.5 200 190 184.5 180 170 -10 0 25 50 75 100 125 min max 225
DC reverse blocking voltage VR(DC) (V)
VR(DC) Temperature characteristic
140 245
Reverse breakdown voltage VZ (V)
VZ Temperature dependence
190 180 170 160 153.7 150 140 133.7 130 125 -10 0 min max
185
135
178
180
130
158
175
125
VRDC Temperature characteristic
170
120
VRDC Temperature characteristic
-10 0
25
50
75
100
125
-10 0
25
50
75
100
125
25
50
75
100
125
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
111


▲Up To Search▲   

 
Price & Availability of RZ1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X