|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RGP10A THRU RGP10M SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere D TENTE PA DO-204AL FEATURES 1.0(25.4) MIN. 0.107(2.7) 0.080(2.0) DIA. 1.0(25.4) MIN. GPRC (Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 For use in high frequence rectifier circuits Fast switching for high efficiency o 1.0 Ampere operation at TA=55 C with no thermal runaway Typical IR less than 0.1uA o High temperature soldering guaranteed: 260 C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 0.205(5.2) 0.160(4.1) * * * * * * * * 0.034(0.86) 0.028(0.71) DIA. MECHANICAL DATA Case : JEDEC DO-204AL molded plastic over glass body Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.012 ounes , 0.3 gram *Dimensions in inches and (millimeters) TM MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current I (AV) 0.375" (9.5mm) lead length (SEE FIG.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0 A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25 C o TA=125 C o TA=150 C o o RGP10 A B 100 70 100 UNITS K 800 560 800 D 200 140 200 G 400 280 400 J 600 420 600 JA 600 420 600 KA 800 560 800 M 1000 700 1000 MA 1000 700 1000 VRRM VRMS VDC 50 35 50 Volts Volts Volts Amps 1.0 IFSM 30 Amps VF 1.3 5 30 50 150 250 15 55 -65 to +175 150 500 300 500 300 Volts IR uA trr CJ R JA nS pF o C/W o TJ,TSTG C NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted. REV. : 0 Zowie Technology Corporation RATINGS AND CHARACTERISTIC CURVES RGP10A THRU RGP10M FIG.1 - FORWARD CURRENT DERATING CURVE 1.50 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 1.25 1.00 0.75 0.50 0.25 0.375" (9.5mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 PEAK FORWARD SURGE CURRENT, AMPERES TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 25 20 15 10 0 0 25 50 75 100 125 o 5 150 175 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE, C FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES 100 FIG.4 - TYPICAL REVERSE CHARACTERISTICS PULSE WIDTH=300uS 1% DUTY CYCLE 1.00 10 1 0.10 TJ=125 C TJ=150 C o o 0.1 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0 20 40 60 80 100 110 PERCENT OF RATED PEAK REVERSE VOLTAGE,% 200 JUNCTION CAPACITANCE, pF TRANSIENT THERMAL IMPEDANCE( C/W) FIG.5 - TYPICAL JUNCTION CAPACITANCE TJ = 25 C o FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE 100 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS o 10 1 0.1 0.01 0.10 1.0 10 100 t , PULSE DURATION, sec REV. : 0 Zowie Technology Corporation |
Price & Availability of RGP10D |