Part Number Hot Search : 
A101G FM106 1V330M LT1465CN R2100 IZ8018 KF4N20LI 74AHCT1
Product Description
Full Text Search
 

To Download RFD14N05L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFD14N05L, RFD14N05LSM, RFP14N05L
Data Sheet April 1999 File Number
2246.3
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
These are N-channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers and relay drivers. This performance is accomplished through a special gate oxide design which provides full rated conductance at gate bias in the 3V-5V range, thereby facilitating true on-off power control directly from logic level (5V) integrated circuits. Formerly developmental type TA09870.
Features
* 14A, 50V * rDS(ON) = 0.100 * Temperature Compensating PSPICETM Model * Can be Driven Directly from CMOS, NMOS, and TTL Circuits * Peak Current vs Pulse Width Curve * UIS Rating Curve * 175oC Operating Temperature * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER RFD14N05L RFD14N05LSM RFP14N05L PACKAGE TO-251AA TO-252AA TO-220AB BRAND 14N05L 14N05L FP14N05L
Symbol
D
G
NOTE: When ordering, use the entire part number. Add the suffix 9A to obtain the TO-252AA variant in the tape and reel, i.e., RFD14N05LSM9A.
S
Packaging
JEDEC TO-251AA
SOURCE DRAIN GATE DRAIN (FLANGE) GATE SOURCE
JEDEC TO-252AA
DRAIN (FLANGE)
JEDEC TO-220AB
SOURCE DRAIN GATE DRAIN (FLANGE)
6-135
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. PSPICETM is a trademark of MicroSim Corporation. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
RFD14N05L, RFD14N05LSM, RFP14N05L
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFD14N05L, RFD14N05LSM, RFP14N05L 50 50 10 14 Refer to Peak Current Curve Refer to UIS Curve 48 0.32 -55 to 175 300 260 UNITS V V V A
Drain to Source Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Pulsed Avalanche Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
W W/oC oC
oC oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS IGSS rDS(ON) t(ON) td(ON) tr td(OFF) tf t(OFF) Qg(TOT) Qg(5) Qg(TH) CISS COSS CRSS RJC RJA RJA TO-251 and TO-252 TO-220 VGS = 0V to 10V VGS = 0V to 5V VGS = 0V to 1V VDS = 25V, VGS = 0V, f = 1MHz Figure 14 VDD = 40V, ID = 14A, RL = 2.86 Figures 20, 21 TEST CONDITIONS ID = 250A, VGS = 0V, Figure 13 VGS = VDS, ID = 250A, Figure12 VDS = 40V, VGS = 0V VDS = 40V, VGS = 0V, TC = 150oC VGS = 10V ID = 14A, VGS = 5V, Figures 9, 11 VDD = 25V, ID = 7A, RL = 3.57, VGS = 5V, RGS = 0.6 MIN 50 1 TYP 13 24 42 16 670 185 50 MAX 2 1 50 100 0.100 60 100 40 25 1.5 3.125 100 80 UNITS V V A A nA ns ns ns ns ns ns nC nC nC pF pF pF
oC/W oC/W oC/W
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Total Gate Charge Gate Charge at 5V Threshold Gate Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage (Note 2) Diode Reverse Recovery Time NOTES: 2. Pulse Test: Pulse Width 300ms, Duty Cycle 2%. 3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current Capability Curve (Figure 5). SYMBOL VSD trr ISD = 14A ISD = 14A, dISD/dt = 100A/s TEST CONDITIONS MIN TYP MAX 1.5 125 UNITS V ns
6-136
RFD14N05L, RFD14N05LSM, RFP14N05L Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 ID, DRAIN CURRENT (A) 0 25 125 50 75 100 TC , CASE TEMPERATURE (oC) 150 175 12 0.8 0.6 0.4 0.2 0
Unless Otherwise Specified
16
8
4
0 25 50 75 100 125 TC, CASE TEMPERATURE (oC) 150 175
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs TEMPERATURE
2 1 THERMAL IMPEDANCE ZJC, NORMALIZED 0.5 0.2 0.1 0.1 0.05 0.02 0.01 SINGLE PULSE 0.01 10-5 t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-2 10-1 10-3 t, RECTANGULAR PULSE DURATION (s) 100 101
PDM
10-4
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
100
IDM, PEAK CURRENT CAPABILITY (A)
TC = 25oC TJ = MAX. RATED
200 TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION 100
FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I
ID, DRAIN CURRENT (A)
= I25
100s 10 1ms 10ms 100ms DC 100
175 - TC 150
1 0.5 1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 5V TC = 25oC 10 -5 10 10-4 VGS = 10V 10-3 10-2 10-1 t, PULSE WIDTH (s) 100 101
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
6-137
RFD14N05L, RFD14N05LSM, RFP14N05L Typical Performance Curves
50 IAS, AVALANCHE CURRENT (A)
Unless Otherwise Specified (Continued)
35 30 ID, DRAIN CURRENT (A) 25 20 15 10 5 0 VGS = 3V VGS = 2.5V 0 1.5 3.0 4.5 6.0 VDS, DRAIN TO SOURCE VOLTAGE (V) 7.5 PULSE DURATION = 80s, TC = 25oC DUTY CYCLE = 0.5% MAX.
VGS = 10V
VGS = 5V VGS = 4.5V VGS = 4V
STARTING TJ = 25oC 10
STARTING TJ = 150oC If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) 1 If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS-VDD) +1] 0.01 0.1 1 tAV, TIME IN AVALANCHE (ms) 10
NOTE: Refer to Intersil Application Notes AN9321 and AN9322. FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING FIGURE 7. SATURATION CHARACTERISTICS
IDS(ON), DRAIN TO SOURCE CURRENT (A)
35 -55oC 175oC rDS(ON) , DRAIN TO SOURCE ON RESISTANCE (m) 30 25 20 15 10 5 0 0 1.5 3.0 4.5 6.0 VGS, GATE TO SOURCE VOLTAGE (V) 7.5 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. VDD = 15V 25oC
250 ID = 7A 200 ID = 14A ID = 28A
150
100
ID = 3.5A
50 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. 0 2.5 3.0 3.5 4.0 4.5 VGS , GATE TO SOURCE VOLTAGE (V) 5.0
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
160 140 SWITCHING TIME (ns) 120 100 80
VDD = 25V, ID = 14A, RL = 3.57
2.5 td(OFF) NORMALIZED DRAIN TO SOURCE ON RESISTANCE 2.0
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. VGS = 10V, ID = 14A
tr tf
1.5
60 40 td(ON) 20 0 0 20 30 40 10 RGS , GATE TO SOURCE RESISTANCE () 50
1.0
0.5
0 -80
-40
0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC)
200
FIGURE 10. SWITCHING TIME vs GATE RESISTANCE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
6-138
RFD14N05L, RFD14N05LSM, RFP14N05L Typical Performance Curves
2.0 VGS = VDS, ID = 250A NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE
Unless Otherwise Specified (Continued)
2.0 ID = 250A
NORMALIZED GATE THRESHOLD VOLTAGE
1.5
1.5
1.0
1.0
0.5
0.5
0 -80
-40
0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC)
200
0 -80
-40
0 40 80 120 160 TJ , JUNCTION TEMPERATURE (oC)
200
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
800 CISS C, CAPACITANCE (pF) 600 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD COSS 200 CRSS 0 0 5 10 15 20 VDS , DRAIN TO SOURCE VOLTAGE (V) 25
FIGURE 13. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
VDS , DRAIN TO SOURCE VOLTAGE (V) 50 VDD = BVDSS VDD = BVDSS 5
40
4
30
3
400
20
10
0.75 BVDSS 0.50 BVDSS 0.25 BVDSS RL = 3.57 IG(REF) = 0.4mA VGS = 5V I G ( REF ) 20 -----------------------I G ( ACT ) t, TIME (s) I G ( REF ) 80 -----------------------I G ( ACT )
2
1
0
0
NOTE: Refer to Intersil Application Notes AN7254 and AN7260, FIGURE 14. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE FIGURE 15. TRANSCONDUCTANCE vs DRAIN CURRENT
6-139
VGS , GATE TO SOURCE VOLTAGE (V)
RFD14N05L, RFD14N05LSM, RFP14N05L Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 16. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 17. UNCLAMPED ENERGY WAVEFORMS
tON VDS VDS VGS RL
+
tOFF td(OFF) tr tf 90%
td(ON)
90%
DUT RGS VGS
-
VDD
0
10% 90%
10%
VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
VDS RL VDD VDS VGS = 10V VGS
+
Qg(TOT)
Qg(5) VDD VGS VGS = 1V 0 Qg(TH) IG(REF) 0 VGS = 5V
DUT IG(REF)
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
6-140
RFD14N05L, RFD14N05LSM, RFP14N05L PSPICE Electrical Model
.SUBCKT RFP14N05L 2 1 3 ;
CA 12 8 1.464e-9 CB 15 14 1.64e-9 CIN 6 8 6.17e-10 DBODY 7 5 DBDMOD DBREAK 5 11 DBKMOD DPLCAP 10 5 DPLCAPMOD EBREAK 11 7 17 18 65.35 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTO 20 6 18 8 1 IT 8 17 1 LDRAIN 2 5 1e-9 LGATE 1 9 5.68e-9 LSOURCE 3 7 5.35e-9 MOS1 16 6 8 8 MOSMOD M = 0.99 MOS2 16 21 8 8 MOSMOD M = 0.01
12 GATE 1 9
rev 9/15/94
DPLCAP 10
5 LDRAIN RSCL1
DRAIN 2
RSCL2
+ 51 5 51 ESCL 50
DBREAK
ESG + EVTO 20 + 18 8
6 8 VTO 6 +
11 EBREAK 17 18 MOS2
RDRAIN 16 21 MOS1 RIN CIN 8
+
DBODY
LGATE RGATE
RSOURCE
7
LSOURCE 3 SOURCE
S1A 13 8 S1B CA + EGS 6 8 14 13
S2A 15 S2B 13 + 14 EDS 5 8 CB IT RBREAK 17 18 RVTO 19 VBAT +
RBREAK 17 18 RBKMOD 1 RDRAIN 50 16 RDSMOD 33.1e-3 RGATE 9 20 5.85 RIN 6 8 1e9 RSCL1 5 51 RSCLMOD 1e-6 RSCL2 5 50 1e3 RSOURCE 8 7 RDSMOD 14.3e-3 RVTO 18 19 RVTOMOD 1 S1A S1B S2A S2B 6 12 13 8 S1AMOD 13 12 13 8 S1BMOD 6 15 14 13 S2AMOD 13 15 14 13 S2BMOD
VBAT 8 19 DC 1 VTO 21 6 0.485 ESCL 51 50 VALUE = {(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)*1e6/46,7))} .MODEL DBDMOD D (IS = 2.23e-13 RS = 1.15e-2 TRS1 = 1.64e-3 TRS2 = 7.89e-6 CJO = 6.83e-10 TT = 3.68e-8) .MODEL DBKMOD D (RS = 3.8e-1 TRS1 = 1.89e-3 TRS2 = 1.13e-5) .MODEL DPLCAPMOD D (CJO = 25.7e-11 IS = 1e-30 N = 10) .MODEL MOSMOD NMOS (VTO = 1.935 KP = 18.89 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u) .MODEL RBKMOD RES (TC1 = 7.18e-4 TC2 = 1.53e-6) .MODEL RDSMOD RES (TC1 = 4.45e-3 TC2 = 2.9e-5) .MODEL RSCLMOD RES (TC1 = 2.8e-3 TC2 = 6.0e-6) .MODEL RVTOMOD RES (TC1 = -1.7e-3 TC2 = -2.0e-6) .MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3.55 VOFF= -1.55) .MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -1.55 VOFF= -3.55) .MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -2.55 VOFF= 2.45) .MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 2.45 VOFF= -2.55) .ENDS NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-circuit for the Power MOSFET Featuring Global Temperature Options; authored by William J. Hepp and C. Frank Wheatley.
6-141
RFD14N05L, RFD14N05LSM, RFP14N05L
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
6-142


▲Up To Search▲   

 
Price & Availability of RFD14N05L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X