Part Number Hot Search : 
1N5817PT CMKD6000 SC241 M7401 MAX815 ON0406 ST330C16 BU2520AF
Product Description
Full Text Search
 

To Download OMY140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OMY140 OMY340 OMY240 OMY440
POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
100V Thru 500V, Up To 14 Amp, N-Channel MOSFETs In Hermetic Metal Package
FEATURES
* * * * * Isolated Hermetic Metal Package Fast Switching Low RDS(on) Available Screened To MIL-S-19500, TX, TXV And S Levels Equivalent To IRFY 140 Series
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET and packaging technology. They are ideally suited for Military requirements where small size, high performance and high reliability are required, and in applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.
MAXIMUM RATINGS @ 25C
PART NUMBER OMY140 OMY240 OMY340 OMY440 VDS 100V 200V 400V 500V RDS(on) .115 .21 .58 .88 ID(MAX) 14A 14A 10A 7A
3.1
SCHEMATIC
CONNECTION DIAGRAM
1. GATE 2. DRAIN 3. SOURCE 123
4 11 R2 Supersedes 1 07 R1
3.1 - 5
3.1
OMY140 - OMY440
ELECTRICAL CHARACTERISTICS:
STATIC P/N OMY140
Parameter BVDSS Drain-Source Breakdown Voltage VGS(th) IGSSF IGSSR IDSS Gate-Threshold Voltage Gate-Body Leakage Forward Gate-Body Leakage Reverse Zero Gate Voltage Drain Current ID(on) On-State Drain Current1 Voltage1 RDS(on) Static Drain-Source On-State Resistance1 RDS(on) Static Drain-Source On-State Resistance1 14 0.1 0.2 2.0 100
TC = 25 unless otherwise noted
ELECTRICAL CHARACTERISTICS:
STATIC P/N OMY240
Parameter BVDSS Drain-Source Breakdown Voltage VGS(th) IGSSF IGSSR IDSS Gate-Threshold Voltage Gate-Body Leakage Forward Gate-Body Leakage Reverse Zero Gate Voltage Drain Current ID(on) On-State Drain Current1 Voltage1 14 1.8 0.1 0.2 2.0 200
TC = 25 unless otherwise noted
Min. Typ. Max. Units Test Conditions V 4.0 100 -100 0.25 1.0 V nA nA mA mA A 1.40 1.73 .115 .20 V VGS = 0, ID = 250 mA VDS = VGS, ID = 250 mA VGS = 20 V VGS = - 20 V VDS = Max. Rat., VGS = 0 VDS = 0.8 Max. Rat., VGS = 0, TC = 125 C VDS 2 VDS(on), VGS = 10 V VGS = 10 V, ID = 15 A VGS = 10 V, ID = 15 A VGS = 10 V, ID = 15 A, TC = 125 C
Min. Typ. Max. Units Test Conditions V 4.0 100 - 100 0.25 1.0 V nA nA mA mA A 2.1 0.21 0.40 V VGS = 0, ID = 250 mA VDS = VGS, ID = 250 mA VGS = 20 V VGS = - 20 V VDS = Max. Rat., VGS = 0 VDS = 0.8 Max. Rat., VGS = 0, TC = 125 C VDS 2 VDS(on), VGS = 10 V VGS = 10 V, ID = 10 A VGS = 10 V, ID = 10 A VGS = 10 V, ID = 10 A, TC = 125 C
VDS(on) Static Drain-Source On-State
VDS(on) Static Drain-Source On-State RDS(on) Static Drain-Source On-State Resistance1 RDS(on) Static Drain-Source On-State Resistance1
gfs Ciss Coss Crss Td(on) tr Td(off) tf
Forward Transductance1 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
10 1275 550 160 16 19 42 24
S(W ) VDS 2 VDS(on), ID = 15 A pF pF pF ns ns ns ns VGS = 0 VDS = 25 V f = 1 MHz VDD = 30 V, ID @5 A Rg = 5 W , VGS =10 V
(MOSFET) switching times are essentially independent of operating temperature.
gfs Ciss Coss Crss Td(on) tr Td(off) tf
Forward Transductance1 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
6.0 1000 250 100 17 52 36 30
S(W ) VDS 2 VDS(on), ID = 10 A pF pF pF ns ns ns ns VGS = 0 VDS = 25 V f = 1 MHz VDD =75 V, ID @ 18 A Rg =5 W , VGS= 10 V
(MOSFET) switching times are essentially independent of operating temperature.
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
IS ISM VSD trr Continuous Source Current (Body Diode) Source Current1 (Body Diode) Diode Forward Voltage1 Reverse Recovery Time 200 - 2.0 V ns - 108 A - 27 A
Modified MOSPOWER symbol showing the integral P-N Junction rectifier.
G D
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
IS ISM
S
Continuous Source Current (Body Diode) Source Current1 (Body Diode) Diode Forward Voltage1 Reverse Recovery Time 350
- 18 - 72 -1.5
A A V ns
TC = 25 C, IS = -24 A, VGS = 0 TJ = 150 C,IF = IS, dlF/ds = 100 A/ms
VSD trr
1 Pulse Test: Pulse Width 300msec, Duty Cycle 2%.
1 Pulse Test: Pulse Width 300msec, Duty Cycle 2%.
(W )
(W )
3.1 - 6
DYNAMIC
DYNAMIC
Modified MOSPOWER symbol showing the integral P-N Junction rectifier.
G
D
S
TC = 25 C, IS = -18 A, VGS = 0 TJ = 150 C,IF = IS, dlF/ds = 100 A/ms
ELECTRICAL CHARACTERISTICS:
STATIC P/N OMY340
Parameter BVDSS Drain-Source Breakdown Voltage VGS(th) IGSSF IGSSR IDSS Gate-Threshold Voltage Gate-Body Leakage Forward Gate-Body Leakage Reverse Zero Gate Voltage Drain Current ID(on) On-State Drain Current1 Voltage1 RDS(on) Static Drain-Source On-State Resistance1 RDS(on) Static Drain-Source On-State Resistance1 10 2.5 0.1 0.2 2.0 400
TC = 25 unless otherwise noted
ELECTRICAL CHARACTERISTICS:
STATIC P/N OMY440
Parameter BVDSS Drain-Source Breakdown Voltage VGS(th) IGSSF IGSSR IDSS Gate-Threshold Voltage Gate-Body Leakage Forward Gate-Body Leakage Reverse Zero Gate Voltage Drain Current ID(on) On-State Drain Current1 Voltage1 4.5 3.2 0.1 0.2 2.0 500
TC = 25 unless otherwise noted
Min. Typ. Max. Units Test Conditions V 4.0 100 -100 0.25 1.0 V nA nA mA mA A 2.9 0.58 1.16 V VGS = 0, ID = 250 mA VDS = VGS, ID = 250 mA VGS = 20 V VGS = - 20 V VDS = Max. Rat., VGS = 0 VDS = 0.8 Max. Rat., VGS = 0, TC = 125 C VDS 2 VDS(on), VGS = 10 V VGS = 10 V, ID = 5 A VGS = 10 V, ID = 5 A VGS = 10 V, ID = 5 A, TC = 125 C
Min. Typ. Max. Units Test Conditions V 4.0 100 - 100 0.25 1.0 V nA nA mA mA A 3.52 0.88 1.76 V VGS = 0, ID = 250 mA VDS = VGS, ID = 250 mA VGS = 20 V VGS = - 20 V VDS = Max. Rat., VGS = 0 VDS = 0.8 Max. Rat., VGS = 0, TC = 125 C VDS 2 VDS(on), VGS = 10 V VGS = 10 V, ID = 4 A VGS = 10 V, ID = 4 A VGS = 10 V, ID = 4 A, TC = 125 C
VDS(on) Static Drain-Source On-State
VDS(on) Static Drain-Source On-State RDS(on) Static Drain-Source On-State Resistance1 RDS(on) Static Drain-Source On-State Resistance1
gfs Ciss Coss Crss Td(on) tr Td(off) tf
Forward Transductance1 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
4.0
4.4 1150 165 70 17 12 45 30
S(W ) VDS 2 VDS(on), ID = 5 A pF pF pF ns ns ns ns VGS = 0 VDS = 25 V f = 1 MHz VDD = 175 V, ID = 5 A Rg = 5 W , VDS =10V
gfs Ciss Coss Crss Td(on) tr Td(off) tf
Forward Transductance1 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
4.0
4.8 1225 200 85 17 5 42 14
S(W ) VDS 2 VDS(on), ID = 4 A pF pF pF ns ns ns ns VGS = 0 VDS = 25 V f = 1 MHz VDD = 200 V, ID = 4 A Rg = 5 W , VDS =10 V
(MOSFET) switching times are essentially independent of operating temperature.
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
IS ISM VSD trr Continuous Source Current (Body Diode) Source Current1 (Body Diode) Diode Forward Voltage1 Reverse Recovery Time 530 -2 V ns - 40 A - 10 A
Modified MOSPOWER symbol showing the integral P-N Junction rectifier.
G D
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
IS ISM
S
Continuous Source Current (Body Diode) Source Current1 (Body Diode) Diode Forward Voltage1 Reverse Recovery Time 700
-8 - 32 -2
TC = 25 C, IS = -10 A, VGS = 0 TJ = 150 C,IF = IS, dlF/ds = 100 A/ms
VSD trr
ns
1 Pulse Test: Pulse Width 300msec, Duty Cycle 2%.
1 Pulse Test: Pulse Width 300msec, Duty Cycle 2%.
(W ) A A V
(W )
3.1 - 7
DYNAMIC
DYNAMIC
Modified MOSPOWER symbol showing the integral P-N Junction rectifier.
G
D
S
TC = 25 C, IS = -18 A, VGS = 0 TJ = 150 C,IF = IS, dlF/ds = 100 A/ms
OMY140 - OMY440
3.1
OMY140 - OMY440 ABSOLUTE MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Parameter VDS VDGR ID @ TC = 25C ID @ TC = 100C IDM VGS PD @ TC = 25C PD @ TC = 100C Junction To Case Drain-Source Voltage Drain-Gate Voltage (RGS = 1 M ) Continuous Drain Current 2 Continuous Drain Current 2 Pulsed Drain Current
1
OMY140 100 100 14 14 56 20 125 50 1.0 .015
OMY240 200 200 14 11 56 20 125 50 1.0 .015
OMY340 400 400 10 6 40 20 125 50 1.0 .015
OMY440 500 500 8 5 32 20 125 50 1.0 .015
Units V V A A A V W W W/C W/C
Gate-Source Voltage Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor
Junction To Ambient Linear Derating Factor TJ Tstg Lead Temperature Operating and Storage Temperature Range (1/16" from case for 10 secs.)
-55 to 150 300
-55 to 150 -55 to 150 -55 to 150 300 300 300
C C
1 Pulse Test: Pulse width 300 sec. Duty Cycle 2%. 2 Package pin limitation = 10 Amps
THERMAL RESISTANCE
RthJC RthJA Junction-to-Case Junction-to-Ambient 1.00 65 C/W C/W Free Air Operation
POWER DERATING
MECHANICAL OUTLINE
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527 .430 .410 .038 MAX.
.150 .140
3.1
.750 .500
.005
.035 .025
.100 TYP.
.120 TYP.
PACKAGE OPTIONS
MOD PAK
6 PIN SIP
Note: MOSFETs are also available in Z-Tab, dual and quad pak styles. Please call the factory for more information.
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OMY140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X