Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download MX172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX172
TRIANGULAR TYPE AUTO FOCUS IC
FEATURES
* * * * * Package : 14-pin SSOP Operating voltage : 2V~4V Operating temperature : -25oC~60oC Supply current : max. 10mA (without output current) Input current level : 1nA~5uA * * * * Surround light level : max. 50uA (PSD output current) IRED drive output : min. 20mA Magnet drive current : min. 200mA Measuring time : max. 50ms
DESCRIPTION
MX172 is designed for Triangular system auto focus cameras. It is regarded as input component for PSD (Position Sensitive Diode), and comprises of circuits that drive AF magnet as output, an infrared emission diode current control circuit, and control circuit of sequential timing.
PIN CONFIGURATION
14 SSOP
GND CH1 PSD1 PSD2 CH2 VCC VE 2 3 14 13 12 OUT1 OUT2 IRED CTRL CT VR1 VR2
PIN FUNCTIONS
SYMBOL GND CH1 PSD1 PSD2 CH2 VCC VE VR2 VR1 CT CTRL IRED OUT2 OUT1 PIN NAME Ground Pin Hold Capacitor Pin 1 PSD Input Pin 1 PSD Input Pin 2 Hold Capacitor Pin 2 Supply Pin (Secondly) Supply Pin (Battery) VR Pin for Adjustment 2 VR Pin for Adjustment 1 Timing Capacitor Power Control Output Control for IRED Data Output Pin 2 (MSB) Data Output Pin 1(LSB)
MX172
4 5 6 7
11 10 9 8
P/N: PM0168
1
REV. 2.1, AUG 29, 1995
MX172
BLOCK DIAGRAM
VR1 VR2
GND Surrounding light rejection 1 CH1 AF Adjust
Comparator
Latch and Encode
Output Driver
Output1, 2
PSD1
Head Amp.1 Inf.Cramp IRED
PSD2
Head Amp.2 Operation IRED Drive Circuit
CH2
Surrounding light rejection 2 Sequence Control Logic Timing Circuit
Vcc Switch VE CTLR C Timing
BASIC CONNECTION DIAGRAM
1 GND 2 CH1 3 PSD1
PSD
OUT1 14 OUT2 13
IRED
C1
C2 0.47mF
IRED 12 CTRL 11 C TIMING 10 VR1 9
VR2 R3 SW1 C4
4 PSD2 5 CH2 6 VCC 7 VE
C3 0.47mF
0.022mF VR1
VR2 8
P/N: PM0168
REV. 2.1, AUG 29, 1995
2
MX172
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC PD PDR VIN BVOC IOUT TOPR TOPR TSTG PARAMETER Supply Voltage Power Dissipation Power Dissipation Ratio Input Voltage Output Voltage Output Current Operating Temperature 1 Operating Temperature 2 Storage Temperature RATING -0.3~4.0 350 -3 -0.3~VCC+0.3 -0.3~7.0 400 -25~+60 -15~+50 -55~+150 UNIT V mW mW/oC V V mA
o o o
CONDITION
TA<25oC TA>25oC
C C C
(NOTE)
NOTE: The operating temperature 1 range expresses the qualitative operating temperature range but it does not guarantee characteristics.
DC CHARACTERISTICS (TA = 25oC, VCC = 2.2V, 3.0V, 4.0V)
SUPPLY CURRENT
SYMBOL ICC1 ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 PARAMETER Standby Current Quick Charge State (Charge) Quick Charge State (Discharge) Steady State (Charge) Steady State (Discharge) IRED Flashing State Finish State 2.5 2.5 2.0 2.0 MIN TYP MAX 3.0 7.0 7.0 5.0 5.0 8.0 40.0 UNIT uA mA mA mA mA mA mA CONDITION
TIMING CIRCUIT
SYMBOL ICT RCT VTH1 VTH2 DVTH2/3 VSATPNP PARAMETER CT Charge Current Discharge Resistance Threshold Voltage1 Threshold Voltage2 Deference Vth2/3 VE/VCC PNP VCE (SAT) MIN 0.8 5.6 655 1280 14.0 TYP 1.3 7.0 680 1383 25.0 MAX 2.0 8.5 740 1420 35.0 220 UNIT uA K ohm mV mV mV mV CONDITION
P/N: PM0168
REV. 2.1, AUG 29, 1995
3
MX172
HEAD AMPLIFIER/ADJUSTMENT CIRCUIT
SYMBOL VIN ISDMX IADJ VCOMP1 VCOMP2 PARAMETER Input Voltage Max. Surround Light Adj. VR Current Compare Voltage1 Compare Voltage2 MIN 620 16.0 38.0 318 530 44.0 336 560 50.0 354 590 TYP 680 MAX 740 UNIT mV uA uA mV mV Signal Ratio=3:7 Signal Ratio=5:5 CONDITION
HOLD CAPACITOR CHARGE/DISCHARGE CURRENT
SYMBOL ICH1 ICH2 ICH3 ICH4 ICH5 PARAMETER Quick Charge Current Quick Discharge Current Steady Charge Current Steady Discharge Current CH Input Current MIN -300 460 -7 7 -11 11 TYP MAX -1000 1200 -16 16 100 UNIT uA uA uA uA nA CONDITION
DATA OUTPUT TERMIANAL
SYMBOL IOUTLK1 IOUTLK2 VOUTSAT1 IOUTMX1 VOUTMAX1 VOUTSAT2 IOUTMX2 VOUTMX2 PARAMETER Output Leak Current 1 Output Leak Current 2 Saturation Voltage Max. Output Current1 Max. Voltage1 Saturation Voltage2 Max. Output Current2 Max. Voltage2 300 6.0 8.0 10.0 20 10.0 300 MIN TYP MAX 1.0 1.0 300 UNIT uA uA mV mA V mV mA V IO = 300mA IO = 300mA CONDITION VO = 10.0V VO=VCC IO = 20mA
IRED FLASHING CONTROL CIRCUIT
SYMBOL VIRED1 VIRED2 IIREDMX PARAMETER IRED Voltage (ON) IRED Voltage (OFF) Max. Output Current 15.0 MIN 920 TYP 980 MAX 1030 350 UNIT mV mV mA CONDITION
P/N: PM0168
REV. 2.1, AUG 29, 1995
4
MX172
TIMING WAVEFORM
SW1 (POWER) IRED
AF MAG.
20MS (TYP.) 0.12MS (TYP.)
ORDERING INFORMATION
PART NO. MX172MC PACKAGE 14 pin SSOP
PACKAGE INFORMATION
14 PIN PLASTIC SSOP
14
8
UNIT : mm
1
5.0+0.3
7
6.4+0.3 4.4+0.2
1.15+0.2
0.22+0.1
0.65
0.10
0.11
0.3 MIN
0.2+0.1
P/N: PM0168
REV. 2.1, AUG 29, 1995
5
MX172
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
6


▲Up To Search▲   

 
Price & Availability of MX172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X