Part Number Hot Search : 
AD549J AG32E1 MSK032E N4005 M518F B100B 2795R 10100CT
Product Description
Full Text Search
 

To Download MPX2300DT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MPX2300DT1/D
Chip Pak High Volume Pressure Sensor for Disposable, Backside Pressure Applications
Motorola has developed a low cost, high volume, miniature pressure sensor package which is ideal as a sub-module component or a disposable unit. The unique concept of the Chip Pak allows great flexibility in system design while allowing an economic solution for the designer. This new chip carrier package uses Motorola's unique sensor die with its patented, piezoresistive implant technology, along with the added feature of on-chip, thin-film temperature compensation and calibration. Features: * Low Cost * Patented piezoresistive strain gauge implant, temperature compensation and calibration all integrated on a single, monolithic sensor die. * Pressure Range Available: 0-300 mmHg * Polysulfone (Mindell S-1000) Case Material (Medical, Class VI Approved) Motorola is offering the Chip Pak option package. Application-specific parts will have an "SPX" prefix, followed by a four digit number, unique to the specific customer. Devices will be shipped in a tape and reel packaging. NOTE: The die and wire bonds are exposed on the front side of the Chip Pak (pressure is applied to the backside of the device). Front side die and wire protection must be provided in the customer's housing. Use caution when handling the devices during all processes. MAXIMUM RATINGS
Rating Overpressure (Backside) Burst Pressure Supply Voltage Storage Temperature Operating Temperature Symbol Pmax Pburst VSmax Tstg TA
MPX2300DT1
PRESSURE SENSORS
CHIP PAK ELEMENT CASE 423A-02
PIN NUMBER
1 2 VS S+ 3 4 S- Gnd
Value 125 1000 10 - 25 to + 85 + 15 to + 40
Unit PSI kPa Vdc C C
Motorola's MPX2300DT1 Pressure Sensors. Motorola's MPX2300DT1 pressure sensor has been designed for medical usage by combining the performance of Motorola's shear stress pressure sensor design and the use of biomedically approved materials. Materials with a proven history in medical situations have been chosen to provide a sensor that can be used with confidence in applications, such as invasive blood pressure monitoring. It can be sterilized using ethylene oxide. The portions of the pressure sensor that are required to be biomedically approved are the rigid housing and the gel coating. The rigid housing is molded from a white, medical grade polysulfone that has passed extensive biological testing including: tissue culture test, rabbit implant, hemolysis, intracutaneous test in rabbits, and system toxicity, USP.
Senseon and X-ducer are trademarks of Motorola, Inc.
A silicone dielectric gel that has been used extensively in implants covers the silicon piezoresistive sensing element. The gel is a nontoxic, nonallergenic polymer system which passes pyrogen testing, as well as meeting all USP XX Biological Testing Class VI requirements. The properties of the gel allow it to transmit pressure uniformly to the diaphragm surface, while isolating the internal electrical connections from the corrosive effects of fluids, such as saline solution. The gel provides electrical isolation sufficient to withstand defibrillation testing, as specified in the proposed Association for the Advancement of Medical Instrumentation (AAMI) Standard for blood pressure transducers. A biomedically approved opaque filler in the gel prevents bright operating room lights from affecting the performance of the sensor.
(c)Motorola Sensor Device Data Motorola, Inc. 1997
1
MPX2300DT1
OPERATING CHARACTERISTICS (VS = 6 Vdc, TA = 25C unless otherwise noted)
Characteristics Pressure Range Supply Voltage(8) Supply Current Zero Pressure Offset Sensitivity Full Scale Span(1) Linearity + Hysteresis(2) Temperature Effect on Sensitivity Temperature Effect on Full Scale Span(3) Temperature Effect on Offset(4) Input Impedance Output Impedance RCAL (150 k)(9) Response Time(5) (10% to 90%) Temperature Error Band Stability(6) Symbol POP VS Io Voff -- VFSS -- TCS TCVFSS TCVoff Zin Zout RCAL tR -- -- Min 0 -- -- - 0.75 4.95 2.976 - 2.0 - 0.1 - 0.1 - 9.0 1800 270 97 -- 0 -- Typ -- 6.0 1.0 -- 5.0 3.006 -- -- -- -- -- -- 100 1.0 -- 0.5 Max 300 10 -- 0.75 5.05 3.036 2.0 + 0.1 + 0.1 + 9.0 4500 330 103 -- 85 -- %/C %/C V/C mmHg ms C %VFSS Unit mmHg Vdc mAdc mV V/V/mmHg mV
MECHANICAL CHARACTERISTICS
Characteristics Weight (Case 423) Warm-Up Symbol -- -- Min -- -- Typ 170 15 Max -- -- Unit mg Sec
NOTES: 1. Measured at 6.0 Vdc excitation for 100 mmHg pressure differential. VFSS and FSS are like terms representing the algebraic difference between full scale output and zero pressure offset. 2. Maximum deviation from end-point straight line fit at 0 and 300 mmHg. 3. Slope of end-point straight line fit to full scale span at 15C and + 40C relative to + 25C. 4. Slope of end-point straight line fit to zero pressure offset at 15C and + 40C relative to + 25C. 5. For a 0 to 300 mmHg pressure step change. 6. Stability is defined as the maximum difference in output at any pressure within POP and temperature within +10C to + 85C after: a. 1000 temperature cycles, - 40C to +125C. b. 1.5 million pressure cycles, 0 to 300 mmHg. 7. Operating characteristics based on positive pressure differential relative to the vacuum side (gauge/differential). 8. Recommended voltage supply: 6 V 0.2 V, regulated. Sensor output is ratiometric to the voltage supply. Supply voltages above +10 V may induce additional error due to device self-heating. 9. Offset measurement with respect to the measured sensitivity when a 150k ohm resistor is connected to VS and S+ output.
ORDERING INFORMATION The MPXS4115A series MAP silicon pressure sensors are available shipped in sleeves.
Device Type Options Tape and Reel Device MPX2300DT1 Case No. 423A-02 Reel Size 330 mm Tape Width 24 mm Quantity 1000 pc/reel MPX Series Order No. Marking
2
Motorola Sensor Device Data
MPX2300DT1
PACKAGE DIMENSIONS
A M C L N
F B
1
23
4
V K DETAIL A
D1 G H FRONT VIEW E
-T- J
END VIEW AC F AA AB
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D1 D2 E F G H J K L M N V AA AB AC AD INCHES MIN MAX 0.240 0.260 0.350 0.370 0.140 0.150 0.012 0.020 0.018 0.022 0.088 0.102 0.123 0.128 0.045 0.055 0.037 0.047 0.007 0.011 0.120 0.140 0.095 0.105 0.165 0.175 0.223 0.239 0.105 0.115 0.095 0.107 0.015 0.035 0.120 0.175 0.100 0.115 MILLIMETERS MIN MAX 6.10 6.60 8.89 9.40 3.56 3.81 0.30 0.51 0.46 0.56 2.24 2.59 3.12 3.25 1.14 1.40 0.94 1.19 0.18 0.28 3.05 3.56 2.41 2.67 4.19 4.45 5.66 6.07 2.67 2.92 2.41 2.72 0.38 0.89 3.05 4.45 2.54 2.92
AD D2 DETAIL A BACK VIEW
STYLE 1: PIN 1. 2. 3. 4. VCC +OUT -OUT GROUND
CASE 423A-02 ISSUE B
Motorola Sensor Device Data
3
MPX2300DT1
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
4
MPX2300DT1/D Motorola Sensor Device Data


▲Up To Search▲   

 
Price & Availability of MPX2300DT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X