Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download MMST5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMST5551
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary PNP Type Available (MMST5401) Ideal for Medium Power Amplification and Switching Ultra-Small Surface Mount Package
B E
SOT-323
A C TOP VIEW E D G H K J L M B C
Dim A B C D E G H J K L M
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.25
0.65 Nominal
Mechanical Data
* * * * * Case: SOT-323, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: K4N Weight: 0.006 grams (approx.)
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMST5551 180 160 6.0 200 200 625 -55 to +150 Unit V V V mA mW K/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Notes:
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30173 Rev. B-1
1 of 2
MMST5551
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min 180 160 6.0 3/4 3/4 80 80 30 3/4 3/4 3/4 50 100 3/4 Max 3/4 3/4 3/4 50 50 3/4 250 3/4 0.15 0.20 1.0 Unit V V V nA mA nA Test Condition IC = 100mA, IE = 0 IC = 1.0mA, IB = 0 IE = 10mA, IC = 0 VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100C VEB = 4.0V, IC = 0 IC = 1.0mA, VCE = 5.0V IC = 10mA, VCE = 5.0V IC = 50mA, VCE = 5.0V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 10V, f = 1.0MHz, IE = 0 VCE = 10V, IC = 1.0mA, f = 1.0kHz VCE = 10V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 200mA, RS = 1.0kW, f = 1.0kHz
NEW PRODUCT
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure Notes:
hFE VCE(SAT) VBE(SAT)
3/4 V V
Cobo hfe fT NF
6.0 250 300 8.0
pF 3/4 MHz dB
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30173 Rev. B-1
2 of 2
MMST5551


▲Up To Search▲   

 
Price & Availability of MMST5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X