Part Number Hot Search : 
FSUSB M4300 TK65418 2SK2698 MAX14 26A10 0271K EG01GE
Product Description
Full Text Search
 

To Download MJW21193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJW21193 (PNP) MJW21194 (NPN)
Preferred Devices
Silicon Power Transistors
The MJW21193 and MJW21194 utilize Perforated Emitter technology and are specifically designed for high power audio output, disk head positioners and linear applications.
* Total Harmonic Distortion Characterized * High DC Current Gain - * *
hFE = 20 Min @ IC = 8 Adc Excellent Gain Linearity High SOA: 2.25 A, 80 V, 1 Second
http://onsemi.com
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector-Emitter Voltage - 1.5 V Collector Current - Continuous Collector Current - Peak (Note 1) Base Current - Continuous Total Power Dissipation @ TC = 25C Derate Above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCBO VEBO VCEX IC IB PD TJ, Tstg Value 250 400 5.0 400 16 30 5.0 200 1.43 -65 to +150 Unit Vdc Vdc Vdc Vdc Adc Adc Watts W/C C
16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
1 2 3 TO-247 CASE 340K STYLE 3
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Symbol RJC RJA Max 0.7 40 Unit C/W C/W MJW 2119x LLYWW 1 BASE 3 EMITTER
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle 10%.
2 COLLECTOR MJW2119x = Device Code x = 3 or 4 LL = Location Code Y = Year WW = Work Week
ORDERING INFORMATION
Device MJW21193 MJW21194 Package TO-247 TO-247 Shipping 30 Units/Rail 30 Units/Rail
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2002
1
March, 2002 - Rev. 1
Publication Order Number: MJW21193/D
MJW21193 (PNP) MJW21194 (NPN)
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Emitter Sustaining Voltage (IC = 100 mAdc, IB = 0) Collector Cutoff Current (VCE = 200 Vdc, IB = 0) Emitter Cutoff Current (VCE = 5 Vdc, IC = 0) Collector Cutoff Current (VCE = 250 Vdc, VBE(off) = 1.5 Vdc) SECOND BREAKDOWN Second Breakdown Collector Current with Base Forward Biased (VCE = 50 Vdc, t = 1 s (non-repetitive) (VCE = 80 Vdc, t = 1 s (non-repetitive) ON CHARACTERISTICS DC Current Gain (IC = 8 Adc, VCE = 5 Vdc) (IC = 16 Adc, IB = 5 Adc) Base-Emitter On Voltage (IC = 8 Adc, VCE = 5 Vdc) Collector-Emitter Saturation Voltage (IC = 8 Adc, IB = 0.8 Adc) (IC = 16 Adc, IB = 3.2 Adc) DYNAMIC CHARACTERISTICS Total Harmonic Distortion at the Output VRMS = 28.3 V, f = 1 kHz, PLOAD = 100 WRMS (Matched pair hFE = 50 @ 5 A/5 V) Current Gain Bandwidth Product (IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 1 MHz) THD hFE unmatched hFE matched fT Cob - - 4 - 0.8 0.08 - - - - - 500 MHz pF % hFE 20 8 VBE(on) VCE(sat) - - - - 1.4 4 - - - - 60 - 2.2 Vdc Vdc IS/b 4.0 2.25 - - - - Adc VCEO(sus) ICEO IEBO ICEX 250 - - - - - - - - 100 100 100 Vdc Adc Adc Adc Symbol Min Typ Max Unit
PNP MJW21193
f T, CURRENT GAIN BANDWIDTH PRODUCT (MHz) 6.5 6.0 5.5 5.0 4.5 4.0 3.5 3.0 0.1 TJ = 25C ftest = 1 MHz 1.0 IC COLLECTOR CURRENT (AMPS) 10 f T, CURRENT GAIN BANDWIDTH PRODUCT (MHz) VCE = 10 V 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0.1 TJ = 25C ftest = 1 MHz
NPN MJW21194
10 V
5V
VCE = 5 V
1.0 IC COLLECTOR CURRENT (AMPS)
10
Figure 1. Typical Current Gain Bandwidth Product
Figure 2. Typical Current Gain Bandwidth Product
http://onsemi.com
2
MJW21193 (PNP) MJW21194 (NPN)
TYPICAL CHARACTERISTICS
PNP MJW21193
1000 1000
NPN MJW21194
hFE , DC CURRENT GAIN
TJ = 100C 100 25C -25C VCE = 20 V 10 0.1 1.0 10 IC COLLECTOR CURRENT (AMPS) 100
hFE , DC CURRENT GAIN
TJ = 100C 25C 100 -25C
VCE = 20 V 10 0.1 1.0 10 IC COLLECTOR CURRENT (AMPS) 100
Figure 3. DC Current Gain, VCE = 20 V
Figure 4. DC Current Gain, VCE = 20 V
PNP MJW21193
1000 1000
NPN MJW21194
hFE , DC CURRENT GAIN
TJ = 100C 25C 100 -25C
hFE , DC CURRENT GAIN
TJ = 100C 25C 100 -25C
VCE = 5 V 10 0.1 10 0.1
VCE = 20 V 1.0 10 IC COLLECTOR CURRENT (AMPS) 100 1.0 10 IC COLLECTOR CURRENT (AMPS) 100
Figure 5. DC Current Gain, VCE = 5 V PNP MJW21193
30 I C, COLLECTOR CURRENT (A) I C, COLLECTOR CURRENT (A) 25 20 15 10 5.0 TJ = 25C 0 0 5.0 10 15 20 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 25 0 0 1.5 A IB = 2 A 1A 0.5 A 35 30 25 20 15 10 5.0
Figure 6. DC Current Gain, VCE = 5 V NPN MJW21194
IB = 2 A 1.5 A 1A
0.5 A
TJ = 25C 5.0 10 15 20 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 25
Figure 7. Typical Output Characteristics http://onsemi.com
3
Figure 8. Typical Output Characteristics
MJW21193 (PNP) MJW21194 (NPN)
TYPICAL CHARACTERISTICS
PNP MJW21193
3.0 SATURATION VOLTAGE (VOLTS) SATURATION VOLTAGE (VOLTS) 2.5 2.0 1.5 1.0 0.5 0 0.1 VBE(sat) VCE(sat) 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100 TJ = 25C IC/IB = 10 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.1 VCE(sat) 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100 VBE(sat) TJ = 25C IC/IB = 10
NPN MJW21194
Figure 9. Typical Saturation Voltages
Figure 10. Typical Saturation Voltages
PNP MJW21193
VBE(on) , BASE-EMITTER VOLTAGE (VOLTS) VBE(on) , BASE-EMITTER VOLTAGE (VOLTS) 10 TJ = 25C 10 TJ = 25C
NPN MJW21194
VCE = 20 V (SOLID) VCE = 5 V (DASHED)
1.0
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
1.0
0.1 0.1
1.0
10
100
0.1 0.1
1.0
10
100
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
Figure 11. Typical Base-Emitter Voltage
Figure 12. Typical Base-Emitter Voltage
PNP MJW21193
100 IC, COLLECTOR CURRENT (AMPS) IC, COLLECTOR CURRENT (AMPS) 100
NPN MJW21194
10 mSec 10 1 Sec 1.0
100 mSec
10 mSec 10 1 Sec 1.0
100 mSec
0.1
1.0
10
100
1000
0.1
1.0
10
100
1000
VCE, COLLECTOR EMITTER (VOLTS)
VCE, COLLECTOR EMITTER (VOLTS)
Figure 13. Active Region Safe Operating Area
Figure 14. Active Region Safe Operating Area
http://onsemi.com
4
MJW21193 (PNP) MJW21194 (NPN)
There are two limitations on the power handling ability of a transistor; average junction temperature and secondary breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 13 is based on TJ(pk) = 150C; TC is variable depending on conditions. At high case temperatures, thermal limitations will reduce the power than can be handled to values less than the limitations imposed by second breakdown.
10000 TC = 25C C, CAPACITANCE (pF) Cib
10000 TC = 25C C, CAPACITANCE (pF) Cib
1000 Cob f(test) = 1 MHz) 100 0.1 1.0 10 100
1000 Cob 1.0 10 100
100 0.1
f(test) = 1 MHz)
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 15. MJW21193 Typical Capacitance
Figure 16. MJW21194 Typical Capacitance
1.2 1.1 T , TOTAL HARMONIC HD DISTORTION (%) 1.0 0.9 0.8 0.7 0.6
10
100
1000 FREQUENCY (Hz)
10000
100000
Figure 17. Typical Total Harmonic Distortion
http://onsemi.com
5
MJW21193 (PNP) MJW21194 (NPN)
+50 V AUDIO PRECISION MODEL ONE PLUS TOTAL HARMONIC DISTORTION ANALYZER SOURCE AMPLIFIER 50 DUT 0.5
0.5
8.0
DUT
-50 V
Figure 18. Total Harmonic Distortion Test Circuit
http://onsemi.com
6
MJW21193 (PNP) MJW21194 (NPN)
PACKAGE DIMENSIONS
TO-247 CASE 340K-01 ISSUE C
-Q- TBM U A
1 2 3
-T- E -B- L R
DIM A B C D E F G H J K L P Q R U V
0.25 (0.010)
M
C
4
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. MILLIMETERS MIN MAX 19.7 20.3 15.3 15.9 4.7 5.3 1.0 1.4 1.27 REF 2.0 2.4 5.5 BSC 2.2 2.6 0.4 0.8 14.2 14.8 5.5 NOM 3.7 4.3 3.55 3.65 5.0 NOM 5.5 BSC 3.0 3.4 INCHES MIN MAX 0.776 0.799 0.602 0.626 0.185 0.209 0.039 0.055 0.050 REF 0.079 0.094 0.216 BSC 0.087 0.102 0.016 0.031 0.559 0.583 0.217 NOM 0.146 0.169 0.140 0.144 0.197 NOM 0.217 BSC 0.118 0.134
K
P
-Y-
V F D 0.25 (0.010)
M
H J
G
YQ
S
STYLE 3: PIN 1. BASE 2. COLLECTOR 3. EMITTER
http://onsemi.com
7
MJW21193 (PNP) MJW21194 (NPN)
PowerBase is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MJW21193/D


▲Up To Search▲   

 
Price & Availability of MJW21193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X