Part Number Hot Search : 
ENA13 UZ5132 SLY2016 MBU102 2SA1899 4H560838 G4A5M MJD29
Product Description
Full Text Search
 

To Download MHW932 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by MHW932/D
UHF Power Amplifier
. . . designed specifically for the Pan European digital 20 watt, GSM mobile radio. The MHW932 is capable of wide power range control, operates from a 12.5 volt supply and requires 100 mW of RF input power. * Specified 12.5 Volt Characteristics: RF Input Power -- 100 mW (20 dBm) RF Output Power -- 32 W Minimum Gain -- 25 dB Harmonics -- - 35 dBc Max @ 2.0 fo * New Biasing and Control Techniques Providing Dynamic Range and Control Circuit Bandwidth Ideal for GSM * 50 Ohm Input / Output Impedances * Guaranteed Stability and Ruggedness * Test fixture circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.
MHW932
32 W 890 to 915 MHz RF POWER AMPLIFIER
CASE 301S-02, STYLE 1
MAXIMUM RATINGS (Flange Temperature = 25C)
Rating DC Supply Voltage DC Bias Voltage RF Input Power RF Output Power Operating Case Temperature Range Storage Temperature Range Symbol VS VB Pin Pout TC Tstg Value 15.6 5.25 400 40 - 30 to +100 - 30 to +100 Unit Vdc Vdc mW W C C
ELECTRICAL CHARACTERISTICS
(VS1 = VS2 = VS3 = VS4 = 12.5 Vdc; VB = 5.0 Vdc, TC = + 25C, 50 ohm system, unless otherwise noted) Characteristic Frequency Range Power Gain (Pout = 32 W) (1) Leakage Current (Pin = 0 mW, VB = 0 Vdc, VS1 = VS2 = VS3 = VS4 = 15.6 Vdc) Efficiency (Pout = 32 W) (1) Input VSWR (Pout = 32 W) (1) Harmonics (Pout = 32 W) (1) 2.0 fo 3.0 fo to 5.0 fo Symbol BW Gp IL VSWRin Min 890 25 -- 23 -- -- -- -- Pout2 -- 24 Max 915 -- 10 -- 2.0:1 - 35 - 45 - 65 6.0 -- No Degradation In Output Power Before and After Test All Spurious Outputs More Than 60 dB Below Desired Signal Unit MHz dB mA % -- dBc dBm % W
Noise Power (In 30 kHz Bandwidth, 935 to 960 MHz frequency range; (Pout = 0.03 to 32 W; VS1 = VS2 = VS3 = VS4 = 10.8 to 15.6 Vdc) (1) Linearity -- % AM in Output (Pout = 0.02 to 32 W; 135 kHz, 1% AM in Input) Output Power, Low Voltage (PIN = 100 mW; VS1 = VS2 = VS3 = VS4 = 10.8 Vdc) Load Mismatch Stress (VS1 = VS2 = VS3 = VS4 = 15.6 Vdc; Pout = 40 W; Load VSWR = 10:1, All Phase Angles at Frequency of Test) (1) Stability (VS1 = VS2 = VS3 = VS4 = 10.8 to 15.6 Vdc; Pout = 0.03 to 32 W; Load VSWR = 6:1, Source VSWR = 3:1, All Phase Angles at Frequency of Test) (1) NOTE: 1. Adjust Pin for Specified Pout ; Duty Cycle = 12.5%, Period = 4.6 msec
--
REV 6
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1994
MHW932 1
MHW932 BLOCK DIAGRAM
1
2
3
4
5
6
7
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
Z1 L1 L2 L3 L4 L5
Z2
RF INPUT
VS1
VS2
VB
VS3
VS4
RF OUTPUT
Pin Designations: Pin 1 -- RF Input Power @ 20 dBm Max Adjust Pin 1 -- for Output Power Pin 2 -- First Stage Collector Voltage @ 12.5 Vdc Pin 3 -- Second Stage Collector Voltage @ 12.5 Vdc Pin 4 -- Trickle Bias Voltage @ 5.0 Vdc Pin 5 -- Third Stage Collector Supply @ 12.5 Vdc Pin 6 -- Fourth Stage Collector Supply @ 12.5 Vdc Pin 7 -- RF Output Power @ 32 W Nominal
Element Values: C1 = C2 = C4 = C6 = C8 = C10 = 0.018 F C3 = C5 = C7 = C9 = C11 = 2.2 F L1 - L3 = 0.29 H L4 = 0.2 H L5 -- VR200, Up to 10 A Max IS4 Z1, Z2 = 50 Ohm Microstrip
Figure 1. Test Circuit Diagram
MHW932 2
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
, EFFICIENCY (%) 30 25 P in, INPUT POWER (mW) Pin 20 15 10 VSWR 5 0 890 1.0:1 Pout = 32 W Vs1 = Vs2 = Vs3 = Vs4 = 12.5 V Vb = 5 V DUTY CYCLE = 12.5%, PERIOD = 4.6 ms 20 25 30 50 45 Pout , OUTPUT POWER (W) 40 35 30 25 20 15 10 5 0 895 900 905 f, FREQUENCY (MHz) 910 915 0 10 20 30 40 50 60 70 Pin, INPUT POWER (mW) 80 90 100 902 MHz 915 MHz Vs1 = Vs2 = Vs3 = Vs4 = 12.5 V Vb = 5 V DUTY CYCLE = 12.5% PERIOD = 4.6 ms f = 890 MHz
1.5:1
Figure 2. Input Power, Efficiency and Input VSWR versus Frequency
INPUT VSWR
Figure 3. Output Power versus Input Power
50 45 Pout , OUTPUT POWER (W) Pout , OUTPUT POWER (W) 40 35 30 25 20 15 10 5 0 890 895 900 905 910 915 Pin = 100 mW Vb = 5 V DUTY CYCLE = 12.5% PERIOD = 4.6 ms Vs1 = Vs2 = Vs3 = Vs4 = 10.8 Vdc Vs1 = Vs2 = Vs3 = Vs4 = 12.5 Vdc
60 f = 890 MHz 50 40 30 20 10 0 10 Pin SET FOR 32 W OUTPUT AT 12.5 V Vb = 5 V DUTY CYCLE = 12.5% PERIOD = 4.6 ms 12 11 13 14 15 Vs1 = Vs2 = Vs3 = Vs4, SUPPLY VOLTAGE (V) 16 915 MHz
f, FREQUENCY (MHz)
Figure 4. Output Power versus Frequency
Figure 5. Output Power versus Supply Voltage
40 35 P in, INPUT POWER (mW) 30 25 20 15 10 5 0 - 40 Pout = 32 W Vs1 = Vs2 = Vs3 = Vs4 = 12.5 V Vb = 5 V DUTY CYCLE = 12.5% PERIOD = 4.6 ms - 20 0 20 40 60 80 890 MHz Pout , OUTPUT POWER (W) f = 915 MHz
50 45 40 35 30 25 20 15 10 5 100 120 0 - 40 Pin = 100 mW Vs1 = Vs2 = Vs3 = Vs4 = 12.5 V Vb = 5 V DUTY CYCLE = 12.5% PERIOD = 4.6 ms - 20 0 20 40 60 80 TC, CASE TEMPERATURE (C) 100 120 915 MHz f = 890 MHz
TC, CASE TEMPERATURE (C)
Figure 6. Input Power versus Case Temperature
Figure 7. Output Power versus Case Temperature for Maximum Input Power
MOTOROLA RF DEVICE DATA
MHW932 3
APPLICATIONS INFORMATION
NOMINAL OPERATION All electrical specifications are based on the nominal conditions of Vs1 = Vs2 = Vs3 = Vs4 = 12.5 Vdc (Pins 2, 3, 5, 6), and Vb = 5.0 Vdc (Pin 4). With these conditions, maximum current density on any device is 1.5 x 105 A/cm2 and maximum die temperature is 165C. While the modules are designed to have excess gain margin with ruggedness, operation of these units outside the published specifications is not recommended unless prior communications regarding intended use have been made with the factory representative. DECOUPLING Due to the high gain of the four stages and the module size limitation, external decoupling networks require careful consideration, Pins 2, 3, 4, 5, and 6 are internally bypassed with a 0.018 F chip capacitor which is effective for frequencies from 5.0 MHz through 940 MHz. For bypassing frequencies below 5.0 MHz, networks equivalent to that shown in Figure 1 are recommended. Inadequate decoupling will result in spurious outputs at certain operating frequencies and certain phase angles of input and output VSWR. LOAD MISMATCH During final test each module is load mismatch tested in a fixture having the identical decoupling networks described in Figure 1. Electrical conditions are Vs1 = Vs2 = Vs3 = Vs4 = 15.6 Vdc (Pins 2, 3, 5, 6), and Vb = 5.0 Vdc (Pin 4), VSWR equal to 10:1, and output power equal to 40 watts.
GAIN CONTROL The module output power should be limited to specified value. The preferred method of power control is to fix Vs1 = Vs2 = Vs3 = Vs4 = 12.5 Vdc (Pins 2, 3, 5, 6), Vb = 5.0 Vdc (Pin 4), and vary Pin (Pin 1) from 0 to 100 mW.
MHW932 4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
-Z- 0.13 (0.005) TA -A- G B -S- K R J D 7 PL 0.25 (0.010) M T Z M U N L H -T-
SEATING PLANE 12 3 4 5 67
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION F TO CENTER OF LEADS. DIM A B C D E F G H J K L M N P Q R S U W X INCHES MIN MAX 2.640 2.660 2.040 2.085 0.335 0.360 0.018 0.022 0.100 0.115 0.147 BSC 2.405 BSC 1.900 BSC 0.400 0.440 0.177 0.217 1.800 BSC 0.800 BSC 1.600 BSC 0.008 0.012 0.136 0.146 0.800 0.820 0.670 0.690 1.300 BSC 0.200 BSC 0.100 BSC MILLIMETERS MIN MAX 67.06 67.56 51.82 52.95 8.51 9.14 0.46 0.56 2.54 2.92 3.73 BSC 61.09 BSC 48.26 BSC 10.16 11.18 4.50 5.51 45.72 BSC 20.32 BSC 40.64 BSC 0.21 0.30 3.45 3.71 20.32 20.83 17.02 17.53 33.02 BSC 5.08 BSC 2.54 BSC
M
M
X W
Q 2 PL 0.13 (0.005)
M
S
M
A
M
T
F E C
P
7 PL
0.25 (0.010)
M
T
STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. RF INPUT DC TERMINAL, Vs1 DC TERMINAL, Vs2 DC TERMINAL, Vb DC TERMINAL, Vs3 DC TERMINAL, Vs4 RF OUTPUT
CASE 301S-02 ISSUE A
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MOTOROLA RF DEVICE DATA
MHW932 5
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MHW932 6
*MHW932/D*
MHW932/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MHW932

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X