|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-0393; Rev 0; 5/95 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs _______________General Description The MAX517/MAX518/MAX519 are 8-bit voltage output digital-to-analog converters (DACs) with a simple 2-wire serial interface that allows communication between multiple devices. They operate from a single 5V supply and their internal precision buffers allow the DAC outputs to swing rail-to-rail. The MAX517 is a single DAC and the MAX518/MAX519 are dual DACs. The MAX518 uses the supply voltage as the reference for both DACs. The MAX517 has a reference input for its single DAC and each of the MAX519's two DACs has its own reference input. The MAX517/MAX518/MAX519 feature a serial interface and internal software protocol, allowing communication at data rates up to 400kbps. The interface, combined with the double-buffered input configuration, allows the DAC registers of the dual devices to be updated individually or simultaneously. In addition, the devices can be put into a low-power shutdown mode that reduces supply current to 4A. Power-on reset ensures the DAC outputs are at 0V when power is initially applied. The MAX517/MAX518 are available in space-saving 8pin DIP and SO packages. The MAX519 comes in 16pin DIP and SO packages. ____________________________Features o o o o o Single +5V Supply Simple 2-Wire Serial Interface I2C Compatible Output Buffer Amplifiers Swing Rail-to-Rail Space-Saving 8-pin DIP/SO Packages (MAX517/MAX518) o Reference Input Range Includes Both Supply Rails (MAX517/MAX519) o Power-On Reset Clears All Latches o 4A Power-Down Mode MAX517/MAX518/MAX519 ______________Ordering Information PART MAX517ACPA MAX517BCPA MAX517ACSA MAX517BCSA MAX517BC/D TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C PIN-PACKAGE 8 Plastic DIP 8 Plastic DIP 8 SO 8 SO Dice* TUE (LSB) 1 1.5 1 1.5 1.5 Ordering Information continued at end of data sheet. *Dice are specified at TA = +25C, DC parameters only. **Contact factory for availability and processing to MIL-STD-883. ________________________Applications Minimum Component Analog Systems Digital Offset/Gain Adjustment Industrial Process Control Automatic Test Equipment Programmable Attenuators ________________Functional Diagram VDD 7 REF INPUT LATCH 0 OUTPUT LATCH 0 1 DAC0 OUT0 _________________Pin Configurations TOP VIEW INPUT LATCH 1 OUTPUT LATCH 1 REF 8 DAC1 OUT1 OUT0 1 GND 2 SCL 3 SDA 4 8 7 OUT1 (REF0) VDD AD0 AD1 SCL SDA 3 4 MAX517 MAX518 8-BIT SHIFT REGISTER ADDRESS COMPARATOR MAX518 6 5 DECODE DIP/SO START/STOP DETECTOR 2 GND ( ) ARE FOR MAX517 Pin Configurations continued at end of data sheet. 6 AD0 5 AD1 ________________________________________________________________ Maxim Integrated Products 1 Call toll free 1-800-998-8800 for free samples or literature. 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 ABSOLUTE MAXIMUM RATINGS VDD to GND ..............................................................-0.3V to +6V OUT_ ..........................................................-0.3V to (VDD + 0.3V) REF_ (MAX517, MAX519)...........................-0.3V to (VDD + 0.3V) AD_.............................................................-0.3V to (VDD + 0.3V) SCL, SDA to GND.....................................................-0.3V to +6V Maximum Current into Any Pin............................................50mA Continuous Power Dissipation (TA = +70C) 8-Pin Plastic DIP (derate 9.09mW/C above +70C) ...727mW 8-Pin SO (derate 5.88mW/C above +70C)................471mW 8-Pin CERDIP (derate 8.00mW/C above +70C)........640mW 16-Pin Plastic DIP (derate 10.53mW/C above +70C)..842mW 16-Pin Narrow SO (derate 8.70mW/C above +70C) ...696mW 16-Pin CERDIP (derate 10.00mW/C above +70C) ......800mW Operating Temperature Ranges MAX51_C_ _ .......................................................0C to +70C MAX51_E_ _.....................................................-40C to +85C MAX51_MJB ..................................................-55C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS (VDD = 5V 10%, VREF_ = 4V (MAX517, MAX519), RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25C.) PARAMETER STATIC ACCURACY Resolution Total Unadjusted Error (Note 1) Differential Nonlinearity (Note 1) Zero-Code Error TUE DNL ZCE MAX51 _A MAX51 _B Guaranteed monotonic MAX51 _C Code = 00 hex MAX51 _E MAX51 _BM MAX51 _C Zero-Code-Error Supply Rejection Zero-Code-Error Temperature Coefficient Code = 00 hex Code = 00 hex MAX51 _C Full-Scale Error Code = FF hex, MAX518 unloaded MAX51 _E MAX51 _BM Full-Scale-Error Supply Rejection Full-Scale-Error Temperature Coefficient MAX517, MAX519 Code = FF hex VDD = +5V 10% Code = FF hex MAX51 _C MAX51 _E MAX51 _BM 1 1 1 10 V/C mV MAX51 _E MAX51 _BM 1 1 1 10 18 20 20 mV V/C mV 8 1 1.5 1 18 20 20 mV Bits LSB LSB SYMBOL CONDITIONS MIN TYP MAX UNITS 2 _______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs ELECTRICAL CHARACTERISTICS (continued) (VDD = 5V 10%, VREF_ = 4V (MAX517, MAX519), RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25C.) PARAMETER Input Voltage Range Input Resistance Input Current Input Capacitance Channel-to-Channel Isolation (MAX519) AC Feedthrough DAC OUTPUTS Full-Scale Output Voltage OUT_ = 4V, 0mA to 2.5mA MAX51 _C/E, REF_ = VDD (MAX517, MAX519), code = FF hex, 0A to 500A MAX51 _M, REF_ = VDD (MAX517, MAX519), code = FF hex, 0A to 500A Output Leakage Current DIGITAL INPUTS SCL, SDA Input High Voltage Input Low Voltage Input Leakage Current Input Hysteresis Input Capacitance Input High Voltage Input Low Voltage Input Leakage Current DIGITAL OUTPUT SDA (Note 7) Output Low Voltage Three-State Leakage Current Three-State Output Capacitance DYNAMIC PERFORMANCE Voltage Output Slew Rate Output Settling Time Digital Feedthrough Positive and negative MAX51 _C MAX51 _E MAX51 _M 2.0 1.4 1.0 6 5 V/s s nV-s VOL IL COUT ISINK = 3mA ISINK = 6mA VIN = 0V to VDD (Note 6) 0.4 0.6 10 10 V A pF VIH VIL IIN VHYST CIN VIH VIL IIN VIN = 0V to VDD (Note 6) 2.4 0.8 10 0V VIN VDD 0.05VDD 10 0.7VDD 0.3VDD 10 V V A V pF V V A OUT_ = 0V to VDD, power-down mode 0 0.25 1.5 LSB 2.0 10 A VDD V RIN Code = 55 hex (Note 2) Power-down mode Code = FF hex (Note 3) (Note 4) (Note 5) 30 -60 -70 SYMBOL CONDITIONS MIN 0 16 24 10 TYP MAX UNITS VDD V k A pF dB dB REFERENCE INPUTS (MAX517, MAX519) MAX517/MAX518/MAX519 Output Load Regulation DIGITAL INPUTS AD0, AD1, AD2, AD3 To 1/2 LSB, 10k and 100pF load (Note 8) Code = 00 hex, all digital inputs from 0V to VDD _______________________________________________________________________________________ 3 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 ELECTRICAL CHARACTERISTICS (continued) (VDD = 5V 10%, VREF_ = 4V (MAX517, MAX519), RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25C.) PARAMETER Digital-Analog Glitch Impulse Signal to Noise + Distortion Ratio (MAX517, MAX519) Multiplying Bandwidth (MAX517, MAX519) Wideband Amplifier Noise POWER REQUIREMENTS Supply Voltage VDD MAX517C Supply Current IDD Normal mode, output(s) unloaded, all digital inputs at 0V or VDD Power-down mode MAX517E/M MAX518C, MAX519C MAX518E/M, MAX519E/M 4.5 1.5 1.5 2.5 2.5 4 5.5 3.0 3.5 5 6 20 A mA V SYMBOL CONDITIONS Code 128 to 127 VREF_ = 4Vp-p at 1kHz, VDD = 5V, Code = FF hex VREF_ = 4Vp-p, 3dB bandwidth MIN TYP 12 87 1 60 MAX UNITS nV-s dB MHz VRMS SINAD TIMING CHARACTERISTICS (VDD = 5V 10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25C.) PARAMETER Serial Clock Frequency Bus Free Time Between a STOP and a START Condition Hold Time, (Repeated) Start Condition Low Period of the SCL Clock High Period of the SCL Clock Setup Time for a Repeated START Condition Data Hold Time Data Setup Time Rise Time of Both SDA and SCL Signals, Receiving Fall Time of Both SDA and SCL Signals, Receiving Fall Time of SDA Transmitting (Note 7) Setup Time for STOP Condition Capacitive Load for Each Bus Line Pulse Width of Spike Suppressed SYMBOL fSCL tBUF tHD, STA tLOW tHIGH tSU, STA tHD, DAT tSU, DAT tR tF tF tSU, STO Cb tSP (Notes 6, 11) 0 (Note 10) (Note 10) ISINK 6mA (Note 10) (Note 9) CONDITIONS MIN 0 1.3 0.6 1.3 0.6 0.6 0 100 20 + 0.1Cb 20 + 0.1Cb 20 + 0.1Cb 0.6 400 50 300 300 250 0.9 TYP MAX 400 UNITS kHz s s s s s s ns ns ns ns s pF ns Note 1: For the MAX518 (full-scale = VDD) the last three codes are excluded from the TUE and DNL specifications, due to the limited output swing when loaded with 10k to GND. Note 2: Input resistance is code dependent. The lowest input resistance occurs at code = 55 hex. Note 3: Input capacitance is code dependent. The highest input capacitance occurs at code FF hex. Note 4: VREF_ = 4Vp-p, 10kHz. Channel-to-channel isolation is measured by setting the code of one DAC to FF hex and setting the code of all other DACs to 00 hex. Note 5: VREF_ = 4Vp-p, 10kHz, DAC code = 00 hex. Note 6: Guaranteed by design. Note 7: I2C compatible mode. Note 8: Output settling time is measured by taking the code from 00 hex to FF hex, and from FF hex to 00 hex. Note 9: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) in order to bridge the undefined region of SCL's falling edge. Note 10: Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3VDD and 0.7VDD. Note 11: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns. 4 _______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs __________________________________________Typical Operating Characteristics (TA = +25C, unless otherwise noted.) MAX517/MAX518/MAX519 FULL-SCALE ERROR vs. SOURCE CURRENT (VREF = VDD) MAX517-01 ZERO-CODE ERROR vs. SINK CURRENT MAX517-02 MAX517/MAX519 SUPPLY CURRENT vs. TEMPERATURE VDD = 5.5V REF_ INPUTS = 0.6V ALL DIGITAL INPUTS to VDD MAX517-03 MAX517-07 10 FULL-SCALE ERROR (LSB) ZERO-CODE ERROR (LSB) SUPPLY CURRENT (mA) 8 VDD = VREF = 5V DAC CODE = FF HEX LOAD TO AGND 10 3.0 2.5 2.0 8 VDD = VREF = 5V DAC CODE = 00 HEX LOAD to VDD 6 6 MAX519, DAC CODE = FF HEX 1.5 1.0 0.5 0 MAX517, DAC CODE = FF HEX 4 4 2 2 MAX517, MAX519 DAC CODE = 00 HEX -55 -35 -15 5 25 45 65 85 105 125 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 OUTPUT SOURCE CURRENT (mA) 0 0 0.5 1.0 1.5 2.0 OUTPUT SINK CURRENT (mA) TEMPERATURE (C) MAX518 SUPPLY CURRENT vs. TEMPERATURE MAX517-04 MAX518 SUPPLY CURRENT vs. DAC CODE SHUTDOWN SUPPLY CURRENT (A) VDD = 5.5V BOTH DACS SET MAX517-05 SHUTDOWN SUPPLY CURRENT vs. TEMPERATURE 6 5 4 3 2 1 0 VDD = 5.5V ALL DIGITAL INPUTS to VDD 3.5 3.0 SUPPLY CURRENT (mA) 2.5 DAC CODE = 1B HEX 2.0 1.5 1.0 0.5 0 -55 -35 -15 5 25 45 65 DAC CODE = FF HEX VDD = 5.5V AD0, AD1 = VDD 3.0 2.5 SUPPLY CURRENT (mA) 2.0 1.5 1.0 0.5 0 DAC CODE = 00 HEX 85 105 125 0 32 64 96 128 160 192 224 256 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE (C) DAC CODE (DECIMAL) TEMPERATURE (C) MAX517/MAX519 SUPPLY CURRENT vs. REFERENCE VOLTAGE VDD = 5V DAC CODE(S) FF HEX SUPPLY CURRENT (mA) 2.0 MAX517-08 MAX517/MAX519 REFERENCE VOLTAGE INPUT FREQUENCY RESPONSE 0 RELATIVE OUTPUT (dB) MAX517-09 POSITIVE FULL-SCALE STEP RESPONSE 2.5 -4 4VP-P SINE 2VP-P SINE 1VP-P SINE 0.5VP-P SINE VDD = 5V VREF = SINE WAVE CENTERED AT 2.5V 1k 10k 100k FREQUENCY (Hz) 1M 10M 1.5 MAX519 -8 OUT0 1V/div 1.0 MAX517 -12 0.5 -16 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 REFERENCE VOLTAGE (V) 1s/div OUT0 LOADED WITH 10k II 100pF REF0 = 4V (MAX517/MAX519) DAC CODE = 00 HEX to FF HEX _______________________________________________________________________________________ 5 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 ______________________________Typical Operating Characteristics (continued) (TA = +25C, unless otherwise noted.) NEGATIVE FULL-SCALE STEP RESPONSE WORST-CASE 1LSB STEP CHANGE OUT0 20mV/div AC COUPLED OUT0 1V/div 1s/div OUT0 LOADED WITH 10k II 100pF REF0 = 4V (MAX517/MAX519) DAC CODE = FF HEX to 00 HEX 500ns/div REF0 = 5V (MAX517/MAX519) DAC CODE = 80 HEX to 7F HEX CLOCK FEEDTHROUGH MAX517/MAX519 REFERENCE FEEDTHROUGH AT 1kHz A A B B A = SCL, 400kHz, 5V/div B = OUT0, 5mV/div DAC CODE = 7F HEX REF0 = 5V (MAX517/MAX519) A = REF0, 1V/div (4VP-P) B = OUT0, 50V/div, UNLOADED FILTER PASSBAND = 100Hz to 10kHz DAC CODE = 00 HEX MAX517/MAX519 REFERENCE FEEDTHROUGH AT 10kHz MAX517/MAX519 REFERENCE FEEDTHROUGH AT 100kHz A A B B A = REF0, 1V/div (4VP-P) B = OUT0, 50V/div, UNLOADED FILTER PASSBAND = 1kHz to 100kHz DAC CODE = 00 HEX A = REF0, 1V/div (4VP-P) B = OUT0, 50V/div, UNLOADED FILTER PASSBAND = 10kHz to 1MHz DAC CODE = 00 HEX 6 _______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs ______________________________________________________________Pin Description PIN MAX517 1 2 -- 3 4 -- 5 6 7 -- 8 -- -- MAX518 1 2 -- 3 4 -- 5 6 7 -- -- 8 -- MAX519 1 4 5 6 8 9 10 11 12 13 15 16 2, 3, 7, 14 NAME OUT0 GND AD3 SCL SDA AD2 AD1 AD0 VDD REF1 REF0 OUT1 N.C. DAC0 Voltage Output Ground Address Input 3; sets IC's slave address Serial Clock Input Serial Data Input Address Input 2; sets IC's slave address Address Input 1; sets IC's slave address Address Input 0; sets IC's slave address Power Supply, +5V; used as reference for MAX518 Reference Voltage Input for DAC1 Reference Voltage Input for DAC0 DAC1 Voltage Output No Connect--not internally connected. FUNCTION MAX517/MAX518/MAX519 _______________Detailed Description VDD REF0 (REF1) Serial Interface The MAX517/MAX518/MAX519 use a simple 2-wire serial interface requiring only two I/O lines (2-wire bus) of a standard microprocessor (P) port. Figure 2 shows the timing diagram for signals on the 2-wire bus. Figure 3 shows a typical application. The 2-wire bus can have several devices (in addition to the MAX517/ MAX518/MAX519) attached. The two bus lines (SDA and SCL) must be high when the bus is not in use. When in use, the port bits are toggled to generate the appropriate signals for SDA and SCL. External pull-up resistors are not required on these lines. The MAX517/MAX518/ MAX519 can be used in applications where pull-up resistors are required (such as in I2C systems) to maintain compatibility with existing circuitry. The MAX517/MAX518/MAX519 are receive-only devices and must be controlled by a bus master device. They operate at SCL rates up to 400kHz. A master device sends information to the devices by transmitting their address over the bus and then transmitting the desired information. Each transmission consists of a START condition, the MAX517/MAX518/MAX519's programmable slave-address, one or more command-byte/output-byte pairs (or a command byte alone, if it is the last byte in the transmission), and finally, a STOP condition (Figure 4). INPUT LATCH 0 OUTPUT LATCH 0 DAC0 OUT0 INPUT LATCH 1 OUTPUT LATCH 1 DAC1 MAX519 ONLY (OUT1) 8-BIT SHIFT REGISTER SCL SDA DECODE ADDRESS COMPARATOR MAX517/MAX519 START/STOP DETECTOR AD0 (AD2) AD1 (AD3) ( ) ARE FOR MAX519 GND Figure 1. MAX517/MAX519 Functional Diagram _______________________________________________________________________________________ 7 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 SDA tSU, DAT tLOW SCL tHD, STA tR START CONDITION tHIGH tF REPEATED START CONDITION STOP CONDITION START CONDITION tHD, DAT tSU, STA tHD, STA tSU, STO tBUF Figure 2. Two-Wire Serial Interface Timing Diagram C SDA RC 1k SCL DUAL DAC SCL SDA AD0 AD1 AD2 AD3 REF0 REF1 +1V +4V MAX519 OUT0 OUT1 OFFSET ADJUSTMENT GAIN ADJUSTMENT The address byte and pairs of command and output bytes are transmitted between the START and STOP conditions. The SDA state is allowed to change only while SCL is low, with the exception of START and STOP conditions. SDA's state is sampled, and therefore must remain stable while SCL is high. Data is transmitted in 8-bit bytes. Nine clock cycles are required to transfer the data bits to the MAX517/MAX518/MAX519. Set SDA low during the 9th clock cycle as the MAX517/MAX518/MAX519 pull SDA low during this time. RC (see Figure 3) limits the current that flows during this time if SDA stays high for short periods of time. DUAL DAC MAX518 SCL SDA AD0 AD1 OUT0 OUT1 BRIGHTNESS ADJUSTMENT CONTRAST ADJUSTMENT The START and STOP Conditions When the bus is not in use, both SCL and SDA must be high. A bus master signals the beginning of a transmission with a START condition by transitioning SDA from high to low while SCL is high (Figure 5). When the master has finished communicating with the slave, it issues a STOP condition by transitioning SDA from low to high while SCL is high. The bus is then free for another transmission. The Slave Address The MAX517/MAX518/MAX519 each have a 7-bit long slave address (Figure 6). The first three bits (MSBs) of the slave address have been factory programmed and are always 010. In addition, the MAX517 and MAX518 have the next two bits factory programmed to 1s. The logic state of the address inputs (AD0 and AD1 on the MAX517/MAX518; AD0, AD1, AD2, and AD3 on the MAX519) determine the LSB bits of the 7-bit slave address. These input pins may be connected to VDD or DGND, or they may be actively driven by TTL or CMOS logic levels. The MAX517/MAX518 have four possible slave addresses and therefore a maximum of four of SINGLE DAC SCL SDA AD0 AD1 REF0 +2.5V MAX517 OUT0 THRESHOLD ADJUSTMENT +5V Figure 3. MAX517/MAX518/MAX519 Application Circuit 8 _______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 SLAVE ADDRESS BYTE SDA MSB SCL START CONDITION STOP CONDITION LSB ACK MSB LSB ACK MSB LSB ACK COMMAND BYTE OUTPUT BYTE Figure 4. A Complete Serial Transmission R2 SDA SDA MSB SCL START CONDITION STOP CONDITION R1 R0 RST PD X X A0/0 ACK LSB SCL R2, R1, R0: RESERVED BITS. SET TO 0. Figure 5. All communications begin with a START condition and end with a STOP condition, both generated by a bus master. SLAVE ADDRESS 0 SDA LSB SCL SLAVE ADDRESS BITS AD0, AD1, AD2, AND AD3 CORRESPOND TO THE LOGIC STATE OF THE ADDRESS INPUT PINS. 1 0 1 or AD3 1 or AD2 AD1 AD0 0 ACK RST: RESET BIT, SET TO 1 TO RESET ALL DAC REGISTERS. PD: POWER-DOWN BIT. SET TO 1 TO PLACE THE DEVICE IN THE 4A SHUTDOWN MODE. SET TO 0 TO RETURN TO THE NORMAL OPERATIONAL STATE. A0: ADDRESS BIT. DETERMINES WHICH DAC'S INPUT LATCH RECEIVES THE 8 BITS OF DATA IN THE NEXT BYTE. SET TO 0 FOR MAX517. ACK: ACKNOWLEDGE BIT. THE MAX517/MAX518/MAX519 PULLS SDA LOW DURING THE 9TH CLOCK PULSE. X: DON'T CARE. Figure 7. Command Byte Figure 6. Address Byte these devices may share the bus. The MAX519 has 16 possible slave addresses. The eighth bit (LSB) in the slave address byte should be low when writing to the MAX517/MAX518/MAX519. The MAX517/MAX518/MAX519 monitor the bus continuously, waiting for a START condition followed by their slave address. When a device recognizes its slave address, it is ready to accept data. The Command Byte and Output Byte A command byte follows the slave address. Figure 7 shows the format for the command byte. A command byte is usually followed by an output byte unless it is the last byte in the transmission. If it is the last byte, all bits except PD (power-down) and RST (reset) are ignored. If an output byte follows the command byte, A0 of the command byte indicates the digital address of the DAC whose input data latch receives the digital output data. Set this bit to 0 when writing to the MAX517. The data is transferred to the DAC's output latch during the STOP condition following the transmission. This allows both DACs of the MAX518/MAX519 to be updated simultaneously (Figure 8). Setting the PD bit high powers down the MAX517/ MAX518/MAX519 following a STOP condition (Figure 9a). If a command byte with PD set high is followed by an output byte, the addressed DAC's input latch will be updated and the data will be transferred to the DAC's output latch following the STOP condition (Figure 9b). 9 _______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 01 SDA 11 or or 0 AD3 AD2AD1 AD0 0 0 ACK 0 0 0 0 0 0 000 ACK 1 1 1 1 1 1 1 1 0 ADDRESS BYTE START CONDITION COMMAND BYTE (ADDRESSING DAC0) OUTPUT BYTE (FULL SCALE) ( ACK STOP DAC0 INPUT LATCH CONDITION SET TO FULL SCALE DAC OUTPUT CHANGES HERE: DAC0 GOES TO FULL SCALE. ) ( ) Figure 8a. Setting One DAC Output (MAX517/MAX518/MAX519) 11 or or 0 AD3 AD2AD1 AD0 0 01 SDA 0 ACK 0 0 0 0 0 0 000 ACK 1 1 1 1 1 1 1 1 0 ACK 00 0 0 00 0 1 0 ACK ADDRESS BYTE START CONDITION COMMAND BYTE (ADDRESSING DAC0) OUTPUT BYTE (FULL SCALE) COMMAND BYTE (ADDRESSING DAC1) ( 1 1 1 0 DAC0 INPUT LATCH SET TO FULL SCALE ) 1 SDA 1 1 1 1 ACK OUTPUT BYTE STOP (FULL SCALE) DAC1 INPUT LATCH CONDITION SET TO FULL SCALE DAC OUTPUTS CHANGE HERE: DAC0 AND DAC1 GO TO FULL SCALE. ( ) ( ) Figure 8b. Setting Both DAC Outputs (MAX518/MAX519) (a) 01 SDA 11 or or 0 AD3 AD2 AD1 AD0 0 ADDRESS BYTE 0 ACK (PD) 00001 X COMMAND BYTE X X 0 ACK STOP CONDITION START CONDITION (b) 01 SDA ADDRESS BYTE START CONDITION NOTE: X = DON'T CARE ACK 11 or or 0 AD3 AD2 AD1AD0 0 0 0 (PD) 1 X X ( DEVICE ENTERS POWER-DOWN STATE ) 0 ACK 0 0 0 0 0 ACK 1 1 1 1 1 1 1 1 COMMAND BYTE (ADDRESSING DAC0) OUTPUT BYTE (FULL SCALE) ( STOP CONDITION DAC0 INPUT LATCH SET TO FULL SCALE. DEVICE ENTERS POWER-DOWN STATE. DAC0 OUTPUT LATCH SET TO FULL SCALE. ) ( ) Figure 9. Entering the Power-Down State 10 ______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs Furthermore if the transmission's last command byte has PD high, the output latches are updated, but voltage outputs will not reflect the newly entered data because the DAC enters power-down mode when the STOP condition is detected. When in power-down, the DAC outputs float. In this mode, the supply current is a maximum of 20A. A command byte with the PD bit low returns the MAX517/MAX518/MAX519 to normal operation following a STOP condition, with the voltage outputs reflecting the output-latch contents (Figures 10a and 10b). Because each subsequent command byte overwrites the previous PD bit, only the last command byte of a transmission affects the power-down state. Setting the RST bit high clears the DAC input latches. The DAC outputs remain unchanged until a STOP condition is detected (Figure 11a). If a reset is issued, the 11 or or 0 AD3 AD2 AD1 AD0 0 ADDRESS BYTE START CONDITION (b) 01 SDA ADDRESS BYTE START CONDITION NOTE: X = DON'T CARE ACK 11 or or 0 AD3 AD2AD1 AD0 0 (PD) 0 X X ACK ACK OUTPUT BYTE STOP (SET TO 0) CONDITION DAC0 INPUT LATCH SET TO 0. DEVICE RETURNS TO NORMAL OPERATION. DAC0 SET TO 0. following output byte is ignored. Subsequent pairs of command/output bytes overwrite the input latches (Figure 11b). All changes made during a transmission affect the MAX517/MAX518/MAX519's outputs only when the transmission ends and a STOP has been recognized. The R0, R1, and R2 bits are reserved and must be set to zero. MAX517/MAX518/MAX519 I2C Compatibility The MAX517/MAX518/MAX519 are fully compatible with existing I 2 C systems. SCL and SDA are highimpedance inputs; SDA has an open drain that pulls the data line low during the 9th clock pulse. Figure 12 shows a typical I2C application. (a) 01 SDA (PD) 000000 X ACK X X COMMAND BYTE 0 ACK STOP CONDITION ( DEVICE RETURNS TO NORMAL OPERATION ) 0 00 0 0 0 00 0 0 0 0 0 0 0 0 COMMAND BYTE (ADDRESSING DAC0) ( ) ( ) Figure 10. Returning to Normal Operation from Power-Down 11 or or 0 AD3 AD2 AD1AD0 0 ADDRESS BYTE START CONDITION 11 or or 0 AD3 AD2 AD1 AD0 0 0 0 (a) 01 SDA 0 ACK (RST) 00010 X COMMAND BYTE X X 0 ACK ( 01 0 ADDRESS BYTE ACK ALL INPUT LATCHES SET TO 0. 0 X X X ) STOP CONDITION (b) SDA START CONDITION (RST) 010 ( ALL OUTPUTS SET TO 0. ) 0 ACK ADDITIONAL COMMAND BYTE/ OUTPUT BYTE PAIRS STOP CONDITION DAC OUTPUTS SET TO 0 UNLESS CHANGED BY ADDITIONAL COMMAND BYTE/OUTPUT BYTE PAIRS. XXXXXXXX ACK "DUMMY" OUTPUT BYTE COMMAND BYTE NOTE: X = DON'T CARE ( ALL INPUT LATCHES SET TO 0. ) ( ) Figure 11. Resetting DAC Outputs ______________________________________________________________________________________ 11 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 C SDA SCL SCL SDA E PROM XICOR X24C04 2 latches with data that has not been transferred to the output latches (Figure 13). Only the currently addressed device will recognize a STOP condition and transfer data to its output latches. If the device is left with data in its input latches, the data can be transferred to the output latches the next time the device is addressed, as long as it receives at least one command byte and a STOP condition. DUAL DAC OUT0 SCL MAX518 OUT1 SDA AD0 AD1 +5V SCL SDA AD0 AD1 SINGLE DAC OUT0 Early STOP Conditions The addressed device recognizes a STOP condition at any point in a transmission. If the STOP occurs during a command byte, all previous uninterrupted command and output byte pairs are accepted, the interrupted command byte is ignored, and the transmission ends (Figure 14a). If the STOP occurs during an output byte, all previous uninterrupted command and output byte pairs are accepted, the final command byte's PD and RST bits are accepted, the interrupted output byte is ignored, and the transmission ends (Figure 14b). MAX517 Analog Section DAC Operation The MAX518 and MAX519 contain two matched voltage-output DACs. The MAX517 contains a single DAC. The DACs are inverted R-2R ladder networks that convert 8-bit digital words into equivalent analog output voltages in proportion to the applied reference voltages. The MAX518 has both DAC's reference inputs connected to VDD. Figure 15 shows a simplified diagram of one DAC. MAX517/MAX519 Reference Inputs The MAX517 and MAX519 can be used for multiplying applications. The reference accepts a 0V to VDD volt- Figure 12. MAX517/MAX518/MAX519 Used in a Typical I2C Application Circuit Additional START Conditions It is possible to interrupt a transmission to a device with a new START (repeated start) condition (perhaps addressing another device), which leaves the input 01 SDA START CONDITION 0 1 1 0 0 0 0 ACK 0 0 0 0 0 0 0 0 0 ACK 1 1 1 1 1 1 1 1 0 ACK 0 1 0 1 1 0 1 0 0 ACK ADDRESS BYTE (DEVICE 0) COMMAND BYTE ADDRESSING DAC0 OUTPUT BYTE (FULL SCALE) ADDRESS BYTE (DEVICE 1) ( 0 0 0 0 0 0 0 00 ACK 1 1 1 1 1 1 1 1 0 ACK COMMAND BYTE (ADDRESSING DAC0) OUTPUT BYTE (FULL SCALE) DEVICE 0's DAC0 INPUT LATCH SET TO FULL SCALE. ) REPEATED START CONDITION SDA STOP CONDITION ONLY DEVICE 1's DAC0 OUTPUT LATCH SET TO FULL SCALE. DEVICE 0's OUTPUT LATCH UNCHANGED. ( Figure 13. Repeated START Conditions 12 DEVICE 1's DAC0 INPUT LATCH SET TO FULL SCALE. )( ) ______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 (a) 01 SDA ADDRESS BYTE START CONDITION 11 or or 0 AD3 AD2 AD1 AD0 0 0 0 ACK INTERRUPTED COMMAND BYTE EARLY MAX517/MAX518/MAX519's STOP CONDITION STATE REMAINS UNCHANGED. 11 or or 0 AD3 AD2 AD1 AD0 0 0 (RST) (PD) 000110 ( ) (b) 01 SDA 0 (PD) 0 RST 1 0 0 0 0 1 1 1 0 0 XX ADDRESS BYTE START CONDITION ACK COMMAND BYTE (POWER DOWN) ACK INTERRUPTED OUTPUT BYTE EARLY STOP CONDITION ( MAX517/MAX518/MAX519 POWER DOWN; INPUT LATCH UNCHANGED IF RST = 0, DAC OUTPUT(S) RESET IF RST = 1. ) OUT_ Figure 14. Early STOP Conditions Table 1. Unipolar Code Table DAC CONTENTS 11111111 10000001 10000000 01111111 00000001 00000000 ANALOG OUTPUT 255 + VREF (------) 256 129 + VREF (------) 256 128 VREF + VREF (------) = ---- 256 2 127 + VREF (------) 256 1 + VREF (------) 256 0V 2R 2R D0 R R 2R D5 2R D6 R 2R D7 REF_* GND SHOWN FOR ALL 1s ON DAC *REF = VDD FOR THE MAX518 Figure 15. DAC Simplified Circuit Diagram age, both DC and AC signals. The voltage at each REF input sets the full-scale output voltage for its respective DAC. The reference voltage must be positive. The DAC's input impedance is code dependent, with the lowest value occurring when the input code is 55 hex or 0101 0101, and the maximum value occurring when the input code is 00 hex. Since the REF input resistance (RIN) is code dependent, it must be driven by a circuit with low output impedance (no more than RIN / 2000) to maintain output linearity. The REF input capacitance is also code dependent, with the maximum value occurring at code FF hex (typically 30pF). The output voltage for any DAC can be represented by a digitally programmable voltage source as: VOUT = (N x VREF) / 256, where N is the numerical value of the DAC's binary input code. Output Buffer Amplifiers The DAC voltage outputs are internally buffered precision unity-gain followers that slew up to 1V/s. The outputs can swing from 0V to VDD. With a 0V to 4V (or 4V to 0V) output transition, the amplifier outputs typically settle to 1/2LSB in 6s when loaded with 10k in parallel with 100pF. The buffer amplifiers are stable with any combination of resistive loads 2k and capacitive loads 300pF. The MAX517/MAX518/MAX519 are designed for unipolar-output, single-quadrant multiplication where the output voltages and the reference inputs are positive with respect to AGND. Table 1 shows the unipolar code. ______________________________________________________________________________________ 13 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 SYSTEM GND +5V OUT1 REF0 N.C. REF1 OUT0 N.C. N.C. GND RF REF_ CF VDD 0.1F MAX517 MAX519 Figure 16. PC Board Layout for Minimizing MAX519 Crosstalk (bottom view) __________Applications Information Power-Supply Bypassing and Ground Management Bypass VDD with a 0.1F capacitor, located as close to VDD and GND as possible. Careful PC board layout minimizes crosstalk among DAC outputs, reference inputs, and digital inputs. Figure 16 shows the suggested PC board layout to minimize crosstalk. When using the MAX518 (or the MAX517/MAX519 with VDD as the reference), you may want to add a noise filter to the VDD supply (Figure 17) or to the reference input(s) (Figure 18), especially in noisy environments. The reference input's bandwidth exceeds 1MHz for AC signals, so disturbances on the reference input can easily affect the DAC output(s). The maximum input current for a single reference input is VREF/16k = IREF (max). In Figure 17, choose RF so that changes in the reference input current will have little effect on the reference voltage. For example, with RF = 6, the maximum output error due to RF is given by: 6 x IREF (max) = 1.9mV or 0.1LSB In Figure 18, there is a voltage drop across RF that adds to the TUE. This voltage drop is due to the sum of the reference input current (VREF/16k maximum), supply current (6mA maximum), and the amplifier output current (VREF/RLOAD). Choose RF to limit this voltage drop to an acceptable value. For example, with a 10k load, you can limit the error due to R F to 0.5LSB (9.8mV) by selecting RF so that: RF = VRF / IRF 9.8mV / (5V / 16k + 6mA + 5V / 10k) RF 1.4 14 Figure 17. Reference Filter When Using VDD as a Reference +5V RF CF VDD 0.1F MAX518 Figure 18. VDD Filter When Using VDD as a Reference ______________________________________________________________________________________ 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs _____Pin Configurations (continued) TOP VIEW OUT0 1 N.C. 2 N.C. 3 GND 4 AD3 5 SCL 6 N.C. 7 SDA 8 16 OUT1 15 REF0 14 N.C. ____________________Chip Topography OUT0 OUT1 (MAX518/MAX519) REF0 (MAX517/ MAX519) REF1 (MAX519) GND AD3 (MAX519) 0.135" (3.429mm) MAX517/MAX518/MAX519 MAX519 13 REF1 12 VDD 11 AD0 10 AD1 9 AD2 DIP/SO V DD __Ordering Information (continued) PART MAX517AEPA MAX517BEPA MAX517AESA MAX517BESA MAX517BMJA MAX518ACPA MAX518BCPA MAX518ACSA MAX518BCSA MAX518BC/D MAX518AEPA MAX518BEPA MAX518AESA MAX518BESA MAX518BMJA MAX519ACPE MAX519BCPE MAX519ACSE MAX519BCSE MAX519BC/D MAX519AEPE MAX519BEPE MAX519AESE MAX519BESE MAX519BMJE TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 8 Plastic DIP 8 Plastic DIP 8 SO 8 SO 8 CERDIP** 8 Plastic DIP 8 Plastic DIP 8 SO 8 SO Dice* 8 Plastic DIP 8 Plastic DIP 8 SO 8 SO 8 CERDIP** 16 Plastic DIP 16 Plastic DIP 16 Narrow SO 16 Narrow SO Dice* 16 Plastic DIP 16 Plastic DIP 16 Narrow SO 16 Narrow SO 16 CERDIP** TUE (LSB) 1 1.5 1 1.5 1.5 1 1.5 1 1.5 1.5 1 1.5 1 1.5 1.5 1 1.5 1 1.5 1.5 1 1.5 1 1.5 1.5 AD0 SCL SDA AD2 (MAX519) 0.078" (1.981mm) AD1 TRANSISTOR COUNT: 1797 SUBSTRATE CONNECTED TO VDD *Dice are specified at TA = +25C, DC parameters only. **Contact factory for availability and processing to MIL-STD-883. ______________________________________________________________________________________ 15 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs MAX517/MAX518/MAX519 ________________________________________________________Package Information E D A3 A A2 E1 DIM A A1 A2 A3 B B1 C D1 E E1 e eA eB L INCHES MAX MIN 0.200 - - 0.015 0.175 0.125 0.080 0.055 0.022 0.016 0.065 0.045 0.012 0.008 0.080 0.005 0.325 0.300 0.310 0.240 - 0.100 - 0.300 0.400 - 0.150 0.115 INCHES MIN MAX 0.348 0.390 0.735 0.765 0.745 0.765 0.885 0.915 1.015 1.045 1.14 1.265 MILLIMETERS MIN MAX - 5.08 0.38 - 3.18 4.45 1.40 2.03 0.41 0.56 1.14 1.65 0.20 0.30 0.13 2.03 7.62 8.26 6.10 7.87 2.54 - 7.62 - - 10.16 2.92 3.81 MILLIMETERS MIN MAX 8.84 9.91 18.67 19.43 18.92 19.43 22.48 23.24 25.78 26.54 28.96 32.13 21-0043A L A1 e B D1 0 - 15 C B1 eA eB Plastic DIP PLASTIC DUAL-IN-LINE PACKAGE (0.300 in.) PKG. DIM PINS P P P P P N D D D D D D 8 14 16 18 20 24 DIM D A e B 0.101mm 0.004in. 0-8 A1 C L A A1 B C E e H L INCHES MAX MIN 0.069 0.053 0.010 0.004 0.019 0.014 0.010 0.007 0.157 0.150 0.050 0.244 0.228 0.050 0.016 MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 3.80 4.00 1.27 5.80 6.20 0.40 1.27 E H Narrow SO SMALL-OUTLINE PACKAGE (0.150 in.) DIM PINS D D D 8 14 16 INCHES MILLIMETERS MIN MAX MIN MAX 0.189 0.197 4.80 5.00 0.337 0.344 8.55 8.75 0.386 0.394 9.80 10.00 21-0041A Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1995 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of MAX517 |