Part Number Hot Search : 
P61089 RT8101A P0800SA HAT2022R STBC03 NB2E5Z MMSZ47 DG333ADW
Product Description
Full Text Search
 

To Download MAX504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0280; Rev 2; 11/96
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
_______________General Description
The MAX504/MAX515 are low-power, voltage-output, 10-bit digital-to-analog converters (DACs) specified for single +5V power-supply operation. The MAX504 can also be operated with 5V supplies. The MAX515 draws only 140A, and the MAX504 (with internal reference) draws only 260A. The MAX515 comes in 8-pin DIP and SO packages, while the MAX504 comes in 14pin DIP and SO packages. Both parts have been trimmed for offset voltage, gain, and linearity, so no further adjustment is necessary. The MAX515's buffer is fixed at a gain of 2. The MAX504's internal op amp may be configured for a gain of 1 or 2, as well as for unipolar or bipolar output voltages. The MAX504 can also be used as a four-quadrant multiplier without external resistors or op amps. For parallel data inputs, see the MAX503 data sheet. For a hardware and software compatible 12-bit upgrade, refer to the MAX531/MAX538/MAX539 data sheet.
___________________________Features
o Operate from Single +5V Supply o Buffered Voltage Output o Internal 2.048V Reference (MAX504) o 140A Supply Current (MAX515) o INL = 1/2LSB (max) o Guaranteed Monotonic Over Temperature o Flexible Output Ranges: 0V to VDD (MAX504/MAX515) VSS to VDD (MAX504) o 8-Pin SO/DIP (MAX515) o Power-On Reset o Serial Data Output for Daisy-Chaining
MAX504/MAX515
______________Ordering Information
PART MAX504CPD MAX504CSD MAX504EPD MAX504ESD MAX515CPA MAX515CSA MAX515EPA MAX515ESA TEMP. RANGE 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 14 Plastic DIP 14 SO 14 Plastic DIP 14 SO 8 Plastic DIP 8 SO 8 Plastic DIP 8 SO
_______________________Applications
Battery-Powered Test Instruments Digital Offset and Gain Adjustment Battery-Operated/Remote Industrial Controls Machine and Motion Control Devices Cellular Telephones
________________Functional Diagram
REFOUT* REFIN BIPOFF*
Refer to the MAX531/MAX538/MAX539 data sheet for military temperature or die equivalents. MAX504 MAX515
_________________Pin Configurations
RFB*
2.048V REFERENCE*
TOP VIEW
VOUT AGND POWER-UP RESET 10-BIT DAC REGISTER CLR* CS SCLK DIN CONTROL LOGIC 4 (MSB) 2 (LSB) DUMMY 0s 10 DATA BITS BITS 16-BIT SHIFT REGISTER * MAX504 ONLY VSS* DAC VDD DGND* DIN SCLK 1 2 8 7 VDD VOUT REFIN AGND
CS 3 DOUT 4
MAX515
6 5
DOUT
DIP/SO
MAX504 appears at end of data sheet.
1
________________________________________________________________ Maxim Integrated Products
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 408-737-7600 ext. 3468.
5V, Low-Power, Voltage-Output Serial 10-Bit DACs MAX504/MAX515
ABSOLUTE MAXIMUM RATINGS
VDD to DGND and VDD to AGND ................................-0.3V, +6V VSS to DGND and VSS to AGND .................................-6V, +0.3V VDD to VSS .................................................................-0.3V, +12V AGND to DGND........................................................-0.3V, +0.3V Digital Input Voltage to DGND ......................-0.3V, (VDD + 0.3V) REFIN ..................................................(VSS - 0.3V), (VDD + 0.3V) REFOUT to AGND .........................................-0.3V, (VDD + 0.3V) RFB .....................................................(VSS - 0.3V), (VDD + 0.3V) BIPOFF ................................................(VSS - 0.3V), (VDD + 0.3V) VOUT (Note 1) ................................................................VSS, VDD Continuous Current, Any Pin................................-20mA, +20mA Continuous Power Dissipation (TA = +70C) 8-Pin Plastic DIP (derate 9.09mW/C above +70C) .....727mW 8-Pin SO (derate 5.88mW/C above +70C)..................471mW 14-Pin Plastic DIP (derate 10.00mW/C above +70C) ..... 800mW 14-Pin SO (derate 8.33mW/C above +70C)................667mW Operating Temperature Ranges MAX5_ _C_ _.........................................................0C to +70C MAX5_ _E_ _ ......................................................-40C to +85C Storage Temperature Range .............................-65C to +165C Lead Temperature (soldering, 10sec) .............................+300C
Note 1: The output may be shorted to VDD, VSS, or AGND if the package power dissipation limit is not exceeded.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Single +5V Supply
(VDD = 5V, VSS = 0V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT (MAX504), C REFOUT = 33F (MAX504), RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER STATIC PERFORMANCE Resolution Relative Accuracy (Note 2) Differential Nonlinearity Unipolar Offset Error Unipolar Offset Tempco Unipolar Offset-Error Power-Supply Rejection Ratio Gain Error (Note 2) Gain-Error Tempco Gain-Error Power-Supply Rejection Ratio VOLTAGE OUTPUT (VOUT) Output Voltage Range Output Load Regulation Short-Circuit Current REFERENCE INPUT (REFIN) Voltage Range Input Resistance Input Capacitance AC Feedthrough Code dependent, minimum at code 0101... Code dependent (Note 3) REFIN = 1kHz, 2Vp-p 0 40 10 -80 50 VDD - 2 V k pF dB ISC MAX504 (G = 1) MAX504 (G = 2), MAX515 VOUT = 2V, RL = 2k 12 0 0 VDD - 2 VDD - 0.4 0.5 V LSB mA PSRR 4.5V VDD 5.5V N INL DNL VOS TCVOS PSRR GE 1 0.1 4.5V VDD 5.5V Guaranteed monotonic 0 3 0.1 1 10 0.5 1 3 Bits LSB LSB LSB ppm/C LSB/V LSB ppm/C LSB/V SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
ELECTRICAL CHARACTERISTICS--Single +5V Supply (continued)
(VDD = 5V, VSS = 0V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT (MAX504), C REFOUT = 33F (MAX504), RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER SYMBOL TA = +25C Reference Output Voltage Temperature Coefficient Resistance Power-Supply Rejection Ratio Noise Voltage Required External Capacitor Input High Input Low Input Current Input Capacitance DIGITAL OUTPUT (DOUT) Output High Output Low DYNAMIC PERFORMANCE Voltage-Output Slew Rate Voltage-Output Settling Time Digital Feedthrough Signal-to-Noise Plus Distortion POWER SUPPLY Positive Supply Voltage Power-Supply Current VDD IDD All inputs = 0V or VDD, MAX504 output = no load MAX515 20 15 0 35 35 45 0 CL = 50pF 20 25 50 80 4.5 260 140 5.5 400 300 V A SR TA = +25C To 1/2LSB, VOUT = 2V CS = VDD, DIN = 100kHz REFIN = 1kHz, 2Vp-p (G = 1 or 2), code = 1111... 0.15 0.25 25 5 68 V/s s nV-s dB VOH VOL ISOURCE = 2mA ISINK = 2mA VDD - 1 0.4 V V TCREFOUT RREFOUT PSRR en CREFOUT VIH VIL IIN CIN VIN = 0V or VDD 8 (Note 4) 4.5V VDD 5.5V 0.1Hz to 10kHz 3.3 2.4 0.8 1 MAX504C MAX504E CONDITIONS MIN 2.024 2.015 2.011 30 0.5 200 400 2 TYP 2.048 MAX 2.072 2.081 2.085 ppm/C V/V Vp-p F V V A pF V UNITS
MAX504/MAX515
REFERENCE OUTPUT (REFOUT--MAX504 Only)
DIGITAL INPUTS (DIN, SCLK, CS, CLR)
SINAD
SWITCHING CHARACTERISTICS (Note 5) CS Setup Time SCLK Fall to CS Fall Hold Time SCLK Fall to CS Rise Hold Time SCLK High Width SCLK Low Width DIN Setup Time DIN Hold Time DOUT Valid Propagation Delay CS High Pulse Width CLR Pulse Width CS Rise to SCLK Rise Setup Time tCSS tCSH0 tCSH1 tCH tCL tDS tDH tDO tCSW tCLR tCS1 ns ns ns ns ns ns ns ns ns ns ns
_______________________________________________________________________________________
3
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
ELECTRICAL CHARACTERISTICS--Dual 5V Supplies (MAX504 Only)
(VDD = 5V, VSS = -5V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT, CREFOUT = 33F, RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER Resolution Relative Accuracy Differential Nonlinearity Bipolar Offset Error Bipolar Offset Tempco Offset-Error Power-Supply Rejection Ratio Gain Error (Unipolar or Bipolar) Gain-Error Tempco Gain-Error Power-Supply Rejection Ratio REFERENCE INPUT (REFIN) Voltage Range Input Resistance Input Capacitance AC Feedthrough Code dependent, minimum at code 0101... Code dependent (Note 3) REFIN = 1kHz, 2.0Vp-p TA = +25C Reference Output Voltage Temperature Coefficient Resistance Power-Supply Rejection Ratio Noise Voltage Required External Capacitor Input High Input Low Input Current Input Capacitance DIGITAL OUTPUT (DOUT) Output High Output Low VOH VOL ISOURCE = 2mA ISINK = 2mA VDD - 1 0.4 V V DIGITAL INPUTS (DIN, SCLK, CS) VIH VIL IIN CIN VIN = 0V or VDD 8 2.4 0.8 1 V V A pF TCREFOUT RREFOUT PSRR en CREFOUT (Note 4) 4.5V VDD 5.5V 0.1Hz to 10kHz 3.3 MAX504C MAX504E 2.024 2.015 2.011 30 0.5 200 400 2 VSS + 2 40 10 -80 2.048 2.072 2.081 2.085 ppm/C V/V Vp-p F V 50 VDD - 2 V k pF dB PSRR 4.5V VDD 5.5V, -5.5V VSS -4.5V SYMBOL N INL DNL VOS TCVOS PSRR GE 1 0.1 Guaranteed monotonic BIPOFF = REFIN BIPOFF = REFIN 4.5V VDD 5.5V, -5.5V VSS -4.5V 3 0.1 1 CONDITIONS MIN 10 0.5 1 3 TYP MAX UNITS Bits LSB LSB LSB ppm/C LSB/V LSB ppm/C LSB/V
REFERENCE OUTPUT (REFOUT--MAX504 Only)
4
_______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
ELECTRICAL CHARACTERISTICS--Dual 5V Supplies (MAX504 Only) (continued)
(VDD = 5V, VSS = -5V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT, CREFOUT = 33F, RL = 10k, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER VOLTAGE OUTPUT (VOUT) Output Voltage Range Output Load Regulation Short-Circuit Current DYNAMIC PERFORMANCE Voltage-Output Slew Rate Voltage-Output Settling Time Digital Feedthrough Signal-to-Noise Plus Distortion POWER SUPPLY Positive Supply Voltage Negative Supply Voltage Positive Supply Current Negative Supply Current SWITCHING CHARACTERISTICS CS Setup Time SCLK Fall to CS Fall Hold Time SCLK Fall to CS Rise Hold Time SCLK High Width SCLK Low Width DIN Setup Time DIN Hold Time DOUT Valid Propagation Delay CS High Pulse Width CLR Pulse Width CS Rise to SCLK Rise Setup Time Note 2: Note 3: Note 4: Note 5: tCSS tCSH0 tCSH1 tCH tCL tDS tDH tDO tCSW tCLR tCS1 CL = 50pF 20 25 50 20 15 0 35 35 45 0 80 ns ns ns ns ns ns ns ns ns ns ns VDD VSS IDD ISS All inputs = 0V or VDD, no load All inputs = 0V or VDD, no load 4.5 -5.5 260 -120 5.5 0 400 -200 V V A A SINAD SR To 1/2LSB, VOUT = 2V Step all 0s to all 1s REFIN = 1kHz, 2Vp-p (G = 1) REFIN = 1kHz, 2Vp-p (G = 2) 0.15 0.25 16 5 68 68 V/s s nV-s dB ISC (G = 1) (G = 2) VOUT = 2V, RL = 2k 12 VSS + 2 VSS + 0.4 VDD - 2 VDD - 0.4 0.5 V LSB mA SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX504/MAX515
In single-supply operation, INL and GE calculated from Code 3 to Code 1023. Guaranteed by design. Tested at IOUT = 100A. The reference can typically source up to 5mA (see Typical Operating Characteristics). The timing characteristics limits for the MAX515 are guaranteed by design.
_______________________________________________________________________________________
5
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
__________________________________________Typical Operating Characteristics
(VDD = +5V, VREFIN = 2.048V, TA = +25C, unless otherwise noted.)
OUTPUT SINK CAPABILITY vs. OUTPUT PULL-DOWN VOLTAGE
MAX504-1
OUTPUT SOURCE CAPABILITY vs. OUTPUT PULL-UP VOLTAGE
MAX504-2
ANALOG FEEDTHROUGH vs. FREQUENCY
-100 ANALOG FEEDTHROUGH (dB) -90 -80 -70 -60 -50 -40 -30 -20 -10 0 CODE = all 0s
MAX504-3
16 OUTPUT SINK CAPABILITY (mA) 14 12 10 8 6 4 2 0 0 0.2 0.4 0.6 0.8
0 OUTPUT SOURCE CAPABILITY (mA) 1 2 3 4 5 6 7 8
-110
1.0
VDD-5
VDD-4
VDD-3
VDD-2
VDD-1
VDD-0
1
10
100
1k
10k
100k
1M
OUTPUT PULL-DOWN VOLTAGE (V)
OUTPUT PULL-UP VOLTAGE (V)
FREQUENCY (Hz)
MAX504 REFERENCE VOLTAGE vs. TEMPERATURE
MAX504-4
SUPPLY CURRENT vs. TEMPERATURE
MAX504-5
MAX504 GAIN vs. FREQUENCY
2 0 -2 GAIN (dB) -4 -6 -8 -10 REFIN = 4Vp-p
MAX504-6
2.055
300 280 SUPPLY CURRENT (A) 260 240 220 200 180 160 140 MAX515 MAX504
4
REFERENCE VOLTAGE (V)
2.050
-12 -14 1 100 1k FREQUENCY (Hz) 10k 100k
2.045 -60 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
120 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (C)
MAX504 AMPLIFIER SIGNAL-TO-NOISE RATIO
MAX504-7
MAX504 GAIN AND PHASE vs.FREQUENCY
MAX504-8
MAX504 REFERENCE OUTPUT VOLTAGE vs. REFERENCE LOAD CURRENT
REFERENCE OUTPUT VOLTAGE (V)
MAX504-9
80 REFIN = 4Vp-p SIGNAL-TO-NOISE RATIO (dB) 70 60
20
RFB CONNECTED TO AGND (G=2) RFB CONNECTED TO VOUT (G=1) GAIN
180
2.0520 2.0515 2.0510 2.0505 2.0500 2.0495 2.0490 0
10
GAIN (dB)
50 40 30 20 10 0 10 100 1k FREQUENCY (Hz) 10k 100k
0 PHASE -10 0
-20
-30 1 10 100 800 FREQUENCY (kHz)
-180
PHASE (degrees)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 REFERENCE LOAD CURRENT (mA)
6
_______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
____________________________Typical Operating Characteristics (continued)
(VDD = +5V, VREFIN = 2.048V, TA = +25C, unless otherwise noted.)
MAX504/MAX515
DIGITAL FEEDTHROUGH
A
B
2s/div CS = HIGH A: DIN = 4Vp-p, 100kHz B: VOUT, 10mV/div
NEGATIVE SETTLING TIME (MAX504)
POSITIVE SETTLING TIME (MAX504)
A
A
B
B 5s/div A: CS RISING EDGE, 5V/div B: VOUT, NO LOAD, 1V/div DUAL SUPPLY 5V BIPOLAR CONFIGURATION VREFIN = 2V 5s/div A: CS RISING EDGE, 5V/div B: VOUT, NO LOAD, 1V/div DUAL SUPPLY 5V BIPOLAR CONFIGURATION VREFIN = 2V
_______________________________________________________________________________________
7
5V, Low-Power, Voltage-Output Serial 10-Bit DACs MAX504/MAX515
____________________Pin Description
PIN NAME MAX504 MAX515 -- 1 -- 2 3 4 -- 5 6 -- -- 7 8 -- BIPOFF DIN CLR SCLK CS DOUT DGND AGND REFIN REFOUT VSS VOUT VDD RFB Bipolar offset/gain resistor Serial data input Clear. Asynchronously sets DAC register to all 0s. Serial clock input Chip select, active low Serial data output for daisy-chaining Digital ground Analog ground Reference input Reference output, 2.048V. Connect to VDD if not used. Negative power supply DAC output Positive power supply Feedback resistor FUNCTION
_______________Detailed Description
General DAC Discussion
The MAX504/MAX515 use an "inverted" R-2R ladder network with a single-supply CMOS op amp to convert 10-bit digital data to analog voltage levels (see Functional Diagram). The term "inverted" describes the ladder network because the REFIN pin in current-output DACs is the summing junction, or virtual ground, of an op amp. However, such use would result in the output voltage being the inverse of the reference voltage. The MAX504/MAX515's topology makes the output the same polarity as the reference input. An internal reset circuit forces the DAC register to reset to all 0s on power-up. Additionally, a clear (CLR) pin, when held low, sets the DAC register to all 0s. CLR operates asynchronously and independently from the chip select (CS) pin.
1
2 3 4 5 6 7 8 9 10 11 12 13 14
Buffer Amplifier
The output buffer is a unity-gain stable, rail-to-rail output, BiCMOS op amp. Input offset voltage and CMRR are trimmed to achieve better than 10-bit performance. Settling time is 25s to 0.01% of final value. The output is short-circuit protected and can drive a 2k load with more than 100pF load capacitance.
CS tCSH0 tCSS SCLK tDH tDS DIN tDO DOUT tCS1 tCH tCL tCSH1 tCSW
Figure 1. Timing Diagram
8
_______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
REFOUT CREFOUT
TEK 7A22
RS CS TOTAL REFERENCE NOISE 1.8
SINGLE POLE ROLLOFF REFERENCE NOISE (VRMS) 250 CREFOUT = 3.3F 200 150 100 50 0 0.1 1 10 100 FREQUENCY (kHz) CREFOUT = 47F
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 1000
MAX504-FIG02
300
code 0000.... REFIN's input capacitance is also code dependent and has a 50pF maximum value at several codes. If an upgrade to the internal reference is required, the 2.5V MAX873A is suitable: 15mV initial accuracy, TCVOUT = 7ppm/C (max).
MAX504/MAX515
Logic Interface
REFERENCE NOISE (mVp-p)
The MAX504/MAX515 logic inputs are designed to be compatible with TTL or CMOS logic levels. However, to achieve the lowest power dissipation, drive the digital inputs with rail-to-rail CMOS logic. With TTL logic levels, the power requirement increases by a factor of approximately 2.
Figure 2. Reference Noise vs. Frequency
Internal Reference (MAX504 only)
The on-chip reference is laser trimmed to generate 2.048V at REFOUT. The output stage can source and sink current so REFOUT can settle to the correct voltage quickly in response to code-dependent loading changes. Typically, source current is 5mA and sink current is 100A. REFOUT connects the internal reference to the R-2R DAC ladder at REFIN. The R-2R ladder draws 50A maximum load current. If any other connection is made to REFOUT, ensure that the total load current is less than 100A to avoid gain errors. For applications requiring very low-noise performance, connect a 33F capacitor from REFOUT to AGND. If noise is not a concern, a lower value (3.3F min) capacitor may be used. To reduce noise further, insert a buffered RC filter between REFOUT and REFIN (Figure 2). The reference bypass capacitor CREFOUT is still required for reference stability. In applications not requiring the reference, connect REFOUT to VDD (to save power and to eliminate the need for CREFOUT) or use the MAX515 (no internal reference).
Serial Clock and Update Rate Figure 1 shows the MAX504/MAX515 timing. The maximum serial clock rate is given by 1/(tCH+tCL), approximately 14MHz. The digital update rate is limited by the chip-select period, which is 16 x (tCH + tCL) + tCSW. This equals a 1.14s, or 877kHz, update rate. However, the DAC settling time to 10 bits is 25s, which may limit the update rate to 40kHz for full-scale step transitions.
____________Applications Information
Refer to Figures 3a and 3b for typical operating connections.
Serial Interface
The MAX504/MAX515 use a three-wire serial interface that is compatible with SPITM, QSPITM (CPOL = CPHA = 0), and MicrowireTM standards as shown in Figures 4 and 5. The DAC is programmed by writing two 8-bit words (see Figure 1 and the Functional Diagram). 16 bits of serial data are clocked into the DAC in the following order: 4 fill (dummy) bits, 10 data bits, and 2 sub-LSB 0s. The 4 dummy bits are not normally needed, and are required only when DACs are daisy chained. The 2 sub-LSB 0s, however, are always needed, and allow hardware and software compatibility with the 12-bit MAX531/MAX538/MAX539. Transitions at CS should occur while SCLK is low. Data is clocked in on SCLK's rising edge while CS is low. The serial input data is held in a 16-bit serial shift register. On CS's rising edge, the 10 data-bits are transferred to the DAC register and update the DAC. With CS high, data cannot be clocked into the MAX504/MAX514. The MAX504/MAX515 inputs data in 16-bit blocks. The SPI and Microwire interfaces output data in 8-bit blocks, thereby requiring two write cycles to input data to the DAC. The QSPI interface allows variable data input from 8 to 16 bits, and can be loaded into the DAC in one write cycle.
External Reference
An external reference in the range (VSS + 2V) to (VDD - 2V) may be used with the MAX504 in dual-supply operation. With the MAX515 or the MAX504 in single-supply use, the reference must be positive and may not exceed VDD - 2V. The reference voltage determines the DAC's full-scale output. The DAC input resistance is code dependent and is minimum (40k) at code 0101... and virtually infinite at
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
_______________________________________________________________________________________ 9
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
DIN DIN REFIN INVERTED R-2R DAC REFOUT 2.048V 33F AGND DGND 2R DOUT SCLK CS CLR VOUT REFIN INVERTED R-2R DAC 2R RFB VOUT SCLK CS DOUT
MAX504
VDD VSS 0.1F 0.1F
2R
BIPOFF CONNECT BIPOFF TO VOUT FOR G=1, TO AGND FOR G=2, OR TO REFIN FOR +5V BIPOLAR GAIN 0V to -5V
MAX515
AGND 0.1F VDD
2R MAX515 ONLY
+5V
Figure 3a. MAX504 Typical Operating Circuit
Figure 3b. MAX515 Typical Operating Circuit
Daisy-Chaining Devices
The serial output, DOUT, allows cascading of two or more DACs. The data at DIN appears at DOUT, delayed by 16 clock cycles plus one clock width. For low power, DOUT is a CMOS output that does not require an external pull-up resistor. DOUT does not go into a high-impedance state when CS is high. DOUT changes on SCLK's falling edge when CS is low. When CS is high, DOUT remains in the state of the last data bit. Any number of MAX504/MAX515 DACs can be daisychained by connecting the DOUT of one device to the DIN of the next device in the chain. For proper timing, ensure that tCL (SCLK low) is greater than tDO + tDS.
Bipolar Configuration
A bipolar range is set up by connecting BIPOFF to REFIN and RFB to VOUT, and operating from dual (5V) supplies (Figure 8). Table 3 shows the DAC-latch contents (input) vs. VOUT (output). In this range, 1LSB = VREFIN (2 -9).
Four-Quadrant Multiplication
The MAX504 can be used as a four-quadrant multiplier by connecting BIPOFF to REFIN and RFB to VOUT, and using (1) an offset binary digital code, (2) bipolar power supplies, and (3) a bipolar analog input at REFIN within the range VSS + 2V to VDD - 2V, as shown in Figure 9. In general, a 10-bit DAC's output is (D)(VREFIN)(G), where "G" is the gain (1 or 2) and "D" is the binary representation of the digital input divided by 210 or 1,024. This formula is precise for unipolar operation. However, for bipolar, offset binary operation, the MSB is really a polarity bit. No resolution is lost because the number of steps is the same. The output voltage, however, has been shifted from a range of, for example, 0V to 4.096V (G = 2) to a range of -2.048V to +2.048V. Keep in mind that when using the DAC as a four-quadrant multiplier, the scale is skewed. Negative full scale is -VREFIN, while positive full scale is +VREFIN - 1LSB.
Unipolar Configuration
The MAX504 is configured for a gain of 1 (0V to VREFIN unipolar output) by connecting BIPOFF and RFB to VOUT (Figure 6). The converter operates from either single or dual supplies in this configuration. See Table 1 for the DAC-latch contents (input) vs. the analog VOUT (output). In this range, 1LSB = VREFIN (2 -10), where VREF is the voltage on REFIN. A gain of 2 (0V to 2VREFIN unipolar output) is set up by connecting BIPOFF to AGND and RFB to VOUT (Figure 7). Table 2 shows the DAC-latch contents vs. VOUT. The MAX504 operates from either single or dual supplies in this mode. In this range, 1LSB = (2)(VREFIN)(2 -10) = (VREFIN)(2 -9). The MAX515 is internally configured for unipolar gain of 2 operation.
10
______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
SCLK SK SO I/O SI SCLK SCK MOSI I/O MISO CPOL = 0, CPHA = 0 THE DOUT-SI CONNECTION IS NOT REQUIRED FOR WRITING TO THE MAX504/MAX515, BUT MAY BE USED FOR VERIFYING DATA TRANSFER . THE DOUT-MISO CONNECTION IS NOT REQUIRED FOR WRITING TO THE MAX504/MAX515, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
MAX504 MAX515
DIN CS DOUT
MICROWIRE PORT
MAX504 MAX515
DIN CS DOUT
SPI PORT
Figure 4. Microwire Connection
+5V VDD BIPOFF
Figure 5. SPI/QSPI Connection
+5V VDD
REFIN REFOUT 33F AGND DGND
REFIN REFOUT 33F
MAX504
RFB
BIPOFF AGND
MAX504
RFB VOUT
VOUT
VOUT
DGND
VOUT
VSS 0V TO -5V
G=1
VSS 0V TO -5V
G=2
Figure 6. Unipolar Configuration (0V to +2.048V Output)
Figure 7. Unipolar Configuration (0V to +4.096V Output)
Table 1. Unipolar Binary Code Table (0V to VREFIN Output), Gain = 1
INPUT* 1111 1000 1000 0111 0000 0000 1111 0000 0000 1111 0000 0000 11(00) 01(00) 00(00) 11(00) 01(00) 00(00) OUTPUT (VREFIN) (VREFIN) (VREFIN) 1023 1024 513 1024
Table 2. Unipolar Binary Code Table (0V to 2VREFIN Output), Gain = 2
INPUT* 1111 1000 1000 0111 0000 0000 1111 0000 0000 1111 0000 0000 11(00) 01(00) 00(00) 11(00) 01(00) 00(00) OUTPUT +2 (VREFIN) +2 (VREFIN) +2 (VREFIN) +2 (VREFIN) +2 (VREFIN) 1023 1024 513 1024 512 = +VREFIN 1024 511 1024 1 1024
512 = +VREFIN/2 1024 511 1024 1 1024
(VREFIN) (VREFIN)
OV
OV
* Write 10-bit data words with two sub-LSB 0s because the DAC input latch is 12 bits wide.
* Write 10-bit data words with two sub-LSB 0s because the DAC input latch is 12 bits wide. 11
______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
+5V
Table 3. Bipolar (Offset Binary) Code Table (-VREFIN to +VREFIN Output)
INPUT*
BIPOFF
REFIN REFOUT 33F
OUTPUT 11(00) 01(00) 00(00) 11(00) 01(00) 00(00) (+VREFIN) (+VREFIN) 511 512 1 512
1111
1111 0000 0000 1111 0000 0000
MAX504
RFB AGND DGND VOUT VOUT
1000 1000 0111 0000
0V (-VREFIN) (-VREFIN) (-VREFIN) 1 512 511 512 512 = -VREFIN 512
-5V
0000
Figure 8. Bipolar Configuration (-2.048V to +2.048V Output)
* Write 10-bit data words with two sub-LSB 0s because the DAC input latch is 12 bits wide.
Single-Supply Linearity
As with any amplifier, the MAX504/MAX515's output buffer offset can be positive or negative. When the offset is positive, it is easily accounted for (Figure 10). However, when the offset is negative, the buffer output cannot follow linearly when there is no negative supply. In that case, the amplifier output (VOUT) remains at ground until the DAC voltage is sufficient to overcome the offset and the output becomes positive. Normally, linearity is measured after accounting for zero error and gain error. Since, in single-supply operation, the actual value of a negative offset is unknown, it cannot be accounted for during test. Additionally, the output buffer amplifier exhibits a nonlinearity near-zero output when operating with a single supply. To account for this nonlinearity in the MAX504/MAX515, linearity and gain error are measured from code 3 to code 1023. The output buffer's offset and nonlinearity do not affect monotonicity, and these DACs are guaranteed monotonic starting with code zero. In dual-supply operation, linearity and gain error are measured from code 0 to 1023.
DGND and AGND should be connected together at the chip. For the MAX504 in single-supply applications, connect VSS to AGND at the chip. The best ground connection may be achieved by connecting the DAC's DGND and AGND pins together and connecting that point to the system analog ground plane. If the DAC's DGND is connected to the system digital ground, digital noise may get through to the DAC's analog portion. Bypass V DD (and V SS in dual-supply mode) with a 0.1F ceramic capacitor connected between VDD and AGND (and between VSS and AGND). Mount it with short leads close to the device. Ferrite beads may also be used to further isolate the analog and digital power supplies. Figures 11a and 11b illustrate the grounding and bypassing scheme described.
Saving Power
When the DAC is not being used by the system, minimize power consumption by setting the appropriate code to minimize load current. For example, in bipolar mode, with a resistive load to ground, set the DAC code to mid-scale (see Table 3). If there is no output load, minimize internal loading on the reference by setting the DAC to all 0s (on the MAX504, use CLR). Under this condition, REFIN is high impedance and the op amp operates at its minimum quiescent current. Due to these low currents, the output settling time for a zero input code typically increases to 60s (100s max).
Power-Supply Bypassing and Ground Management
Best system performance is obtained with printed circuit boards that use separate analog and digital ground planes. Wire-wrap boards are not recommended. The two ground planes should be connected together at the low-impedance power-supply source.
12
______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
CS CLR DIN DOUT REFOUT VDD VSS 5 POSITIVE OFFSET SIGNAL IN REFIN OUTPUT (LSBs) INVERTED R-2R DAC 2R VOUT 4 3 2 NEGATIVE OFFSET 1 0 1 2 3 4 5
2.048V
RFB BIPOFF
MAX504
2R
Figure 9. MAX504 Connected as Four-Quadrant Multiplier. The unused REFOUT is connected to VDD.
DAC CODE (LSBs)
Figure 10. Single-Supply Offset
AC Considerations
Digital Feedthrough High-speed serial data at any of the digital input or output pins may couple through the DAC package and cause internal stray capacitance to appear at the DAC output as noise, even though CS is held high (see Typical Operating Characteristics). This digital feedthrough is tested by holding CS high transmitting 0101... from DIN to DOUT. Analog Feedthrough Because of internal stray capacitance, higher frequency analog input signals may couple to the output as shown in the Analog Feedthrough vs. Frequency graph in the Typical Operating Characteristics. It is tested by holding CS high, setting the DAC code to all 0s, and sweeping REFIN.
ANALOG GROUND PLANE 0.1F 1 2 3 4 5 6 7 14 13 12 11 10 9 8 (a) MAX504 BYPASSING 0.1F
1 2 3 4
8 7 6 5 0.1F
(b) MAX515 BYPASSING
Figure 11. Power-Supply Bypassing
______________________________________________________________________________________
13
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
____Pin Configurations (continued)
TOP VIEW
BIPOFF DIN 1 2 14 RFB 13 VDD
___________________Chip Information
TRANSISTOR COUNT: 922
CLR 3 SCLK 4 CS DOUT 5 6
MAX504
12 VOUT 11 VSS
10 REFOUT 9 8 REFIN AGND
DGND 7
DIP/SO
14
______________________________________________________________________________________
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
________________________________________________________Package Information
SOICN.EPS
MAX504/MAX515
______________________________________________________________________________________
15
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs MAX504/MAX515
___________________________________________Package Information (continued)
PDIPN.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1997 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X