Part Number Hot Search : 
BAT54XN3 51216 AP432AV CFRM107 C1602 BLU11SL DR300 CXP87300
Product Description
Full Text Search
 

To Download MAX148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0464; Rev 2; 5/98
KIT ATION EVALU ABLE AVAIL
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
General Description ____________________________Features
o 8-Channel Single-Ended or 4-Channel Differential Inputs o Single-Supply Operation: +2.7V to +5.25V o Internal 2.5V Reference (MAX149) o Low Power: 1.2mA (133ksps, 3V supply) 54A (1ksps, 3V supply) 1A (power-down mode) o SPI/QSPI/MICROWIRE/TMS320-Compatible 4-Wire Serial Interface o Software-Configurable Unipolar or Bipolar Inputs o 20-Pin DIP/SSOP Packages
MAX148/MAX149
The MAX148/MAX149 10-bit data-acquisition systems combine an 8-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and low power consumption. They operate from a single +2.7V to +5.25V supply, and sample to 133ksps. Both devices' analog inputs are software configurable for unipolar/bipolar and single-ended/differential operation. The 4-wire serial interface connects directly to SPITM/ QSPITM and MICROWIRETM devices without external logic. A serial-strobe output allows direct connection to TMS320-family digital signal processors. The MAX148/ MAX149 use either the internal clock or an external serialinterface clock to perform successive-approximation analog-to-digital conversions. The MAX149 has an internal 2.5V reference, while the MAX148 requires an external reference. Both parts have a reference-buffer amplifier with a 1.5% voltageadjustment range. These devices provide a hard-wired SHDN pin and a software-selectable power-down, and can be programmed to automatically shut down at the end of a conversion. Accessing the serial interface automatically powers up the MAX148/MAX149, and the quick turn-on time allows them to be shut down between all conversions. This technique can cut supply current to under 60A at reduced sampling rates. The MAX148/MAX149 are available in a 20-pin DIP and a 20-pin SSOP. For 4-channel versions of these devices, see the MAX1248/MAX1249 data sheet.
Ordering Information
PART MAX148ACPP TEMP. RANGE 0C to +70C PIN-PACKAGE 20 Plastic DIP INL (LSB) 1/2
1 MAX148BCPP 0C to +70C 20 Plastic DIP 1/2 MAX148ACAP 0C to +70C 20 SSOP MAX148BCAP 0C to +70C 20 SSOP 1 Ordering Information continued at end of data sheet. Contact factory for availability of alternate surface-mount packages.
__________Typical Operating Circuit
+3V CH0 0V TO +2.5V ANALOG INPUTS VDD DGND VDD 0.1F
________________________Applications
Portable Data Logging Medical Instruments Pen Digitizers Data Acquisition Battery-Powered Instruments Process Control
MAX149 AGND
CH7 VREF COM CS SCLK DIN REFADJ DOUT SSTRB SHDN VSS I/O SCK (SK) MOSI (SO) MISO (SI)
CPU
4.7F
0.01F
Pin Configuration appears at end of data sheet. SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 408-737-7600 ext. 3468.
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
ABSOLUTE MAXIMUM RATINGS
VDD to AGND, DGND................................................. -0.3V to 6V AGND to DGND ...................................................... -0.3V to 0.3V CH0-CH7, COM to AGND, DGND ............ -0.3V to (VDD + 0.3V) VREF, REFADJ to AGND ........................... -0.3V to (VDD + 0.3V) Digital Inputs to DGND .............................................. -0.3V to 6V Digital Outputs to DGND ........................... -0.3V to (VDD + 0.3V) Digital Output Sink Current .................................................25mA Continuous Power Dissipation (TA = +70C) Plastic DIP (derate 11.11mW/C above +70C) ......... 889mW SSOP (derate 8.00mW/C above +70C) ................... 640mW CERDIP (derate 11.11mW/C above +70C) .............. 889mW Operating Temperature Ranges MAX148_C_P/MAX149_C_P .............................. 0C to +70C MAX148_E_P/MAX149_E_P............................ -40C to +85C MAX148_MJP/MAX149_MJP ........................ -55C to +125C Storage Temperature Range ............................ -60C to +150C Lead Temperature (soldering, 10sec) ............................ +300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX149--4.7F capacitor at VREF pin; MAX148--external reference, VREF = 2.500 V applied to VREF pin; TA = TMIN to TMAX; unless otherwise noted.) PARAMETER DC ACCURACY (Note 1) Resolution Relative Accuracy (Note 2) Differential Nonlinearity Offset Error Gain Error (Note 3) Gain Temperature Coefficient Channel-to-Channel Offset Matching Signal-to-Noise + Distortion Ratio Total Harmonic Distortion Spurious-Free Dynamic Range Channel-to-Channel Crosstalk Small-Signal Bandwidth Full-Power Bandwidth CONVERSION RATE Internal clock, SHDN = FLOAT Conversion Time (Note 5) Track/Hold Acquisition Time Aperture Delay Aperture Jitter tCONV tACQ 30 <50 Internal clock, SHDN = VDD External clock = 2MHz, 12 clocks/conversion 5.5 35 6 1.5 s ns ps 7.5 65 s SINAD THD SFDR 65kHz, 2.500Vp-p (Note 4) -3dB rolloff Up to the 5th harmonic INL DNL MAX14_A MAX14_B No missing codes over temperature MAX14_A MAX14_B MAX14_A MAX14_B 0.15 0.15 10 0.5 1.0 1 1 2 1 2 Bits LSB LSB LSB LSB ppm/C LSB SYMBOL CONDITIONS MIN TYP MAX UNITS
0.25 0.05
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 0V to 2.500Vp-p, 133ksps, 2.0MHz external clock, bipolar input mode) 66 -70 70 -75 2.25 1.0 dB dB dB dB MHz MHz
2
_______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
ELECTRICAL CHARACTERISTICS (continued)
VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX149--4.7F capacitor at VREF pin; MAX148--external reference, VREF = 2.500 V applied to VREF pin; TA = TMIN to TMAX; unless otherwise noted.) PARAMETER CONVERSION RATE (continued) Internal Clock Frequency External Clock Frequency ANALOG/COM INPUTS Input Voltage Range, SingleEnded and Differential (Note 6) Multiplexer Leakage Current Input Capacitance INTERNAL REFERENCE (MAX149 only, reference buffer enabled) VREF Output Voltage VREF Short-Circuit Current VREF Temperature Coefficient Load Regulation (Note 8) Capacitive Bypass at VREF Capacitive Bypass at REFADJ REFADJ Adjustment Range EXTERNAL REFERENCE AT VREF (Buffer disabled) VREF Input Voltage Range (Note 9) VREF Input Current VREF Input Resistance Shutdown VREF Input Current REFADJ Buffer-Disable Threshold EXTERNAL REFERENCE AT REFADJ Capacitive Bypass at VREF Reference Buffer Gain REFADJ Input Current Internal compensation mode External compensation mode MAX149 MAX148 MAX149 MAX148 0 4.7 2.06 2.00 50 10 F V/V A VDD 0.5 VREF = 2.500V 18 1.0 100 25 0.01 10 VDD + 50mV 150 V A k A V MAX149 0mA to 0.2mA output load Internal compensation mode External compensation mode 0 4.7 0.01 1.5 30 0.35 TA = +25C (Note 7) 2.470 2.500 2.530 30 V mA ppm/C mV F F % Unipolar, COM = 0V Bipolar, COM = VREF / 2 On/off leakage current, VCH_ = 0V or VDD 0.01 16 0 to VREF VREF / 2 1 V A pF SHDN = FLOAT SHDN = VDD 0.1 Data transfer only 0 1.8 0.225 2.0 2.0 MHz MHz SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX148/MAX149
_______________________________________________________________________________________
3
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
ELECTRICAL CHARACTERISTICS (continued)
VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX149--4.7F capacitor at VREF pin; MAX148--external reference, VREF = 2.500 V applied to VREF pin; TA = TMIN to TMAX; unless otherwise noted.) PARAMETER SYMBOL VDD 3.6V VDD > 3.6V CONDITIONS MIN 2.0 3.0 0.8 0.2 VIN = 0V or VDD (Note 10) VDD - 0.4 1.1 SHDN = 0V or VDD SHDN = FLOAT SHDN = FLOAT VDD / 2 100 VDD - 1.1 0.4 4.0 0.01 1 15 TYP MAX UNITS
DIGITAL INPUTS (DIN, SCLK, CS, SHDN) DIN, SCLK, CS Input High Voltage DIN, SCLK, CS Input Low Voltage DIN, SCLK, CS Input Hysteresis DIN, SCLK, CS Input Leakage DIN, SCLK, CS Input Capacitance SHDN Input High Voltage SHDN Input Mid Voltage SHDN Input Low Voltage SHDN Input Current SHDN Voltage, Floating SHDN Maximum Allowed Leakage, Mid Input DIGITAL OUTPUTS (DOUT, SSTRB) Output Voltage Low Output Voltage High Three-State Leakage Current Three-State Output Capacitance POWER REQUIREMENTS Positive Supply Voltage VDD Operating mode, full-scale input (Note 11) Positive Supply Current IDD IDD IDD Supply Rejection (Note 12) PSR Full power-down Fast power-down (MAX149) Full-scale input, external reference = 2.500V, VDD = 2.7V to 5.25V VDD = 5.25V VDD = 3.6V VDD = 5.25V VDD = 3.6V 2.70 1.6 1.2 3.5 1.2 30 0.3 5.25 3.0 2.0 15 10 70 mV A V mA VOL VOH IL COUT ISINK = 5mA ISINK = 16mA ISOURCE = 0.5mA CS = VDD CS = VDD (Note 10) VDD - 0.5 0.01 10 15 0.4 0.8 V V A pF VIH VIL VHYST IIN CIN VSH VSM VSL IS VFLT V V V A pF V V V A V nA
4
_______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER Acquisition Time DIN to SCLK Setup DIN to SCLK Hold SCLK Fall to Output Data Valid CS Fall to Output Enable CS Rise to Output Disable CS to SCLK Rise Setup CS to SCLK Rise Hold SCLK Pulse Width High SCLK Pulse Width Low SCLK Fall to SSTRB CS Fall to SSTRB Output Enable CS Rise to SSTRB Output Disable SSTRB Rise to SCLK Rise SYMBOL tACQ tDS tDH tDO tDV tTR tCSS tCSH tCH tCL tSSTRB tSDV tSTR tSCK Figure 1 External clock mode only, Figure 1 External clock mode only, Figure 2 Internal clock mode only (Note 7) 0 Figure 1 Figure 1 Figure 2 100 0 200 200 240 240 240 MAX14_ _C/E MAX14_ Figure 1 _M CONDITIONS MIN 1.5 100 0 20 20 200 240 240 240 TYP MAX UNITS s ns ns ns ns ns ns ns ns ns ns ns ns ns
MAX148/MAX149
Note 1: Tested at VDD = 2.7V; COM = 0V; unipolar single-ended input mode. Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has been calibrated. Note 3: MAX149--internal reference, offset nulled; MAX148--external reference (VREF = +2.500V), offset nulled. Note 4: Ground "on" channel; sine wave applied to all "off" channels. Note 5: Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle. Note 6: The common-mode range for the analog inputs is from AGND to VDD. Note 7: Sample tested to 0.1% AQL. Note 8: External load should not change during conversion for specified accuracy. Note 9: ADC performance is limited by the converter's noise floor, typically 300Vp-p. Note 10: Guaranteed by design. Not subject to production testing. Note 11: The MAX148 typically draws 400A less than the values shown. Note 12: Measured as |VFS(2.7V) - VFS(5.25V)|.
__________________________________________Typical Operating Characteristics
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25C, unless otherwise noted.)
INTEGRAL NONLINEARITY vs. CODE
MAX148/9-01
INTEGRAL NONLINEARITY vs. SUPPLY VOLTAGE
MAX148/9-02
INTEGRAL NONLINEARITY vs. TEMPERATURE
VDD = 2.7V 0.100
MAX148/9-03
0.125
0.125
0.10
0.100 0.05 INL (LSB) INL (LSB) 0.075 MAX149 INL (LSB)
0.075
MAX149
0
0.050 MAX148 0.025
0.050 MAX148 0.025
-0.05
-0.10 0 256 512 CODE 768 1024 0 2.25 0 2.75 4.25 3.25 3.75 SUPPLY VOLTAGE (V) 4.75 5.25 -60 -20 20 60 100 140 TEMPERATURE (C)
_______________________________________________________________________________________
5
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
____________________________Typical Operating Characteristics (continued)
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25C, unless otherwise noted.)
MAX149 INTERNAL REFERENCE VOLTAGE vs. SUPPLY VOLTAGE
MAX148/9-05
SUPPLY CURRENT vs. SUPPLY VOLTAGE
RL = CODE = 1010101000
MAX148/9-04
SHUTDOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE
3.0 FULL POWER-DOWN SHUTDOWN SUPPLY CURRENT (A) 2.5 2.0 1.5 1.0 0.5 0 2.25 2.5020 INTERNAL REFERENCE VOLTAGE (V) 2.5015 2.5010 2.5005 2.5000 2.4995 2.4990 2.25
1.75 SUPPLY CURRENT (mA) 1.50 1.25 1.00 0.75
CLOAD = 50pF
MAX149
CLOAD = 20pF MAX148
0.50 2.25
2.75
3.25
3.75
4.25
4.75
5.25
2.75
3.25
3.75
4.25
4.75
5.25
2.75
3.25
3.75
4.25
4.75
5.25
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs. TEMPERATURE
MAX148/9-07
SHUTDOWN CURRENT vs. TEMPERATURE
MAX148/9-08
1.3 MAX149
2.0
SHUTDOWN CURRENT (A)
1.2 SUPPLY CURRENT (mA)
1.6
1.1
1.2
1.0 MAX148 0.9 RLOAD = CODE = 1010101000 -60 -20 20 60 100 140
0.8
0.4
0.8
0 -60 -20 20 60 100 140 TEMPERATURE (C)
TEMPERATURE (C)
MAX149 INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE
VDD = 5.25V INTERNAL REFERENCE VOLTAGE (V) 2.500 2.499 VDD = 2.7V 2.498 2.497 2.496 2.495 2.494 -60 -20 20 60 100 140 TEMPERATURE (C) VDD = 3.6V
MAX148/9-09
2.501
6
_______________________________________________________________________________________
MAX148/9-06
2.00
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
______________________________________________________________Pin Description
PIN 1-8 9 NAME CH0-CH7 COM Sampling Analog Inputs Ground reference for analog inputs. COM sets zero-code voltage in single-ended mode. Must be stable to 0.5LSB. Three-Level Shutdown Input. Pulling SHDN low shuts the MAX148/MAX149 down; otherwise, they are fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compensation mode. Letting SHDN float puts the reference-buffer amplifier in external compensation mode. Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion. In internal reference mode (MAX149 only), the reference buffer provides a 2.500V nominal output, externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling REFADJ to VDD. Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD. Analog Ground Digital Ground Serial-Data Output. Data is clocked out at SCLK's falling edge. High impedance when CS is high. Serial-Strobe Output. In internal clock mode, SSTRB goes low when the MAX148/MAX149 begin the A/D conversion, and goes high when the conversion is finished. In external clock mode, SSTRB pulses high for one clock period before the MSB decision. High impedance when CS is high (external clock mode). Serial-Data Input. Data is clocked in at SCLK's rising edge. Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is high impedance. Serial-Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets the conversion speed. (Duty cycle must be 40% to 60%.) Positive Supply Voltage FUNCTION
MAX148/MAX149
10
SHDN
11
VREF
12 13 14 15
REFADJ AGND DGND DOUT
16
SSTRB
17 18 19 20
DIN CS SCLK VDD
VDD
VDD 6k DOUT CLOAD 50pF DGND a) VOH to High-Z DOUT CLOAD 50pF DGND b) VOL to High-Z
DOUT CLOAD 50pF DGND a) High-Z to VOH and VOL to VOH
DOUT
6k
6k
CLOAD 50pF DGND b) High-Z to VOL and VOH to VOL
6k
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
_______________________________________________________________________________________
7
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
_______________Detailed Description
The MAX148/MAX149 analog-to-digital converters (ADCs) use a successive-approximation conversion technique and input track/hold (T/H) circuitry to convert an analog signal to a 10-bit digital output. A flexible serial interface provides easy interface to microprocessors (Ps). Figure 3 is a block diagram of the MAX148/ MAX149. acquisition interval, the T/H switch opens, retaining charge on CHOLD as a sample of the signal at IN+. The conversion interval begins with the input multiplexer switching CHOLD from the positive input (IN+) to the negative input (IN-). In single-ended mode, IN- is simply COM. This unbalances node ZERO at the comparator's input. The capacitive DAC adjusts during the remainder of the conversion cycle to restore node ZERO to 0V within the limits of 10-bit resolution. This action is equivalent to transferring a 16pF x [(V IN+) - (VIN-)] charge from CHOLD to the binary-weighted capacitive DAC, which in turn forms a digital representation of the analog input signal.
Pseudo-Differential Input
The sampling architecture of the ADC's analog comparator is illustrated in the equivalent input circuit (Figure 4). In single-ended mode, IN+ is internally switched to CH0-CH7, and IN- is switched to COM. In differential mode, IN+ and IN- are selected from the following pairs: CH0/CH1, CH2/CH3, CH4/CH5, and CH6/CH7. Configure the channels with Tables 2 and 3. In differential mode, IN- and IN+ are internally switched to either of the analog inputs. This configuration is pseudo-differential to the effect that only the signal at IN+ is sampled. The return side (IN-) must remain stable within 0.5LSB (0.1LSB for best results) with respect to AGND during a conversion. To accomplish this, connect a 0.1F capacitor from IN- (the selected analog input) to AGND. During the acquisition interval, the channel selected as the positive input (IN+) charges capacitor CHOLD. The acquisition interval spans three SCLK cycles and ends on the falling SCLK edge after the last bit of the input control word has been entered. At the end of the
Track/Hold
The T/H enters its tracking mode on the falling clock edge after the fifth bit of the 8-bit control word has been shifted in. It enters its hold mode on the falling clock edge after the eighth bit of the control word has been shifted in. If the converter is set up for single-ended inputs, IN- is connected to COM, and the converter samples the "+" input. If the converter is set up for differential inputs, IN- connects to the "-" input, and the difference of |IN+ - IN-| is sampled. At the end of the conversion, the positive input connects back to IN+, and CHOLD charges to the input signal. The time required for the T/H to acquire an input signal is a function of how quickly its input capacitance is charged. If the input signal's source impedance is high, the acquisition time lengthens, and more time must be
CS SCLK DIN SHDN CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM
18 19
CAPACITIVE DAC
17 10 1 2 3 4 5 6 7 8 9 +1.21V REFERENCE (MAX149) 20k ANALOG INPUT MUX T/H CLOCK IN 10+2-BIT SAR ADC OUT REF A 2.06* OUTPUT SHIFT REGISTER INPUT SHIFT REGISTER INT CLOCK CONTROL LOGIC 15 16
VREF INPUT CHOLD MUX - + 16pF CSWITCH TRACK T/H SWITCH RIN 9k HOLD AT THE SAMPLING INSTANT, THE MUX INPUT SWITCHES FROM THE SELECTED IN+ CHANNEL TO THE SELECTED IN- CHANNEL. COMPARATOR ZERO
CH0
DOUT SSTRB
CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM
20 14 13
VDD DGND AGND
REFADJ 12 VREF 11
+2.500V *A 2.00 (MAX148)
MAX148 MAX149
SINGLE-ENDED MODE: IN+ = CH0-CH7, IN- = COM. DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF CH0/CH1, CH2/CH3, CH4/CH5, AND CH6/CH7.
Figure 3. Block Diagram
8
Figure 4. Equivalent Input Circuit
_______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
VDD 0.1F DGND SCLK AGND COM SSTRB CS SCLK +3V +3V VOUT 2.5V 1000pF VREF C1 0.1F DOUT SSTRB SHDN OPTIONAL FOR MAX149, REQUIRED FOR MAX148 * FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FFF (HEX) N.C. REFADJ DIN +3V 2MHz OSCILLATOR CH1 CH2 CH3 CH4 DOUT* +3V
OSCILLOSCOPE
0V TO +2.500V ANALOG INPUT 0.01F
CH7
MAX148 MAX149
MAX872
COMP
Figure 5. Quick-Look Circuit
allowed between conversions. The acquisition time, tACQ, is the maximum time the device takes to acquire the signal, and is also the minimum time needed for the signal to be acquired. It is calculated by the following equation: tACQ = 7 x (RS + RIN) x 16pF where RIN = 9k, RS = the source impedance of the input signal, and tACQ is never less than 1.5s. Note that source impedances below 4k do not significantly affect the ADC's AC performance. Higher source impedances can be used if a 0.01F capacitor is connected to the individual analog inputs. Note that the input capacitor forms an RC filter with the input source impedance, limiting the ADC's signal bandwidth.
Analog Input Protection
Internal protection diodes, which clamp the analog input to VDD and AGND, allow the channel input pins to swing from AGND - 0.3V to V DD + 0.3V without damage. However, for accurate conversions near full scale, the inputs must not exceed VDD by more than 50mV or be lower than AGND by 50mV. If the analog input exceeds 50mV beyond the supplies, do not forward bias the protection diodes of off channels over 2mA.
Quick Look
To quickly evaluate the MAX148/MAX149's analog performance, use the circuit of Figure 5. The MAX148/MAX149 require a control byte to be written to DIN before each conversion. Tying DIN to +3V feeds in control bytes of $FF (HEX), which trigger single-ended unipolar conversions on CH7 in external clock mode without powering down between conversions. In external clock mode, the SSTRB output pulses high for one clock period before the most significant bit of the conversion result is shifted out of DOUT. Varying the analog input to CH7 will alter the sequence of bits from DOUT. A total of 15 clock cycles is required per conversion. All transitions of the SSTRB and DOUT outputs occur on the falling edge of SCLK.
Input Bandwidth
The ADC's input tracking circuitry has a 2.25MHz small-signal bandwidth, so it is possible to digitize high-speed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using undersampling techniques. To avoid high-frequency signals being aliased into the frequency band of interest, anti-alias filtering is recommended.
_______________________________________________________________________________________
9
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
Table 1. Control-Byte Format
BIT 7 (MSB) START BIT 7(MSB) 6 5 4 3 BIT 6 SEL2 NAME START SEL2 SEL1 SEL0 UNI/BIP BIT 5 SEL1 DESCRIPTION The first logic "1" bit after CS goes low defines the beginning of the control byte. These three bits select which of the eight channels are used for the conversion (Tables 2 and 3). BIT 4 SEL0 BIT 3 UNI/BIP BIT 2 SGL/DIF BIT 1 PD1 BIT 0 (LSB) PD0
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. In unipolar mode, an analog input signal from 0V to VREF can be converted; in bipolar mode, the signal can range from -VREF/2 to +VREF/2. 1 = single ended, 0 = differential. Selects single-ended or differential conversions. In singleended mode, input signal voltages are referred to COM. In differential mode, the voltage difference between two channels is measured (Tables 2 and 3). Selects clock and power-down modes. PD1 PD0 Mode 0 0 Full power-down 0 1 Fast power-down (MAX149 only) 1 0 Internal clock mode 1 1 External clock mode
2
SGL/DIF
1 0(LSB)
PD1 PD0
D Table 2. Channel Selection in Single-Ended Mode (SGL/DIF = 1)
SEL2 0 1 0 1 0 1 0 1 SEL1 0 0 0 0 1 1 1 1 SEL0 0 0 1 1 0 0 1 1 CH0 + CH1 + + + + + + + CH2 CH3 CH4 CH5 CH6 CH7 COM - - - - - - - -
How to Start a Conversion
Start a conversion by clocking a control byte into DIN. With CS low, each rising edge on SCLK clocks a bit from DIN into the MAX148/MAX149's internal shift register. After CS falls, the first arriving logic "1" bit defines the control byte's MSB. Until this first "start" bit arrives, any number of logic "0" bits can be clocked into DIN with no effect. Table 1 shows the control-byte format. The MAX148/MAX149 are compatible with SPI/ QSPI and MICROWIRE devices. For SPI, select the correct clock polarity and sampling edge in the SPI control
10
registers: set CPOL = 0 and CPHA = 0. MICROWIRE, SPI, and QSPI all transmit a byte and receive a byte at the same time. Using the Typical Operating Circuit, the simplest software interface requires only three 8-bit transfers to perform a conversion (one 8-bit transfer to configure the ADC, and two more 8-bit transfers to clock out the conversion result). See Figure 20 for MAX148/ MAX149 QSPI connections.
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
D Table 3. Channel Selection in Differential Mode (SGL/DIF = 0)
SEL2 0 0 0 0 1 1 1 1 SEL1 0 0 1 1 0 0 1 1 SEL0 0 1 0 1 0 1 0 1 - + - + - + - + CH0 + CH1 - + - + - + - CH2 CH3 CH4 CH5 CH6 CH7
CS tACQ SCLK
1 4 SEL2 SEL1 SEL0 UNI/ BIP START SGL/ PD1 DIF 8 12 16 20 24
DIN SSTRB
PD0
RB1 DOUT ACQUISITION 1.5s (fSCLK = 2MHz)
B9 MSB B8 B7
RB2
B6 B5 B4 B3 B2 B1 B0 LSB S1
RB3
S0
FILLED WITH ZEROS
A/D STATE
IDLE
CONVERSION
IDLE
Figure 6. 24-Clock External Clock Mode Conversion Timing (MICROWIRE and SPI-Compatible, QSPI-Compatible with fSCLK 2MHz)
Simple Software Interface Make sure the CPU's serial interface runs in master mode so the CPU generates the serial clock. Choose a clock frequency from 100kHz to 2MHz. 1) Set up the control byte for external clock mode and call it TB1. TB1 should be of the format: 1XXXXX11 binary, where the Xs denote the particular channel and conversion mode selected. 2) Use a general-purpose I/O line on the CPU to pull CS low. 3) Transmit TB1 and, simultaneously, receive a byte and call it RB1. Ignore RB1. 4) Transmit a byte of all zeros ($00 hex) and, simultaneously, receive byte RB2. 5) Transmit a byte of all zeros ($00 hex) and, simultaneously, receive byte RB3. 6) Pull CS high.
Figure 6 shows the timing for this sequence. Bytes RB2 and RB3 contain the result of the conversion, padded with one leading zero, two sub-LSB bits, and three trailing zeros. The total conversion time is a function of the serial-clock frequency and the amount of idle time between 8-bit transfers. To avoid excessive T/H droop, make sure the total conversion time does not exceed 120s.
Digital Output In unipolar input mode, the output is straight binary (Figure 17). For bipolar input mode, the output is twos complement (Figure 18). Data is clocked out at the falling edge of SCLK in MSB-first format.
Clock Modes
The MAX148/MAX149 may use either an external serial clock or the internal clock to perform the successive-approximation conversion. In both clock modes, the external clock shifts data in and out of the
11
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
CS ***
tCSH SCLK
tCSS
tCL
tCH
tCSH
*** tDS tDH
DIN tDV DOUT
*** tDO *** tTR
Figure 7. Detailed Serial-Interface Timing
CS tSDV SSTRB
***
*** tSTR
***
***
tSSTRB
tSSTRB
SCLK
****
****
PD0 CLOCKED IN
Figure 8. External Clock Mode SSTRB Detailed Timing
MAX148/MAX149. The T/H acquires the input signal as the last three bits of the control byte are clocked into DIN. Bits PD1 and PD0 of the control byte program the clock mode. Figures 7-10 show the timing characteristics common to both modes.
state when CS goes high; after the next CS falling edge, SSTRB outputs a logic low. Figure 8 shows the SSTRB timing in external clock mode. The conversion must complete in some minimum time, or droop on the sample-and-hold capacitors may degrade conversion results. Use internal clock mode if the serial-clock frequency is less than 100kHz, or if serial-clock interruptions could cause the conversion interval to exceed 120s.
External Clock In external clock mode, the external clock not only shifts data in and out, but it also drives the analog-to-digital conversion steps. SSTRB pulses high for one clock period after the last bit of the control byte. Successive-approximation bit decisions are made and appear at DOUT on each of the next 12 SCLK falling edges (Figure 6). SSTRB and DOUT go into a high-impedance
12
Internal Clock In internal clock mode, the MAX148/MAX149 generate their own conversion clocks internally. This frees the P
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
CS
SCLK
1
2
3
4
5
6
7
8
9
10
11
12
18
19
20
21
22
23
24
DIN
START
SEL2 SEL1 SEL0 UNI/ BIP
SGL/ PD1 DIF
PD0
SSTRB tCONV DOUT ACQUISITION 1.5s (fSCLK = 2MHz) CONVERSION 7.5s MAX (SHDN = FLOAT)
B9 MSB B8 B7 B0 LSB S1 S0
FILLED WITH ZEROS
A/D STATE
IDLE
IDLE
Figure 9. Internal Clock Mode Timing
CS tCONV tCSH SSTRB tSSTRB SCLK tDO PD0 CLOCK IN DOUT NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION. tSCK tCSS
Figure 10. Internal Clock Mode SSTRB Detailed Timing
from the burden of running the SAR conversion clock and allows the conversion results to be read back at the processor's convenience, at any clock rate from 0MHz to 2MHz. SSTRB goes low at the start of the conversion and then goes high when the conversion is complete. SSTRB is low for a maximum of 7.5s (SHDN = FLOAT), during which time SCLK should remain low for best noise performance. An internal register stores data when the conversion is in progress. SCLK clocks the data out of this register at any time after the conversion is complete. After SSTRB goes high, the next falling clock edge produces the MSB of the conversion at DOUT, followed by the remaining bits in MSB-first format (Figure 9). CS does not need to be held low once a conversion is started.
Pulling CS high prevents data from being clocked into the MAX148/MAX149 and three-states DOUT, but it does not adversely affect an internal clock mode conversion already in progress. When internal clock mode is selected, SSTRB does not go into a highimpedance state when CS goes high. Figure 10 shows the SSTRB timing in internal clock mode. In this mode, data can be shifted in and out of the MAX148/MAX149 at clock rates exceeding 2.0MHz if the minimum acquisition time (tACQ) is kept above 1.5s.
Data Framing
The falling edge of CS does not start a conversion. The first logic high clocked into DIN is interpreted as a start bit and defines the first bit of the control byte. A conversion starts on SCLK's falling edge, after the eighth
13
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
Table 4. Typical Power-Up Delay Times
REFERENCE BUFFER Enabled Enabled Enabled Enabled Disabled Disabled REFERENCEBUFFER COMPENSATION MODE Internal Internal External External -- -- VREF CAPACITOR (F) -- -- 4.7 4.7 -- -- POWER-DOWN MODE Fast Full Fast Full Fast Full POWER-UP DELAY (s) 5 300 See Figure 14c See Figure 14c 2 2 MAXIMUM SAMPLING RATE (ksps) 26 26 133 133 133 133
bit of the control byte (the PD0 bit) is clocked into DIN. The start bit is defined as follows: The first high bit clocked into DIN with CS low any time the converter is idle; e.g., after VDD is applied. OR The first high bit clocked into DIN after bit 3 of a conversion in progress is clocked onto the DOUT pin. If CS is toggled before the current conversion is complete, the next high bit clocked into DIN is recognized as a start bit; the current conversion is terminated, and a new one is started. The fastest the MAX148/MAX149 can run with CS held low between conversions is 15 clocks per conversion. Figure 11a shows the serial-interface timing necessary to perform a conversion every 15 SCLK cycles in external clock mode. If CS is tied low and SCLK is continuous, guarantee a start bit by first clocking in 16 zeros. Most microcontrollers (Cs) require that conversions occur in multiples of 8 SCLK clocks; 16 clocks per conversion is typically the fastest that a C can drive the MAX148/MAX149. Figure 11b shows the serialinterface timing necessary to perform a conversion every 16 SCLK cycles in external clock mode.
Reference-Buffer Compensation
In addition to its shutdown function, SHDN selects internal or external compensation. The compensation affects both power-up time and maximum conversion speed. The100kHz minimum clock rate is limited by droop on the sample-and-hold and is independent of the compensation used. Float SHDN to select external compensation. The Typical Operating Circuit uses a 4.7F capacitor at VREF. A 4.7F value ensures reference-buffer stability and allows converter operation at the 2MHz full clock speed. External compensation increases power-up time (see the Choosing Power-Down Mode section and Table 4). Pull SHDN high to select internal compensation. Internal compensation requires no external capacitor at VREF and allows for the shortest power-up times. The maximum clock rate is 2MHz in internal clock mode and 400kHz in external clock mode.
Choosing Power-Down Mode
You can save power by placing the converter in a lowcurrent shutdown state between conversions. Select full power-down mode or fast power-down mode via bits 1 and 0 of the DIN control byte with SHDN high or floating (Tables 1 and 5). In both software power-down modes, the serial interface remains operational, but the ADC does not convert. Pull SHDN low at any time to shut down the converter completely. SHDN overrides bits 1 and 0 of the control byte. Full power-down mode turns off all chip functions that draw quiescent current, reducing supply current to 2A (typ). Fast power-down mode turns off all circuitry except the bandgap reference. With fast power-down mode, the supply current is 30A. Power-up time can be shortened to 5s in internal compensation mode. Table 4 shows how the choice of reference-buffer compensation and power-down mode affects both power-up
__________ Applications Information
Power-On Reset
When power is first applied, and if SHDN is not pulled low, internal power-on reset circuitry activates the MAX148/MAX149 in internal clock mode, ready to convert with SSTRB = high. After the power supplies stabilize, the internal reset time is 10s, and no conversions should be performed during this phase. SSTRB is high on power-up and, if CS is low, the first logical 1 on DIN is interpreted as a start bit. Until a conversion takes place, DOUT shifts out zeros. (Also see Table 4.)
14
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
CS 1 SCLK DIN DOUT SSTRB S CONTROL BYTE 0 S CONTROL BYTE 1 S CONTROL BYTE 2 8 15 1 8 15 1
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0 CONVERSION RESULT 0
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0 CONVERSION RESULT 1
Figure 11a. External Clock Mode, 15 Clocks/Conversion Timing
CS 1 SCLK DIN DOUT S CONTROL BYTE 0 S CONTROL BYTE 1 B9 B8 B7 B6 8 16 1 8 16
*** *** *** ***
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0 CONVERSION RESULT 0
CONVERSION RESULT 1
Figure 11b. External Clock Mode, 16 Clocks/Conversion Timing
CLOCK MODE SHDN SETS EXTERNAL CLOCK MODE DIN
SXXXXX11
EXTERNAL
EXTERNAL
SETS SOFTWARE POWER-DOWN
SXXXXX00
SETS EXTERNAL CLOCK MODE
SXX XXX1 1
DOUT
10 + 2 DATA BITS
10 + 2 DATA BITS
VALID DATA
INVALID DATA HARDWARE POWERDOWN
MODE
POWERED UP SOFTWARE POWER-DOWN
POWERED UP
POWERED UP
Figure 12a. Timing Diagram Power-Down Modes, External Clock
delay and maximum sample rate. In external compensation mode, power-up time is 20ms with a 4.7F compensation capacitor when the capacitor is initially fully discharged. From fast power-down, start-up time can be eliminated by using low-leakage capacitors that do not
discharge more than 1/2LSB while shut down. In powerdown, leakage currents at VREF cause droop on the reference bypass capacitor. Figures 12a and 12b show the various power-down sequences in both external and internal clock modes.
15
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
CLOCK MODE
INTERNAL SETS INTERNAL CLOCK MODE
SXXXXX10 SXXXXX00
SETS POWER-DOWN
S
DIN
DOUT
DATA VALID
DATA VALID
SSTRB MODE
CONVERSION POWERED UP
CONVERSION POWER-DOWN POWERED UP
Figure 12b. Timing Diagram Power-Down Modes, Internal Clock
Table 5. Software Power-Down and Clock Mode
PD1 0 0 1 1 PD0 0 1 0 1 DEVICE MODE Full Power-Down Fast Power-Down Internal Clock External Clock
Table 6. Hard-Wired Power-Down and Internal Clock Frequency
SHDN STATE 1 Floating 0 DEVICE MODE Enabled Enabled Power-Down REFERENCEBUFFER COMPENSATION Internal External N/A INTERNAL CLOCK FREQUENCY 225kHz 1.8MHz N/A
AVERAGE SUPPLY CURRENT vs. CONVERSION RATE WITH EXTERNAL REFERENCE
MAX148/9-13
AVERAGE SUPPLY CURRENT vs. CONVERSION RATE (USING FULLPD)
RLOAD = CODE = 1010101000 8 CHANNELS 10 1 CHANNEL
MAX148/9-F14A
10,000 AVERAGE SUPPLY CURRENT (A) VREF = VDD = 3.0V RLOAD = CODE = 1010101000
100 AVERAGE SUPPLY CURRENT (A)
1000
100 8 CHANNELS 10 1 CHANNEL 1
0.1 0.1 1 10 100 1k 10k 100k 1M CONVERSION RATE (Hz)
1 0.01
0.1
1
10
100
1k
CONVERSION RATE (Hz)
Figure 13. Average Supply Current vs. Conversion Rate with External Reference
Figure 14a. MAX149 Supply Current vs. Conversion Rate, FULLPD
16
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
AVERAGE SUPPLY CURRENT vs. CONVERSION RATE (USING FASTPD)
RLOAD = CODE = 1010101000 1000 8 CHANNELS 100 1 CHANNEL
MAX148/9-F14B
10,000 AVERAGE SUPPLY CURRENT (A)
results may be clocked out after the MAX148/MAX149 enter a software power-down. The first logical 1 on DIN is interpreted as a start bit and powers up the MAX148/MAX149. Following the start bit, the data input word or control byte also determines clock mode and power-down states. For example, if the DIN word contains PD1 = 1, then the chip remains powered up. If PD0 = PD1 = 0, a power-down resumes after one conversion.
10
1 0.1 1 10 100 1k 10k 100k 1M CONVERSION RATE (Hz)
Figure 14b. MAX149 Supply Current vs. Conversion Rate, FASTPD
TYPICAL REFERENCE-BUFFER POWER-UP DELAY vs. TIME IN SHUTDOWN
MAX148/9-F14C
Hardware Power-Down Pulling SHDN low places the converter in hardware power-down (Table 6). Unlike software power-down mode, the conversion is not completed; it stops coincidentally with SHDN being brought low. SHDN also controls the clock frequency in internal clock mode. Letting SHDN float sets the internal clock frequency to 1.8MHz. When returning to normal operation with SHDN floating, there is a tRC delay of approximately 2M x CL, where CL is the capacitive loading on the SHDN pin. Pulling SHDN high sets internal clock frequency to 225kHz. This feature eases the settling-time requirement for the reference voltage. With an external reference, the MAX148/MAX149 can be considered fully powered up within 2s of actively pulling SHDN high.
Power-Down Sequencing
The MAX148/MAX149 auto power-down modes can save considerable power when operating at less than maximum sample rates. Figures 13, 14a, and 14b show the average supply current as a function of the sampling rate. The following discussion illustrates the various power-down sequences.
2.0
POWER-UP DELAY (ms)
1.5
1.0
0.5
0 0.001
0.01
0.1
1
10
TIME IN SHUTDOWN (sec)
Figure 14c. Typical Reference-Buffer Power-Up Delay vs. Time in Shutdown
Software Power-Down Software power-down is activated using bits PD1 and PD0 of the control byte. As shown in Table 5, PD1 and PD0 also specify the clock mode. When software shutdown is asserted, the ADC operates in the last specified clock mode until the conversion is complete. Then the ADC powers down into a low quiescent-current state. In internal clock mode, the interface remains active and conversion
Lowest Power at up to 500 Conversions/Channel/Second The following examples show two different power-down sequences. Other combinations of clock rates, compensation modes, and power-down modes may give lowest power consumption in other applications. Figure 14a depicts the MAX149 power consumption for one or eight channel conversions utilizing full powerdown mode and internal-reference compensation. A 0.01F bypass capacitor at REFADJ forms an RC filter with the internal 20k reference resistor with a 0.2ms time constant. To achieve full 10-bit accuracy, 8 time constants or 1.6ms are required after power-up. Waiting this 1.6ms in FASTPD mode instead of in full power-up can reduce power consumption by a factor of 10 or more. This is achieved by using the sequence shown in Figure 15.
______________________________________________________________________________________
17
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
COMPLETE CONVERSION SEQUENCE 1.6ms WAIT DIN (ZEROS) 1 FULLPD 1.21V REFADJ 0V 2.50V VREF 0V tBUFFEN 75s = RC = 20k x CREFADJ 00 1 FASTPD 01 1 NOPD CH1 11 1 CH7 00 FULLPD (ZEROS) 1 FASTPD 01
Figure 15. MAX149 FULLPD/FASTPD Power-Up Sequence
+3.3V OUTPUT CODE 24k
MAX149
510k 100k 12 0.01F REFADJ
11 . . . 111 11 . . . 110 11 . . . 101
FULL-SCALE TRANSITION
FS = VREF + COM ZS = COM VREF 1LSB = 1024
Figure 16. MAX149 Reference-Adjust Circuit
Lowest Power at Higher Throughputs Figure 14b shows the power consumption with external-reference compensation in fast power-down, with one and eight channels converted. The external 4.7F compensation requires a 75s wait after power-up with one dummy conversion. This graph shows fast multi-channel conversion with the lowest power consumption possible. Full power-down mode may provide increased power savings in applications where the MAX148/MAX149 are inactive for long periods of time, but where intermittent bursts of high-speed conversions are required.
00 . . . 011 00 . . . 010 00 . . . 001 00 . . . 000 01 (COM) 2 3 INPUT VOLTAGE (LSB)
FS FS - 3/2LSB
Figure 17. Unipolar Transfer Function, Full Scale (FS) = VREF + COM, Zero Scale (ZS) = COM
Internal and External References
The MAX149 can be used with an internal or external reference voltage, whereas an external reference is required for the MAX148. An external reference can be connected directly at VREF or at the REFADJ pin. An internal buffer is designed to provide 2.5V at VREF for both the MAX149 and the MAX148. The MAX149's internally trimmed 1.21V reference is buffered with a 2.06 gain. The MAX148's REFADJ pin is also buffered with a 2.00 gain to scale an external 1.25V reference at REFADJ to 2.5V at VREF.
18
Internal Reference (MAX149) The MAX149's full-scale range with the internal reference is 2.5V with unipolar inputs and 1.25V with bipolar inputs. The internal reference voltage is adjustable to 1.5% with the circuit in Figure 16. External Reference With both the MAX149 and MAX148, an external reference can be placed at either the input (REFADJ) or the output (VREF) of the internal reference-buffer amplifier. The REFADJ input impedance is typically 20k for the MAX149, and higher than 100k for the MAX148. At
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
Table 7. Full Scale and Zero Scale
UNIPOLAR MODE Full Scale Zero Scale Positive Full Scale VREF / 2 + COM BIPOLAR MODE Zero Scale COM Negative Full Scale -VREF / 2 + COM
VREF + COM
COM
OUTPUT CODE FS = VREF + COM 2 ZS = COM -FS = -VREF + COM 2 VREF 1LSB = 1024 +3V
011 . . . 111 011 . . . 110
SUPPLIES +3V GND
000 . . . 010 000 . . . 001 000 . . . 000 111 . . . 111 111 . . . 110 111 . . . 101
R* = 10
VDD
AGND
COM DGND
+3V
DGND
100 . . . 001 100 . . . 000 - FS *COM VREF / 2 COM* INPUT VOLTAGE (LSB) +FS - 1LSB
MAX148 MAX149
*OPTIONAL
DIGITAL CIRCUITRY
Figure 18. Bipolar Transfer Function, Full Scale (FS) = VREF / 2 + COM, Zero Scale (ZS) = COM
Figure 19. Power-Supply Grounding Connection
VREF, the DC input resistance is a minimum of 18k. During conversion, an external reference at VREF must deliver up to 350A DC load current and have 10 or less output impedance. If the reference has a higher output impedance or is noisy, bypass it close to the VREF pin with a 4.7F capacitor. Using the REFADJ input makes buffering the external reference unnecessary. To use the direct VREF input, disable the internal buffer by tying REFADJ to VDD. In power-down, the input bias current to REFADJ is typically 25A (MAX149) with REFADJ tied to VDD. Pull REFADJ to AGND to minimize the input bias current in power-down.
Transfer Function
Table 7 shows the full-scale voltage ranges for unipolar and bipolar modes. The external reference must have a temperature coefficient of 20ppm/C or less to achieve accuracy to within 1LSB over the 0C to +70C commercial temperature range. Figure 17 depicts the nominal, unipolar input/output (I/O) transfer function, and Figure 18 shows the bipolar input/output transfer function. Code transitions occur halfway between successive-integer LSB values. Output coding is binary, with 1LSB = 2.44mV (2.500V / 1024) for unipolar operation, and 1LSB = 2.44mV [(2.500V / 2 - -2.500V / 2) / 1024] for bipolar operation.
______________________________________________________________________________________
19
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
+3V +3V
0.1F 1 2 3 ANALOG INPUTS 4 5 6 7 8 9 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM VDD 20 SCLK 19 CS 18
1F (POWER SUPPLIES) SCK PCS0 MOSI
MAX148 MAX149
DIN 17 SSTRB 16 DOUT 15 DGND 14 AGND 13
MC683XX
MISO
REFADJ 12 VREF 11 0.1F +2.5V (GND)
10 SHDN
Figure 20. MAX148/MAX149 QSPI Connections, External Reference
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards. Wire-wrap boards are not recommended. Board layout should ensure that digital and analog signal lines are separated from each other. Do not run analog and digital (especially clock) lines parallel to one another, or digital lines underneath the ADC package. Figure 19 shows the recommended system ground connections. Establish a single-point analog ground (star ground point) at AGND, separate from the logic ground. Connect all other analog grounds and DGND to the star ground. No other digital system ground should be connected to this ground. For lowest-noise operation, the ground return to the star ground's power supply should be low impedance and as short as possible. High-frequency noise in the VDD power supply may affect the high-speed comparator in the ADC. Bypass the supply to the star ground with 0.1F and 1F capacitors close to pin 20 of the MAX148/MAX149. Minimize capacitor lead lengths for best supply-noise rejection. If the power supply is very noisy, a 10 resistor can be connected as a lowpass filter (Figure 19).
XF CLKX
CS SCLK
TMS320LC3x
CLKR DX DR FSR
MAX148 MAX149
DIN DOUT SSTRB
Figure 21. MAX148/MAX149-to-TMS320 Serial Interface
20
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
CS
SCLK
DIN
START
SEL2
SEL1
SEL0
UNI/BIP SGL/DIF
PD1
PD0 HIGH IMPEDANCE HIGH IMPEDANCE
SSTRB
DOUT
MSB
B8
S1
S0
Figure 22. TMS320 Serial-Interface Timing Diagram
High-Speed Digital Interfacing with QSPI
The MAX148/MAX149 can interface with QSPI using the circuit in Figure 20 (fSCLK = 2.0MHz, CPOL = 0, CPHA = 0). This QSPI circuit can be programmed to do a conversion on each of the eight channels. The result is stored in memory without taxing the CPU, since QSPI incorporates its own microsequencer. The MAX148/MAX149 are QSPI compatible up to the maximum external clock frequency of 2MHz.
2) The MAX148/MAX149's CS pin is driven low by the TMS320's XF_ I/O port to enable data to be clocked into the MAX148/MAX149's DIN. 3) An 8-bit word (1XXXXX11) should be written to the MAX148/MAX149 to initiate a conversion and place the device into external clock mode. Refer to Table 1 to select the proper XXXXX bit values for your specific application. 4) The MAX148/MAX149's SSTRB output is monitored via the TMS320's FSR input. A falling edge on the SSTRB output indicates that the conversion is in progress and data is ready to be received from the MAX148/MAX149. 5) The TMS320 reads in one data bit on each of the next 16 rising edges of SCLK. These data bits represent the 10 + 2-bit conversion result followed by 4 trailing bits, which should be ignored. 6) Pull CS high to disable the MAX148/MAX149 until the next conversion is initiated.
TMS320LC3x Interface
Figure 21 shows an application circuit to interface the MAX148/MAX149 to the TMS320 in external clock mode. The timing diagram for this interface circuit is shown in Figure 22. Use the following steps to initiate a conversion in the MAX148/MAX149 and to read the results: 1) The TMS320 should be configured with CLKX (transmit clock) as an active-high output clock and CLKR (TMS320 receive clock) as an active-high input clock. CLKX and CLKR on the TMS320 are tied together with the MAX148/MAX149's SCLK input.
______________________________________________________________________________________
21
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
Ordering Information (continued)
PART MAX148AEPP MAX148BEPP MAX148AEAP MAX148BEAP MAX148AMJP MAX148BMJP MAX149ACPP MAX149BCPP MAX149ACAP MAX149BCAP MAX149AEPP MAX149BEPP MAX149AEAP MAX149BEAP MAX149AMJP MAX149BMJP
__________________Pin Configuration
TOP VIEW
CH0 1 CH1 2 CH2 3 CH3 4 CH4 5 CH5 6 CH6 7 CH7 8 COM 9 SHDN 10 20 VDD 19 SCLK 18 CS
TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C
PIN-PACKAGE 20 Plastic DIP 20 Plastic DIP 20 SSOP 20 SSOP 20 CERDIP* 20 CERDIP* 20 Plastic DIP 20 Plastic DIP 20 SSOP 20 SSOP 20 Plastic DIP 20 Plastic DIP 20 SSOP 20 SSOP 20 CERDIP* 20 CERDIP*
INL (LSB) 1/2 1 1/2 1 1/2 1 1/2 1 1/2 1 1/2 1 1/2 1 1/2 1
MAX148 MAX149
17 DIN 16 SSTRB 15 DOUT 14 DGND 13 AGND 12 REFADJ 11 VREF
DIP/SSOP
Contact factory for availability of alternate surface-mount packages. * Contact factory for availability of CERDIP package, and for processing to MIL-STD-883B.
___________________Chip Information
TRANSISTOR COUNT: 2554
22
______________________________________________________________________________________
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
________________________________________________________Package Information
SSOP.EPS
MAX148/MAX149
______________________________________________________________________________________
23
+2.7V to +5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs MAX148/MAX149
___________________________________________Package Information (continued)
PDIPN.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
24 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1998 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X