Part Number Hot Search : 
1138L BR8005G 1B23A10 AP9475M 0832CCN FR205 BP2P1 NJM2595
Product Description
Full Text Search
 

To Download MAX1304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3052; Rev 3; 8/04
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
General Description
The MAX1304-MAX1306/MAX1308-MAX1310/MAX1312- MAX1314 12-bit, analog-to-digital converters (ADCs) offer eight, four, or two independent input channels. Independent track-and-hold (T/H) circuitry provides simultaneous sampling for each channel. The MAX1304/ MAX1305/MAX1306 provide a 0 to +5V input range with 6V fault-tolerant inputs. The MAX1308/MAX1309/ MAX1310 provide a 5V input range with 16.5V fault-tolerant inputs. The MAX1312/MAX1313/MAX1314 have a 10V input range with 16.5V fault-tolerant inputs. These ADCs convert two channels in 0.9s, and up to eight channels in 1.98s, with an 8-channel throughput of 456ksps per channel. Other features include a 20MHz T/H input bandwidth, internal clock, internal (+2.5V) or external (+2.0V to +3.0V) reference, and power-saving modes. A 20MHz, 12-bit, bidirectional parallel data bus provides the conversion results and accepts digital inputs that activate each channel individually. All devices operate from a +4.75V to +5.25V analog supply and a +2.7V to +5.25V digital supply and consume 57mA total supply current when fully operational. Each device is available in a 48-pin 7mm x 7mm TQFP package and operates over the extended -40C to +85C temperature range.
Features
Up to Eight Channels of Simultaneous Sampling 8ns Aperture Delay 100ps Channel-to-Channel T/H Match Extended Input Ranges 0 to +5V (MAX1304/MAX1305/MAX1306) -5V to +5V (MAX1308/MAX1309/MAX1310) -10V to +10V (MAX1312/MAX1313/MAX1314) Fast Conversion Time One Channel in 0.72s Two Channels in 0.9s Four Channels in 1.26s Eight Channels in 1.98s High Throughput 1075ksps/Channel for One Channel 901ksps/Channel for Two Channels 680ksps/Channel for Four Channels 456ksps/Channel for Eight Channels 1 LSB INL, 0.9 LSB DNL (max) 84dBc SFDR, -86dBc THD, 71dB SINAD, fIN = 500kHz at 0.4dBFS 12-Bit, 20MHz, Parallel Interface Internal or External Clock +2.5V Internal Reference or +2.0V to +3.0V External Reference +5V Analog Supply, +3V to +5V Digital Supply 55mA Analog Supply Current 1.3mA Digital Supply Current Shutdown and Power-Saving Modes 48-Pin TQFP Package (7mm x 7mm Footprint)
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Applications
SIN/COS Position Encoder Multiphase Motor Control Multiphase Power Monitoring Power-Grid Synchronization Power-Factor Monitoring Vibration and Waveform Analysis
Selector Guide
PART MAX1304ECM MAX1305ECM MAX1306ECM MAX1308ECM MAX1309ECM MAX1310ECM MAX1312ECM MAX1313ECM MAX1314ECM INPUT RANGE (V) 0 to +5 0 to +5 0 to +5 5 5 5 10 10 10 CHANNEL COUNT 8 4 2 8 4 2 8 4 2 PART MAX1304ECM MAX1305ECM MAX1306ECM MAX1308ECM MAX1309ECM MAX1310ECM MAX1312ECM MAX1313ECM MAX1314ECM
Ordering Information
TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP
Pin Configurations appear at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
ABSOLUTE MAXIMUM RATINGS
AVDD to AGND .........................................................-0.3V to +6V DVDD to DGND.........................................................-0.3V to +6V AGND to DGND.....................................................-0.3V to +0.3V CH0-CH7, I.C. to AGND (MAX1304/MAX1305/MAX1306)....6V CH0-CH7, I.C. to AGND (MAX1308/MAX1309/MAX1310)..16.5V CH0-CH7, I.C. to AGND (MAX1312/MAX1313/MAX1314)..16.5V D0-D11 to DGND ....................................-0.3V to (DVDD + 0.3V) EOC, EOLC, RD, WR, CS to DGND .........-0.3V to (DVDD + 0.3V) CONVST, CLK, SHDN, CHSHDN to DGND ..-0.3V to (DVDD + 0.3V) INTCLK/EXTCLK to AGND .......................-0.3V to (AVDD + 0.3V) REFMS, REF, MSV to AGND.....................-0.3V to (AVDD + 0.3V) REF+, COM, REF- to AGND.....................-0.3V to (AVDD + 0.3V) Maximum Current into Any Pin Except AVDD, DVDD, AGND, DGND ...........................................................................50mA Continuous Power Dissipation (TA = +70C) TQFP (derate 22.7mW/C above +70C) ................1818.2mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C. See Figures 3 and 4.)
PARAMETER STATIC PERFORMANCE (Note 1) Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Offset-Error Matching Offset-Error Temperature Drift Gain Error Gain-Error Matching Gain-Error Temperature Drift DYNAMIC PERFORMANCE at fIN = 500kHz, AIN = -0.4dBFS (Note 2) Signal-to-Noise Ratio Signal-to-Noise Plus Distortion Total Harmonic Distortion Spurious-Free Dynamic Range Channel-to-Channel Isolation ANALOG INPUTS (CH0 through CH7) MAX1304/MAX1305/MAX1306 Input Voltage VCH MAX1308/MAX1309/MAX1310 MAX1312/MAX1313/MAX1314 0 -5 -10 +5 +5 +10 V SNR SINAD THD SFDR 80 68 68 71 71 -86 84 86 -80 dB dB dBc dBc dB Between all channels N INL DNL (Note 2) No missing codes (Note 2) Unipolar, 0x000 to 0x001 Bipolar, 0xFFF to 0x000 Unipolar, between all channels Bipolar, between all channels Unipolar, 0x000 to 0x001 Bipolar, 0xFFF to 0x000 12 0.5 0.3 3 3 9 9 7 7 2 3 4 16 14 1.0 0.9 16 16 20 20 Bits LSB LSB LSB LSB ppm/C LSB LSB ppm/C SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C. See Figures 3 and 4.)
PARAMETER Input Resistance (Note 3) SYMBOL RCH CONDITIONS MAX1304/MAX1305/MAX1306 MAX1308/MAX1309MAX1310 MAX1312/MAX1313/MAX1314 MAX1304/MAX1305/MAX1306 Input Current (Note 3) ICH MAX1308/MAX1309/MAX1310 MAX1312/MAX1313/MAX1314 Input Capacitance TRACK/HOLD One channel selected for conversion External-Clock Throughput Rate (Note 4) fTH Two channels selected for conversion Four channels selected for conversion Eight channels selected for conversion One channel selected for conversion Internal-Clock Throughput Rate (Note 4, Table 1) Small-Signal Bandwidth Full-Power Bandwidth Aperture Delay Aperture-Delay Matching Aperture Jitter INTERNAL REFERENCE REF Output Voltage Reference Output-Voltage Temperature Drift REFMS Output Voltage REF+ Output Voltage COM Output Voltage REF- Output Voltage Differential Reference Voltage VREFMS VREF+ VCOM VREFVREF+ VREF2.475 VREF 2.475 2.500 30 2.500 3.850 2.600 1.350 2.500 2.525 2.525 V ppm/C V V V V V tAJ tAD fTH Two channels selected for conversion Four channels selected for conversion Eight channels selected for conversion 1075 901 680 456 983 821 618 413 20 20 8 100 50 MHz MHz ns ps psRMS ksps ksps CCH VCH = +5V VCH = 0V VCH = +5V VCH = -5V VCH = +10V VCH = -10V -1.13 -1.16 -0.157 MIN TYP 7.58 8.66 14.26 0.54 -0.12 0.29 -0.87 0.56 -0.85 15 pF 0.74 0.39 mA 0.72 k MAX UNITS
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
_______________________________________________________________________________________
3
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C. See Figures 3 and 4.)
PARAMETER REF Input Voltage Range REF Input Resistance REF Input Capacitance REFMS Input Voltage Range REFMS Input Resistance REFMS Input Capacitance REF+ Output Voltage COM Output Voltage REF- Output Voltage Differential Reference Voltage VREF+ VCOM VREFVREF+ VREFVIH VIL 20 CIN IIN VIH VIL VOH VOL ISOURCE = 0.8mA, Figure 1 ISINK = 1.6mA, Figure 1 RD = high or CS = high RD = high or CS = high 0.06 15 DVDD - 0.6 0.4 1 VIN = 0 or DVDD 0.7 x AVDD 0.3 x AVDD 15 0.02 1 VREF = +2.5V VREF = +2.5V VREF = +2.5V VREF = +2.5V VREFMS RREFMS (Note 6) 2.0 SYMBOL VREF RREF (Note 5) CONDITIONS MIN 2.0 TYP 2.5 5 15 2.5 5 15 3.850 2.600 1.350 2.500 3.0 MAX 3.0 UNITS V k pF V k pF V V V V
EXTERNAL REFERENCE (REF and REFMS are externally driven)
DIGITAL INPUTS (D0-D7, RD, WR, CS, CLK, SHDN, CHSHDN, CONVST) Input-Voltage High Input-Voltage Low Input Hysteresis Input Capacitance Input Current Input-Voltage High Input-Voltage Low Output-Voltage High Output-Voltage Low D0-D11 Tri-State Leakage Current D0-D11 Tri-State Output Capacitance POWER SUPPLIES Analog Supply Voltage Digital Supply Voltage AVDD DVDD MAX1304/MAX1305/MAX1306, all channels selected Analog Supply Current IAVDD MAX1308/MAX1309/MAX1310, all channels selected MAX1312/MAX1313/MAX1314, all channels selected 4.75 2.70 55 54 54 5.25 5.25 60 60 60 mA V V 0.7 x DVDD 0.3 x DVDD V V mV pF A V V V V A pF
CLOCK-SELECT INPUT (INTCLK/EXTCLK)
DIGITAL OUTPUTS (D0-D11, EOC, EOLC)
4
_______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C. See Figures 3 and 4.)
PARAMETER SYMBOL CONDITIONS MAX1304/MAX1305/MAX1306, all channels selected Digital Supply Current (CLOAD = 100pF) (Note 7) IDVDD MAX1308/MAX1309/MAX1310, all channels selected MAX1312/MAX1313/MAX1314, all channels selected Shutdown Current (Note 8) Power-Supply Rejection Ratio TIMING CHARACTERISTICS (Figure 1) Internal clock, Figure 7 Time to First Conversion Result tCONV External clock, Figure 8 Internal clock, Figure 7 Time to Subsequent Conversions CONVST Pulse-Width Low (Acquisition Time) CS Pulse Width RD Pulse-Width Low RD Pulse-Width High WR Pulse-Width Low CS to WR WR to CS CS to RD RD to CS Data Access Time (RD Low to Valid Data) Bus Relinquish Time (RD High) CLK Rise to EOC Delay CLK Rise to EOLC Fall Delay CONVST Fall to EOLC Rise Delay EOC Pulse Width tNEXT External clock, Figure 8 (Note 9) Figures 6-10 Figure 6 Figures 7, 8, 9 Figures 7, 8, 9 Figure 6 Figure 6 Figure 6 Figures 7, 8, 9 Figures 7, 8, 9 Figures 7, 8, 9 Figures 7, 8, 9 Figure 8 Figure 8 Internal clock, Figure 7 tEOC External clock, Figure 8 50 1 5 20 20 20 0.1 30 30 30 30 (Note 10) (Note 10) (Note 10) (Note 10) 30 30 800 12 200 3 1000.0 225 900 ns CLK Cycles ns CLK Cycles s ns ns ns ns ns ns ns ns ns ns ns ns ns ns CLK Cycle IAVDD IDVDD PSRR SHDN = DVDD, VCH = float SHDN = DVDD, RD = WR = high AVDD = +4.75V to +5.25V MIN TYP 1.3 1.3 1.3 0.6 0.02 50 MAX 2.6 2.6 2.6 10 1 A dB mA UNITS
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
tACQ tCS tRDL tRDH tWRL tCTW tWTC tCTR tRTC tACC tREQ tEOCD tEOLCD
tCVEOLCD Figures 7, 8, 9
_______________________________________________________________________________________
5
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C. See Figures 3 and 4.)
PARAMETER Input-Data Setup Time Input-Data Hold Time External CLK Period External CLK High Period External CLK Low Period External Clock Frequency Internal Clock Frequency CONVST High to CLK Edge SYMBOL tDTW tWTD tCLK tCLKH tCLKL fCLK fINT tCNTC Figures 8, 9 20 Figure 6 Figure 6 Figures 8, 9 Logic sensitive to rising edges, Figures 8, 9 Logic sensitive to rising edges, Figures 8, 9 (Note 11) CONDITIONS MIN 10 10 0.05 20 20 0.1 15 20 10.00 TYP MAX UNITS ns ns s ns ns MHz MHz ns
Note 1: For the MAX1304/MAX1305/MAX1306, VIN = 0 to +5V. For the MAX1308/MAX1309/MAX1310, VIN = -5V to +5V. For the MAX1312/MAX1313/MAX1314, VIN = -10V to +10V. Note 2: All channel performance is guaranteed by correlation to a single channel test. Note 3: The analog input resistance is terminated to an internal bias point (Figure 5). Calculate the analog input current using:
ICH _ =
VCH _ - VBIAS RCH _
for VCH within the input voltage range. Note 4: Throughput rate is given per channel. Throughput rate is a function of clock frequency (fCLK). The external clock throughput rate is specified with fCLK = 16.67MHz and the internal clock throughput rate is specified with fCLK = 15MHz. See the Data Throughput section for more information. Note 5: The REF input resistance is terminated to an internal +2.5V bias point (Figure 2). Calculate the REF input current using:
IREF =
VREF - 2.5V RREF
for VREF within the input voltage range. Note 6: The REFMS input resistance is terminated to an internal +2.5V bias point (Figure 2). Calculate the REFMS input current using:
IREFMS =
VREFMS - 2.5V RREFMS
for VREFMS within the input voltage range. Note 7: All analog inputs are driven with a -0.4dBFS 500kHz sine wave. Note 8: Shutdown current is measured with the analog input floating. The large amplitude of the maximum shutdown current specification is due to automated test equipment limitations. Note 9: CONVST must remain low for at least the acquisition period. The maximum acquisition time is limited by internal capacitor droop. Note 10: CS to WR and CS to RD are internally AND together. Setup and hold times do not apply. Note 11: Minimum CLK frequency is limited only by the internal T/H droop rate. Limit the time between the rising edge of CONVST and the falling edge of EOLC to a maximum of 1ms.
6
_______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Typical Operating Characteristics
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25C, unless otherwise noted.) (Figures 3 and 4)
INTEGRAL NONLINEARITY vs. DIGITAL OUTPUT CODE
MAX1304 toc01
DIFFERENTIAL NONLINEARITY vs. DIGITAL OUTPUT CODE
0.8 0.6 0.4 DNL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
MAX1304 toc02
1.0 0.8 0.6 0.4 INL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0
1.0
512 1024 1536 2048 2560 3072 3584 4096 DIGITAL OUTPUT CODE
0
512 1024 1536 2048 2560 3072 3584 4096 DIGITAL OUTPUT CODE
OFFSET ERROR vs. ANALOG SUPPLY VOLTAGE
MAX1304 toc03
OFFSET ERROR vs. TEMPERATURE
12 8 OFFSET ERROR (LSB) 4 0 -4 -8 -12 -16
MAX1304 toc04
1.0 0.8 0.6 OFFSET ERROR (LSB) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 4.7 4.8 4.9 5.0 AVDD (V) 5.1 5.2
16
5.3
-40
-15
10 35 TEMPERATURE (C)
60
85
GAIN ERROR vs. ANALOG SUPPLY VOLTAGE
MAX1304 toc05
GAIN ERROR vs. TEMPERATURE
12 8
MAX1304 toc06
1 0 GAIN ERROR (LSB) -1 -2 -3 -4 -5 4.7 4.8 4.9 5.0 AVDD (V) 5.1 5.2
16
GAIN ERROR (LSB) 5.3
4 0 -4 -8 -12 -16 -40 -15 10 35 60 85 TEMPERATURE (C)
_______________________________________________________________________________________
7
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25C, unless otherwise noted.) (Figures 3 and 4)
SMALL-SIGNAL BANDWIDTH vs. ANALOG INPUT FREQUENCY
MAX1304 toc07
LARGE-SIGNAL BANDWIDTH vs. ANALOG INPUT FREQUENCY
AIN = -0.5dBFS 0 -2 GAIN (dB) -4 -6 -8 -10 -12
MAX1304 toc08 MAX1304 toc10
2 AIN = -20dBFS 0 -2 GAIN (dB) -4 -6 -8 -10 -12 0.1 1 10
2
100
0.1
1
10
100
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
FFT PLOT (2048-POINT DATA RECORD)
MAX1304 toc09
OUTPUT HISTOGRAM (DC INPUT)
6000 5497 5000 4000 COUNTS 3000 2000 1000 0 0 1084 0 2045 2046 2047 2048
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0
fTH = 1.04167Msps fIN = 500kHz AIN = -0.05dBFS SNR = 70.7dB SINAD = 70.6dB THD = -87.5dBc SFDR = 87.1dBc
1611
100
200
300
400
500
2044
FREQUENCY (kHz)
DIGITAL OUTPUT CODE
8
_______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25C, unless otherwise noted.) (Figures 3 and 4)
SIGNAL-TO-NOISE RATIO vs. CLOCK FREQUENCY
MAX1304 toc11
SIGNAL-TO-NOISE PLUS DISTORTION vs. CLOCK FREQUENCY
78 76 74 SINAD (dB) 72 70 68 66 64 62 60
MAX1304 toc12
80 78 76 74 SNR (dB) 72 70 68 66 64 62 60 0 5 10 15 20
80
25
0
5
10
15
20
25
fCLK (MHz)
fCLK (MHz)
TOTAL HARMONIC DISTORTION vs. CLOCK FREQUENCY
MAX1304 toc13
SPURIOUS-FREE DYNAMIC RANGE vs. CLOCK FREQUENCY
95 90 SFDR (dBc) 85 80 75 70 65 60 0 5 10 15 20 25
MAX1304 toc14
-60 -65 -70 THD (dBc) -75 -80 -85 -90 -95 -100 0 5 10 15 20
100
25
fCLK (MHz)
fCLK (MHz)
_______________________________________________________________________________________
9
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25C, unless otherwise noted.) (Figures 3 and 4)
SIGNAL-TO-NOISE RATIO vs. REFERENCE VOLTAGE
MAX1304 toc15
SIGNAL-TO-NOISE PLUS DISTORTION vs. REFERENCE VOLTAGE
74 73 72 SINAD (dB) 71 70 69 68 67 66 65
MAX1304 toc16
75 74 73 72 SNR (dB) 71 70 69 68 67 66 65 2.0 2.2 2.4 2.6 2.8
75
3.0
2.0
2.2
2.4
2.6
2.8
3.0
VREF (V)
VREF (V)
TOTAL HARMONIC DISTORTION vs. REFERENCE VOLTAGE
MAX1304 toc17
SPURIOUS-FREE DYNAMIC RANGE vs. REFERENCE VOLTAGE
MAX1304 toc18
-70 -72 -74 -76
100 95 90 SFDR (dBc) 85 80 75 70
THD (dBc)
-78 -80 -82 -84 -86 -88 -90 2.0 2.2 2.4 2.6 2.8 3.0 VREF (V)
2.0
2.2
2.4
2.6
2.8
3.0
VREF (V)
10
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25C, unless otherwise noted.) (Figures 3 and 4)
ANALOG SUPPLY CURRENT vs. ANALOG SUPPLY VOLTAGE
MAX1304 toc19
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
DIGITAL SUPPLY CURRENT vs. DIGITAL SUPPLY VOLTAGE
CLOAD = 50pF TA = +85C TA = +25C TA = -40C
MAX1304 toc20
57 56 55 IAVDD (mA) TA = +25C 54 53 52 51 4.7 4.8 4.9 5.0 AVDD (V) 5.1 5.2 TA = -40C TA = +85C
2.0 1.8 1.6 IDVDD (mA) 1.4 1.2 1.0 0.8 0.6
5.3
2.5
3.0
3.5
4.0 DVDD (V)
4.5
5.0
5.5
ANALOG SHUTDOWN CURRENT vs. ANALOG SUPPLY VOLTAGE
680 660 640 IDVDD (nA) IAVDD (nA) 620 600 580 560 540 520 500 4.7 4.8 4.9 5.0 AVDD (V) 5.1 5.2 5.3 10 2.5
MAX1304 toc21
DIGITAL SHUTDOWN CURRENT vs. DIGITAL SUPPLY VOLTAGE
MAX1304 toc22
700
22 20 18 16 14 12
3.0
3.5
4.0 DVDD (V)
4.5
5.0
5.5
ANALOG SUPPLY CURRENT vs. NUMBER OF CHANNELS SELECTED
MAX1304 toc23
DIGITAL SUPPLY CURRENT vs. NUMBER OF CHANNELS SELECTED
CHSHDN = 0 0.9 0.8 0.7 IDVDD (mA) 0.6 0.5 0.4 0.3
MAX1304 toc24
60 CHSHDN = 0 55 50 IAVDD (mA) 45 40 35 30 0 1 2 3 4 5 6 7 8 NUMBER OF CHANNELS SELECTED
1.0
0.2 0.1 0 1 2 3 4 5 6 7 8 NUMBER OF CHANNELS SELECTED
______________________________________________________________________________________
11
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1F, CREF+ = CREF- = 0.1F, CREF+-to-REF- = 2.2F || 0.1F, CCOM = 2.2F || 0.1F, CMSV = 2.2F || 0.1F (unipolar devices), MSV = AGND (bipolar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25C, unless otherwise noted.) (Figures 3 and 4) INTERNAL REFERENCE VOLTAGE INTERNAL REFERENCE VOLTAGE vs. ANALOG SUPPLY VOLTAGE vs. TEMPERATURE
MAX1304 toc25
2.5003 2.5002 VREF (V) 2.5001 2.5000 2.4999 2.4998 2.4997 2.4996 4.7 4.8 4.9 5.0 AVDD (V) 5.1 5.2
2.503 2.502 VREF (V) 2.501 2.500 2.499 2.498 2.497 2.496
5.3
-40
-15
10
35
60
85
TEMPERATURE (C)
INTERNAL CLOCK CONVERSION TIME vs. ANALOG SUPPLY VOLTAGE
MAX1304 toc27
INTERNAL CLOCK CONVERSION TIME vs. TEMPERATURE
MAX1304 toc28
900 800 700 600 TIME (ns) 500 400 300 200 100 0 4.7 4.8 4.9 5.0 AVDD (V) 5.1 5.2 tNEXT tCONV
820 800 tCONV 780 TIME (ns)
tNEXT 200 180 160 -40 -15 10 35 60 85 TEMPERATURE (C)
5.3
ANALOG INPUT CHANNEL CURRENT vs. ANALOG INPUT CHANNEL VOLTAGE
MAX1304 toc29
ANALOG INPUT CHANNEL CURRENT vs. ANALOG INPUT CHANNEL VOLTAGE
MAX1304 toc30
ANALOG INPUT CHANNEL CURRENT vs. ANALOG INPUT CHANNEL VOLTAGE
1.5 1.0 ICH_ (mA) 0.5 0 -0.5 -1.0 -1.5 -2.0 MAX1312/MAX1313/MAX1314
MAX1304 toc31
2.0 MAX1304/MAX1305/MAX1306 1.5 1.0 ICH_ (mA)
3.0 2.5 2.0 1.5 1.0 ICH_ (mA) 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 MAX1308/MAX1309/MAX1310
2.0
0.5 0 -0.5 -1.0 -1.5 -2.0 -6 -4 -2 0 VCH_ (V) 2 4 6
-20
-15
-10
-5
0 VCH_ (V)
5
10
15
20
-20
-15
-10
-5
0 VCH_ (V)
5
MAX1304 toc26
2.5004
2.504
10
15
20
12
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Pin Description
PIN MAX1304 MAX1308 MAX1312 MAX1305 MAX1309 MAX1313 MAX1306 MAX1310 MAX1314 NAME FUNCTION
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
1, 15, 17 2, 3, 14, 16, 23 4 5
1, 15, 17 2, 3, 14, 16, 23 4 5
1, 15, 17 2, 3, 14, 16, 23 4 5
AVDD
Analog Power Input. AVDD is the power input for the analog section of the converter. Apply +5V to AVDD. Connect all AVDD pins together. See the Layout, Grounding, and Bypassing section for additional information. Analog Ground. AGND is the power return for AVDD. Connect all AGND pins together. Channel 0 Analog Input Channel 1 Analog Input Midscale Voltage Bypass. For the unipolar MAX1304/MAX1305/MAX1306, connect a 2.2F and a 0.1F capacitor from MSV to AGND. For the bipolar MAX1308/MAX1309/MAX1310/MAX1312/MAX1313/MAX1314, connect MSV to AGND. Channel 2 Analog Input Channel 3 Analog Input Channel 4 Analog Input Channel 5 Analog Input Channel 6 Analog Input Channel 7 Analog Input
AGND CH0 CH1
6
6
6
MSV
7 8 9 10 11 12 13
7 8 -- -- -- -- 13
-- -- -- -- -- -- 13
CH2 CH3 CH4 CH5 CH6 CH7
Clock-Mode Select Input. Connect INTCLK/EXTCLK to AVDD to select the INTCLK/ internal clock. Connect INTCLK/EXTCLK to AGND to use an external clock EXTCLK connected to CLK. Midscale Reference Bypass or Input. REFMS connects through a 5k resistor to the internal +2.5V bandgap reference buffer. For the MAX1304/MAX1305/MAX1306 unipolar devices, VREFMS is the input to the unity-gain buffer that drives MSV. MSV sets the midpoint of the input voltage range. For internal reference operation, bypass REFMS with a 0.01F capacitor to AGND. For external reference operation, drive REFMS with an external voltage from +2V to +3V. For the MAX1308/MAX1309/MAX1310/MAX1312/MAX1313/MAX1314 bipolar devices, connect REFMS to REF. For internal reference operation, bypass the REFMS/REF node with a 0.01F capacitor to AGND. For external reference operation, drive the REFMS/REF node with an external voltage from +2V to +3V. ADC Reference Bypass or Input. REF connects through a 5k resistor to the internal +2.5V bandgap reference buffer. For internal reference operation, bypass REF with a 0.01F capacitor. For external reference operation with the MAX1304/MAX1305/MAX1306 unipolar devices, drive REF with an external voltage from +2V to +3V. For external reference operation with the MAX1308/MAX1309/MAX1310/ MAX1312/MAX1313/MAX1314 bipolar devices, connect REFMS to REF and drive the REFMS/REF node with an external voltage from +2V to +3V.
18
18
18
REFMS
19
19
19
REF
______________________________________________________________________________________
13
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Pin Description (continued)
PIN MAX1304 MAX1308 MAX1312 MAX1305 MAX1309 MAX1313 MAX1306 MAX1310 MAX1314 NAME FUNCTION
20
20
20
REF+
Positive Reference Bypass. Bypass REF+ with a 0.1F capacitor to AGND. Also bypass REF+ to REF- with a 2.2F and a 0.1F capacitor. VREF+ = VCOM + VREF / 2. Reference Common Bypass. Bypass COM to AGND with a 2.2F and a 0.1F capacitor. VCOM = 13 / 25 x AVDD. Negative Reference Bypass. Bypass REF- with a 0.1F capacitor to AGND. Also bypass REF- to REF+ with a 2.2F and a 0.1F capacitor. VREF+ = VCOM - VREF / 2. Digital Ground. DGND is the power return for DVDD. Connect all DGND pins together. Digital Power Input. DVDD powers the digital section of the converter, including the parallel interface. Apply +2.7V to +5.25V to DVDD. Bypass DVDD to DGND with a 0.1F capacitor. Connect all DVDD pins together. Digital I/O 0 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 1 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 2 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 3 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 4 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 5 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 6 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital I/O 7 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital Output 8 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital Output 9 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital Output 10 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. Digital Output 11 of 12-Bit Parallel Data Bus. High impedance when RD = 1 or CS = 1. End-of-Conversion Output. EOC goes low to indicate the end of a conversion. It returns high on the next rising CLK edge or the falling CONVST edge. End-of-Last-Conversion Output. EOLC goes low to indicate the end of the last conversion. It returns high when CONVST goes low for the next conversion sequence. Read Input. Pulling RD low initiates a read command of the parallel data bus. Write Input. Pulling WR low initiates a write command for configuring the device with D0-D7.
21
21
21
COM
22
22
22
REF-
24, 39
24, 39
24, 39
DGND
25, 38 26 27 28 29 30 31 32 33 34 35 36 37 40
25, 38 26 27 28 29 30 31 32 33 34 35 36 37 40
25, 38 26 27 28 29 30 31 32 33 34 35 36 37 40
DVDD D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 EOC
41 42 43
41 42 43
41 42 43
EOLC RD WR
14
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Pin Description (continued)
PIN MAX1304 MAX1308 MAX1312 44 45 MAX1305 MAX1309 MAX1313 44 45 MAX1306 MAX1310 MAX1314 44 45 NAME FUNCTION
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
CS CONVST
Chip-Select Input. Pulling CS low activates the digital interface. Forcing CS high places D0-D11 in high-impedance mode. Conversion Start Input. Driving CONVST high initiates the conversion process. The analog inputs are sampled on the rising edge of CONVST. External Clock Input. For external clock operation, connect INTCLK/EXTCLK to DGND and drive CLK with an external clock signal from 100kHz to 20MHz. For internal clock operation, connect INTCLK/EXTCLK to DVDD and connect CLK to DGND. Shutdown Input. Driving SHDN high initiates device shutdown. Connect SHDN to DGND for normal operation.
46
46
46
CLK
47
47
47
SHDN
48
48
48
Active-Low Analog-Input Channel-Shutdown Input. Drive CHSHDN low to power down analog inputs that are not selected for conversion in the configuration register. Drive CHSHDN high to power up all analog input CHSHDN channels regardless of whether they are selected for conversion in the configuration register. See the Channel Shutdown (CHSHDN) section for more information. I.C. Internally connected. Connect I.C. to AGND.
--
9, 10, 11, 12
7, 8, 9, 10, 11, 12
Detailed Description
VDD
IOL = 1.6mA
DEVICE PIN
1.6V
100pF IOH = 0.8mA
The MAX1304-MAX1306/MAX1308-MAX1310/MAX1312- MAX1314 are 12-bit ADCs. The devices offer 8, 4, or 2 independently selectable input channels, each with dedicated T/H circuitry. Simultaneous sampling of all active channels preserves relative phase information making these devices ideal for motor control and power monitoring. Three input ranges are available, 0 to +5V, 5V and 10V. The 0 to +5V devices provide 6V faulttolerant inputs. The 5V and 10V devices provide 16.5V fault-tolerant inputs. Two-channel conversion results are available in 0.9s. Conversion results from all eight channels are available in 1.98s. The 8-channel throughput is 456ksps per channel. Internal or external reference and clock capability offer great flexibility, and ease of use. A write-only configuration register can mask out unused channels and a shutdown feature reduces power. A 20MHz, 12-bit, parallel data bus outputs the conversion results. Figure 2 shows the functional diagram of these ADCs.
Figure 1. Digital Load Test Circuit
______________________________________________________________________________________
15
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
AVDD CH0 T/H 8x1 MUX CH7 T/H
MAX1304-MAX1306 MAX1308-MAX1310 MAX1312-MAX1314
DVDD D11 D8
12-BIT ADC
8 x 12 SRAM
OUTPUT DRIVERS
D7 D0
MSV * REF+ COM REFCONFIGURATION REGISTER INTERFACE AND CONTROL 5k REF 5k REFMS 2.500V AGND WR CS RD CONVST SHDN INTCLK/EXTCLK CLK CHSHDN EOC EOLC DGND
*SWITCH CLOSED ON UNIPOLAR DEVICES, OPEN ON BIPOLAR DEVICES
Figure 2. Functional Diagram
16
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
25, 38 0.1F 24, 39
+5V 0.1F 1 AVDD AVDD AVDD
DVDD
+2.7V TO +5.25V
0.1F
15
DGND
GND
0.1F
17
CHSHDN 6 BIPOLAR CONFIGURATION 0.01F 18 19 0.1F 20 2.2F 0.1F 22 REF0.1F 2.2F D11 0.1F 21 COM 2, 3, 14, 16, 23 AGND 12 11 10 BIPOLAR ANALOG INPUTS 9 CH7 CH6 CH5 CH4 D10 D9 D8 D7 D6 D5 REF+ MSV REFMS REF SHDN CLK
48 47 46 45 44 43 42 41 40 DIGITAL INTERFACE AND CONTROL
MAX1308 MAX1312
CONVST CS WR RD EOLC EOC
37 36 35 34 33 32 31 PARALLEL DIGITAL OUTPUT
GND
8 CH3 7 CH2 5 CH1 4 CH0 13 INTCLK/EXTCLK
D4 30 D3 D2 29 28
D1 27 D0 26
Figure 3. Typical Bipolar Operating Circuit
______________________________________________________________________________________
17
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
+5V 0.1F 0.1F 0.1F 1 15 17 AVDD AVDD AVDD DGND 24, 39 DVDD 25, 38 0.1F +2.7V TO +5.25V
GND
2.2F 0.1F 0.01F 0.01F 6 CHSHDN MSV SHDN CLK 18 19 REFMS CONVST 48 47 46 45 44 43 42 41 40 DIGITAL INTERFACE AND CONTROL
UNIPOLAR CONFIGURATION
MAX1304
REF
CS WR
0.1F 20 2.2F 0.1F 22 REF0.1F 2.2F 0.1F 21 COM 2, 3, 14, 16, 23 AGND 12 11 10 UNIPOLAR ANALOG INPUTS 9 CH7 CH6 CH5 REF+
RD EOLC EOC
D11 D10 D9
37 36 35 34 33 32 31 PARALLEL DIGITAL OUTPUT
GND
D8 D7 D6 D5
CH4 8 CH3 7 CH2 5 CH1 4 CH0 13 INTCLK/EXTCLK
D4 30 D3 D2 29 28
D1 27 D0 26
Figure 4. Typical Unipolar Operating Circuit
18
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
acquisition time must be limited to 1ms. Accuracy with conversion times longer than 1ms cannot be guaranteed due to capacitor droop in the input circuitry. Due to the analog input resistive divider formed by R1 and R2 in Figure 5, any significant analog input source resistance (RSOURCE) results in gain error. Furthermore, R SOURCE causes distortion due to nonlinear analog input currents. Limit RSOURCE to a maximum of 100.
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
AVDD
MAX1304-MAX1306 MAX1308-MAX1310 MAX1312-MAX1314
OVERVOLTAGE PROTECTION CLAMP 2.5pF CSAMPLE R2 CHOLD
*RSOURCE
CH_
R1
Selecting an Input Buffer
ANALOG SIGNAL SOURCE UNDERVOLTAGE PROTECTION CLAMP
VBIAS
*MINIMIZE RSOURCE TO AVOID GAIN ERROR AND DISTORTION. PART MAX1304 MAX1305 MAX1306 MAX1308 MAX1309 MAX1310 MAX1312 MAX1313 MAX1314 INPUT RANGE (V) R1 (k) R2 (k) VBIAS (V) 0 TO +5 3.33 5.00 0.90
5
6.67
2.86
2.50
10
13.33
2.35
2.06 R1 | | R2 = 2k
Figure 5. Single-Channel, Equivalent Analog Input T/H Circuit
Analog Inputs
Track and Hold (T/H) To preserve phase information across the multichannel MAX1304-MAX1306/MAX1308-MAX1310/MAX1312- MAX1314, all input channels have dedicated T/H amplifiers. Figure 5 shows the equivalent analog input T/H circuit for one channel. The input T/H circuit is controlled by the CONVST input. When CONVST is low, the T/H circuit tracks the analog input. When CONVST is high the T/H circuit holds the analog input. The rising edge of CONVST is the analog input sampling instant. There is an aperture delay (tAD) of 8ns and a 50psRMS aperture jitter (tAJ). The aperture delay of each dedicated T/H input is matched within 100ps of each other. To settle the charge on CSAMPLE to 12-bit accuracy, use a minimum acquisition time (t ACQ ) of 100ns. Therefore, CONVST must be low for at least 100ns. Although longer acquisition times allow the analog input to settle to its final value more accurately, the maximum
To improve the input signal bandwidth under AC conditions, drive the input with a wideband buffer (>50MHz) that can drive the ADC's input capacitance (15pF) and settle quickly. For example, the MAX4431 or the MAX4265 can be used for the 0 to +5V unipolar devices, or the MAX4350 can be used for 5V bipolar inputs. Most applications require an input buffer to achieve 12-bit accuracy. Although slew rate and bandwidth are important, the most critical input buffer specification is settling time. The simultaneous sampling of multiple channels requires an acquisition time of 100ns. At the beginning of the acquisition, the ADC internal sampling capacitor array connects to the analog inputs, causing some disturbance. Ensure the amplifier is capable of settling to at least 12-bit accuracy during this interval. Use a low-noise, low-distortion, wideband amplifier that settles quickly and is stable with the ADC's 15pF input capacitance. See the Maxim website at www.maxim-ic.com for application notes on how to choose the optimum buffer amplifier for your ADC application. Input Bandwidth The input-tracking circuitry has a 20MHz small-signal bandwidth, making it possible to digitize high-speed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using undersampling techniques. To avoid high-frequency signals being aliased into the frequency band of interest, anti-alias filtering is recommended. Input Range and Protection The MAX1304/MAX1305/MAX1306 provide a 0 to +5V input voltage range with fault protection of 6V. The MAX1308/MAX1309/MAX1310 provide a 5V input voltage range with fault protection of 16.5V. The MAX1312/MAX1313/MAX1314 provide a 10V input voltage range with fault protection of 16.5V. Figure 5 shows the single-channel equivalent input circuit.
______________________________________________________________________________________
19
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Data Throughput
The data throughput (fTH) of the MAX1304-MAX1306/ MAX1308-MAX1310/MAX1312-MAX1314 is a function of the clock speed (fCLK). In internal clock mode, fCLK = 15MHz (typ). In external clock mode, 100kHz fCLK 20MHz. When reading during conversion (Figures 7 and 8), calculate fTH as follows: fTH = tACQ + tQUIET 1 12 + 3 x (N - 1) + 1 + fCLK
Clock Modes
The MAX1304-MAX1306/MAX1308-MAX1310/MAX1312- MAX1314 provide a 15MHz internal conversion clock. Alternatively, an external clock can be used. Internal Clock Internal clock mode frees the microprocessor from the burden of running the ADC conversion clock. For internal clock operation, connect INTCLK/EXTCLK to AVDD and connect CLK to DGND. Note that INTCLK/EXTCLK is referenced to AVDD, not DVDD. External Clock For external clock operation, connect INTCLK/EXTCLK to AGND and connect an external clock source to CLK. Note that INTCLK/EXTCLK is referenced to AVDD, not DV DD . The external clock frequency can be up to 20MHz. Linearity is not guaranteed with clock frequencies below 100kHz due to droop in the T/H circuits.
where N is the number of active channels and tQUIET is the period of bus inactivity before the rising edge of CONVST. See the Starting a Conversion section for more information. Table 1 uses the above equation and shows the total throughput as a function of the number of channels selected for conversion.
Table 1. Throughput vs. Channels Sampled: fCLK = 15MHz, tACQ = 100ns, tQUIET = 50ns
CHANNELS SAMPLED (N) 1 2 3 4 5 6 7 8 CLOCK CYCLES UNTIL LAST RESULT 12 15 18 21 24 27 30 33 CLOCK CYCLE FOR READING LAST CONVERSION 1 1 1 1 1 1 1 1 TOTAL CONVERSION TIME (ns) 800 1000 1200 1400 1600 1800 2000 2200 TOTAL THROUGHPUT (ksps) 983 1643 2117 2474 2752 2975 3157 3310 THROUGHPUT PER CHANNEL (fTH) 983 821 705 618 550 495 451 413
20
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Applications Information
Digital Interface
The bidirectional parallel digital interface allows for setting the 8-bit configuration register (see the Configuration Register section) and reading the 12-bit conversion result. The interface includes the following control signals: chip select (CS), read (RD), write (WR), end of conversion (EOC), end of last conversion (EOLC), conversion start (CONVST), shutdown (SHDN), channel shutdown (CHSHDN), internal clock select (INTCLK/EXTCLK), and external clock input (CLK). Figures 6, 7, 8, 9, Table 2, and the Timing Characteristics show the operation of the interface. D0-D7 are bidirectional, and D8-D11 are output only. D0-D11 go high impedance when RD = 1 or CS = 1. However, the new configuration does not take effect until the next CONVST falling edge. At power-up all channels default active. Shutdown does not change the configuration register. The configuration register may be written to in shutdown. See the Channel Shutdown (CHSHDN) section for information about using the configuration register for power saving.
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
CONVST CONFIGURATION REGISTER UPDATES RD tCS
Configuration Register
Enable channels as active by writing to the configuration register through I/O lines D0-D7 (Table 2). The bits in the configuration register map directly to the channels, with D0 controlling channel zero, and D7 controlling channel seven. Setting any bit high activates the corresponding input channel, while resetting any bit low deactivates the corresponding channel. On the devices with less than eight channels, some of the bits have no function (Table 2). To write to the configuration register, pull CS and WR low, load bits D0 through D7 onto the parallel bus, and force WR high. The data are latched on the rising edge of WR (Figure 6). Write to the configuration register at any point during the conversion sequence. At powerup, write to the configuration register to select the active channels before beginning a conversion.
CS
tCTW WR tDTW D0-D7
tWRL
tWTC
DATA-IN tWTD
Figure 6. Write Timing
Table 2. Configuration Register
PART NUMBER MAX1304 MAX1308 MAX1312 MAX1305 MAX1309 MAX1313 MAX1306 MAX1310 MAX1314 STATE ON OFF ON OFF ON OFF BIT/CHANNEL D0/CH0 1 0 1 0 1 0 D1/CH1 1 0 1 0 1 0 D2/CH2 1 0 1 0 X X D3/CH3 1 0 1 0 X X D4/CH4 1 0 X X X X D5/CH5 1 0 X X X X D6/CH6 1 0 X X X X D7/CH7 1 0 X X X X
X = Don't care (must be 1 or 0).
______________________________________________________________________________________
21
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
SAMPLE INSTANT
tACQ CONVST TRACK tCONV HOLD tNEXT TRACK
EOC tEOC EOLC tQUIET 50ns CS* tCTR RD tACC D0-D11 tREQ *CS CAN BE LOW AT ALL TIMES, LOW DURING THE RD CYCLES, OR THE SAME AS RD. CH0 tRDL CH1 tRDH tRTC tCVEOLCD
Figure 7. Read During Conversion--Channel 0 and Channel 1 Selected, Internal Clock
Starting a Conversion
To start a conversion using internal clock mode, pull CONVST low for the acquisition time (tACQ). The T/H acquires the signal while CONVST is low, and conversion begins on the rising edge of CONVST. The end-ofconversion signal (EOC) pulses low whenever a conversion result becomes available for read. The endof-last-conversion signal (EOLC) goes low when the last conversion result is available (Figure 7). To start a conversion using external clock mode, pull CONVST low for the acquisition time (tACQ). The T/H acquires the signal while CONVST is low. The rising edge of CONVST is the sampling instant. Apply an external clock to CLK to start the conversion. To avoid T/H droop degrading the sampled analog input signals,
22
the first CLK pulse must occur within 10s from the rising edge of CONVST. Additionally, the external clock frequency must be greater than 100kHz to avoid T/H droop-degrading accuracy. The first conversion result is available for read when EOC goes low on the rising edge of the 13th clock cycle. Subsequent conversion results are available after every third clock cycle thereafter (Figures 8 and 9). In both internal and external clock modes, hold CONVST high until the last conversion result is read. If CONVST goes low in the middle of a conversion, the current conversion is aborted and a new conversion is initiated. Furthermore, there must be a period of bus inactivity (tQUIET) for 50ns or longer before the falling edge of CONVST for the specified ADC performance.
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
SAMPLE INSTANT
tACQ CONVST TRACK tCNTC CLK 1 2 3 tCLK 12 tEOCD EOC tCONV EOLC tQUIET 50ns CS* tRTC tEOC tEOLCD tCVEOLCD 13 14 tNEXT HOLD tCLKH 15 16 tCLKL 17 tEOCD 18 19 1 TRACK
tCTR RD tACC D0-D11 tREQ *CS CAN BE LOW AT ALL TIMES, LOW DURING THE RD CYCLES, OR THE SAME AS RD. CH3
tRDH
tRDL CH7
Figure 8. Read During Conversion--Channel 3 and Channel 7 Selected, External Clock
Reading a Conversion Result
Reading During a Conversion Figures 7 and 8 show the interface signals to initiate a read operation during a conversion cycle. These figures show two channels selected for conversion. If more channels are selected, the results are available successively at every EOC falling edge. CS can be low at all times, low during the RD cycles, or the same as RD. After initiating a conversion by bringing CONVST high, wait for EOC to go low. In internal clock mode, EOC goes low within 900ns. In external clock mode, EOC goes low on the rising edge of the 13th CLK cycle. To read the conversion result, drive CS and RD low to latch data to the parallel digital output bus. Bring RD
high to release the digital bus. In internal clock mode, the next EOC falling edge occurs within 225ns. In external clock mode, the next EOC falling edge occurs in three CLK cycles. When the last result is available EOLC goes low. Reading After Conversion Figure 9 shows the interface signals for a read operation after a conversion with all eight channels enabled. At the falling of EOLC, driving CS and RD low places the first conversion result onto the parallel bus. Successive low pulses of RD place the successive conversion results onto the bus. When the last conversion results in the sequence are read, additional read pulses wrap the pointer back to the first converted result.
______________________________________________________________________________________
23
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
CONVST
EOC
ONLY LAST PULSE SHOWN tEOC tCVEOLCD
EOLC CS*
tRTC tCTR tRDL tRDH tQUIET1 = 50ns
RD
D0-D11 tACC
CH0 tREQ
CH1
CH2
CH3
CH4
CH5
CH6
CH7
* CS CAN BE LOW AT ALL TIMES, LOW DURING THE RD CYCLES, OR THE SAME AS RD.
Figure 9. Read After Conversion--Eight Channels Selected, External Clock
Power-Up Reset
At power-up, all channels are selected for conversion (see the Configuration Register section). After applying power, allow the 1ms wake-up time to elapse and then initiate a dummy conversion and discard the results. After the dummy conversion is complete, accurate conversions can be obtained.
Exiting shutdown (falling edge of SHDN) starts a conversion in the same way as the rising edge of CONVST. After coming out of shutdown, initiate a dummy conversion and discard the results. After the dummy conversion, allow the 1ms wake-up time to expire before initiating the first accurate conversion. Channel Shutdown (CHSHDN ) C The channel-shutdown feature allows analog input channels to be powered down when they are not selected for conversion. Powering down channels that are not selected for conversion reduces the analog supply current by 2.9mA per channel. To power down channels that are not selected for conversion, pull CHSHDN low. See the Configuration Register section for information on selecting and deselecting channels for conversion. The drawback of powering down analog inputs that are not selected for conversion is that it takes time to power them up. Figure 10 shows how a dummy conversion is used to power up an analog input in external clock mode. After selecting a new channel in the configuration register, initiate a dummy conversion and discard the results. After the dummy conversion, allow the 1ms wake-up time (tWAKE) to expire before initiating the first accurate conversion.
Power-Saving Modes
Shutdown Mode During shutdown the internal reference and analog circuits in the device shutdown and the analog supply current drops to 0.6A (typ). Select shutdown mode using the SHDN input. Set SHDN high to enter shutdown mode. SHDN takes precedence over CHSHDN. Entering and exiting shutdown mode does not change the configuration byte. However, a new configuration byte can be written while in shutdown mode by following the standard write procedure shown in Figure 6. EOC and EOLC are high when the MAX1304-MAX1306/ MAX1308-MAX1310/MAX1312-MAX1314 are shut down. The state of the digital outputs D0-D11 is independent of the state of SHDN. If CS and RD are low, the digital outputs D0-D11 are active regardless of SHDN. The digital outputs only go high impedance when CS or RD is high. When the digital outputs are powered down, the digital supply current drops to 20nA.
24
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
CS* tACQ CONVST CONFIGURATION REGISTER UPDATES WR CONFIGURATION REGISTER POWERS UP ONE OR MORE CHANNELS D0-D7 DATA IN tWAKE 1ms 1 CLK 2 3 4 5 12 13 1 DUMMY CONVERSION START FIRST ACCURATE CONVERSION START tACQ
EOC
EOLC
*CS CAN BE LOW AT ALL TIMES, LOW DURING THE RD CYCLES, OR THE SAME AS RD.
Figure 10. Powering Up an Analog Input Channel with a Dummy Conversion and Wake-Up Time (CHSHDN = 0, External-Clock Mode, One Channel Selected)
CS*
tACQ CONVST CONFIGURATION REGISTER UPDATES WR CONFIGURATION REGISTER POWERS UP ONE OR MORE CHANNELS D0-D7 DATA IN 1 CLK 2 3 4 5 12 13 FIRST ACCURATE CONVERSION START SECOND ACCURATE CONVERSION START
tACQ
1
EOC
EOLC
*CS CAN BE LOW AT ALL TIMES, LOW DURING THE RD CYCLES, OR THE SAME AS RD.
Figure 11. Powering Up an Analog Input Channel Directly (CHSHDN = 1, External-Clock Mode, One Channel Selected) ______________________________________________________________________________________ 25
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
To avoid the timing requirements associated with powering up an analog channel, force CHSHDN high. With CHSHDN high, each analog input is powered up regardless of whether it is selected for conversion in the configuration register. Note that shutdown mode takes precedence over the CHSHDN mode. erence voltage by driving REF with a +2.0V to +3.0V external reference. As shown in Figure 2, the REF input impedance is 5k. For more information about using external references see the Transfer Functions section.
Midscale Voltage (MSV)
The voltage at MSV (VMSV) sets the midpoint of the ADC transfer functions. For the 0 to +5V input range (unipolar devices), the midpoint of the transfer function is +2.5V. For the 5V and 10V input range devices, the midpoint of the transfer function is zero. As shown in Figure 2, there is a unity-gain buffer between REFMS and MSV in the unipolar MAX1304/ MAX1305/MAX1306. This midscale buffer sets the midpoint of the unipolar transfer functions to either the internal +2.5V reference or an externally applied voltage at REFMS. VMSV follows VREFMS within 3mV. The midscale buffer is not active for the bipolar devices. For these devices, MSV must be connected to AGND or externally driven. REFMS must be bypassed with a 0.01F capacitor to AGND. See the Transfer Functions section for more information about MSV.
Reference
Internal Reference The internal reference circuits provide for analog input voltages of 0 to +5V for the unipolar MAX1304/ MAX1305/MAX1306, 5V for the bipolar MAX1308/ MAX1309/MAX1310 or 10V for the bipolar MAX1312/ MAX1313/MAX1314. Install external capacitors for reference stability, as indicated in Table 3 and shown in Figures 3 and 4. As illustrated in Figure 2, the internal reference voltage is 2.5V (VREF). This 2.5V is internally buffered to create the voltages at REF+ and REF-. Table 4 shows the voltages at COM, REF+, and REF-. External Reference External reference operation is achieved by overriding the internal reference voltage. Override the internal ref-
Table 3. Reference Bypass Capacitors
LOCATION MSV Bypass Capacitor to AGND REFMS Bypass Capacitor to AGND REF Bypass Capacitor to AGND REF+ Bypass Capacitor to AGND REF+ to REF- Capacitor REF- Bypass Capacitor to AGND COM Bypass Capacitor to AGND INPUT VOLTAGE RANGE UNIPOLAR (F) 2.2 || 0.1 0.01 0.01 0.1 2.2 || 0.1 0.1 2.2 || 0.1 BIPOLAR (F) N/A 0.01 0.01 0.1 2.2 || 0.1 0.1 2.2 || 0.1
N/A = Not applicable. Connect MSV directly to AGND.
Table 4. Reference Voltages
PARAMETER VCOM VREF+ VREFVREF+ - VREFEQUATION VCOM = 13 / 25 x AVDD VREF+ = VCOM + VREF / 2 VREF- = VCOM - VREF / 2 VREF- - VREF+ = VREF CALCULATED VALUE (V) VREF = 2.000V, AVDD = 5.0V
(
)
CALCULATED VALUE (V) VREF = 2.500V, AVDD = 5.0V
(
)
CALCULATED VALUE (V) VREF = 3.000V, AVDD = 5.0V
(
)
2.600 3.600 1.600 2.000
2.600 3.850 1.350 2.500
2.600 4.100 1.100 3.000
26
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Transfer Functions
Unipolar 0 to +5V Devices Table 5 and Figure 12 show the offset binary transfer function for the MAX1304/MAX1305/MAX1306 with a 0 to +5V input range. The full-scale input range (FSR) is two times the voltage at REF. The internal +2.5V reference gives a +5V FSR, while an external +2V to +3V reference allows an FSR of +4V to +6V, respectively. Calculate the LSB size using: 1 LSB = 2 x VREF 212 The input range is centered about VMSV, internally set to +2.5V. For a custom midscale voltage, drive REFMS with an external voltage source and MSV will follow REFMS. Noise present on MSV or REFMS directly couples into the ADC result. Use a precision, low-drift voltage reference with adequate bypassing to prevent MSV from degrading ADC performance. For maximum FSR, do not violate the absolute maximum voltage ratings of the analog inputs when choosing MSV. Determine the input voltage as a function of V REF , VMSV, and the output code in decimal using: VCH_ = LSB x CODE10 + VMSV - 2.500V
which equals 1.22mV when using a 2.5V reference.
Table 5. 0 to 5V Unipolar Code Table
BINARY DIGITAL OUTPUT CODE DECIMAL EQUIVALENT DIGITAL OUTPUT CODE (CODE10) 4095 4094 2049 2048 2047 1 0 INPUT VOLTAGE (V) VREF = +2.5V VREFMS = +2.5V
2 x VREF 0xFFF 0xFFE 0xFFD 0xFFC
(
)
BINARY OUTPUT CODE
1111 1111 1111 = 0xFFF 1111 1111 1110 = 0xFFE 1000 0000 0001 = 0x801 1000 0000 0000 = 0x800 0111 1111 1111 = 0x7FF 0000 0000 0001 = 0x001 0000 0000 0000 = 0x000
+4.9994 0.5 LSB +4.9982 0.5 LSB +2.5018 0.5 LSB +2.5006 0.5 LSB +2.4994 0.5 LSB +0.0018 0.5 LSB +0.0006 0.5 LSB
0x801 0x800 0x7FF
0x0003 0x0002 0x0001 0x0000 0 123 2046 2048 2050 (MSV)
1 LSB =
2 x VREF 212 4095
4093
INPUT VOLTAGE (LSBs)
Figure 12. 0 to +5V Unipolar Transfer Function
______________________________________________________________________________________
27
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Bipolar 5V Devices Table 6 and Figure 13 show the two's complement transfer function for the 5V input range MAX1308/MAX1309/ MAX1310. The FSR is four times the voltage at REF. The internal +2.5V reference gives a +10V FSR, while an external +2V to +3V reference allows an FSR of +8V to +12V respectively. Calculate the LSB size using: 1 LSB = 4 x VREF 212 The input range is centered about V MSV. Normally, MSV = AGND, and the input is symmetrical about zero. For a custom midscale voltage, drive MSV with an external voltage source. Noise present on MSV directly couples into the ADC result. Use a precision, low-drift voltage reference with adequate bypassing to prevent MSV from degrading ADC performance. For maximum FSR, do not violate the absolute maximum voltage ratings of the analog inputs when choosing MSV. Determine the input voltage as a function of VREF , VMSV, and the output code in decimal using: VCH_ = LSB x CODE10 + VMSV
which equals 2.44mV when using a 2.5V reference.
Table 6. 5V Bipolar Code Table
TWO's COMPLEMENT DIGITAL OUTPUT CODE 0111 1111 1111 = 0x7FF 0111 1111 1110 = 0x7FE 0000 0000 0001 = 0x001 0000 0000 0000 = 0x000 1111 1111 1111 = 0xFFF 1000 0000 0001 = 0x801 1000 0000 0000 = 0x800 DECIMAL EQUIVALENT DIGITAL OUTPUT CODE (CODE10) +2047 +2046 +1 0 -1 -2047 -2048 INPUT VOLTAGE (V) VREF = +2.5V VMSV = 0
4 x VREF
+4.9988 0.5 LSB +4.9963 0.5 LSB +0.0037 0.5 LSB +0.0012 0.5 LSB -0.0012 0.5 LSB -4.9963 0.5 LSB -4.9988 0.5 LSB
TWO'S COMPLEMENT BINARY OUTPUT CODE
(
)
0x7FF 0x7FE 0x7FD 0x7FC
0x001 0x000 0xFFF
0x803 0x802 0x801 0x800 -2048 -2046 -1 0 +1 (MSV)
1 LSB =
4 x VREF 212
+2045 +2047
INPUT VOLTAGE (VCH_ - VMSV IN LSBs)
Figure 13. 5V Bipolar Transfer Function
28
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Bipolar 10V Devices Table 7 and Figure 14 show the two's complement transfer function for the 10V input range MAX1312/ MAX1313/MAX1314. The FSR is eight times the voltage at REF. The internal +2.5V reference gives a +20V FSR, while an external +2V to +3V reference allows an FSR of +16V to +24V, respectively. Calculate the LSB size using: 1 LSB = 8 x VREF 212
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
which equals 4.88mV with a +2.5V internal reference.
The input range is centered about V MSV. Normally, MSV = AGND, and the input is symmetrical about zero. For a custom midscale voltage, drive MSV with an external voltage source. Noise present on MSV directly couples into the ADC result. Use a precision, low-drift voltage reference with adequate bypassing to prevent MSV from degrading ADC performance. For maximum FSR, do not violate the absolute maximum voltage ratings of the analog inputs when choosing MSV. Determine the input voltage as a function of VREF , VMSV, and the output code in decimal using: VCH_ = LSB x CODE10 + VMSV
Table 7. 10V Bipolar Code Table
TWO's COMPLEMENT DIGITAL OUTPUT CODE 0111 1111 1111 = 0x7FF 0111 1111 1110 = 0x7FE 0000 0000 0001 = 0x001 0000 0000 0000 = 0x000 1111 1111 1111 = 0xFFF 1000 0000 0001 = 0x801 1000 0000 0000 = 0x800 DECIMAL EQUIVALENT DIGITAL OUTPUT CODE (CODE10) +2047 +2046 +1 0 -1 -2047 -2048 INPUT VOLTAGE (V) VREF = +2.5V VMSV = 0
8 x VREF
+9.9976 0.5 LSB +9.9927 0.5 LSB +0.0073 0.5 LSB 0.0024 0.5 LSB -0.0024 0.5 LSB -9.9927 0.5 LSB -9.9976 0.5 LSB
TWO'S COMPLEMENT BINARY OUTPUT CODE
(
)
0x7FF 0x7FE 0x7FD 0x7FC
0x001 0x000 0xFFF
0x803 0x802 0x801 0x800 -2048 -2046 -1 0 +1 (MSV)
1 LSB =
8 x VREF 212
+2045 +2047
INPUT VOLTAGE (VCH_ - VMSV IN LSBs)
Figure 14. 10V Bipolar Transfer Function
______________________________________________________________________________________
29
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
3-Phase Motor Controller
The MAX1304-MAX1306/MAX1308-MAX1310/MAX1312- MAX1314 are ideally suited for motor-control systems (Figure 15). The devices' simultaneously sampled inputs eliminate the need for complicated DSP algorithms that realign sequentially sampled data into a simultaneous sample set. Additionally, the variety of input voltage ranges allows for flexibility when choosing current sensors and position encoders.
MAX1308
DSP
12-BIT ADC
T/H
IGBT CURRENT DRIVERS CURRENT SENSOR IPHASE1
IPHASE3 IPHASE2
3-PHASE ELECTRIC MOTOR PHASE 1
PHASE 3
PHASE 2
POSITION ENCODER
Figure 15. 3-Phase Motor Control
30
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
3-Phase Power-Monitoring System
The 8-channel devices are well suited for use in 3-phase power monitoring (Figure 16). The simultaneously sampled eight channels eliminate the need for complicated DSP algorithms that realign sequentially sampled data into a simultaneous sample set.
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
MAX1312
T/H
12-BIT ADC
MICROCONTROLLER
BUFFERS AND INPUT PROTECTION
VP3
VP1
VNEUTRAL
VP2
IP3
IP2
IPn
IP1
CURRENT TRANSFORMER
PHASE 1
LOAD
POWER GRID
NEUTRAL
CURRENT TRANSFORMER
LOAD LOAD
CURRENT TRANSFORMER
PHASE 2 PHASE 3
CURRENT TRANSFORMER
Figure 16. 3-Phase Power Monitoring
______________________________________________________________________________________
31
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Layout, Grounding, and Bypassing
For best performance use PC boards. Board layout must ensure that digital and analog signal lines are separated from each other. Do not run analog and digital lines parallel to one another (especially clock lines), and do not run digital lines underneath the ADC package. Figure 17 shows the recommended system ground connections. Establish an analog ground point at AGND and a digital ground point at DGND. Connect all analog grounds to the analog ground point. Connect all digital grounds to the digital ground point. For lowest noise operation, make the power-supply ground returns as low impedance and as short as possible. Connect the analog ground point to the digital ground point at one location. High-frequency noise in the power supplies degrades the ADC's performance. Bypass the analog power plane to the analog ground plane with a 2.2F capacitor within one inch of the device. Bypass each AVDD to AGND pair of pins with a 0.1F capacitor as close to the device as possible. AVDD to AGND pairs are pin 1 to pin 2, pin 14 to pin 15, and pin 16 to pin 17. Likewise, bypass the digital power plane to the digital ground plane with a 2.2F capacitor within one inch of the device. Bypass each DVDD to DGND pair of pins with a 0.1F capacitor as close to the device as possible. DVDD to DGND pairs are pin 24 to pin 25, and pin 38 to pin 39. If a supply is very noisy use a ferrite bead as a lowpass filter as shown in Figure 17.
ANALOG SUPPLY +5V RETURN
DIGITAL GROUND POINT
DIGITAL SUPPLY RETURN +3V TO +5V
OPTIONAL ANALOG GROUND FERRITE POINT BEAD
AVDD
AGND
DGND
DVDD DATA
DGND
DVDD
MAX1304-MAX1306 MAX1308-MAX1310 MAX1312-MAX1314
DIGITAL CIRCUITRY
Figure 17. Power-Supply Grounding and Bypassing
Offset Error
Offset error is a figure of merit that indicates how well the actual transfer function matches the ideal transfer function at a single point. Typically the point at which offset error is specified is either at or near the zeroscale point of the transfer function or at or near the midscale point of the transfer function. For the unipolar devices (MAX1304/MAX1305/ MAX1306), the ideal zero-scale transition from 0x000 to 0x001 occurs at 1 LSB above AGND (Figure 12, Table 5). Unipolar offset error is the amount of deviation between the measured zero-scale transition point and the ideal zero-scale transition point. For the bipolar devices (MAX1308/MAX1309/MAX1310/ MAX1312/MAX1313/MAX1314), the ideal midscale transition from 0xFFF to 0x000 occurs at MSV (Figures 14 and 13, Tables 7 and 6). The bipolar offset error is the amount of deviation between the measured midscale transition point and the ideal midscale transition point.
Definitions
Integral Nonlinearity (INL)
INL is the deviation of the values on an actual transfer function from a straight line. For these devices, this straight line is drawn between the endpoints of the transfer function, once offset and gain errors have been nullified.
Differential Nonlinearity (DNL)
DNL is the difference between an actual step width and the ideal value of 1 LSB. For these devices, the DNL of each digital output code is measured and the worstcase value is reported in the electrical characteristics table. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function.
32
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Gain Error
Gain error is a figure of merit that indicates how well the slope of the actual transfer function matches the slope of the ideal transfer function. For the MAX1304- MAX1306/MAX1308-MAX1310/MAX1312-MAX1314, the gain error is the difference of the measured full-scale and zero-scale transition points minus the difference of the ideal full-scale and zero-scale transition points. For the unipolar devices (MAX1304/MAX1305/ MAX1306), the full-scale transition point is from 0xFFE to 0xFFF and the zero-scale transition point is from 0x000 to 0x001. For the bipolar devices (MAX1308/MAX1309/MAX1310/ MAX1312/MAX1313/MAX1314), the full-scale transition point is from 0x7FE to 0x7FF and the zero-scale transition point is from 0x800 to 0x801.
Effective Number of Bits (ENOB)
ENOB specifies the dynamic performance of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. ENOB for a full-scale sinusoidal input waveform is computed as: ENOB = SINAD - 1.76 6.02
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first five harmonics to the fundamental itself. This is expressed as: V22 + V32 + V 2 + V52 + V62 4 THD = 20 x log V1 where V1 is the fundamental amplitude, and V2 through V 6 are the amplitudes of the 2nd- through 6thorder harmonics.
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNRdB[max] = 6.02dB x N + 1.76dB In reality, there are other noise sources such as thermal noise, reference noise, and clock jitter. For these devices, SNR is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first five harmonics, and the DC offset.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest spurious component, excluding DC offset. SFDR is specified in decibels relative to the carrier (dBc).
Channel-to-Channel Isolation
Channel-to-channel isolation indicates how well each analog input is isolated from the others. The channel-tochannel isolation for these devices is measured by applying DC to channel 1 through channel 7 while an AC 500kHz, -0.4dBFS sine wave is applied to channel 0. An FFT is taken for channel 0 and channel 1 and the difference (in dB) of the 500kHz magnitudes is reported as the channel-to-channel isolation.
Signal-to-Noise Plus Distortion (SINAD)
SINAD is computed by taking the ratio of the RMS signal to the RMS noise plus distortion. RMS noise plus distortion includes all spectral components to the Nyquist frequency excluding the fundamental and the DC offset. SIGNALRMS SINAD(dB) = 20 x log (NOISE + DISTORTION)RMS
Aperature Delay
Aperture delay (tAD) is the time delay from the CONVST rising edge to the instant when an actual sample is taken.
______________________________________________________________________________________
33
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Aperture Jitter
Aperture Jitter (tAJ) is the sample-to-sample variation in aperture delay. Jitter is a concern when considering an ADC's dynamic performance, e.g., SNR. To reconstruct an analog input from the ADC digital outputs, it is critical to know the time at which each sample was taken. Typical applications use an accurate sampling clock signal that has low jitter from sampling edge to sampling edge. For a system with a perfect sampling clock signal, with no clock jitter, the SNR performance of an ADC is limited by the ADC's internal aperture jitter as follows: 1 SNR = 20 x log 2 x x fIN x tAJ where fIN represents the analog input frequency and tAJ is the time of the aperture jitter.
Full-Power Bandwidth
A large, -0.5dBFS analog input signal is applied to an ADC, and the input frequency is swept up to the point where the amplitude of the digitized conversion result has decreased by -3dB. This point is defined as fullpower input bandwidth frequency.
DC Power-Supply Rejection (PSRR)
DC PSRR is defined as the change in the positive fullscale transfer function point caused by a 5% variation in the analog power-supply voltage (AVDD).
Chip Information
TRANSISTOR COUNT: 50,000 PROCESS: 0.6m BiCMOS
Small-Signal Bandwidth
A small -20dBFS analog input signal is applied to an ADC so that the signal's slew rate does not limit the ADC's performance. The input frequency is then swept up to the point where the amplitude of the digitized conversion result has decreased by -3dB.
34
______________________________________________________________________________________
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges
Pin Configurations
TOP VIEW CHSHDN SHDN CLK CONVST CS WR RD EOLC EOC DGND DVDD D11 CHSHDN SHDN CLK CONVST CS WR RD EOLC EOC DGND DVDD D11
MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
48
47
46
45
44
43
42
41
40
39
38
37
48
47
46
45
44
43
42
41
40
39
38
AVDD AGND AGND CH0 CH1 MSV CH2 CH3 CH4 CH5 CH6 CH7
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
36 35 34 33 32 31 30 29 28 27 26 25
D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DVDD
AVDD AGND AGND CH0 CH1 MSV CH2 CH3 I.C. I.C. I.C. I.C.
37
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
36 35 34 33 32 31 30 29 28 27 26 25
D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DVDD
MAX1304 MAX1308 MAX1312
MAX1305 MAX1309 MAX1313
INTCLK/EXTCLK AGND AVDD AGND AVDD REFMS REF REF+ COM REFAGND DGND
8-CHANNEL TQFP
CHSHDN SHDN CLK CONVST CS WR RD EOLC EOC DGND DVDD
48
47
46
45
44
43
42
41
40
39
38
AVDD AGND AGND CH0 CH1 MSV I.C. I.C. I.C. I.C. I.C. I.C.
37
D11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
MAX1306 MAX1310 MAX1314
INTCLK/EXTCLK AGND AVDD
2-CHANNEL TQFP
______________________________________________________________________________________
AGND AVDD REFMS
REF REF+ COM REFAGND DGND
INTCLK/EXTCLK AGND AVDD AGND AVDD REFMS REF REF+ COM REFAGND DGND
4-CHANNEL TQFP
36 35 34 33 32 31 30 29 28 27 26 25
D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DVDD
35
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to +5V Analog Input Ranges MAX1304-MAX1306/MAX1308-MAX1310/MAX1312-MAX1314
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
32L/48L,TQFP.EPS
PACKAGE OUTLINE, 32/48L TQFP, 7x7x1.4mm
21-0054
E
1
2
PACKAGE OUTLINE, 32/48L TQFP, 7x7x1.4mm
21-0054
E
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
36 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X