Part Number Hot Search : 
DA120 5HN02M 7SZ08 C3271F DS3161 10210 IL215XAT FN4029
Product Description
Full Text Search
 

To Download MAX1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4794; Rev 0; 11/98
KIT ATION EVALU ABLE AVAIL
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
General Description Features
o Monolithic, 14-Bit, 1Msps ADC o +5V Single Supply o SNR of 80dB for fIN = 500kHz o SFDR of 87dB for fIN = 500kHz o Low Power Dissipation: 257mW o On-Demand Self-Calibration o Differential Nonlinearity Error: 0.3LSB o Integral Nonlinearity Error: 1.2LSB o Three-State, Two's Complement Output Data
MAX1205
END_CAL
The MAX1205 is a 14-bit, monolithic, analog-to-digital converter (ADC) capable of conversion rates up to 1Msps. This integrated circuit, built on a CMOS process, uses a fully differential, pipelined architecture with digital error correction and a short self-calibration procedure that corrects for capacitor and gain mismatches and ensures 14-bit linearity at full sample rates. An on-chip track/hold (T/H) maintains superb dynamic performance up to the Nyquist frequency. The MAX1205 operates from a single +5V supply. The fully differential inputs allow an input swing of VREF. The reference is also differential, with the positive reference (RFPF) typically connected to +4.096V and the negative reference (RFNF) connected to analog ground. Additional sensing pins (RFPS, RFNS) are provided to compensate for any resistive-divider action that may occur due to finite internal and external resistances in the reference traces and the on-chip resistance of the reference pins. A single-ended input is also possible using two operational amplifiers. The power dissipation is typically 257mW at +5V, at a sampling rate of 1Msps. The device employs a CMOScompatible, 14-bit parallel, two's complement output data format. For higher sampling rates, the MAX1201 is a 2.2Msps pin-compatible upgrade to the MAX1205. The MAX1205 is available in an MQFP package, and operates over the commercial (0C to +70C) and the extended (-40C to +85C) temperature ranges.
Ordering Information
PART MAX1205CMH MAX1205EMH TEMP. RANGE 0C to +70C -40C to +85C PIN-PACKAGE 44 MQFP 44 MQFP
Pin Configuration
TOP VIEW
44
43
42
41
40
39
38
37
36
35
Imaging Communications Medical Scanners Data Acquisition
ST_CAL AGND AVDD AGND AGND AVDD DOR D13 D12 D11 D10
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 33 32 31 30 29 28 27 26 25 24 23
34
Applications
TEST0
INP RFNS RFNF
RFPS RFPF CM
INN N.C. N.C.
MAX1205
OE DAV CLK DVDD DGND DGND DVDD TEST1 TEST2 TEST3 D0
DGND D5
D4 D3 D2
D9 D8
________________________________________________________________ Maxim Integrated Products
D7 D6 DRVDD
MQFP
D1
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC MAX1205
ABSOLUTE MAXIMUM RATINGS
AVDD to AGND, DGND ..........................................................+7V DVDD to DGND, AGND..........................................................+7V DRVDD to DGND, AGND .......................................................+7V INP, INN, RFPF, RFPS, RFNF, RFNS, CLK, CM.................................(AGND - 0.3V) to (AVDD + 0.3V) Digital Inputs to DGND ............................-0.3V to (DVDD + 0.3V) Digital Output (DAV) to DGND ..............-0.3V to (DRVDD + 0.3V) Other Digital Outputs to DGND .............-0.3V to (DRVDD + 0.3V) Continuous Power Dissipation (TA = +70C) 44-Pin MQFP (derate 11.11mW/C above +70C)........889mW Operating Temperature Ranges (TA) MAX1205CMH .....................................................0C to +70C MAX1205EMH ..................................................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048V, VIN = -0.5dBFS, fCLK= 2.048MHz, digital output load 20pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER ANALOG INPUT Input Voltage Range (Notes 2, 3) Input Resistance (Note 4) Input Capacitance (Note 3) REFERENCE/EXTERNAL Reference Voltage (Note 3) Reference Input Resistance TRANSFER CHARACTERISTICS Resolution (no missing codes) (Note 5) Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Input-Referred Noise DYNAMIC SPECIFICATIONS (Note 6) Maximum Sampling Rate Conversion Time (Pipeline Delay/Latency) Acquisition Time Overvoltage Recovery Time Aperture Delay Full-Power Bandwidth Small-Signal Bandwidth tACQ tOVR tAD To full-scale step (0.006%) fSAMPLE fSAMPLE = fCLK / 2 1.024 4 100 410 3 3.3 78 Msps fSAMPLE Cycles ns ns ns MHz MHz RES INL DNL -1 -0.2 -5 After calibration, guaranteed 14 1.2 0.3 0.003 -3.0 75 +1 +0.2 +5 Bits LSB LSB %FSR %FSR VRMS VREF 700 4.096 1000 4.5 V VIN RI CI Per side in track mode Single-ended Differential 4.096 4.096 55 21 4.5 4.5 V k pF SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048V, VIN = -0.5dBFS, fCLK= 2.048MHz, digital output load 20pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Signal-to-Noise Ratio (Note 5) SYMBOL fIN = 99.5kHz SNR fIN = 300.5kHz fIN = 504.5kHz Spurious-Free Dynamic Range (Note 5) fIN = 99.5kHz SFDR fIN = 300.5kHz fIN = 504.5kHz Total Harmonic Distortion (Note 5) fIN = 99.5kHz THD fIN = 300.5kHz fIN = 504.5kHz Signal-to-Noise Ratio plus Distortion (Note 5) POWER REQUIREMENTS Analog Supply Voltage Analog Supply Current Digital Supply Voltage Digital Supply Current Output Drive Supply Voltage Output Drive Supply Current Power Dissipation Warm-Up Time Power-Supply Rejection Ratio PSRR Offset Gain 55 55 AVDD I(AVDD) DVDD I(DVDD) DRVDD I(DRVDD) PDSS 10pF loads on D0-D13 and DAV 3 0.1 257 0.1 3 0.4 4.75 5 51 5.25 70 5.25 1.2 DVDD 0.6 377 V mA V mA V mA mW sec dB fIN = 99.5kHz SINAD fIN = 300.5kHz fIN = 504.5kHz 77 84 CONDITIONS MIN 78 TYP 83 81.5 80 91 88 87 -86 -85 -84 82 79 78 dB -80 dB dB dB MAX UNITS
MAX1205
_______________________________________________________________________________________
3
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC MAX1205
TIMING CHARACTERISTICS
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, fCLK = 2.048MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Conversion Time Clock Period Clock High Time Clock Low Time Acquisition Time Output Delay DAV Pulse Width CLK-to-DAV Rising Edge Data Access Time Bus Relinquish Time Calibration Time SYMBOL tCONV tCLK tCH tCL tACQ tOD tDAV tS tAC tREL tCAL ST_CAL = 1, Figure 8 CL = 20pF 187 187 CONDITIONS MIN TYP 4 / fSAMPLE 488 244 244 tCLK / 2 70 1 / fCLK 65 16 16 17,400 145 75 75 150 301 301 MAX UNITS ns ns ns ns ns ns ns ns ns ns fCLK cycles
DIGITAL INPUTS AND OUTPUTS
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER Input Low Voltage Input High Voltage Input Capacitance CLK Input Low Voltage CLK Input High Voltage CLK Input Capacitance Digital Input Current Clock Input Current Output Low Voltage Output High Voltage Three-State Leakage Current Three-State Output Capacitance CLKVIL CLKVIH CCLK IIN_ ICLK VOL VOH ILEAKAGE COUT ISINK = 1.6mA ISOURCE = 200A DVDD - 0.4 VIN_ = 0 or DVDD -10 AVDD - 0.8 9 0.1 1 70 DVDD - 0.03 0.1 3.5 10 10 +10 400 SYMBOL VIL VIH DVDD - 0.8 4 0.8 CONDITIONS MIN TYP MAX 0.8 UNITS V V pF V V pF A A mV V A pF
Note 1: Reference inputs driven by operational amplifiers for Kelvin-sensed operation. Note 2: For unipolar mode, the analog input voltage VINP must be within 0V and VREF, VINN = VREF / 2; where VREF = VRFPS - VRFNS. For differential mode, the analog inputs INP and INN must be within 0V and VREF; where VREF = VRFPS - VRFNS. The common mode of the inputs INP and INN is VREF / 2. Note 3: Minimum and maximum parameters are not tested. Guaranteed by design. Note 4: RI varies inversely with sample rate. Note 5: Calibration remains valid for temperature changes within 20C and power-supply variations 5%. Note 6: All AC specifications are shown for the differential mode.
4
_______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
Typical Operating Characteristics
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048V, differential input, fCLK= 2.048MHz, calibrated, TA = +25C, unless otherwise noted.)
INTEGRAL NONLINEARITY vs. TWO'S COMPLEMENT OUTPUT CODE
MAX1205-01
MAX1205
DIFFERENTIAL NONLINEARITY vs. TWO'S COMPLEMENT OUTPUT CODE
MAX1205-02
1.00 0.75 0.50
110 100 90 SFDR (dB)
dBFS
0.5 DNL (LSB)
INL (LSB)
0.25 0 -0.25 -0.50 -0.75 -1.00 -1.25 -8192 -6144 -4096 -2048 0 2048 4096 6144 8192
0
80 70 60 dBc
-0.5
50 40
-1.0 -8192 -6144 -4096 -2048 0
30 2048 4096 6144 8192 -80 -70 -60 -50 -40 -30 -20 -10 0 INPUT AMPLITUDE (dBFS)
TWO'S COMPLEMENT OUTPUT CODE
TWO'S COMPLEMENT OUTPUT CODE
SIGNAL-TO-NOISE RATIO PLUS DISTORTION vs. INPUT FREQUENCY
MAX1205-04
TOTAL HARMONIC DISTORTION vs. INPUT FREQUENCY
MAX1205-05
SIGNAL-TO-NOISE RATIO vs. INPUT FREQUENCY
AIN = -0.5dBFS 80 AIN = -6dBFS SNR (dB) 75
MAX1205-06
84 82 80 78 SINAD (dB) 76 74 72 70 68 66 64 1 10 100 AIN = -6dBFS AIN = -0.5dBFS
85
-76 -78 -80 THD (dB) -82 -84 -86 AIN = -20dBFS AIN = -6dBFS
70
65 -88 AIN = -20dBFS 1000 -90 1 10 100 1000 INPUT FREQUENCY (kHz) AIN = -0.5dBFS 60 1 10 100 1000 INPUT FREQUENCY (kHz) AIN = -20dBFS
INPUT FREQUENCY (kHz)
SIGNAL-TO-NOISE RATIO PLUS DISTORTION vs. SAMPLING RATE (fIN = 99.5kHz)
MAX1205-07
TYPICAL FFT (fIN = 99.5kHz, 2048 VALUE RECORD)
-15 -30 AMPLITUDE (dBFS) -45 -60 -75 -90 -105 -120 -135
MAX1205-08
85 AIN = -0.5dBFS 84 SINAD (dB)
83
82
81
80 0.1 1 SAMPLE RATE (Msps)
0 0 100 200 300 400 500 600 FREQUENCY (kHz)
_______________________________________________________________________________________
MAX1205-03
1.25
1.0
SINGLE-TONE SPURIOUS-FREE DYNAMIC RANGE vs. INPUT AMPLITUDE (fIN = 99.5kHz)
120
5
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC MAX1205
Typical Operating Characteristics (continued)
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048V, differential input, fCLK= 2.048MHz, calibrated, TA = +25C, unless otherwise noted.)
TYPICAL FFT (fIN = 504.5kHz, 2048 VALUE RECORD)
MAX1205-09
EFFECTIVE NUMBER OF BITS vs. INPUT FREQUENCY
13.5 13.0 ENOB (Bits) 12.5 12.0 11.5 11.0 10.5 10.0 AIN = -20dBFS AIN = -6dBFS AIN = -0.5dBFS
MAX1205-10
14.0
-15 -30 AMPLITUDE (dBFS) -45 -60 -75 -90 -105 -120 -135 0 0 100 200 300 400 500
600
1
10
100
1000
FREQUENCY (kHz)
INPUT FREQUENCY (kHz)
Pin Description
PIN 1 2, 4, 5 3, 6 7 8 9 10 11 12 13 14 15 16 17, 28, 29 18 19 20 21 22 23 24 NAME ST_CAL AGND AVDD DOR D13 D12 D11 D10 D9 D8 D7 D6 DRVDD DGND D5 D4 D3 D2 D1 D0 TEST3 Digital Input to Start Calibration. ST_CAL = 0: Normal conversion mode. ST_CAL = 1: Start self-calibration. Analog Ground Analog Power Supply, +5V 5% Data Out-of-Range Bit Bit 13 (MSB) Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Digital Power Supply for the Output Drivers, +3V to +5.25V, DRVDD DVDD Digital Ground Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 (LSB) Test Pin 3. Leave unconnected. FUNCTION
6
_______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
Pin Description (continued)
PIN 25 26 27, 30 31 32 NAME TEST2 TEST1 DVDD CLK DAV Test Pin 2. Leave unconnected. Test Pin 1. Leave unconnected. Digital Power Supply, +3V to +5.25V Input Clock. Receives power from AVDD to reduce jitter. Data Valid Clock Output. This clock can be used to transfer the data to a memory or any other data-acquisition system. Output Enable Input. OE = 0: D0-D13 and DOR are high impedance. OE = 1: All bits are active. Test Pin 0. Leave unconnected. Common-Mode Voltage. Analog Input. Drive midway between positive and negative reference voltages. Positive Reference Voltage. Force input. Positive Reference Voltage. Sense input. Negative Reference Voltage. Force input. Negative Reference Voltage. Sense input. Positive Input Voltage Not Connected. No internal connection. Negative Input Voltage Digital Output for End of Calibration. END_CAL = 0: Calibration in progress. END_CAL = 1: Normal conversion mode. FUNCTION
MAX1205
33 34 35 36 37 38 39 40 41, 42 43 44
OE TEST0 CM RFPF RFPS RFNF RFNS INP N.C. INN END_CAL
_______________Detailed Description
Converter Operation
The MAX1205 is a 14-bit, monolithic, analog-to-digital converter (ADC) capable of conversion rates up to 1Msps. It uses a multistage, fully differential pipelined architecture with digital error correction and self-calibration to provide typically greater than 91dB spuriousfree dynamic range at a 1Msps sampling rate. Its signal-to-noise ratio, harmonic distortion, and intermodulation products are also consistent with 14-bit accuracy up to the Nyquist frequency. This makes the device suitable for applications such as imaging, scanners, data acquisition, and digital communications. Figure 1 shows the simplified, internal structure of the ADC. A switched-capacitor pipelined architecture is used to digitize the signal at a high throughput rate. The first four stages of the pipeline use a low-resolution quantizer to approximate the input signal. The multiplying digital-to-analog converter (MDAC) stage is used to subtract the quantized analog signal from the input. The residue is then amplified with a fixed gain and
passed on to the next stage. The accuracy of the converter is improved by a digital calibration algorithm which corrects for mismatches between the capacitors in the switched capacitor MDAC. Note that the pipeline introduces latency of four sampling periods between the input being sampled and the output appearing at D13-D0. While the device can handle both single-ended and differential inputs (see Requirements for Reference and Analog Signal Inputs), the latter mode of operation will guarantee best THD and SFDR performance. The differential input provides the following advantages compared to a single-ended operation: * Twice as much signal input span * Common-mode noise immunity * Virtual elimination of the even-order harmonics * Less stringent requirements on the input signal processing amplifiers
_______________________________________________________________________________________
7
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC MAX1205
RFP_ STAGE1 INP INN S/H ADC MDAC 7 8X RFN_ CM STAGE2 AVDD STAGE3 AGND STAGE4 ADC
CLK DVDD ST_CAL DGND OE DRVDD
CLOCK GENERATOR
DAV CORRECTION AND CALIBRATION LOGIC 17 END_CAL
MAX1205
OUTPUT DRIVERS
DOR
D13-D0
Figure 1. Internal Block Diagram
Requirements for Reference and Analog Signal Inputs
Fully differential switched-capacitor circuits (SC) are used for both the reference and analog inputs (Figure 2). This allows either single-ended or differential signals to be used in the reference and/or analog signal paths. The signal voltage on these pins (INP, INN, RFN_, RFP_) should never exceed the analog supply rail, AVDD, and should not fall below ground.
Choice of Reference
It is important to choose a low-noise reference, such as the MAX6341, which can provide both excellent load regulation and low temperature drift. The equivalent input circuit for the reference pins is shown in Figure 3. Note that the reference pins drive approximately 1k of
resistance on chip. They also drive a switched capacitor of 21pF. To meet the dynamic performance, the reference voltage is required to settle to 0.0015% within one clock cycle. Accomplish this by choosing an appropriate driving circuit (Figure 4). The capacitors at the reference pins (RFPF, RFNF) provide the dynamic charge required during each clock cycle, while the op amps ensure accuracy of the reference signals. These capacitors must have low dielectric-absorption characteristics, such as polystyrene or teflon capacitors. The reference pins can be connected to either singleended or differential voltages within the specified maximum levels. Typically the positive reference pin (RFPF) would be driven to 4.096V, and the negative reference pin (RFNF) connected to analog ground. There are sense pins, RFPS and RFNS, which can be used with
CM RFPF INP RFNF INN RFPF CM
RFPS RFPF
RFNF RFNS
Figure 2. Simplified MDAC Architecture
Figure 3. Equivalent Input at the Reference Pins. The sense pins should not draw any DC current.
8
_______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
external amplifiers to compensate for any resistive drop on these lines, internal or external to the chip. Ensure a correct reference voltage by using proper Kelvin connections at the sense pins. gle-ended inputs. In this case, convert the singleended signals into differential ones by using the circuit recommended in Figure 5. Use low-noise, wideband amplifiers such as the MAX4108 to maintain the signal purity over the full-power bandwidth of the MAX1205 input. Lowpass or bandpass signals may be required to improve the signal-to-noise-and-distortion ratio of the incoming signal. For low-frequency signals (<100kHz), active filters may be used. For higher frequencies, passive filters are more convenient.
MAX1205
Common-Mode Voltage
The switched capacitor input circuit at the analog input allows signals between AGND and the analog power supply. Since the common-mode voltage has a strong influence on the performance of the ADC, the best results are obtained by choosing VCM to be at half the difference between the reference voltages V RFP and VRFN. Achieve this by using a resistive divider between the two reference potentials. Figure 4 shows a typical driving circuit for good dynamic performance.
Single-Ended to Differential Conversion Using Transformers
An alternative single-ended to differential-ended conversion method is a balun transformer such as the CTX03-13675 from Coiltronics. An important benefit of these transformers is their ability to level-shift singleended signals referred to ground on the primary side to optimum common-mode voltages on the secondary side. At frequencies below 20kHz, the transformer core begins to saturate, causing odd-order harmonics.
Analog Signal Conditioning
For single-ended inputs the negative analog input pin (INN) is connected to the common-mode voltage pin (CM), and the positive analog input pin (INP) is connected to the input. To take full advantage of the ADC's superior AC performance up to the Nyquist frequency, drive the chip with differential signals. In communication systems, the signals may inherently be available in differential mode. Medical and/or other applications may only provide sin-
Clock Source Requirements
Pipelined ADCs typically need a 50% duty cycle clock. To avoid this constraint, the MAX1205 provides a
V+
RFP = 4.096V 5k
CHIP BOUNDARY RFPF
MAX410
IN INP
MAX4108
5k
RFPS
CM V-
RFN = 0V
MAX410
RFNF
V+
RFNS
INN
MAX4108
CM
MAX410
VCM
Figure 4. Drive Circuit for the Reference Pins and the CommonMode Pin
Figure 5. A simple circuit generates differential signals from a single-ended input referred to analog ground. The commonmode voltage at INP and INN is the same as CM.
9
_______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC MAX1205
divide-by-two circuit, which relaxes this requirement. The clock generator should be chosen commensurate with the frequency range, amplitude, and slew rate of the signal source. If the slew rate of the input signal is small, the jitter requirement on the clock is relaxed. However, if the slew rate is high, the clock jitter needs to be kept at a minimum. For a full-scale amplitude input sine wave, the maximum possible signal-to-noise ratio (SNR) due completely to clock jitter is given by: SNRMAX = 1 2fIN JITTER initiated by a positive pulse with a minimum width of four clock cycles, but no longer than about 17,400 clock cycles (Figure 8). The ST_CAL input may be asynchronous with the clock, since it is retimed internally. With ST_CAL activated, END_CAL goes low one or two clock cycles later and remains low until the calibration is complete. During this period, the reference voltages must be stable to less than 0.01%; otherwise the calibration will be invalid. During calibration, the analog inputs INP and INN are not used; however, better performance is achieved if these inputs are static. Once END_CAL goes high (indicating that the calibration procedure is complete), the ADC is ready for conversion. Once calibrated, the MAX1205 is insensitive to small changes (<5%) in power-supply voltage or temperature. Following calibration, if the temperature changes more than 20C, the device should be recalibrated to maintain optimum performance.
N AIN tCH tCL CLK SAMPLE CLOCK tS DAV D0-D13 tOD N-3 N-2 N-1 N N+1 N+1 N+2 N+4 N+3 N+5
For example, if fIN is 0.5MHz and JITTER is 20ps RMS, then the SNR limit due to jitter is about 84dB. Generating such a clock source requires a low-noise comparator and a low-phase-noise signal generator. The clock circuit shown in Figure 6 is a possible solution.
Calibration Procedure
Since the MAX1205 is based on a pipelined architecture, low-resolution quantizers ("coarse ADCs") are used to approximate the input signal. MDACs of the same resolution are then used to reconstruct the input signal, which is subtracted from the input and the residue amplified by the SC gain stage. This residue is then passed on to the next stage. The accuracy of the MAX1205 is limited by the precision of the MDAC, which is strongly dependent on the matching of the capacitors used. The mismatch between the capacitors is determined and stored in an on-chip memory, which is later used during the conversion of the input signal. During the calibration procedure, the clock must be running continuously. ST_CAL (start of calibration) is
V+
Figure 7. Main Timing Diagram
CLK ST_CAL min 4 tCLK 0.1F CLK_IN 5k CLK 0.1F END_CAL ~17,400 CLK Cycles
Figure 8. Timing for Start and End of Calibration
1k V+
MAX961
OE 0.1F 1k D0-D13 DOR Z tAC tREL Z
Figure 6. Clock Generation Circuit Using a Low-Noise Comparator
10
Figure 9. Timing for Bus Access and Bus Relinquish-- Controlled by Output Enable (OE)
______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
Two's Complement Output
The MAX1205 outputs data in two's complement format. Table 1 shows how to convert the various fullscale inputs into their two's complement output codes. the effective number of bits can be calculated as follows: ENOB = (SINAD - 1.76) / 6.02
MAX1205
Applications Information
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNR(MAX) = (6.02N + 1.76)dB In reality, there are other noise sources besides quantization noise including thermal noise, reference noise, clock jitter, etc. Therefore, SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first nine harmonics, and the DC offset.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first nine harmonics of the input signal to the fundamental itself. This is expressed as: V2 2 + V3 2 + V4 2 + + V9 2 THD = 20log V1
where V1 is the fundamental amplitude, and V2 through V9 are the amplitudes of the 2nd through 9th order harmonics.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest spurious component, excluding DC offset.
Signal-to-Noise Plus Distortion (SINAD)
SINAD is the ratio of the fundamental input frequency's RMS amplitude to all other ADC output signals: SINAD (dB) = 20log [(SignalRMS / (Noise + Distortion)RMS]
Grounding and Power-Supply Decoupling
Grounding and power-supply decoupling strongly influence the performance of the MAX1205. At 14-bit resolution, unwanted digital crosstalk may couple through the input, reference, power-supply, and ground connections; this adversely affects the SNR or SFDR. In addition, electromagnetic interference (EMI) can either couple into or be generated by the MAX1205. Therefore, grounding and power-supply decoupling guidelines should be closely followed.
TWO'S COMPLEMENT 0111....1111 0110....0000 0100....0000 0010....0000 0000....0000 -- 1110....0000 1100....0000 1010....0000 1000....0001 1000....0000 ONE'S COMPLEMENT 0111....1111 0110....0000 0100....0000 0010....0000 0000....0000 1111....1111 1101....1111 1011....1111 1001....1111 1000....0000 -- 11
Effective Number of Bits (ENOB)
ENOB indicates the global accuracy of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. With an input range equal to the full-scale range for the ADC,
Table 1. Two's Complement Conversion
SCALE +FSR - 1LSB +3/4FSR +1/2FSR +1/4FSR +0 -0 -1/4FSR -1/2FSR -3/4FSR -FSR + 1LSB -FSR OFFSET BINARY 1111....1111 1110....0000 1100....0000 1010....0000 1000....0000 -- 0110....0000 0100....0000 0010....0000 0000....0001 0000....0000
______________________________________________________________________________________
+5V Single-Supply, 1Msps, 14-Bit Self-Calibrating ADC
First, a multilayer printed circuit board (PCB) with separate ground and power-supply planes is recommended. Run high-speed signal traces directly above the ground plane. Since the MAX1205 has separate analog and digital ground buses (AGND and DGND respectively), the PCB should also have separate analog and digital ground sections connected at only one point (star ground). Digital signals should run above the digital ground plane and analog signals should run above the analog ground plane. Digital signals should be kept far away from the sensitive analog inputs, reference inputs senses, common-mode input, and clock input. The MAX1205 has three power-supply inputs: analog VDD (AVDD), digital VDD (DVDD), and drive VDD (DRVDD). Each AVDD input should be decoupled with parallel ceramic-chip capacitors of values 0.1F and 0.001F, with these capacitors as close to the pin as possible and with the shortest possible connection to the ground plane. The DVDD pins should also have separate 0.1F capacitors adjacent to their respective pins, as should the DRV DD pin. Minimize the digital load capacitance. However, if the total load capacitance on each digital output exceeds 20pF, the DRVDD decoupling capacitor should be increased or, preferably, digital buffers should be added. The power-supply voltages should be decoupled with large tantalum or electrolytic capacitors at the point they enter the PCB. Ferrite beads with additional decoupling capacitors forming a pi-network may improve performance. The analog power-supply input (AV DD ) for the MAX1205 is typically +5V while the digital supplies can vary from +5V to +3V. Usually, DVDD and DRVDD pins are connected to the same power supply. Note that the DVDD supply voltage must be greater than or equal to the DRVDD voltage. For example, a digital +3.3V supply could be connected to DRVDD while a cleaner +5V supply is connected to DV DD , resulting in slightly improved performance. Alternatively, the +3.3V supply could be connected to both DRV DD and DV DD . However, the +3.3V supply should not be connected to DVDD while the +5V supply is connected to DRVDD (Table 2).
MAX1205
Table 2. Power-Supply Voltage Combinations
AVDD (V) DVDD (V) DRVDD (V) ALLOWED/NOT ALLOWED +5 +5 +5 +5 +5 +5 +3.3 +3.3 +5 +3.3 +3.3 +5 Allowed Allowed Allowed Not Allowed
___________________Chip Information
TRANSISTOR COUNT: 56,577 SUBSTRATE CONNECTED TO: AGND
Package Information
MQFP44.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1998 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X