Part Number Hot Search : 
HCPL0611 00500 UPS115U M3P2184 L9348 TSOP373 16310 8P2602
Product Description
Full Text Search
 

To Download MAX1201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4776; Rev 1; 11/98
KIT ATION EVALU E AILABL AV
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
General Description Features
o Monolithic 14-Bit, 2.2Msps ADC o Signal-to-Noise Ratio of 83dB o Spurious-Free Dynamic Range of 91dB o Differential Nonlinearity Error: 0.3LSB o Integral Nonlinearity Error: 1.2LSB o Single +5V Analog Supply, +3V Digital Supply o Low Power Dissipation: 269mW o On-Demand Self-Calibration o Three-State, Two's Complement Output Data
MAX1201
The MAX1201 is a 14-bit, monolithic, analog-to-digital converter (ADC) capable of conversion rates up to 2.2Msps. This integrated circuit, built on a CMOS process, uses a fully differential, pipelined architecture with digital error correction and a short self-calibration procedure that corrects for capacitor and gain mismatches and ensures 14-bit linearity at full sample rates. An on-chip track-and-hold (T/H) maintains superb dynamic performance up to the Nyquist frequency. The MAX1201 operates from a single +5V supply. The fully differential inputs allow an input swing of VREF. A single-ended input is also possible using two operational amplifiers. The reference is also differential with the positive reference (RFPF) typically connected to +4.096V and the negative reference (RFNF) tied to analog ground. Additional sensing pins (RFPS, RFNS) are provided to compensate for any resistive divider action that may occur due to finite internal and external resistances. The power dissipation is typically only 269mW at +5V and a sampling rate of 2.2Msps. The device employs a CMOS compatible, 14-bit parallel, two's complement output data format. The MAX1201 is available in a 44-pin MQFP package and is specified over the commercial temperature (0C to +70C) and extended (-40C to +85C) temperature ranges.
Ordering Information
PART MAX1201CMH MAX1201EMH TEMP. RANGE 0C to +70C -40C to +85C PIN-PACKAGE 44 MQFP 44 MQFP
Pin Configuration
TEST0
34
INP RFNS RFNF
40 39 38
xDSL Instrumentation Medical Imaging Scanners IR Imaging Spectrum Analysis
ST_CAL AGND AVDD AGND AGND AVDD DOR D13 D12 D11 D10
1 2 3 4 5 6 7 8 9 10 11
44
43
42
41
37
36
35
RFPS RFPF CM
Applications
TOP VIEW
END_CAL
INN N.C. N.C.
33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22
MAX1201
OE DAV CLK DVDD DGND DGND DVDD TEST1 TEST2 TEST3 D0
DGND D5
D4 D3 D2
D9 D8
________________________________________________________________ Maxim Integrated Products
D7 D6 DRVDD
MQFP
D1
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
ABSOLUTE MAXIMUM RATINGS
AVDD to AGND, DGND ..........................................................+7V DVDD to DGND, AGND..........................................................+7V DRVDD to DGND, AGND .......................................................+7V INP, INN, RFPF, RFPS, RFNF, RFNS, CLK, CM..........(AGND - 0.3V) to (AVDD + 0.3V) Digital Inputs to DGND ............................-0.3V to (DVDD + 0.3V) Digital Output (DAV) to DGND ..............-0.3V to (DRVDD + 0.3V) Other Digital Outputs to DGND .............-0.3V to (DRVDD + 0.3V) Continuous Power Dissipation (TA = +70C) 44-Pin MQFP (derate 11.11mW/C above +70C).......889mW Operating Temperature Ranges (TA) MAX1201CMH ....................................................0C to +70C MAX1201EMH .................................................-40C to +85C Storage Temperature Range .............................-65C to +160C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048, VIN = -0.5dBFS, fCLK = 4.5056MHz, digital output load 20pF, TA = TMIN to TMAX = 0C to +70C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER SYMBOL Single-ended Differential Per side in Track Mode CONDITIONS MIN TYP 4.096 4.096 25 21 4.096 700 1000 4.5 MAX 4.5 4.5 UNITS
Input Voltage Range (Notes 2, 3) Input Resistance (Note 4) Input Capacitance Reference Voltage (Note 3) Reference Input Resistance Resolution (no missing codes; Note 5) Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Input-Referred Noise Maximum Sampling Rate Conversion Time (Pipeline Delay/Latency) Acquisition Time Overvoltage Recovery Time Aperture Delay Full-Power Bandwidth Small-Signal Bandwidth
VIN RI CI VREF
V k pF V
RES INL DNL
After calibration, guaranteed
14 1.2 -1 -0.1 -5 0.3 0.004 -1.7 75 2.2528 4 +1 +0.1 +5
Bits LSB LSB %FSR %FSR VRMS Msps fSAMPLE Cycles ns ns ns MHz MHz
fCLK fSAMPLE fSAMPLE = fCLK/2
tACQ tOVR tAD
To full-scale step (0.006%)
100 410 3 3.3 78
2
_______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V 5%, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, VCM = +2.048, VIN = -0.5dBFS, fCLK = 4.5056MHz, digital output load 20pF, TA = TMIN to TMAX = 0C to +70C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Signal-to-Noise Ratio (Note 5) SYMBOL fIN = 100.1kHz SNR fIN = 502.7kHz fIN = 1.0021MHz Spurious-Free Dynamic Range (Note 5) fIN = 100.1kHz SFDR fIN = 502.7kHz fIN = 1.0021MHz Total Harmonic Distortion (Note 6) fIN = 100.1kHz THD fIN = 502.7kHz fIN = 1.0021MHz Signal-to-Noise Ratio + Distortion (Note 5) POWER REQUIREMENTS Analog Supply Voltage Analog Supply Current Digital Supply Voltage Digital Supply Current Output Drive Supply Voltage Output Drive Supply Current Power Dissipation Warm-Up Time Power-Supply Rejection Ratio PSRR Offset Gain 55 55 AVDD I(AVDD) DVDD I(DVDD) DRVDD I(DRVDD) PDSS 10pF loads on D0-D13 and DAV 3 0.3 269 0.1 3 1 4.75 5 53 5.25 75 5.25 2 DVDD 1 380 V mA V mA V mA mW sec dB fIN = 100.1kHz SINAD fIN = 502.7kHz fIN = 1.0021MHz 77 84 CONDITIONS MIN 78 TYP 83 82 81 91 89 86 -88 -85 -83 82 79 78 dB -80 dB dB dB MAX UNITS
MAX1201
TIMING CHARACTERISTICS
(AVDD = +5V, DVDD = DRVDD = +3.3V, fCLK = 4.5056MHz, TA = TMIN to TMAX = 0C to +70C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Conversion Time Clock Period Clock High Time Clock Low Time Output Delay DAV Pulse Width CLK-to-DAV Rising Edge Data Access Time Bus Relinquish Time Calibration Time SYMBOL tCONV tCLK tCH tCL tOD tDAV tS tAC tREL tCAL ST_CAL = DVDD CL = 20pF 85 85 CONDITIONS MIN TYP 4/fSAMPLE 227 113.5 113.5 70 1/fCLK 65 16 16 17,400 145 75 75 137 137 150 MAX UNITS ns ns ns ns ns ns ns ns ns fCLK cycles 3
_______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
DIGITAL INPUT AND OUTPUT CHARACTERISTICS
(AVDD = +5V, DVDD = DRVDD = +3.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER Input Low Voltage Input High Voltage Input Capacitance CLK Input Low Voltage CLK Input High Voltage CLK Input Current CLK Input Capacitance Digital Input Current Output Low Voltage Output High Voltage Three-State Leakage Current Three-State Output Capacitance CLKVIL CLKVIH ICLK CCLK IIN VOL VOH ILEAKAGE COUT VIN_ = 0 VIN_ = DVDD ISINK = 1.6mA ISOURCE = 200A DVDD - 0.4 VIN_ = 0 or DVDD AVDD - 0.8 1 9 0.1 0.1 70 DVDD - 0.03 0.1 3.5 10 10 10 400 10 SYMBOL VIL VIH DVDD - 0.8 4.0 0.8 CONDITIONS MIN TYP MAX 0.8 UNITS V V pF V V A pF A mV V A pF
Note 1: Reference inputs driven by operational amplifiers for Kelvin-sensed operation. Note 2: For unipolar mode, the analog input voltage, VINP, must be within 0V and VREF, VINN = VREF /2; where VREF = VRFPS VRFNS. For differential mode, the analog input voltages VINP and VINN must be within 0V and VREF; where VREF = VRFPS VRFNS. The common-mode voltage of the inputs INP and INN is VREF /2. Note 3: Minimum and maximum parameters are not tested. Guaranteed by design. Note 4: Input resistance varies inversely with sample rate. Note 5: Calibration remains valid for temperature changes within 20C and power-supply variations 5%. Note 6: All AC specifications are shown for the differential mode.
4
_______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
__________________________________________Typical Operating Characteristics
(AVDD = +5V, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, fCLK = 4.5056MHz, differential input, VCM = +2.048V, calibrated, TA = +25C, unless otherwise noted.)
SINGLE-TONE SPURIOUS-FREE DYNAMIC RANGE vs. INPUT AMPLITUDE (fIN = 100.1kHz)
MAX1201 toc01
MAX1201
SIGNAL-TO-NOISE PLUS DISTORTION vs. INPUT FREQUENCY
84 86 82 80 78 76 74 72 70 68 66 64 62 60 1k AIN = -0.5dBFS
MAX1201 toc02
TOTAL HARMONIC DISTORTION vs. INPUT FREQUENCY
-72 -74 -76 THD (dB) -78 -80 -82 AIN = -6dBFS AIN = -20dBFS
MAX1201 toc03
110 100 90 SFDR (dB) 80 70 60 50 40 30 -70 -60 -50 -40 -30 -20 -10 0 INPUT AMPLITUDE (dBFS) dBc dBFS
-70
SINAD (dB)
AIN = -6dBFS
AIN = -20dBFS
-84 -86 -88 -90
AIN = -0.5dBFS 1k 10k 100k 1M
10k
100k
1M
INPUT FREQUENCY (Hz)
INPUT FREQUENCY (Hz)
SIGNAL-TO-NOISE-RATIO vs. INPUT FREQUENCY
90 88 86 84 82 80 78 76 74 72 70 68 66 64 62 60 1k
MAX1201 toc04
SIGNAL-TO-NOISE-RATIO PLUS DISTORTION vs. SAMPLE RATE (fIN = 100.1kHz)
MAX1201 toc05
TYPICAL FFT, fIN = 100.1kHz, 2048 VALUE RECORD
-15 -30 AMPLITUDE (dBFS) -45 -60 -75 -90 -105 -120 -135
MAX1201 toc06
90 88 86 84
SINAD (dB)
0
AIN = -0.5dBFS
SNR (dB)
82 80 78 76 74 72 70
AIN = -0.5dBFS
AIN = -6dBFS
AIN = -20dBFS
10k
100k
1M
100k
1M SAMPLE RATE (sps)
3M
0
200k
400k
600k
800k
1M
1.2M
INPUT FREQUENCY (Hz)
FREQUENCY (Hz)
TYPICAL FFT, fIN = 1.0021MHz, 2048 VALUE RECORD
-15 -30 AMPLITUDE (dBFS) -45 -60 -75 -90 -105 -120 -135 0 200k 400k 600k 800k 1M 1.2M INL (LSB) 0.5 0 -0.5 -1.0 -1.5
MAX1201 toc07
INTEGRAL NONLINEARITY vs. TWO'S COMPLEMENT OUTPUT CODE
1.5 1.0
MAX1201 toc08
0
2.0
-2.0 -8192 -6144 -4096 -2048 0
2048 4096 6144 8192
FREQUENCY (Hz)
TWO'S COMPLEMENT OUTPUT CODE
_______________________________________________________________________________________
5
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = DRVDD = +3.3V, VRFPS = +4.096V, VRFNS = AGND, fCLK = 4.5056MHz, differential input, VCM = +2.048V, calibrated, TA = +25C, unless otherwise noted.)
DIFFERENTIAL NONLINEARITY vs. TWO'S COMPLEMENT OUTPUT CODE
MAX1201 toc9
EFFECTIVE NUMBER OF BITS vs. INPUT FREQUENCY
13.5 13.0 ENOB (BITS) 12.5 12.0 AIN = -6dBFS 11.5 11.0 10.5 AIN = -20dBFS 1k 10k 100k 1M AIN = -0.5dBFS
MAX1201 toc10
1.0
14.0
0.5 DNL (LSB)
0
-0.5
-1.0 -8192 -6144 -4096 -2048 0
10.0 2048 4096 6144 8192 INPUT FREQUENCY (Hz)
TWO'S COMPLEMENT OUTPUT CODE
Pin Description
PIN 1 2, 4, 5 3, 6 7 8 9 10 11 12 13 14 15 16 17, 28 18 19 20 NAME ST_CAL AGND AVDD DOR D13 D12 D11 D10 D9 D8 D7 D6 DRVDD DGND D5 D4 D3 Digital Input to Start Calibration. ST_CAL = 0: Normal conversion mode. ST_CAL = 1: Start self-calibration. Analog Ground Analog Power Supply, +5V 5% Data Out-of-Range Bit Bit 13 (MSB) Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Digital Power Supply for the Output Drivers. +3V to +5.25V, DRVDD DVDD. Digital Ground Bit 5 Bit 4 Bit 3 FUNCTION
6
_______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
Pin Description (continued)
PIN 21 22 23 24 25 26 27, 30 31 32 NAME D2 D1 D0 TEST3 TEST2 TEST1 DVDD CLK DAV Bit 2 Bit 1 Bit 0 (LSB) Test Pin 3. Leave unconnected. Test Pin 2. Leave unconnected. Test Pin 1. Leave unconnected. Digital Power Supply, +3V to +5.25V. Input Clock. Receives power from AVDD to reduce jitter. Data Valid Clock. Digital Output. This clock can be used to transfer the data to a memory or any other data-acquisition system. Output Enable: Digital Input. OE = 0: D0-D13 and DOR are high impedance. OE = 1: All bits are active. Test Pin 0. Leave unconnected. Common-Mode Voltage. Analog Input. Drive midway between positive and negative reference voltages. Positive Reference Voltage. Force Input. Positive Reference Voltage. Sense Input. Negative Reference Voltage. Force Input. Negative Reference Voltage, Sense Input. Positive Input Voltage Not Connected. No internal connection. Negative Input Voltage Digital Output for End of Calibration. END_CAL = 0: Calibration in progress. END_CAL = 1: Normal conversion mode. FUNCTION
MAX1201
33 34 35 36 37 38 39 40 41, 42 43 44
OE TEST0 CM RFPF RFPS RFNF RFNS INP N.C. INN END_CAL
_______________________________________________________________________________________
7
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
Detailed Description
Converter Operation
The MAX1201 is a 14-bit, monolithic, analog-to-digital converter (ADC) capable of conversion rates up to 2.2Msps. It uses a multistage, fully differential, pipelined architecture with digital error correction and selfcalibration to provide 90dB (typ) spurious-free dynamic range at a 2.2Msps sampling rate. Its signal-to-noise ratio, harmonic distortion, and intermodulation products are also consistent with 14-bit accuracy up to the Nyquist frequency. This makes the device suitable for applications such as xDSL, digital radio, instrumentation, and imaging. Figure 1 shows the simplified, internal structure of the ADC. A switched-capacitor pipelined architecture is used to digitize the signal at a high throughput rate. The first four stages of the pipeline use a low resolution quantizer to approximate the input signal. The multiplying digital-to-analog converter (MDAC) stage is used to subtract the quantized analog signal from the input. The residue is then amplified with a fixed gain and passed on to the next stage. The accuracy of the converter is improved by a digital calibration algorithm which corrects for mismatches between the capacitors in the switched capacitor MDAC. Note that the pipeline introduces latency of four sampling periods between the input being sampled and the output appearing at D13-D0. While the device can handle both singleended or differential inputs (see Requirements for Reference and Analog Signal Inputs), the latter mode of operation will guarantee best THD and SFDR performance. The differential input provides the following advantages compared to a single-ended operation: * Twice as much signal input span * Common-mode noise immunity * Virtual elimination of the even-order harmonics * Less stringent requirements on the input signal processing amplifiers
Requirements for Reference and Analog Signal Inputs
Fully differential switched capacitor circuits (SC) are used for both the reference and analog inputs (Figure 2). This allows either single-ended or differential signals to be used in the reference and/or analog signal paths. The signal voltage on these pins (INP, INN, RFP_, RFN_) should neither exceed the analog supply rail, AVDD nor fall below ground.
RFP_
RFN_
CM
AVDD
AGND
STAGE1 INP INN S/H ADC MDAC 8X
STAGE2
STAGE3
STAGE4 ADC
7
CLK DVDD ST_CAL DGND OE DRVDD
CLOCK GENERATOR
DAV CORRECTION AND CALIBRATION LOGIC END_CAL
17
MAX1201
OUTPUT DRIVERS
DOR
D13-D0
Figure 1. Internal Block Diagram
8 _______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
CM RFPF INP RFNF INN
RFPS RFPF
RFNF RFPF CM RFNS
Figure 2. Simplified MDAC Architecture
Figure 3. Equivalent Input at the Reference Pins. The sense pins should not draw any DC current.
Choice of Reference
It is important to choose a low-noise reference, such as the MAX6341, which can provide both excellent load regulation and low temperature drift. The equivalent input circuit for the reference pins is shown in Figure 3. Note that the reference pins drive approximately 1k of resistance on chip. They also drive a switched capacitor of 21pF. To meet the dynamic performance, the reference voltage is required to settle to 0.0015% within one clock cycle. Carefully choose an appropriate driving circuit (Figure 4). The capacitors at the reference pins (RFPF, RFNF) provide the dynamic charge required during each clock cycle, while the op amps ensure accuracy of the reference signals. These capacitors must have low dielectric-absorption characteristics, such as polystyrene or teflon capacitors. The reference pins can be connected to either singleended or differential voltages within the specified maximum levels. Typically, the positive reference pin (RFPF) would be driven to 4.096V, and the negative reference pin (RFNF) connected to analog ground. There are sense pins, RFPS and RFNS, which can be used with external amplifiers to compensate for any resistive drop on these lines, internal or external to the chip. Assure a correct reference voltage by using proper Kelvin connections at the sense pins.
VRFP = 4.096V 5k
CHIP BOUNDARY RFPF
MAX410
5k
RFPS
VRFN = 0V
RFNF
MAX410
RFNS
CM
MAX410
Common-Mode Voltage
The switched capacitor circuit at the analog input allows signals between AGND and the analog power supply. Since the common-mode voltage has a strong influence on the performance of the ADC, the best results are obtained by choosing VCM to be at half the difference between the reference voltages VRFP and VRFN. Achieve
Figure 4. Drive Circuit for Reference Pins and Common-Mode Pin
this by using a resistive divider between the two reference potentials. Figure 4 shows the driving circuit for good dynamic performance.
_______________________________________________________________________________________
9
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
Analog Signal Conditioning
For single-ended inputs, the negative analog input pin (INN) is tied to the common-mode voltage pin (CM), and the positive analog input pin (INP) is connected to the input signal. The common-mode voltage of INP must be equal to the common-mode input. To take full advantage of the ADC's superior AC performance up to Nyquist frequency, drive the chip with differential signals. While in communication systems the signals may inherently be available in differential mode, medical and/or other applications may only provide singleended inputs. In this case, convert the single-ended signals into differential ones by using the circuit recommended in Figure 5. Use low-noise, wideband amplifiers, such as the MAX4108, to maintain the signal purity over the full-power bandwidth of the MAX1201. Lowpass or bandpass filters may be required to improve the signal-to-noise-and-distortion ratio of the incoming signal. For low-frequency signals (<100kHz), active filters may be used. For higher frequencies, passive filters are more convenient.
Single-Ended to Differential Conversion Using Transformers
An alternative single-ended to differential-ended conversion method is a balun transformer such as the CTX03-13675 from Coiltronics. An important benefit of these transformers is their ability to level-shift a singleended signal, referred to ground on the primary side, to optimum common-mode voltages on the secondary side. At frequencies below 20kHz, the transformer core begins to saturate, causing odd-order harmonics.
Clock Source Requirements
Pipelined ADCs typically need a 50% duty cycle clock. To avoid this constraint, the MAX1201 provides a divide-by-two circuit which relaxes this requirement. The clock generator should be chosen commensurate with the frequency range, amplitude and slew rate of the signal source. If the slew rate of the input signal is low, the jitter requirement on the clock is relaxed. However, if the slew rate is high, the clock jitter needs to be kept at a minimum. For a full-scale amplitude input sine wave, the maximum possible SNR due completely to clock jitter is given by SNRMAX = 1 2 fIN JITTER
V+
IN INP
MAX4108
For example, if fIN is 1MHz and JITTER is 10ps RMS, then the SNR limit due to jitter is approximately 84dB. Generating such a clock source requires a low-noise comparator and a low-phase noise signal generator. The clock circuit shown in Figure 6 is a possible solution.
CM VV+
V+
0.1F CLK_IN
0.1F
INN
MAX4108
V+
1k
5k
CLK
MAX961
V0.1F 1k
CM
Figure 5. A simple circuit generates differential signals from a single-ended input referred to analog ground. The commonmode voltage at INP and INN is the same as CM.
10
Figure 6. Clock Generation Circuit Using Low-Noise Comparator
______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
Calibration Procedure
Since the MAX1201 is based on a pipelined architecture, low-resolution quantizers ("coarse ADCs") are used to approximate the input signal. MDACs of the same resolution are then used to reconstruct the input signal, which is subtracted from the input and the residue is amplified by the switched-capacitor gain stage. This residue is then passed on to the next stage. The accuracy of the MAX1201 is limited by the precision of the MDAC, which is strongly dependent on the matching of the capacitors used. The mismatch between the capacitors is determined and stored in an on-chip memory, which is later used during the conversion of the input signal. During the calibration procedure, the clock must be running continuously. ST_CAL (start of calibration) is initiated by a positive pulse with a minimum width of four clock cycles but no longer than about 17,400 clock cycles (Figure 8). The ST_CAL input may be asynchronous with the clock, since it is retimed internally. With ST_CAL activated, END_CAL goes low one or two clock cycles later and remains low until the calibration is complete. During this period, the reference voltages must be stable to less than 0.01%; otherwise, the calibration will be invalid. During calibration, the analog inputs INP and INN are not used; however, better performance is achieved if these inputs are static. Once END_CAL goes high (indicating that the calibration procedure is complete), the ADC is ready for conversion. Once calibrated, the MAX1201 is insensitive to small changes (5%) in power supply, voltage, or temperature. Following calibration, if the temperature changes more than 20C, the device should be recalibrated to maintain optimum performance.
CLK ST_CAL MIN 4 tCLK END_CAL ~17,400 CLK CYCLES
MAX1201
Figure 8. Timing for Start and End of Calibration
OE D0-D13 DOR Z tAC tREL Z
Z = HIGH IMPEDANCE (THREE-STATED)
Figure 9. Timing for Bus Access and Bus Relinquish-- Controlled by Output Enable (OE)
Two's Complement Output
The MAX1201 outputs data in two's complement format. Table 1 shows how to convert the various fullscale inputs into their two's complement output codes.
Applications Information
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNR(MAX) = (6.02 * N + 1.76)dB In reality, there are other noise sources besides quantization noise including thermal noise, reference noise, clock jitter, etc. Therefore, SNR is computed by taking the ratio of the RMS signal to the RMS noise which includes all spectral components minus the fundamental, the first nine harmonics, and the DC offset.
N AIN
N+1 N+2 tCH tCL N+4 N+3
N+5
CLK SAMPLE CLOCK tS DAV D0-D13 tOD N-3 N-2 N-1 N N+1
Figure 7. Main Timing Diagram
______________________________________________________________________________________ 11
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
Table 1. Binary Output Codes
SCALE +FSR - 1LSB +3/4FSR +1/2FSR +1/4FSR +0 -0 -1/4FSR -1/2FSR -3/4FSR -FSR +1LSB -FSR OFFSET BINARY 1111 .... 1111 1110 .... 0000 1100 .... 0000 1010 .... 0000 1000 .... 0000 ---- .... ---- 0110 .... 0000 0100 .... 0000 0010 .... 0000 0000 .... 0001 0000 .... 0000 ONE'S COMPLEMENT 0111 .... 1111 0110 .... 0000 0100 .... 0000 0010 .... 0000 0000 .... 0000 1111 .... 1111 1101 .... 1111 1011 .... 1111 1001 .... 1111 1000 .... 0000 ---- .... ---- TWO'S COMPLEMENT 0111 .... 1111 0110 .... 0000 0100 .... 0000 0010 .... 0000 0000 .... 0000 ---- .... ---- 1110 .... 0000 1100 .... 0000 1010 .... 0000 1000 .... 0001 1000 .... 0000
Signal-to-Noise Plus Distortion (SINAD)
SINAD is the ratio of the fundamental input frequency's RMS amplitude to all other ADC output signals. SINAD (dB) = 20 * log [SignalRMS / (Noise + Distortion)RMS]
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest spurious component, excluding DC offset.
Grounding and Power-Supply Decoupling
Grounding and power-supply decoupling strongly influence the performance of the MAX1201. At 14-bit resolution, unwanted digital crosstalk may couple through the input, reference, power supply, and ground connections; this adversely affects the signal-to-noise ratio or spurious-free dynamic range. In addition, electromagnetic interference (EMI) can either couple into or be generated by the MAX1201. Therefore, grounding and power-supply decoupling guidelines should be closely followed. First, a multilayer, printed circuit board (PCB) with separate ground and power-supply planes is recommended. Run high-speed signal traces on lines directly above the ground plane. Since the MAX1201 has separate analog and digital ground buses (AGND and DGND, respectively), the PCB should also have separate analog and digital ground sections connected at only one point (star ground). Digital signals should run above the digital ground plane and analog signals should run above the analog ground plane. Digital signals should be kept far away from the sensitive analog inputs, reference input senses, common-mode input, and clock input.
Effective Number of Bits (ENOB)
ENOB indicates the global accuracy of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists only of quantization noise. With an input range equal to the full-scale range of the ADC, the effective number of bits can be calculated as follows: ENOB = (SINAD - 1.76) / 6.02
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first nine harmonics of the input signal to the fundamental itself. This is expressed as: THD = 20 log
(V
2 2
+ V3 + V4 + + V9
2 2 2
V1
)

where V1 is the fundamental amplitude, and V2 through V9 are the amplitudes of the 2nd through 9th-order harmonics.
12
______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
The MAX1201 has three power-supply inputs: analog V DD (AV DD ), digital V DD (DV DD ), and drive V DD (DRVDD). Each AVDD input should be decoupled with parallel ceramic chip capacitors of values 0.1F and 0.001F, with these capacitors as close to the pin as possible and with the shortest possible connection to the ground plane. The DVDD pins should also have separate 0.1F capacitors again adjacent to their respective pins, as should the DRVDD pin. Minimize the digital load capacitance. However, if the total load capacitance on each digital output exceeds 20pF, the DRVDD decoupling capacitor should be increased or, preferably, digital buffers should be added. The power-supply voltages should also be decoupled with large tantalum or electrolytic capacitors at the point the voltages enter the PCB. Ferrite beads with additional decoupling capacitors forming a pi network could also improve performance. The analog power-supply input (AV DD ) for the MAX1201 is typically +5V, while the digital supplies can vary from +5V to +3V. Usually, DVDD and DRVDD pins are connected to the same power supply. Note that the DVDD supply voltage must be greater than or equal to the DRV DD voltage. For example, a digital +3.3V supply could be connected to DRVDD while a cleaner +5V supply is connected to DVDD resulting in slightly improved performance. Alternatively, the +3.3V supply could be connected to both DRVDD and DVDD. However, the +3.3V supply should not be connected to DVDD while the +5V supply is connected to DRVDD (Table 2).
Table 2. Power-Supply-Voltage Combinations
AVDD (V) 5 5 5 5 DVDD (V) 5 5 3.3 3.3 DRVDD (V) 5 3.3 3.3 5 ALLOWED/ NOT ALLOWED Allowed Allowed Allowed Not Allowed
Chip Information
TRANSISTOR COUNT: 56,577 SUBSTRATE CONNECTED TO AGND
______________________________________________________________________________________
13
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC MAX1201
Package Information
MQFP44.EPS
14
______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
NOTES
MAX1201
15
______________________________________________________________________________________
+5V Single-Supply, 2.2Msps, 14-Bit Self Calibrating ADC MAX1201
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1998 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X