Part Number Hot Search : 
231549P CLAMP 74HC160 KDR411 KDR411 APM7322K BD45231 LH1510AT
Product Description
Full Text Search
 

To Download LY5360-HL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5 mm (T1 3/4) LED, Diffused
LR 5360, LS 5360, LY 5360 LG 5360
Besondere Merkmale
q q q q q
eingefarbtes, diffuses Gehause als optischer Indikator einsetzbar Lotspiee ohne Aufsetzebene gegurtet lieferbar Storimpulsfest nach DIN 40839
VEX06716
Features
q q q q q
colored, diffused package for use as optical indicator solder leads without stand-off available taped on reel load dump resistance acc. to DIN 40839
Semiconductor Group
1
11.96
LR 5360, LS 5360, LY 5360 LG 5360
Typ Type
Emissionsfarbe Color of Emission
Gehausefarbe Color of Package
Lichtstarke Luminous Intensity IF = 10 mA IV (mcd) 0.4 ... 1.0 ... 1.6 ... 1.0 ... 3.2 2.0 3.2 8.0
Bestellnummer Ordering Code
LR 5360-DG LR 5360-F LR 5360-G LR 5360-FJ LS 5360-HL LS 5360-J LS 5360-K LS 5360-L LS 5360-JM LY 5360-HL LY 5360-J LY 5360-K LY 5360-L LY 5360-JM LG 5360-GK LG 5360-H LG 5360-J LG 5360-K LG 5360-HL
red
red diffused
Q62703-Q1376 Q62703-Q1377 Q62703-Q1378 Q62703-Q1379 Q62703-Q1380 Q62703-Q1744 Q62703-Q1381 Q62703-Q1382 Q62703-Q3224 Q62703-Q2000 Q62703-Q1386 Q62703-Q2001 Q62703-Q2404 Q62703-Q1387 Q62703-Q1391 Q62703-Q1390 Q62703-Q1866 Q62703-Q2012 Q62703-Q3188
super-red
red diffused
2.5 ... 20.0 4.0 ... 8.0 6.3 ... 12.5 10.0 ... 20.0 4.0 ... 32.0 2.5 ... 20.0 4.0 ... 8.0 6.3 ... 12.5 10.0 ... 20.0 4.0 ... 32.0 1.6 ... 12.5 2.5 ... 5.0 4.0 ... 8.0 6.3 ... 12.5 2.5 ... 20.0
yellow
yellow diffused
green
green diffused
Streuung der Lichtstarke in einer Verpackungseinheit IV max / IV min 2.0. Luminous intensity ratio in one packaging unit IV max / IV min 2.0.
Semiconductor Group
2
LR 5360, LS 5360, LY 5360 LG 5360
Grenzwerte Maximum Ratings Bezeichnung Parameter Betriebstemperatur Operating temperature range Lagertemperatur Storage temperature range Sperrschichttemperatur Junction temperature Durchlastrom Forward current Stostrom Surge current t 10 s, D = 0.005 Sperrspannung Reverse voltage Verlustleistung Power dissipation TA 25 C Warmewiderstand Thermal resistance Sperrschicht / Luft Junction / air Symbol Symbol LR Werte Values LS, LY, LG - 55 ... + 100 - 55 ... + 100 + 100 45 40 0.5 C C C mA A Einheit Unit
Top Tstg Tj IF IFM
VR Ptot
100
5 140
V mW
Rth JA
400
K/W
Semiconductor Group
3
LR 5360, LS 5360, LY 5360 LG 5360
Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Wellenlange des emittierten Lichtes Wavelength at peak emission IF = 20 mA Dominantwellenlange Dominant wavelength IF = 20 mA Spektrale Bandbreite bei 50 % Irel max Spectral bandwidth at 50 % Irel max IF = 20 mA Abstrahlwinkel bei 50 % IV (Vollwinkel) Viewing angle at 50 % IV Durchlaspannung Forward voltage IF = 10 mA Sperrstrom Reverse current VR = 5 V Kapazitat Capacitance VR = 0 V, f = 1 MHz Schaltzeiten: Switching times: IV from 10 % to 90 % IV from 90 % to 10 % IF = 100 mA, tP = 10 s, RL = 50 Symbol Symbol LR (typ.) peak (typ.) (typ.) dom (typ.) (typ.) (typ.) 2 (typ.) VF (max.) VF (typ.) IR (max.) IR (typ.) C0 660 Werte Values LS 635 LY 586 LG 565 nm Einheit Unit
645
628
590
570
nm
35
45
45
25
nm
50 1.6 2.0
50 2.0 2.6
50 2.0 2.6
50 2.0 2.6
deg. V V
0.01 0.01 0.01 0.01 A 10 10 10 10 A 25 12 10 15 pF
(typ.) tr (typ.) tf
120 50
300 150
300 150
450 200
ns ns
Semiconductor Group
4
LR 5360, LS 5360, LY 5360 LG 5360
Relative spektrale Emission Irel = f (), TA = 25 C, IF = 20 mA Relative spectral emission V () = spektrale Augenempfindlichkeit Standard eye response curve
Abstrahlcharakteristik Irel = f () Radiation characteristic
Semiconductor Group
5
LR 5360, LS 5360, LY 5360 LG 5360
Durchlastrom IF = f (VF) Forward current TA = 25 C
Relative Lichtstarke IV/IV(10 mA) = f (IF) Relative luminous intensity TA = 25 C
Zulassige Impulsbelastbarkeit IF = f (tP) Permissible pulse handling capability Duty cycle D = parameter, TA = 25 C LS, LY, LG
Zulassige Impulsbelastbarkeit IF = f (tP) Permissible pulse handling capability Duty cycle D = parameter, TA = 25 C LR
Semiconductor Group
6
LR 5360, LS 5360, LY 5360 LG 5360
Wellenlange der Strahlung peak = f (TA) Wavelength at peak emission IF = 20 mA
Maximal zulassiger Durchlastrom Max. permissible forward current IF = f (TA)
Dominantwellenlange dom = f (TA) Dominant wavelength IF = 20 mA
Durchlaspannung VF = f (TA) Forward voltage IF = 10 mA
Semiconductor Group
7
LR 5360, LS 5360, LY 5360 LG 5360
Relative Lichtstarke IV/IV(25 C) = f (TA) Relative luminous intensity IF = 10 mA
Mazeichnung Package Outlines
(Mae in mm, wenn nicht anders angegeben) (Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung: Cathode mark:
Kurzerer Lotspie Short solder lead
Semiconductor Group
8
GEX06716


▲Up To Search▲   

 
Price & Availability of LY5360-HL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X