Part Number Hot Search : 
SFH601 A1106 155R61 PT78N TPQ2222 CY7C104 IRG4C PE6107
Product Description
Full Text Search
 

To Download LX9501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A
MICROSEMI
COMPANY
LX9501
Input Cable Assembly
PRODUCTION DATA SHEET
The LX9501 is an input-connector cable assembly that is used to connect Linfinity's standard line of backlight inverter products. The connector housing is interconnectable and compatible with PC boards mounted with the Molex* 53261 series 8-pin SMT header. The housing and pins are crimp-terminated to 18-inch (457mm) lengths of UL1061 AWG#26 wire. This cable assembly is designed to save users the job of obtaining housing, pin, wire, and crimp-tools in addition to the assembly of an evaluation board. It is also the same cable assembly provided with inverter samples that utilize the Molex* wire-to-board connectors.

Used for Interconnection of
W W W .Microsemi .COM

IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Backlight Inverter Connector (Molex 53261) to Power, Ground, and Control Signal Generous 18-inch (457mm) Lead Length to accommodate Most Applications Pre-Stripped Ends Facilitate Ease of Hook-up Leads Color-Coded for Quick and Accurate Termination Wire is 300 Volt Rated to 80C, PVC Insulated and is Stranded in a 7X #34 Configuration

S t r ip & R e t a i n 0 .1 2 5 in . 0 .0 2 0
3 .1 7 m m 0 .5 0
1
2
3
4
5
6
7
8

1 8 .0 0 0 in . 0 .2 5 0
4 5 7 .2 0 m m 6 .3 5




1 2 3 4 5 6 7 8
Molex* 51021 Series Molex* 50079 Series UL 1061, 26 AWG, Red Wire UL 1061, 26 AWG, Black Wire UL 1061, 26 AWG, Orange Wire UL 1061, 26 AWG, Green Wire UL 1061, 26 AWG, White Wire UL 1061, 26 AWG, Violet Wire
1 2 3 4 5 6 7 8
Red Red Black Black Orange Green
LX9501 LX9501
White Violet
* Molex is a Registered Trademark of Molex, Inc.

LX9501
Copyright (c) 2000 Rev. 1.2,2000-09-22
Microsemi
Linfinity Microelectronics Division 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1


▲Up To Search▲   

 
Price & Availability of LX9501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X