Part Number Hot Search : 
USDP75 LB1823M MIMH3 REF19 CTQ08 AC100 RMH1W 154CSW
Product Description
Full Text Search
 

To Download LCX007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCX007BK
3.4cm (1.35-inch) Color LCD Panel
Description The LCX007AK is a 3.4cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit, and it provides a full-color representation is possible. This panel provides a wide aspect ratio of 16:9, such as those represented in HD. The built-in sideblack function also allows an aspect ratio of 4:3 in the NTSC/PAL mode. This panel has a polysilicon TFT high-speed scanner and built-in function to display images up/down and/or right/left inverse. The built-in 5V interface circuit leads to lower voltage of timing system and control signals. Features * The number of active dots: 512,880 (1.35-inch; 3.4cm in diagonal) * Horizontal resolution: 400 TV lines * High optical transmittance: 4.0% (typ.) * High contrast ratio with normally white mode: 190 (typ.) * Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible) * NTSC/NTSC-WIDE/HD (band: 20MHz) mode selectable (PAL/PAL-WIDE mode also available through conversion of scanned dot numbers by an external IC) * Up/down and/or right/left inverse display function * Side-black function * 16:9 and 4:3 aspect-ratio switching function * Full-color display Element Structure * Dots 16:9 display: 1068.5 (H) x 480 (V) = 512,880 4:3 display: 799.5 (H) x 480 (V) = 383,760 * Built-in peripheral driver using polycrystalline silicon super thin film transistors. Applications Liquid crystal projectors, etc.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E95733A64-ST
Block Diagram
1
Up/Down or Right/Left Inversion 4 : 3/16 : 9 Control Circuit SID HST HCK1 HCK2 WID
6 7 8 10
V Shift Register (Bidirectional Scanning)
11
Input Signal Level Shifter
Side Black Control Circuit
RGT
16 14 15 17
VST VCK PCG DWN
13
H Shift Register (Bidirectional Scanning)
-2-
COM Pad
ENB
12 5 18 9 2 3 4
CLR HVDD VVDD
VSS SIG1(G) SIG2(R) SIG3(B)
19
V Shift Register (Bidirectional Scanning)
COM
LCX007BK
LCX007BK
Absolute Maximum Ratings (VSS = 0V) * H driver supply voltage HVDD * V driver supply voltage VVDD * Common pad voltage COM * H shift register input pin voltage HST, HCK1, HCK2 RGT, WID * V shift register input pin voltage VST, VCK, PCG CLR, ENB, DWN * Video signal input pin voltage SIG1, SIG2, SIG3, SID * Operating temperature Topr * Storage temperature Tstg
-1.0 to +20 -1.0 to +20 -1.0 to +17 -1.0 to +17 -1.0 to +17 -1.0 to +15 -10 to +70 -30 to +85
V V V V V V C C
Operating Conditions (VSS = 0V) * Supply voltage HVDD 15.7 +0.3 V -0.4 +0.3 VVDD 15.7 -0.4 V * Input pulse voltage (Vp-p of all input pins except video signal and side black signal input pins) Vin 5.0 0.5 V Pin Description Pin No. 1 2 3 4 5 6 7 8 9 10 Symbol SID SIG1 (G) SIG2 (R) SIG3 (B) HVDD WID RGT HST Vss HCK1 Description Side black signal for 4:3 display Video signal (G) to panel Video signal (R) to panel Video signal (B) to panel Power supply for H driver Aspect-ratio switching (H: 16:9, L: 4:3) Drive direction pulse for H shift register (H: normal, L: reverse) Start pulse for H shift register drive GND (H, V drivers) Clock pulse for H shift register drive Pin No. 11 12 13 14 15 16 17 18 19 20 Symbol HCK2 CLR ENB VCK PCG VST DWN VVDD COM TEST Description Clock pulse for H shift register drive Improvement pulse (1) for uniformity Enable pulse for gate selection Clock pulse for V shift register drive Improvement pulse (2) for uniformity Start pulse for V shift register drive Drive direction pulse for V shift register (H: normal, L: reverse) Power supply for V driver Common voltage of panel Test; Open
-3-
LCX007BK
Input Equivalent Circuit To prevent static charges, protective diodes are provided for each pin except the power supply. In addition, protective resistors are added to all pins except video signal input. All pins are connected to Vss with a high resistance of 1M (typ.). The equivalent circuit of each input pin is shown below: (The resistor value: typ.) (1) SIG1, SIG2, SIG3, SID
HVDD
Input 1M
(2) HCK1, HCK2
HVDD 250 250 Input 250 250 1M 1M
Signal line
Level conversion circuit (2-phase input)
(3) RGT, WID
HVDD 2.5k Input 1M 2.5k Level conversion circuit (single-phase input)
(4) HST
HVDD 250 Input 250 Level conversion circuit (single-phase input) 1M
(5) PCG, VCK
VVDD 250 Input 250 Level conversion circuit (single-phase input) 1M
(6) VST, CLR, ENB, DWN
VVDD 2.5k Input 2.5k Level conversion circuit (single-phase input) 1M
(7) COM
VVDD
Input 1M LC
-4-
LCX007BK
Input Signals 1. Input signal voltage conditions Item H driver input voltage WID, RGT, HST, HCK1, HCK2 (Low) Symbol VHIL Min. -0.5 4.5 -0.5 4.5 6.5 VVC - 4.5 VVC - 0.5 Typ. 0.0 5.0 0.0 5.0 7.0 -- VVC - 0.4 Max. 0.3 5.5 0.3 5.5 7.2 VVC + 4.5 VVC - 0.3 (VSS = 0V) Unit V V V V V V V
(High) VHIH
(Low) VVIL V driver input voltage CLR, ENB, VCK, PCG, VST, DWN (High) VVIH Video signal center voltage Video signal input range1 Common voltage of panel2 VVC Vsig Vcom
1 Video input signal shall be symmetrical to VVC. 2 Common voltage of the panel shall be adjusted to VVC - 0.4V. Level Conversion Circuit The LCX007BK has a built-in level conversion circuit in the clock input unit on the panel. The input signal level increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 0.5V.
-5-
LCX007BK
2. Clock timing conditions Item Hst rise time HST Hst fall time Hst data set-up time Hst data hold time Hckn3 rise time HCK Hckn3 fall time Hck1 fall to Hck2 rise time Hck1 rise to Hck2 fall time Clr rise time CLR Clr fall time Clr pulse width Vck rise/fall to Clr fall time Vst rise time VST Vst fall time Vst data set-up time Vst data hold time VCK Vck rise time Vck fall time Enb rise time ENB Enb fall time Vck rise/fall to Enb rise time Enb pulse width Pcg rise time Pcg fall time PCG Pcg fall to Vck rise/fall time Pcg pulse width 3 Hckn means Hck1 and Hck2.
(Ta = 25C) (fHCKn = 7.5MHz, fVCK = 15.7kHz) Symbol trHst tfHst tdHst thHst trHckn tfHckn to1Hck to2Hck trClr tfClr twClr tdClr trVst tfVst tdVst thVst trVck tfVck trEnb tfEnb tdEnb twEnb trPcg tfPcg toVck twPcg Min. -- -- 20 -40 -- -- -15 -15 -- -- 3000 -50 -- -- -25 5 -- -- -- -- 350 3450 -- -- 650 1150 Typ. -- -- 67 0 -- -- 0 0 -- -- 3100 0 -- -- 15 15 -- -- -- -- 400 3500 -- -- 700 1200 Max. 30 30 100 40 30 30 15 15 100 100 3200 50 100 100 25 25 100 100 100 100 450 3550 20 20 750 1250 ns s ns Unit
-6-
LCX007BK
Item Hst rise time Hst fall time HST Symbol trHst
Hst 10% trHst
Waveform
90% 90% 10% tfHst
Conditions O Hckn3 duty cycle 50% to1Hck = 0ns to2Hck = 0ns
tfHst 4
Hst data set-up time
tdHst
Hst
50%
50%
Hck1
50%
50%
Hst data hold time
thHst
tdHst thHst 90% 10%
O Hckn3 duty cycle 50% to1Hck = 0ns to2Hck = 0ns
Hckn3 rise time Hckn3 fall time HCK
trHckn
90%
3
Hckn
10%
tfHckn 4 to1Hck
Hck1
O Hckn3 duty cycle 50% to1Hck = 0ns to2Hck = 0ns
trHckn
tfHckn
Hck1 fall to Hck2 rise time
50%
50%
50%
50%
Hck1 rise to Hck2 fall time
to2Hck
Hck2 to2Hck to1Hck
Clr rise time
trClr
90% Clr 10%
90% 10%
Clr fall time CLR Clr pulse width
tfClr
trClr
tfClr
O Hckn3 duty cycle 50% to1Hck = 0ns to2Hck = 0ns
twClr
Vck
50%
Vck rise/fall to Clr fall time
Clr
50% twClr
50% tdClr
tdClr 4
-7-
LCX007BK
Item Vst rise time Vst fall time VST Symbol trVst
Vst 10% trVst
Waveform
90% 90% 10% tfVst
Conditions
tfVst 4
Vst data set-up time
tdVst
50% Vst 50% 50%
50%
Vck
Vst data hold time
thVst
tdVst 90% Vck 10% thVst 90% 10%
Vck rise time VCK Vck fall time
trVck
tfVck
trVckn
tfVckn
Enb rise time
trEnb
Enb
90%
10%
10%
90%
Enb fall time ENB
tfEnb
tfEn
trEn
Vck rise/fall to Enb rise tdEnb time
Vck
50%
Enb
50% twEnb
50%
Enb pulse width
twEnb
tdEnb
4
Pcg rise time Pcg fall time PCG
trPcg
Vck
tfPcg
Pcg 50% 50% twPcg toVck
50%
Pcg fall to Vck rise/fall toVck time Pcg pulse width twPcg
4
4 Definitions:
The right-pointing arrow ( ) means +. The left-pointing arrow ( ) means -. The black dot at an arrow ( ) indicates the start of measurement.
-8-
LCX007BK
Electrical Characteristics (Ta = 25C, HVDD = 15.7V, VVDD = 15.7V) 1. Horizontal drivers Item Input pin capacitance HCKn HST Input pin current HCK1 HCK2 HST WID, RGT Video signal input pin capacitance Current consumption Csig IH Symbol CHckn CHst Min. -- -- -500 -1000 -500 -150 -- -- Typ. 7 7 -120 -450 -160 -30 250 7.5 Max. 10 10 -- -- -- -- -- 10 Unit pF pF A A A A pF mA HCKn: HCK1, HCK2 (7.5MHz) HCK1 = GND HCK2 = GND HST = GND WID, RGT = GND Condition
2. Vertical drivers Item Input pin capacitance VCK VST Input pin current VCK Symbol CVck CVst Min. -- -- -1000 -150 IV -- Typ. 7 7 -160 -30 1.5 Max. 10 10 -- -- 4 Unit pF pF A A mA VCK = GND PCG, VST, EN, CLR, DWN = GND VCK: (15.7kHz) Condition
PCG, VST, EN, CLR, DWN Current consumption
3. Total power consumption of the panel Item Total power consumption of the panel (NTSC) 4. Pin input resistance Item Pin-VSS input resistance Symbol Rpin Min. 0.4 Typ. 1 Max. -- Unit M Symbol PWR Min. -- Typ. 150 Max. 250 Unit mW
5. Side signal input pin capacitance Item Side signal input pin capacitance Symbol CSIDon Min. 8 Typ. 10 Max. 12 Unit nF
-9-
LCX007BK
Electro-optical Characteristics Item Contrast ratio Optical transmittance R X Y Chromaticity G X Y B X Y V90 V-T characteristics 25C 60C V50 25C 60C V10 Half tone color reproduction range ON time Response time OFF time Flicker Image retention time 25C 60C R vs. G B vs. G 0C 25C 0C 25C 60C 25C 25C 60C Symbol CR25 CR60 T Rx Ry Gx Gy Bx By V90-25 V90-60 V50-25 V50-60 V10-25 V10-60 V50RG V50BG ton0 ton25 toff0 toff25 F YT60 7 8 6 5 4 3 2 Measurement method 1 Min. 60 100 3.3
(Ta = 25C, NTSC mode) Typ. 190 190 4.0 Max. -- -- -- % Unit --
0.560 0.622 0.670 0.300 0.347 0.390 0.275 0.302 0.347 0.541 0.601 0.650 0.120 0.144 0.187 0.040 0.087 0.122 1.4 1.2 1.8 1.6 2.4 2.2 -- -- -- -- -- -- -- -- 1.7 1.5 2.1 1.9 2.7 2.5 2.0 1.8 2.4 2.2 3.0 2.8 V V CIE standards
-0.10 -0.25 0.15 50 15 52 16 -50 -- 0.50 100 40 150 60 -30 5
ms
dB s
- 10 -
LCX007BK
Basic measurement conditions (1) Driving voltage HVDD = 15.7V, VVDD = 15.7V VVC = 7.0V, Vcom = 6.6V (2) Measurement temperature 25C unless otherwise specified. (3) Measurement point One point in the center of screen unless otherwise specified. (4) Measurement systems Two types of measurement system are used as shown below. (5) Video input signal voltage (Vsig) Vsig = 7.0 VAC [V] (VAC: signal amplitude) * Measurement system
Back Light
Luminance Meter 3.5mm LCD panel
Measurement Equipment
Back light: color temperature 6500 700K (25C) Polarizer: POLATECHNO Co., Ltd. THC-13U (Luminance meter side)
* Measurement system
Optical fiber Light receptor lens Light Detector Measurement Equipment
Drive Circuit
LCD panel
Light Source
1. Contrast Ratio Contrast Ratio (CR) is given by the following formula (1). L (White) ... (1) L (Black)
CR =
L (White): Surface luminance of the TFT-LCD panel at the input signal amplitude VAC = 0.5V. L (Black): Surface luminance of the panel at VAC = 4.5V. Both luminosities are measured by System I. - 11 -
LCX007BK
2. Optical Transmittance Optical Transmittance (T) is given by the following formula (2). T= L (White) x 100 [%] ... (2) Luminance of Back Light
L (White) is the same expression as defined in the 'Contrast Ratio' section.
3. Chromaticity Chromaticity of the panels are measured by System I. Raster modes of each color are defined by the representations at the input signal amplitude conditions shown in the table below. System I uses Chromaticity of x and y on the CIE standards here. Signal amplitudes (VAC) supplied to each input R input R Raster G B 0.5 4.5 4.5 G input 4.5 0.5 4.5 B input 4.5 4.5 0.5 (Unit: V)
Transmittance [%]
4. V-T Characteristics V-T characteristics, the relationship between signal amplitude and the transmittance of the panels, are measured by System II. V90, V50 and V10 correspond to the each voltage which defines 90%, 50% and 10% of transmittance respectively.
90
50
10 V90 V50 V10
VAC - Signal amplitude [V]
5. Half Tone Color Reproduction Range Half tone color reproduction range of the LCD panels is characterized by the defferences between the V-T characteristics of R, G and B. The differences of these V-T characteristics are measured by System II. System II defines signal voltages of each R, G, B raster modes which corresponds to 50% of transmittance, V50R, V50G and V50B respectively. V50RG and V50BG, the voltage differences between V50R and V50G, V50B and V50G, are simply given by the following formula (3) and (4) respectively. V50RG = V50R-V50G ... (3) V50BG = V50B-V50G ... (4) - 12 -
100
V50RG V50BG
Transmittance [%]
50 R raster
G raster B raster
0
V50R V50B V50G VAC - Signal amplitude [V]
LCX007BK
6. Response Time Response time `ton' and `toff' are defined by the formula (5) and (6) respectively.
4.5V
Input signal voltage (waveform applied to the measured pixels)
ton = t1 - tON ... (5) toff = t2 - tOFF ... (6) t1: time which gives 10% transmittance of the panel. t2: time which gives 90% transmittance of the panel. The relationships between t1, t2, tON and tOFF are shown in the right figure.
7.0V
0.5V
0V
Light transmission output waveform 100% 90%
10% 0%
tON
t1 ton
tOFF
t2 toff
7. Flicker Flicker (F) is given by the formula (7). DC and AC (NTSC: 30Hz, rms, PAL: 25Hz, rms) components of the panel output signal for gray raster mode are measured by a DC voltmeter and a spectrum analyzer in System II. F [dB] = 20 log
{ DC component } ... (7)
AC component
Each input signal condition for gray raster mode is given by Vsig = 7.0 V50 [V] where: V50 is the signal amplitude which gives 50% of transmittance in V-T characteristics.
8. Image Retention Time Image Retention time is given by following procedures. Apply the monoscope signal to the LCD panel for 60 minutes and then change this signal to the gray scale of Vsig = 7.0 VAC (VAC: 3 to 4V). Hold VAC that maximizes image retention judging by sight. Measure the time till the residual image becomes indistinct. Monoscope signal conditions: Vsig = 7.0 4.5 or 2.0 [V] (shown in the right figure) Vcom = 6.6V
4.5V 2.0V 7.0V 2.0V 4.5V Black level White level
0V Vsig waveform
- 13 -
LCX007BK
Optical transmittance of LCD panel (Typical value)
20
15
Trans. [%]
10
5
0 400 500 600 Wavelength [nm] 700
Measurement method: Measurement system
- 14 -
LCX007BK
Viewing angle characteristics (Typical value)
90
CR = 5 10 20 Phi 50 100 150 180 10 200 30 50 70 Theta 0
270 0 Z Marking 90
180
Y
0
X 270
Measurment method
- 15 -
Description of Operation
1. Dot Arrangement (1) (16:9 display) The dots are arranged in a delta pattern. The shaded area is used for the dark border around the display. The R corresponds to SIG2, G to SIG1, and B to SIG3, respectively.
ODD = 1094 dots EVEN = 1095 dots ODD = 1069 dots EVEN = 1068 dots ODD = 13 dots EVEN = 13 dots
ODD = 13 dots EVEN = 14 dots
DL1
DL2
DL3
DL4
1
2
44
45
46
47
48
311
312
313
314
356
357
DR1
DR2
DR3
DR4
GATE SW GATE SW GATE SW GATE SW
GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW
GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR R GB RGBRGB RGBRGB RGBRGB RGB RGB RGB RGBRGBRGB RGBRGB RGB
3 dots
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
1 R GB R GB R GB R GB R GB RGBRGB RGBRGB RGBRGB RGBRGB RGBRGB
- 16 -
RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB R GB R GB R GB RGBRGB RGBRGB RGBRGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB
2
RGB RGB RGBR GB RGB RGB RGB R GB RGB RGB RGB R GB RGB R GB RGB RGB RGB RGB RGB RGB RGB RGB RGB GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR RGB RGB RGB RGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB
3
RGB RGBRGBRGBRGB RGB RGB
4
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
480 dots
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGB RGBR GB RGB RGB RGB R GB RGB RGB RGB R GB RGB R GB RGB RGB RGB RGB RGB RGB RGB RGB RGB GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR RGB RGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB
479 480
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
3 dots
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
LCX007BK
Dot Arrangement (2) (4:3 display) The dots are arranged in a delta pattern. The shaded area is used for the dark border around the display. The R corresponds to SIG2, G to SIG1, and B to SIG3, respectively.
ODD = 1094 dots EVEN = 1095 dots ODD = 135 dots EVEN = 134 dots
Side Black 2 44 45 46 47 48 311 312 313 314 356 357 4:3 Area Side Black DR1 DR2 DR3 DR4
GATE SW
ODD = 13 dots EVEN = 14 dots
ODD = 799 dots EVEN = 800 dots
ODD = 135 dots EVEN = 134 dots
ODD = 13 dots EVEN = 13 dots
DL1
DL2
DL3
DL4
1
GATE SW GATE SW
GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW
GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW GATE SW
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR R GB RGBRGB RGBRGB RGBRGB RGB RGB RGB RGBRGBRGB RGBRGB RGB
3 dots
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
1 R GB R GB R GB R GB R GB RGBRGB RGBRGB RGBRGB RGBRGB RGBRGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB
2
RGB RGB RGBR GB RGB RGB RGB R GB RGB RGB RGB R GB RGB R GB RGB RGB RGB RGB RGB RGB RGB RGB RGB GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR RGB RGB RGB RGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB
- 17 -
R GB R GB R GB RGBRGB RGBRGB RGBRGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB RGBRGB RGBRGB RGB RGB
3
RGB RGBRGBRGBRGB RGB RGB
4
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
480 dots
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGB RGBR GB RGB RGB RGB R GB RGB RGB RGB R GB RGB R GB RGB RGB RGB RGB RGB RGB RGB RGB RGB GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR RGB RGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB RGBRGBRGB RGBRGB RGB
479 480
RGB RGBRGBRGBRGB RGB RGB
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
3 dots
GBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBRGBR
RGB RGBRGBRGBRGB RGB RGB
LCX007BK
LCX007BK
2. LCD Panel Operations [Description of basic operations] The basic operations of the LCD panel are shown below based on the wide-display mode. * A vertical driver, which consists of vertical shift registers, enable-gates and buffers, applies a selected pulse to every 480 gate lines sequentially in every horizontal scanning period. * A horizontal driver, which consists of horizontal shift registers, gates and CMOS sample-and-hold circuits, applies selected pulses to every 1068.5 signal electrodes sequentially in a single horizontal scanning period. * Vertical and horizontal shift registers address one pixel, and then turn on Thin Film Transistors (TFTs; two TFTs) to apply a video signal to the dot. The same procedures lead to the entire 480 x 1068.5 dots to display a picture in a single vertical scanning period. * The LCD pixel dots are arranged in a delta pattern, where the dots connected to the identical signal line are positioned with 1.5-dot offset against those of the adjacent horizontal line. Horizontal Start Pulse (HST) is generated with 1.5-bit offset between the horizontal lines to regulate the above offset. HCK and sample-hold (S/H) pulses follow the same 1.5-bit offset scheme. * The CLR pin is provided to eliminate the shading effect caused by the coupling of selected pulses. While maintaining the CLR at High level, the VVDD potential drops to approximately 9.5V. This pin shall be grounded when not in use. * The video signal shall be input with polarity-inverted system in every horizontal cycle. * Timing diagrams of the vertical and the horizontal display cycle are shown below:
(1) Vertical display cycle
VD VST VCK 1 2 Vertical display cycle 480H 480
(2) Horizontal display cycle (16:9)
BLK HST 356 HCK1 1 2 3 4 5 6 357 HCK2 Horizontal display cycle
(3) Horizontal display cycle (4:3)
BLK HST 267 HCK1 1 2 3 4 5 6 268 HCK2 Horizontal display cycle
- 18 -
LCX007BK
[Description of operating mode] The LCD panel has the following functions to easily apply to various uses, as well as various broadcasting systems. * Right/left inverse mode * Up/down inverse mode * 4:3 display mode with side-black display These modes are controlled by three signals (RGT, DWN, and WID). The setting mode is shown below: WID RGT H H L L H L H L Mode 16:9 right scan 16:9 left scan 4:3 right scan 4:3 left scan DWN H L Mode Down scan Up scan
The direction of the right/left and/or up/down mean when Pin 1 marking is located at right side with the pin block upside. * The analog signal (SID) to display side-black shall be input by 1H inversion synchronized with the signal. 3. 3-dot Simultaneous Sampling Horizontal driver samples SIG1, SIG2 and SIG3 signal simultaneously, which requires the phase matching between SIG1, SIG2, and SIG3 signals to prevent horizontal resolution from deteriorating. Thus phase matching between each signal is required using an external signal delaying circuit before applying video signal to the LCD panel. The block diagram of the delaying procedure using sample-and-hold method is as follows. The LCX007 has the right/left inverse function. The following phase relationship diagram indicates the phase setting for the right scan (RGT = High level). For the left scan (RGT = Low level), the phase setting shall be inverted between SIG2 and SIG3 signals.
SIG2
S/H CK2
S/H CK3 S/H CK1 S/H CK3 S/H CK3
AC Amp
3
SIG2
SIG1
AC Amp
2
SIG1
SIG3
AC Amp
4
SIG3
(right scan)
HCKn
CK2
CK1
CK3
- 19 -
LCX007BK
LCX007BK
Example of Color Filter Spectrum (Reference)
100 Color Filter Spectrum
R
80
G
B 60
Transmittance [%]
40
20
0 400 500 Wavelength [nm] 600 700
- 20 -
LCX007BK
Display System Block Diagram An example of display system is shown below.
SIG2 SIG1
SID SIG2 RGB Driver CXA1819Q SIG1 SIG3 COM
SIG3
The SIG1, 2, 3 and H SYNC signals with double-speed processing shall be applied to those pins in the NTSC/PAL modes.
FRP
SH
HST HCK1 HSYNC VSYNC TG CXD2412AQ VST VCK PCG ENB CLR HCK2 LCD Panel LCX007BK
WID RGT DWN
- 21 -
LCX007BK
Reliability test conditions Items High temperature operation High temperature storage High temperature & high humidity storage Temperature cycle Vibration Test conditions Ta = 70C HVDD = 15.7V VVDD = 15.7V Ta = 85C Ta = 40C 95% RH Ta = -30 to +85C X, Y, Z, 1.5mm 10 to 55Hz (1min. reciprocation) 250h 250h 250h 10cy 20min. for each direction Panel appearance and performance after those tests must conform with the standards. Time Criterion
- 22 -
LCX007BK
Important (1) Anti-reflection coating Use anti-reflection coating when using a phase-shifting plate on a light egress side of the LCD to align a polarization axis with those of a polarization screen or a prism. (2) Direction of incident light Allow incident light to hit upon an opposite side of a mark-indicated surface.
Direction of incidence
Marking side
(3) Polarizer This LCD is attached with a polarizer on a light egress side. A suitable heat-dissipation method shall be incorporated to suppress optical degradation of a polarizer. (4) Light source * Use visible light (wavelength = 400 to 780nm) as a light source. Do not use a light source containing infrared or ultraviolet components. * Suppress leakage light (reflection light) into a backside of a panel to sufficiently weak level or shut it out completely.
- 23 -
LCX007BK
Notes on Handling (1) Static charge prevention Be sure to take following protective measures. TFT-LCD panels are easily damaged by static charge. a) Use non-chargeable gloves, or simply use bare hands. b) Use an earth-band when handling. c) Do not touch any electrodes of a panel. d) Wear non-chargeable clothes and conductive shoes. e) Install conductive mat on the working floor and working table. f) Keep panels away from any charged materials. g) Use ionized air to discharge the panels. (2) Protection from dust and dirt a) Handle in clean environment. b) When delivered, a surface of a panel (Polarizer) is covered by a protective sheet. Peel off the protective sheet carefully not to damage the panel. c) Do not touch the surface of a panel. The surface is easily scratched. When cleaning, use a clean-room wiper with isopropyl alcohol. Be careful not to leave stain on the surface. d) Use ionized air to blow off dust at a panel. (3) Other handling precautions a) Do not twist or bend the flexible PC board especially at the connecting region because the board is easily deformed. b) Do not drop a panel. c) Do not twist or bend a panel or a panel frame. d) Keep a panel away from heat source. e) Do not dampen a panel with water or other solvents. f) Avoid to store or to use a panel in a high temperature or in a high humidity, which may result in panel damages. g) Minimum bent radius rating for flexible substrate is 1mm. h) Panel screw torque should not exceed 3kg * cm.
- 24 -
LCX007BK
Package Outline
Unit: mm
3.4 0.1 Thickness of the connector 0.3 0.05 21.0 0.15 9.75 1.5 1.8 0.1 31.4 0.2 4.55 0.1
4 1
2-R 0.5
(42.5)
(40.5)
3
76.5 1.3
2-3.5
5 2 6 Incident light 7
30.75 0.2
34.0 0.2 36.0 0.15
Active Area
Polarizing Axis
13.6 0.25
0 2.5 - 0.1
(16.8)
(29.9) 20.25 0.25 40.5 0.15
1.5 0.15
No 1
0.5 0.15 4.0 0.3
Description FPC Molding material Outside frame Reinforcing board
P 1.0 x 19 = 19.0 0.1 0.6 0.05 1.0 0.15
2 3 4
PIN1
PIN20
5 Reinforcing material 6 electrode (enlarged) The rotation angle of the active area relative to H and V is 1. 7 Polarizing film Cover weight 7g
- 25 -
2.0 0.1


▲Up To Search▲   

 
Price & Availability of LCX007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X