|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Silicon Piezoresistive Relative Pressure Sensor KPY 32-RK Features * * * * Low pressure and temperature hysteresis Fast response High sensitivity and linearity Fatigue free monocrystaline silicon diaphragm giving high load cycle stability * High long term stability * Provided for further fabrication, protection cap Similar to TO-8 Type and Marking KPY 32-RK Symbol Pressure Range 0 ... 0.06 Unit bar Ordering Code Q62705-K266 P0 ... PN Pin Configuration 1 2 3 4 5 6 7 8 - VIN - VOUT Not connected Temperature sensor (typ. R25 = 2 k) Temperature sensor Shielding, to be connected to + VIN + VIN + VOUT Semiconductor Group 1 02.97 KPY 32-RK Absolute Maximum Ratings Parameter Pressure overload Operating temperature range Storage temperature range Supply voltage Symbol Limit Values 0.6 - 40 ... + 125 - 50 ... + 150 12 Unit bar C C V PMAX TA Tstg VIN Electrical Characteristics at TA = 25 C and VIN = 5 V, unless otherwise specified. Parameter Bridge resistance Sensitivity Output voltage Offset voltage P = P0 Linearity error (Best fit straight line) P = P0 ... PN Pressure hysteresis P1 = P0, P2 = PN, P3 = P0 Symbol min. Limit Values typ. - 220.0 66.0 - 0.3 0.1 max. 8 - - + 25 2.0 - % Vfin % Vfin k mV/Vbar mV mV - 25 - - 4 100.0 30.0 Unit RB s Vfin V0 FL PH Electrical Characteristics at T1 = 25 C, T2 = 125 C, T3 = 25 C and VIN = 5 V, unless otherwise specified. Parameter Temperature coefficient of Vfin Temperature coefficient of V0 Temperature coefficient of RB Temperature hysteresis of V0; Vfin Symbol min. Limit Values typ. - - max. %/K - 0.19 - 0.06 - - 0.7 - 0.11 %/K + 0.06 %/K + 0.095 - - + 0.7 % v. Vfin Unit TCVfin TCV0 TCRB TH Semiconductor Group 2 KPY 32-RK Package Outline Similar to TO-8 Weight approx. 2.5 g Dimensions in mm Exterior Packaging I.e. tubes, trays, boxes are shown in our Data Book "Package Information". Semiconductor Group 3 |
Price & Availability of KPY32-RK |