Part Number Hot Search : 
AD831005 PE3100 HEF40 7N4036 TDA4661T F1621 MAX871 P4KE530
Product Description
Full Text Search
 

To Download KPY32-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Piezoresistive Relative Pressure Sensor
KPY 32-R
Features * * * * Low pressure and temperature hysteresis Fast response High sensitivity and linearity Fatigue free monocrystaline silicon diaphragm giving high load cycle stability * High long term stability * Metal housing
Similar to TO-8
Type and Marking KPY 32-R
Symbol
Pressure Range 0 ... 0.06
Unit bar
Ordering Code Q62705-K150
P0 ... PN
Pin Configuration 1 2 3 4 5 6 7 8 - VIN - VOUT Not connected Temperature sensor Temperature sensor Shielding, to be connected to + VIN + VIN + VOUT
Semiconductor Group
1
02.97
KPY 32-R
Absolute Maximum Ratings Parameter Pressure overload Operating temperature range Storage temperature range Supply voltage Symbol Limit Values 0.6 - 40 ... + 125 - 50 ... + 150 12 Unit bar C C V
PMAX TA Tstg VIN
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Bridge resistance Sensitivity Output voltage Offset voltage P = P0 Linearity error (Best fit straight line) P = P0 ... PN Pressure hysteresis P1 = P0, P2 = PN, P3 = P0 Symbol min. Limit Values typ. - 220.0 66.0 0.3 0.1 max. 8 - - + 25 % Vfin % Vfin k mV/Vbar mV mV - 25 4 100.0 30.0 Unit
RB s Vfin V0 FL PH
-
Electrical Characteristics at T1 = 25 C, T2 = 125 C, T3 = 25 C and VIN = 5 V, unless otherwise specified. Parameter Temperature coefficient of Vfin Temperature coefficient of V0 Temperature coefficient of RB Temperature hysteresis of V0; Vfin Symbol min. Limit Values typ. max. %/K - 0.19 - 0.06 - 0.10 %/K + 0.06 %/K + 0.095 0.2 + 0.7 % v. Vfin Unit
TCVfin TCV0 TCRB TH
- 0.7
Semiconductor Group
2
KPY 32-R
Package Outline Similar to TO-8
Dimensions in mm
Exterior Packaging I.e. tubes, trays, boxes are shown in our Data Book "Package Information". Semiconductor Group 3


▲Up To Search▲   

 
Price & Availability of KPY32-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X