Part Number Hot Search : 
54853A PFS5000 MC1402 4111D L7805T TDZ27J 00406 BU2508AW
Product Description
Full Text Search
 

To Download JWS70P-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JWS-P-SERIES
Peak current / Single output 70 ~ 480W
Unit Type Power Supply Model name
JWS120P - 24
*24V output with cover
Nominal output voltage Average output power Series name
Features
JWS70P JWS120P JWS240P JWS480P
(Low Voltage Directive)
3 year warranty
marking (Low Voltage Directive) Applicable to peak output current, compact package Universal Input (85 ~ 265VAC) Power Factor & Harmonic Correction (Conform to EN61000-3-2) EMI (Built to meet EN55011-A, EN55022-A, VCCI-A, FCC-A) Remote ON/OFF control (JWS240P & JWS480P)
Specifications
1. Input voltage range 2. Power Factor 3. Cooling 4. Operating Temperature 5. Withstand Voltage 6. Conducted emission noise 7. Radiated emission noise 8. PFHC 9. Safety standard 10. Functions 85 ~ 265VAC ( 47 ~ 63Hz) Universal input 0.99 (typ) at 100VAC Average load, 0.92 (typ) at 200VAC Average load JWS70P, JWS120P: Convection cooling, JWS240P, JWS480P: Forced air by built-in blower -10 ~ +60C (-10 ~ +50C: 100%, +60C: 60%) Input to output: 3kVAC (20mA), Input to FG: 2kVAC (20mA), Output to FG: 500VAC (100mA) for 1 min. Built to meet EN55011-A, EN55022-A, FCC class A, VCC I class A Built to meet EN55011-A, EN55022-A, FCC class A, VCC I class A Built to meet EN61000-3-2 Approved by UL1950 , CSA950 , EN60950 , VDE0160 and UL508 OVP, OCP, Thermal protection, JWS240P, JWS480P: Remote ON/OFF control
Note: JWS150P 24V output with cover model - UL508 approval is expencted to be confirmed in August 2002
(optional, Note)
Line-up
Model JWS70P JWS120P JWS240P JWS70P-24 JWS70P-48 JWS120P-24 JWS120P-48 JWS240P-24 JWS240P-36 JWS240P-48 JWS480P-24 JWS480P-48 Output Voltage 24V 48V 24V 48V 24V 36V 48V 24V 48V Average Output Current 3.0A 1.5A 5.0A 2.5A 10.0A 6.65A 5.0A 20.0A 10.0A
< 0.5) =
JWS480P
Average Output Power 72W 72W 120W 120W 240W 239.4W 240W 480W 480W
Peak output Current (*1) 6.0A 3.0A 10.0A 5.0A 20.0A 13.3A 10.0A 40.0A 20.0A
Peak output Power (*1) 144W 144W 240W 240W 480W 478.8W 480W 960W 960W
UL
CSA
EN
(*1) Operating time at peak output is less than 10 seconds. (Duty
: Safety standard approved
Outline drawing
JWS70P
Recommended Noise Filter
MAW-1202-22
P134
Recommended Power Supply Fixture P198
(Unit: mm) 29
JWS-P-SERIES
Unit Type Power Supply
Outline drawing
JWS120P
Recommended Noise Filter
MAW-1202-22
Recommended Power Supply Fixture P198
(Unit: mm)
P134
JWS240P
A
A
NOTE A: M4 tapped holes (20) for customer chassis mounting. [Screws must not protrude into power supply by more than 6m/m.]
Recommended Noise Filter
MAW-1205-22
P134
A
(Unit: mm)
JWS480P
A
A
NOTE A: M4 tapped holes (16) for customer chassis mounting. [Screws must not protrude into power supply by more than 6m/m.]
A
(Unit: mm) 30


▲Up To Search▲   

 
Price & Availability of JWS70P-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X