Part Number Hot Search : 
90160 NTE13 ZS190 AN7108 Q6025G LT1723 5N50D A2726
Product Description
Full Text Search
 

To Download JWS300-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JWS-SERIES
Unit Type Power Supply
JWS50 JWS300
Single output 50W ~ 600W
Model name
JWS 50-5/
*24V output with cover JWS600
Features
JWS75 JWS100 JWS150
Blank: Open frame, Barrier Strip (JWS300,JWS600 with cover&Barrier Strip) Name of series Nominal output A: With cover, Barrier Strip voltage (JWS50,JWS75,JWS100& Output power JWS150 only) type B: Open frame, Connector terminal (JWS50 & JWS75 only) C: With cover, Connector terminal (JWS50 & JWS75 only) R: With remote on/off control (JWS50 ~ JWS150: Optional) (JWS300, JWS600: Equipped as standard)
(Low Voltage Directive)
5 year warranty
marking (Low Voltage Directive) Wide input voltage range: Universal input 85 ~ 265VAC PFHC (EN61000-3-2) EMI (EN55011-B, EN55022-B, VCCI-B, FCC-B) EMC (EN61000-4-2, -3, -4, -5, -6) 5 year warranty
Specifications
1. Input voltage range 2. Power factor 3. Cooling 4. Operating ambient temperature 5. Withstand voltage 6. EMI 7. EMS 8. PFHC 9. Safety standard 10. Functions 11. Option 85 ~ 265VAC (47 ~ 63Hz), DC120 ~ 330V universal input 0.99 (typ) 100VAC at full load, 0.95 (typ) 200VAC at full load JWS50 ~ JWS150: Convection cooling / JWS300 & JWS600: Forced air cooling by internal fan JWS50 ~ JWS150: -10 ~ +60C (Standard mounting) Output derating: 100% at -10 ~ +50C, 60% at +60C JWS300 ~ JWS600: 100% at -10 ~ +50C, 60% : +60C, 55% at +65C Input-output: 3kVAC, Input-chassis : 2kVAC, Output-chassis: 500VAC for 1 min. Conforms to EN55011-B, EN55022-B, VCCI-class 2 and FCC-B Conforms to EN55011-B, EN55022-B, VCCI-class 2 and FCC-B Conforms to EN61000-3-2 class D Approved by UL1950 , CSA950 , EN60950 , VDE0160 and UL508 (optional,Note) Over voltage protection, Over current protection, Remote sensing (JWS100 ~ JWS600), Remote on/off control (JWS300 ~ 600) Remote on/off control, Input/output connector (JWS50, 75), Cover, Mounting sheet metal
Note: Approved by UL508 for 24V output type only.
Product lineup
Model name JWS50-3 JWS50-5 JWS50-12 JWS50-15 JWS50-24 JWS50-48 JWS75-3 JWS75-5 JWS75-12 JWS75-15 JWS75-24 JWS75-48 JWS100-3 JWS100-5 JWS100-12 JWS100-15 JWS100-24 JWS100-48 JWS150-3 JWS150-5 JWS150-12 JWS150-15 JWS150-24 JWS150-48 JWS300-2 JWS300-3 JWS300-5 JWS300-12 JWS300-15 JWS300-24 JWS300-48 JWS600-2 JWS600-3 JWS600-5 JWS600-12 JWS600-15 JWS600-24 JWS600-48 Nominal output voltage 3.3V 5V 12V 15V 24V 48V 3.3V 5V 12V 15V 24V 48V 3.3V 5V 12V 15V 24V 48V 3.3V 5V 12V 15V 24V 48V 2V 3.3V 5V 12V 15V 24V 48V 2V 3.3V 5V 12V 15V 24V 48V Max. output current 10A 10A 4.3A 3.5A 2.2A 1.1A 15A 15A 6.3A 5.0A 3.2A 1.6A 20A 20A 8.5A 7.0A 4.5A 2.1A 30A 30A 13A 10A 6.5A 3.3A 60A 60A 60A 27A 22A 14A 6.5A 120A 120A 120A 53A 43A 27A 13A Max. output power 33W 50W 51.6W 52.5W 52.8W 52.8W 49.5W 75W 75.6W 75W 76.8W 76.8W 66W 100W 102W 105W 108W 100.8W 99W 150W 156W 150W 156W 158.4W 120W 198W 300W 324W 330W 336W 312W 240W 396W 600W 636W 645W 648W 624W UL CSA EN
JWS50
JWS75
JWS100
JWS150
JWS300
JWS600
Request customer specification for further details of specification, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
: Safety standard approved
24
JWS-SERIES
Unit Type Power Supply JWS50 (50W type)
VOLTAGE ADJUSTMENT REMOTE ON/OFF CONTROL (OPTION)
COVER (OPTION) 2-M3 MOUNTING HOLES (DEPTH 6mm MAX)
TERMINAL COVER
3-M3 MOUNTING HOLES (DEPTH 6mm MAX)
NAME PLATE
Recommended Noise Filter
MAW-1202-22
P134
Recommended Power Supply Fixture P198
(Unit: mm)
JWS50 (50W connector type)
VOLTAGE ADJUSTMENT
REMOTE ON/OFF CONTROL (OPTION)
COVER (OPTION)
OUTPUT CONNECTOR
2-M3 MOUNTING HOLES (DEPTH 6mm MAX)
INPUT CONNECTOR
3-M3 MOUNTING HOLES (DEPTH 6mm MAX)
Recommended Noise Filter
MAW-1202-22
NAME PLATE
P134
Recommended Power Supply Fixture P198
(Unit: mm) 25
JWS-SERIES
Unit Type Power Supply JWS75 (75W type)
Recommended Noise Filter
MAW-1202-22
P134
Recommended Power Supply Fixture P198
(Unit: mm)
JWS75 (75W connector type)
VOLTAGE ADJUSTMENT REMOTE ON/OFF CONTROL (OPTION) COVER (OPTION) OUTPUT CONNECTOR 2-M3 MOUNTING HOLES (DEPTH 6mm MAX)
INPUT CONNECTOR
3-M3 MOUNTING HOLES (DEPTH 6mm MAX) NAME PLATE
Recommended Noise Filter
MAW-1202-22
P134
Recommended Power Supply Fixture
26
(Unit: mm)
P198
JWS-SERIES
Unit Type Power Supply JWS100 (100W type)
Recommended Noise Filter
MAW-1202-22
P134
Recommended Power Supply Fixture P198
(Unit: mm)
JWS150 (150W)
Recommended Noise Filter
MAW-1203-22
P134
Recommended Power Supply Fixture P198
(Unit: mm) 27
JWS-SERIES
Unit Type Power Supply JWS300 (300W type)
A
A
NOTE A: M4 tapped holes (20) for customer chassis mounting. [Screws must not protrude into power supply by more than 6m/m.]
Recommended Noise Filter
MB1210
P137
A (Unit: mm)
JWS600 (600W)
A
A
NOTE A: M4 tapped holes (16) for customer chassis mounting. [Screws must not protrude into power supply by more than 6m/m.] A
Recommended Noise Filter
MB1216
P137
(Unit: mm) 28


▲Up To Search▲   

 
Price & Availability of JWS300-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X