Part Number Hot Search : 
HCF4014B ACM2002R LT10701 FCH47N6 S6B1400X WS455E LB1922 ISL66
Product Description
Full Text Search
 

To Download IXFX120N20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs
Single MOSFET Die
Preliminary data sheet
IXFX 120N20 IXFK 120N20
VDSS ID25
RDS(on)
= 200 V = 120 A = 17 mW
trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 ID104 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 MW Continuous Transient TC TC TC TC = 25C (MOSFET chip capability) = 104C (External lead capability) = 25C, pulse width limited by TJM = 25C
Maximum Ratings 200 200 20 30 120 76 480 120 64 3 5 560 -55 ... +150 150 -55 ... +150 V V V V A A A A mJ J V/ns W C C C C
PLUS 247TM (IXFX)
G
(TAB) D
TO-264 AA (IXFK)
TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS TJ 150C, RG = 2 W TC = 25C
G D S
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6 mm (0.063 in.) from case for 10 s Mounting torque TO-264 PLUS 247 TO-264
300
0.9/6 Nm/lb.in. 6 10 g g
Features * International standard packages * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Unclamped Inductive Switching (UIS) rated * Low package inductance - easy to drive and to protect * Fast intrinsic rectifier
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 200 2.0 V 4.0 V 200 nA TJ = 25C TJ = 125C 100 mA 2 mA 17 mW
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 3mA VDS = VGS, ID = 8mA VGS = 20 V, VDS = 0 VDS = VDSS VGS = 0 V VGS = 10 V, ID = 0.5 * ID25 Note 1
Applications * DC-DC converters * Battery chargers * Switched-mode and resonant-mode power supplies * DC choppers * AC motor control * Temperature and lighting controls
Advantages * PLUS 247TM package for clip or spring mounting * Space savings * High power density
IXYS reserves the right to change limits, test conditions, and dimensions.
98636 (7/99)
(c) 2000 IXYS All rights reserved
1-2
IXFK 120N20 IXFX 120N20
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. Note 1 40 77 9100 VGS = 0 V, VDS = 25 V, f = 1 MHz 2200 1000 40 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 1 W (External), 65 110 35 360 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 50 170 0.22 0.15 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. A A1 A2 b b1 b2 C D E e L L1 Q R Millimeter Min. Max. 4.83 5.21 2.29 2.54 1.91 2.16 1.14 1.40 1.91 2.13 2.92 3.12 0.61 0.80 20.80 21.34 15.75 16.13 5.45 BSC 19.81 20.32 3.81 4.32 5.59 6.20 4.32 4.83 Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 .244 .170 .190
PLUS247TM (IXFX) Outline
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Note 1
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 120 480 1.5 250 A A V ns mC A
TO-264 AA Outline
IF = 50A,-di/dt = 100 A/ms, VR = 100 V
1.1 13
Note: 1. Pulse test, t 300 ms, duty cycle d 2 %
Dim. A A1 A2 b b1 b2 c D E e J K L L1 P Q Q1 R R1 S T Millimeter Min. Max. 4.82 2.54 2.00 1.12 2.39 2.90 0.53 25.91 19.81 5.46 0.00 0.00 20.32 2.29 3.17 6.07 8.38 3.81 1.78 6.04 1.57 5.13 2.89 2.10 1.42 2.69 3.09 0.83 26.16 19.96 BSC 0.25 0.25 20.83 2.59 3.66 6.27 8.69 4.32 2.29 6.30 1.83 Inches Min. Max. .190 .202 .100 .114 .079 .083 .044 .056 .094 .106 .114 .122 .021 .033 1.020 1.030 .780 .786 .215 BSC .000 .010 .000 .010 .800 .820 .090 .102 .125 .144 .239 .247 .330 .342 .150 .170 .070 .090 .238 .248 .062 .072
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXFX120N20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X