Part Number Hot Search : 
BA4905 CT374 MIC2779 2SA1774G ICM7361 R2001 PD7M440 72968
Product Description
Full Text Search
 

To Download ICX278AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICX278AK
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
Description The ICX278AK is an interline CCD solid-state image sensor suitable for NTSC color video cameras with a diagonal 4.5mm (Type 1/4) system. Compared with the current product ICX208AK, basic characteristics such as sensitivity, smear and dynamic range are improved drastically through the adoption of EXview HAD CCDTM technology. This chip features a field period readout system and an electronic shutter with variable charge-storage time. The package is a 10mm-square 14-pin DIP (Plastic). EXview HAD CCD TM has different spectral characteristics from the current CCD. Features * High sensitivity (+5dB compared with the ICX208AK) * Low smear (-20dB compared with the ICX208AK) * High D range (+2dB compared with the ICX208AK) * Horizontal register: 3.3 to 5.0V drive * Reset gate: 3.3 to 5.0V drive * No voltage adjustment (Reset gate and substrate bias are not adjusted.) * High resolution, low smear and low dark current * Excellent antiblooming characteristics * Continuous variable-speed shutter * Recommended range of exit pupil distance: -20 to -100mm * Ye, Cy, Mg, and G complementary color mosaic filters on chip 14 pin DIP (Plastic)
Pin 1 2
V
12 3 Pin 8 H 40
Optical black position (Top View)
Device Structure * Interline CCD image sensor * Image size: Diagonal 4.5mm (Type 1/4) * Number of effective pixels: 768 (H) x 494 (V) approx. 380K pixels * Total number of pixels: 811 (H) x 508 (V) approx. 410K pixels * Chip size: 4.43mm (H) x3.69mm (V) * Unit cell size: 4.75m (H) x 5.55m (V) * Optical black: Horizontal (H) direction: Front 3 pixels, rear 40 pixels Vertical (V) direction: Front 12 pixels, rear 2 pixels * Number of dummy bits: Horizontal 22 Vertical 1 (even fields only) * Substrate material: Silicon
TM
EXview HAD CCD is a trademark of Sony Corporation. EXview HAD CCD is a CCD that drastically improves light efficiency by including near infrared light region as a basic structure of HAD (Hole-Accumulation-Diode) sensor. Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E00Z49-PS
ICX278AK
VOUT
GND
V1
V2
V3
7
6
5
4
3
2
Cy
Ye G Ye Mg Ye G
Cy Mg Cy G Cy Mg
Ye G Ye Mg Ye G
Vertical Register
Mg Cy G Cy Mg
Horizontal Register Note) : Photo sensor
8
9
10
11
12
13
14
GND
VDD
SUB
RG
VL
H1
Pin Description Pin No. Symbol 1 2 3 4 5 6 7 V4 V3 V2 V1 NC GND VOUT GND Signal output Description Vertical register transfer clock Vertical register transfer clock Vertical register transfer clock Vertical register transfer clock Pin No. Symbol 8 9 10 11 12 13 14 VDD GND SUB VL RG H1 H2 Description Supply voltage GND Substrate clock Protective transistor bias Reset gate clock Horizontal register transfer clock Horizontal register transfer clock
Absolute Maximum Ratings Item VDD, VOUT, RG - SUB Against SUB V1, V3 - SUB V2, V4, VL - SUB H1, H2, GND - SUB VDD, VOUT, RG - GND Against GND V1, V2, V3, V4 - GND H1, H2 - GND Against VL V1, V3 - VL V2, V4, H1, H2, GND - VL Voltage difference between vertical clock input pins Between input clock pins Storage temperature Operating temperature 1 +24V (Max.) when clock width < 10s, clock duty factor < 0.1%. -2- H1 - H2 H1, H2 - V4 Ratings -40 to +8 -50 to +15 -50 to +0.3 -40 to +0.3 -0.3 to +18 -10 to +18 -10 to +6 -0.3 to +28 -0.3 to +15 to +15 -5 to +5 -13 to +13 -30 to +80 -10 to +60 Unit V V V V V V V V V V V V C C 1 Remarks
H2
V4
1 Note)
Block Diagram and Pin Configuration (Top View)
NC
ICX278AK
Bias Conditions Item Supply voltage Protective transistor bias Substrate clock Reset gate clock Symbol VDD VL SUB RG Min. 14.55 Typ. 15.0 1 2 2 Max. 15.45 Unit V Remarks
1 VL setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL power supply for the V driver should be used. 2 Do not apply a DC bias to the substrate clock and reset gate clock pins, because a DC bias is generated within the CCD. DC Characteristics Item Supply current Symbol IDD Min. Typ. 4 Max. 6 Unit mA Remarks
Clock Voltage Conditions Item Readout clock voltage Symbol VVT VVH1, VVH2 VVH3, VVH4 VVL1, VVL2, VVL3, VVL4 VV Vertical transfer clock voltage VVH3 - VVH VVH4 - VVH VVHH VVHL VVLH VVLL Horizontal transfer clock voltage VH VHL VRG Reset gate clock voltage VRGLH - VRGLL VRGL - VRGLm Substrate clock voltage VSUB 21.0 22.0 3.0 -0.05 3.0 3.3 0 3.3 Min. 14.55 -0.05 -0.2 -8.0 6.3 -0.25 -0.25 Typ. 15.0 0 0 -7.0 7.0 Max. 15.45 0.05 0.05 -6.5 8.05 0.1 0.1 0.3 0.3 0.3 0.3 5.25 0.05 5.5 0.4 0.5 23.5 Unit V V V V V V V V V V V V V V V V V Waveform diagram 1 2 2 2 2 2 2 2 2 2 2 3 3 4 4 4 5 Input through 0.1F capacitance Low-level coupling Low-level coupling High-level coupling High-level coupling Low-level coupling Low-level coupling VVL = (VVL3 + VVL4)/2 VV = VVHn - VVLn (n = 1 to 4) VVH = (VVH1 + VVH2)/2 Remarks
-3-
ICX278AK
Clock Equivalent Circuit Constant Item Capacitance between vertical transfer clock and GND Symbol CV1, CV3 CV2, CV4 CV12, CV34 Capacitance between vertical transfer clocks CV23, CV41 CV13 CV24 Capacitance between horizontal transfer clock and GND Capacitance between horizontal transfer clocks Capacitance between substrate clock and GND Vertical transfer clock series resistor Vertical transfer clock ground resistor Horizontal transfer clock series resistor Reset gate clock series resistor
V1 CV12 V2
Min.
Typ. 1200 560 220 120 82 75 22 36 5 180 82 15 12 51
Max.
Unit Remarks pF pF pF pF pF pF pF pF pF pF
CH1, CH2 CHH CSUB R1, R2, R3, R4 RGND RH RRG
Capacitance between reset gate clock and GND CRG
R1
R2
RH H1
CV1 CV41 CV24 CV4 R4 CV2 CV23 CV13 RGND CV34 CV3 R3
RH H2 CHH
CH1
CH2
V4
V3
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
RRG RG
CRG
Reset gate clock equivalent circuit -4-
ICX278AK
Drive Clock Waveform Conditions (1) Readout clock waveform
100% 90%
M VVT 10% 0% tr twh tf 0V M 2
(2) Vertical transfer clock waveform
V1 VVH1 VVHH VVH VVHL VVHL VVHH VVHL VVH3 V3 VVHH VVH
VVHH VVHL
VVL1
VVLH
VVL3
VVLH VVLL VVL
VVLL VVL
V2
V4
VVHH
VVHH
VVH VVHL
VVH
VVHH
VVHH
VVH2 VVHL
VVHL VVH4
VVHL
VVL2VVLH VVLL VVL4
VVLH
VVLL VVL
VVL
VVH = (VVH1 + VVH2)/2 VVL = (VVL3 + VVL4)/2 VV = VVHn - VVLn (n = 1 to 4)
-5-
ICX278AK
(3) Horizontal transfer clock waveform
tr twh tf
90% VH 10% VHL
twl
(4) Reset gate clock waveform
tr twh tf VRGH twl VRG
Point A RG waveform VRGLH
VRGL VRGLL VRGLm H1 waveform VH/2 [V]
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and VRGLL. VRGL = (VRGLH + VRGLL)/2 Assuming VRGH is the minimum value during the interval twh, then: VRG = VRGH - VRGL Negative overshoot level during the falling edge of RG is VRGLm. (5) Substrate clock waveform
100% 90%
M VSUB 10% VSUB 0% (A bias generated within the CCD) M 2 tf
tr
twh
-6-
ICX278AK
Clock Switching Characteristics Item Readout clock Vertical transfer clock
Horizontal transfer clock
twh Symbol VT V1, V2, V3, V4 H1 H2 26 28.5 26 28.5 5.38
twl
tr
tf
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. 2.3 2.5 0.5 15 26 28.5 26 28.5 6.5 9.5 6.5 9.5 0.01 5.38 11 13 51 0.01 3 0.5 0.5
Unit s
Remarks During readout
250 ns 1 6.5 9.5 6.5 9.5 0.01 0.01 3 0.5 ns s During drain charge ns 2
During imaging
During H1 parallel-serial H2 conversion RG SUB
s
Reset gate clock Substrate clock
1.5 1.8
1 When vertical transfer clock driver CXD1267AN is used. 2 When VH = 3.0V. tf tr - 2ns, and the cross-point voltage (VCR) for the H1 rising side of the H1 and H2 waveforms must be at least VH/2 [V].
Item
Symbol
two Min. 22 Typ. 26 Max.
Unit Remarks ns 3
Horizontal transfer clock H1, H2
3 The overlap period for twh and twl of horizontal transfer clocks H1 and H2 is two.
-7-
ICX278AK
Image Sensor Characteristics Item Sensitivity Sensitivity ratio Saturation signal Smear Video signal shading Uniformity between video signal channels Dark signal Dark signal shading Flicker Y Flicker R-Y Flicker B-Y Line crawl R Line crawl G Line crawl B Line crawl W Lag Symbol S RMgG RYeCy Ysat Sm SHy Sr Sb Ydt Ydt Fy Fcr Fcb Lcr Lcg Lcb Lcw Lag Min. 640 0.93 1.15 1000 -108 -100 20 25 10 10 2 1 2 5 5 3 3 3 3 0.5 Typ. 800 1.35 1.53 mV dB % % % % mV mV % % % % % % % % Max. Unit mV Measurement method 1 2 2 3 4 5 5 6 6 7 8 9 9 9 10 10 10 10 11
(Ta = 25C) Remarks
Ta = 60C
Zone 0 and I Zone 0 to II'
Ta = 60C Ta = 60C
Zone Definition of Video Signal Shading
768 (H) 14 14 12 H 8 V 10 H 8
494 (V)
Zone 0, I Zone II, II' V 10
10
Ignored region Effective pixel region
Measurement System
[A] CCD signal output CCD C.D.S AMP S/H LPF2 S/H (3dB down 1MHz) [C] Chroma signal output LPF1 (3dB down 6.3MHz) [Y] Y signal output
Note) Adjust the amplifier gain so that the gain between [A] and [Y] , and between [A] and [C] equals 1. -8-
ICX278AK
Image Sensor Characteristics Measurement Method Measurement conditions 1) In the following measurements, the device drive conditions are at the typical values of the bias and clock voltage conditions. 2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical black level (OB) is used as the reference for the signal output, which is taken as the value of Y signal output or chroma signal output of the measurement system. Color coding of this image sensor & Composition of luminance (Y) and chroma (color difference) signals Cy G B Cy Mg Ye G Cy Mg Ye A2 G Ye Mg Cy G Ye A1 Mg As shown in the left figure, fields are read out. The charge is mixed by pairs such as A1 and A2 in the A field. (pairs such as B in the B field) As a result, the sequence of charges output as signals from the horizontal shift register (Hreg) is, for line A1, (G + Cy), (Mg + Ye), (G + Cy), and (Mg + Ye).
Hreg Color Coding Diagram These signals are processed to form the Y signal and chroma (color difference) signal. The Y signal is formed by adding adjacent signals, and the chroma signal is formed by subtracting adjacent signals. In other words, the approximation: Y = {(G + Cy) + (Mg + Ye)} x 1/2 = 1/2 {2B + 3G + 2R} is used for the Y signal, and the approximation: R - Y = {(Mg + Ye) - (G + Cy)} = {2R - G} is used for the chroma (color difference) signal. For line A2, the signals output from Hreg in sequence are (Mg + Cy), (G + Ye), (Mg + Cy), (G + Ye). The Y signal is formed from these signals as follows: Y = {(G + Ye) + (Mg + Cy)} x 1/2 = 1/2 {2B + 3G + 2R} This is balanced since it is formed in the same way as for line A1. In a like manner, the chroma (color difference) signal is approximated as follows: - (B - Y) = {(G + Ye) - (Mg + Cy)} = - {2B - G} In other words, the chroma signal can be retrieved according to the sequence of lines from R - Y and - (B - Y) in alternation. This is also true for the B field.
-9-
ICX278AK
Definition of standard imaging conditions 1) Standard imaging condition I: Use a pattern box (luminance 706cd/m2, color temperature of 3200K halogen source) as a subject. (Pattern for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter and image at F5.6. The luminous intensity to the sensor receiving surface at this point is defined as the standard sensitivity testing luminous intensity. 2) Standard imaging condition II: Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles. Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted to the value indicated in each testing item by the lens diaphragm. 3) Standard imaging condition III: Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles. Use a testing standard lens (exit pupil distance -33mm) with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted to the value indicated in each testing item by the lens diaphragm.
1. Sensitivity Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of 1/250s, measure the Y signal (Ys) at the center of the screen and substitute the value into the following formula. S = Ys x 250 [mV] 60 2. Sensitivity ratio Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then measure the Mg signal output (SMg [mV]) and G signal output (SG [mV]), and Ye signal output (SYe [mV]) and Cy signal output (SCy [mV]) at the center of the screen with frame readout method. Substitute the values into the following formula. RMgG = SMg/SG RYeCy = SYe/SCy 3. Saturation signal Set to standard imaging condition II. After adjusting the luminous intensity to 10 times the intensity with average value of the Y signal output, 200mV, measure the minimum value of the Y signal. 4. Smear Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to 500 times the intensity with average value of the Y signal output, 200mV. When the readout clock is stopped and the charge drain is executed by the electronic shutter at the respective H blankings, measure the maximum value (YSm [mV]) of the Y signal output and substitute the value into the following formula. Sm = 20 x log YSm x 1 x 1 500 10 200 [dB] (1/10V method conversion value) - 10 -
ICX278AK
5. Video signal shading Set to standard imaging condition III. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so that the average value of the Y signal output is 200mV. Then measure the maximum (Ymax [mV]) and minimum (Ymin [mV]) values of the Y signal and substitute the values into the following formula. SHy = (Ymax - Ymin)/200 x 100 [%] 6. Uniformity between video signal channels Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then measure the maximum (Crmax, Cbmax [mV]) and minimum (Crmin, Cbmin [mV]) values of the R - Y and B - Y channels of the chroma signal and substitute the values into the following formula. Sr = | (Crmax - Crmin)/200 | x 100 [%] Sb = | (Cbmax - Cbmin)/200 | x 100 [%] 7. Dark signal Measure the average value of the Y signal output (Ydt [mV]) with the device ambient temperature 60C and the device in the light-obstructed state, using the horizontal idle transfer level as a reference. 8. Dark signal shading After measuring 7, measure the maximum (Ydmax [mV]) and minimum (Ydmin [mV]) values of the Y signal output and substitute the values into the following formula. Ydt = Ydmax - Ydmin [mV] 9. Flicker 1) Fy Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then measure the difference in the signal level between fields (Yf [mV]). Then substitute the value into the following formula. Fy = (Yf/200) x 100 [%] 2) Fcr, Fcb Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, insert an R or B filter, and then measure both the difference in the signal level between fields of the chroma signal (Cr, Cb) as well as the average value of the chroma signal output (CAr, CAb). Substitute the values into the following formula. Fci = (Ci/CAi) x 100 [%] (i = r, b)
- 11 -
ICX278AK
10. Line crawls Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then insert a white subject and R, G, and B filters and measure the difference between Y signal lines for the same field (Ylw, Ylr, Ylg, Ylb [mV]). Substitute the values into the following formula. Lci = (Yli/200) x 100 [%] (i = w, r, g, b) 11. Lag Adjust the Y signal output value generated by strobe light to 200mV. After setting the strobe light so that it strobes with the following timing, measure the residual signal (Ylag). Substitute the value into the following formula. Lag = (Ylag/200) x 100 [%]
FLD
V1
Light Strobe light timing
Y signal output 200mV Output
Ylag (lag)
- 12 -
Drive Circuit
15V 100k
1 2 3 XSUB XV2 XV1 XSG1 XV3 XSG2 XV4 4 5 6 7 8 9 10 22/20V CXD1267AN
20 19 18 17 16 15 14 13 12 11 22/16V 1/35V
0.1 -7.0V 3.3/16V
VOUT
GND
V4
V3
V2
V1
NC
SUB
GND
H2
H1
RG
VL
14 13 12 11 10 H2 H1
9
VDD
- 13 -
RG
1
2
3
4
5
6
7
100 2SK523 CCD OUT 3.9k
ICX278 (BOTTOM VIEW)
8
2200p 0.01 3.3/20V 0.1
1M
ICX278AK
ICX278AK
Spectral Sensitivity Characteristics (excludes both lens characteristics and light source characteristics)
1.0 Ye G 0.8
Relative Response
Cy 0.6 Mg 0.4
0.2
0 400
450
500
550 Wave Length [nm]
600
650
700
Sensor Readout Clock Timing Chart
V1 V2 Odd Field V3 V4 33.5 1.6 0.2
2.5
2.5 2.5 2.5
V1 V2 Even Field V3 V4 Unit: s
- 14 -
Drive Timing Chart (Vertical Sync)
FLD
VD BLK
HD
520 525 1 2 3 4 5 260 265 270 275 280 10 15 20
- 15 -
V1
V2
V3
V4 CCD OUT 493 494 246 135 246 135 494 493 135 246 135 246
ICX278AK
Drive Timing Chart (Horizontal Sync)
HD BLK
H1 H2
5 22 1 2 3 1 2 3 760 768 1 2 3 10 20 30 40 10 20 10 20 1 2 3 5
- 16 -
RG V1 V2 V3 V4 SUB
ICX278AK
ICX278AK
Notes on Handling 1) Static charge prevention CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following protective measures. a) Either handle bare handed or use non-chargeable gloves, clothes or material. Also use conductive shoes. b) When handling directly use an earth band. c) Install a conductive mat on the floor or working table to prevent the generation of static electricity. d) Ionized air is recommended for discharge when handling CCD image sensor. e) For the shipment of mounted substrates, use boxes treated for the prevention of static charges. 2) Soldering a) Make sure the package temperature does not exceed 80C. b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a ground 30W soldering iron and solder each pin in less than 2 seconds. For repairs and remount, cool sufficiently. c) To dismount an image sensor, do not use a solder suction equipment. When using an electric desoldering tool, use a thermal controller of the zero cross On/Off type and connect it to ground. 3) Dust and dirt protection Image sensors are packed and delivered by taking care of protecting its glass plates from harmful dust and dirt. Clean glass plates with the following operation as required, and use them. a) Perform all assembly operations in a clean room (class 1000 or less). b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should dirt stick to a glass surface, blow it off with an air blower. (For dirt stuck through static electricity ionized air is recommended.) c) Clean with a cotton bud and ethyl alcohol if the grease stained. Be careful not to scratch the glass. d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving to a room with great temperature differences. e) When a protective tape is applied before shipping, just before use remove the tape applied for electrostatic protection. Do not reuse the tape. 4) Installing (attaching) a) Remain within the following limits when applying a static load to the package. Do not apply any load more than 0.7mm inside the outer perimeter of the glass portion, and do not apply any load or impact to limited portions. (This may cause cracks in the package.)
Cover glass
50N Plastic package Compressive strength
50N
1.2Nm Torsional strength
- 17 -
ICX278AK
b) If a load is applied to the entire surface by a hard component, bending stress may be generated and the package may fracture, etc., depending on the flatness of the bottom of the package. Therefore, for installation, use either an elastic load, such as a spring plate, or an adhesive. c) The adhesive may cause the marking on the rear surface to disappear, especially in case the regulated voltage value is indicated on the rear surface. Therefore, the adhesive should not be applied to this area, and indicated values should be transferred to the other locations as a precaution. d) The notch of the package is used for directional index, and that can not be used for reference of fixing. In addition, the cover glass and seal resin may overlap with the notch of the package. e) If the lead bend repeatedly and the metal, etc., clash or rub against the package, the dust may be generated by the fragments of resin. f) Acrylate anaerobic adhesives are generally used to attach CCD image sensors. In addition, cyano-acrylate instantaneous adhesives are sometimes used jointly with acrylate anaerobic adhesives. (reference) 5) Others a) Do not expose to strong light (sun rays) for long periods, color filters will be discolored. When high luminance objects are imaged with the exposure level control by electronic-iris, the luminance of the image-plane may become excessive and discolor of the color filter will possibly be accelerated. In such a case, it is advisable that taking-lens with the automatic-iris and closing of the shutter during the poweroff mode should be properly arranged. For continuous using under cruel condition exceeding the normal using condition, consult our company. b) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or usage in such conditions. c) The brown stain may be seen on the bottom or side of the package. But this does not affect the CCD characteristics. d) This package has 2 kinds of internal structure. However, their package outline, optical size, and strength are the same.
Structure A Package Chip Metal plate (lead frame) Structure B
Cross section of lead frame
The cross section of lead frame can be seen on the side of the package for structure A.
- 18 -
Package Outline
Unit: mm
14 pin DIP (400mil)
0 to 9
A 5.0 14 8 D
8
14
2.5
C
~
8.9 10.0 0.1
7.0
5.0
2.5
~
V H 1 7
1.7
B
10.16
1.7
0.5
B'
3.35 0.15
1. "A" is the center of the effective image area. 2. The two points "B" of the package are the horizontal reference. The point "B'" of the package is the vertical reference. 3. The bottom "C" of the package, and the top of the cover glass "D" are the height reference. 4. The center of the effective image area relative to "B" and "B'" is (H, V) = (5.0, 5.0) 0.15mm. 5. The rotation angle of the effective image area relative to H and V is 1.
1.27 0.3
M
0.3 0.46
1.27 3.5 0.3
2.6
~
1.0
7.0
2.5
6. The height from the bottom "C" to the effective image area is 1.41 0.10mm. The height from the top of the cover glass "D" to the effective image area is 1.94 0.15mm. 7. The tilt of the effective image area relative to the bottom "C" is less than 25m. The tilt of the effective image area relative to the top "D" of the cover glass is less than 25m. 8. The thickness of the cover glass is 0.75mm, and the refractive index is 1.5.
PACKAGE STRUCTURE
PACKAGE MATERIAL LEAD TREATMENT LEAD MATERIAL PACKAGE MASS DRAWING NUMBER Plastic GOLD PLATING 42 ALLOY 0.60g AS-D3-01(E)
9. The notch of the package is used only for directional index, that must not be used for reference of fixing.
0.25
1.0
8.9 10.0 0.1
7
1
- 19 -
Sony Corporation
ICX278AK


▲Up To Search▲   

 
Price & Availability of ICX278AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X