Part Number Hot Search : 
RT8H052C BD370C NSVS680 SKQYP SC4793 BD3931 Z4101 LP101
Product Description
Full Text Search
 

To Download HRS4E-SDC12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRS4E Relay
1.COIL DATA
1-1.Nominal Voltage 1-2.Coil Resistance 1-3.Operate Voltage 1-4.Release Voltage 1-5.Nominal Power Consumption 3 VDC to 48 VDC Refer to Table 1 Refer to Table 1 Refer to Table 1 360 mW
2.CONTACT DATA
2-1.Contact Arrangement 2-2.Contact Material 2-3.Contact Rating 2-4.Max. Switching Voltage 2-5.Max. Switching Current 2-6.Max. Switching Power 2-7.Contact Resistance ( Initial ) Electrical 2-8.Life Expectancy Mechanical 1 Form A , 1 Form C AuCdo 12A 120VAC / 24VDC 10A 240VAC / 24VDC 110 VDC / 250 VAC 15A 2500 VA , 240W 1,000 m|. at 6VDC 1A 100,000 operations at nominal load 10,000,000 operations
3.GENERAL DATA
3-1.Insulation Resistance 3-2.Dielectric Strength 3-3.Operate Time 3-4.Release Time 3-5.Temperature Range 3-6.Shock Resistance 3-7.Vibration Resistance 3-8.Weight 3-9.Safety Standard Min.100M| at 500 VDC 1,000VAC , 1min between open contacts 2,500VAC , 1min between contacts and coil Max. 10ms Max. 5ms -30 to +70 ae 10G 10 - 55 Hz , Amplitude 1.5mm 10 gr. Conform to VDE0110 AND 0435 , UL , CSA
4.DIMENSIONS ( in mm )
5.ORDERING CODE
HRS4E | | | | | | | S | | | | | | DC3V A
| |
| |_____CONTACT ARRANGEMENT A: 1 FORM A C:1 FORM C
|____ _________ NOMINAL VOLTAGE:
DC3V , DC5V , DC6V , DC9V , DC12V , DC24V , DC48V
|
|_____ ________ _________
|_____ ________
_________ ENCLOSURE S ---- WASHABLE _________ TYPE
6.COIL DATA CHART
at 20ae ORDERING CODE HRS4E-S DC3V HRS4E-S DC5V HRS4E-S DC6V HRS4E-S DC9V HRS4E-S DC12V HRS4E-S DC24V HRS4E-S DC48V COIL NOMINAL VDC 3 5 6 9 12 24 48 COIL RESISTANCE | +/- 10% 25 70 100 225 400 1600 6400 OPERATE VOLTAGE VDC 2.25 3.75 4.50 6.75 9.00 18.00 36.00 RELEASE VOLTAGE VDC 0.30 0.50 0.60 0.90 1.20 2.40 4.80 COIL NOMINAL mW
360
Table 1 7.HRS4E CHARACTERISTIC DATA


▲Up To Search▲   

 
Price & Availability of HRS4E-SDC12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X