Part Number Hot Search : 
MCZ33 SP3232E TK13A60D RM126 1H681 03EDK3 P6KE47 UPRA2C5P
Product Description
Full Text Search
 

To Download FX128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CML Semiconductor Products
Cordless Telephone Scrambler
D/128/1 October 1997
FX128
Provisional Information
Features
* * * * * Full-Duplex Audio Processing On-Chip Filters Carrier Rejection >55dB Uses IF (10.24MHz) Clock Requires No Extra Crystal * * * * * Excellent Audio Quality Low Power Operation (3.0V) ECPA* Qualified Voice Protection Battery Powered Portability Cordless Telephones and Wireless PBX Applications
1.1
Brief Description
The FX128 is a full-duplex frequency inversion scrambler designed to provide secure conversations for 46/49 MHz cordless telephone users. The Rx and Tx audio paths consist of the following: 1. 2. 3. 4. A switched-capacitor balanced modulator with high baseband and carrier rejection. A 3.3kHz inversion carrier (injection tone). A 3100Hz lowpass filter. Input op-amps with externally adjustable gain.
The FX128 uses mixed signal CMOS switched-capacitor filter technology and operates from a single supply in the range of 3.0 to 5.5 volts. The inversion carrier's frequency and filter switching clock are generated on-chip using an external 10.24MHz or 3.58/3.6864 MHz crystal or clock input (selectable). This device is available in 16-pin SOIC (FX128D4) and 16-pin plastic DIL (FX128P3) packages. *Electronics Communications Privacy Act (Title 18, US Code 2510 etc.).
1
Cordless Telephone Scrambler
FX128
CONTENTS Section Page
1.1 Brief Description........................................................................................ 1 1.2 Block Diagram........................................................................................... 3 1.3 Signal List ................................................................................................. 4 1.4 External Components ................................................................................ 5 1.5 Application .............................................................................................. 6 1.6 Application Notes .................................................................................... 6 1.7 Performance Specification....................................................................... 7 1.7.1 Electrical Performance ............................................................. 7 1.7.2 Packaging................................................................................ 10
2
Cordless Telephone Scrambler
FX128
1.2
Block Diagram
RX GAIN AMP OUT
Rx CHANNEL
RXIN
+
VBIAS
RXOUT
CLR XTAL/CLOCK XTALN
CLOCK SELECT 10.24/3.58 MHz 3.3kHz
CLOCKS AND LOGIC
212kHz
VDD VDD
2 0V
VBIAS VSS
VBIAS
TXIN
TX GAIN AMP OUT
+
Tx CHANNEL
TXOUT
Figure 1 Block Diagram
3
Cordless Telephone Scrambler
FX128
1.3
Signal List
Signal Name XTALN XTAL/CLOCK TXOUT TX GAIN AMP OUT TXIN Type O/P I/P N/C O/P O/P I/P This is the output of the clock oscillator inverter. 10.24MHz or 3.58/3.6864 MHz or an externally derived clock is injected at this pin. See Figure 2. No connection should be made to this pin. This is the analogue output of the transmit channel. It is internally biased at VDD/2. This is the output pin of the transmit gain adjusting opamp. See Figure 3 for gain setting components. This is the analogue signal input to the transmit channel. This input goes to a gain adjusting op-amp whose gain is set by external components. See Figure 3. No connection should be made to this pin. Negative supply (GND) This is an internally generated bias voltage output (VDD/2) No connection should be made to this pin. This is the analogue signal input to the receive channel. This input goes to a gain adjusting op-amp whose gain is set by external components. See Figure 3. This is the output pin of the receive gain adjusting opamp. See Figure 3 for gain setting components. This is the analogue output of the receive channel. It is internally biased at VDD/2. A logic 1 on this input selects the invert mode. A logic 0 selects the clear (not inverted) mode. Selects either 10.24 or 3.58/3.6864 MHz clock frequency. A logic "1" selects 10.24MHz and a logic "0" selects 3.58/3.6864 MHz. This input is internally pulled high. Positive supply of 3.0 to 5.5V. Description
Package D4/P3 Pin No. 1 2 3 4 5 6
7 8 9 10 11
VSS VBIAS RXIN
N/C POWER O/P N/C I/P
12
RX GAIN AMP OUT RXOUT CLR CLOCK SELECT
O/P
13 14 15
O/P I/P I/P
16
VDD
POWER
Notes:
I/P O/P N/C
= = =
Input Output No Connection
4
Cordless Telephone Scrambler
FX128
1.4
External Components
Component X1 R1 C1 C2 C3 Tolerance:
Value 10.24MHz 1.0M 0.47F 22.0pF 22.0pF R = 10%
Value 3.58/3.6864 MHz 1.0M 0.47F 33.0pF 47.0pF C = 20%
Note: Xtal circuitry shown is in accordance with CML's Xtal Application Note.
Figure 2 Recommended External Components
5
Cordless Telephone Scrambler
FX128
1.5
Application
BASE
RF AMP IF AMP
FM DETECTOR
RXIN
.1uF 100k
CODE DETECT
120pF
12
RXOUT
13
100k
11
100k .1uF
DE-EMP
AF AMP
150pF
DTMF Generation
HYBRID TRANSFORMER
P
RF AMP
MODULATOR
FX128
5 4 6
120pF
PREEMP
CODE ENCODE
100k 100k .1uF
AF AMP
TELEPHONE LINE
150pF
100k .1uF
TXOUT
TXIN
PORTABLE
RF AMP IF AMP
FM DETECTOR
RXIN
.1uF 100k
CODE DETECT
120pF
12
RXOUT
13 11
100k
100k .1uF
DE-EMP AF AMP
SPKR
150pF
KEYPAD
P
CODE ENCODE
FX128
5
120pF
PREEMP AF AMP MIC.
RF AMP
MODULATOR
.1uF
4 6
100k 100k .1uF
150pF
100k
TXOUT
Note: Components shown set a gain of 0dB
TXIN
Figure 3 Block Diagram of a Typical Application of the FX128 (Cordless Phone)
1.6
Application Notes
Formulae for calculating the carrier frequency, upper cutoff frequency and lower cutoff frequency with clock select pin high are as follows: Carrier Frequency Upper Cutoff Frequency Lower Cutoff Frequency = = = (3.2995kHz / 10.24MHz) * XTAL frequency (2.800kHz / 10.24MHz) * XTAL frequency (400Hz / 10.24MHz) * XTAL frequency
Formulae for calculating the carrier frequency, upper cutoff frequency and lower cutoff frequency with clock select pin low are as follows: Carrier Frequency Upper Cutoff Frequency Lower Cutoff Frequency = = = (3.2995kHz / 3.415MHz) * XTAL frequency (2.800kHz / 3.415MHz) * XTAL frequency (400Hz / 3.415MHz) * XTAL frequency
6
Cordless Telephone Scrambler
FX128
1.7
1.7.1
Performance Specification
Electrical Performance
Absolute Maximum Ratings Exceeding these maximum ratings can result in damage to the device. General Supply (VDD - VSS) Voltage on any pin to VSS Current in or out of VDD and VSS pins Current in or out of any other pin D4 and P3 Packages Total Device Dissipation at Tamb = 25C . . . Derating Storage Temperature Operating Temperature Min - 0.3 -0.3 -30 -20 Max 7.0 (VDD + 0.3) +30 +20 Units V V mA mA
-55 -40
800 10 +125 +85
mW mW/C C C
Operating Limits Correct operation of the device outside these limits is not implied. Min. 3.0 -40 Max. 5.5 +85 10.24 Units V C MHz
Supply (VDD - VSS) Operating Temperature Clock Frequency
7
Cordless Telephone Scrambler
FX128
Operating Characteristics For the following conditions unless otherwise specified: VDD = 3.3V at Tamb = 25C Clock Frequency = 10.24MHz Audio Level 0dB ref. at 1kHz = (VDD - 1) x 150vrms e.g. VDD = 3.3V 0dB = 345mVrms Notes Static Values Supply Current Input Impedance Digital Amplifiers Output Impedance (RXOUT, TXOUT) Input Logic `1' Voltage Input Logic `0' Voltage Dynamic Values General Analog Signal Input Levels Analog Output Noise Clear Mode Passband -3dB Cutoff Frequencies Low High Passband Ripple (300-3000Hz) Rx Channel Tx Channel Passband Ripple (500-2750Hz) Rx Channel Tx Channel Filter Attenuation at 3.3kHz Rx and Tx Channel Filter Attenuation at 3.6kHz Rx and Tx Channel Passband Gain (@ 1kHz ref.) Rx and Tx Channel Switched-Capacitor Filter Sampling Carrier Frequency -16.0 2.5 3 5.0 dB mVrms 1 1 Min. Typ. Max. Units
-
2.0
3.0
mA
2 2
100 1.0 70% -
10.0 1.0 -
30%
k M k VDD VDD
4
3000
-
300 -
Hz Hz
0 0
-
3.6 2.9
dB dB
0 0
-
2.2 2.0
dB dB
-
30
-
dB
-
45
-
dB
-1.5 -
211.066 3298
0.5 -
dB kHz Hz
8
Cordless Telephone Scrambler
FX128
Notes Invert Mode Combined Tx and Rx Response Passband -3dB Cutoff Frequencies Low High Passband Gain Distortion (@ 1kHz) Passband Gain (@ 1kHz ref.) Low Frequency Roll-off (<200Hz) Invert Mode Single Channel Response Unwanted Modulation Products Rx and Tx Channel Carrier Breakthrough Rx and Tx Channel Baseband Breakthrough Rx and Tx Channel
Min.
Typ.
Max.
Units
2800 -3 -2.5 12
1.75 -1.5 -
400 0.5 2.75 0 -
Hz Hz dB % dB dB/oct.
3 5
3 3 3 -40 dB -55 dB -40 dB
Operating Characteristics Notes: 1. 2. 3. 4. 5. 6. Batch sampled only. By characterisation only. Measured with Input Level 0dB. Short circuit Rx or Tx input, measure noise at corresponding analogue output, in 30kHz bandwidth. Op Amp gain 0dB. Clear mode only.
9
1.7.2 Package Outlines
The FX128 is available in the package styles outlined below. Mechanical package diagrams and specifications are detailed in Section 10 of this document. Pin 1 identification marking is shown on the relevant diagram and pins on all package styles number anti-clockwise when viewed from the top.
Handling Precautions
The FX128 is a CMOS LSI circuit which includes input protection. However precautions should be taken to prevent static discharges which may cause damage.
FX128D4 16-pin Plastic S.O.I.C.
(DW)
FX128P3
16-pin Plastic DIL
(P)
NOT TO SCALE
NOT TO SCALE
Max. Body Length Max. Body Width
10.49mm 7.59mm
Max. Body Length Max. Body Width
20.57mm 6.60mm
Ordering Information
FX128D4 FX128P3 16-pin Plastic S.O.I.C. 16-pin Plastic DIL (DW) (P)
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied and CML reserves the right at any time without notice to change the said circuitry.
10
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
CML Product Data
In the process of creating a more global image, the three standard product semiconductor companies of CML Microsystems Plc (Consumer Microcircuits Limited (UK), MX-COM, Inc (USA) and CML Microcircuits (Singapore) Pte Ltd) have undergone name changes and, whilst maintaining their separate new names (CML Microcircuits (UK) Ltd, CML Microcircuits (USA) Inc and CML Microcircuits (Singapore) Pte Ltd), now operate under the single title CML Microcircuits. These companies are all 100% owned operating companies of the CML Microsystems Plc Group and these changes are purely changes of name and do not change any underlying legal entities and hence will have no effect on any agreements or contacts currently in force. CML Microcircuits Product Prefix Codes Until the latter part of 1996, the differentiator between products manufactured and sold from MXCOM, Inc. and Consumer Microcircuits Limited were denoted by the prefixes MX and FX respectively. These products use the same silicon etc. and today still carry the same prefixes. In the latter part of 1996, both companies adopted the common prefix: CMX. This notification is relevant product information to which it is attached.
Company contact information is as below:
CML Microcircuits (UK)Ltd
COMMUNICATION SEMICONDUCTORS
CML Microcircuits (USA) Inc.
COMMUNICATION SEMICONDUCTORS
CML Microcircuits (Singapore)PteLtd
COMMUNICATION SEMICONDUCTORS
Oval Park, Langford, Maldon, Essex, CM9 6WG, England Tel: +44 (0)1621 875500 Fax: +44 (0)1621 875600 uk.sales@cmlmicro.com www.cmlmicro.com
4800 Bethania Station Road, Winston-Salem, NC 27105, USA Tel: +1 336 744 5050, 0800 638 5577 Fax: +1 336 744 5054 us.sales@cmlmicro.com www.cmlmicro.com
No 2 Kallang Pudding Road, 09-05/ 06 Mactech Industrial Building, Singapore 349307 Tel: +65 7450426 Fax: +65 7452917 sg.sales@cmlmicro.com www.cmlmicro.com
D/CML (D)/1 February 2002


▲Up To Search▲   

 
Price & Availability of FX128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X