Part Number Hot Search : 
106X00 SEMB2 IRFP240 ER303 4AHCT1 TL1466I BD3150S GX2441
Product Description
Full Text Search
 

To Download FWL08G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FWL005G - FWL10G
PRV : 50 - 1000 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * * * Glass passivated chip High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board Fast switching for high efficiency
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
WOB
0.39 (10.0) 0.31 (7.87) 0.22 (5.59) 0.18 (4.57)
+
AC
1.00 (25.4) MIN.
1.10 (27.9) MIN.
0.034 (0.86) 0.028 (0.71)
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated leads solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 1.29 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
AC + AC 0.22 (5.59) 0.18 (4.57)
0.22 (5.59) 0.18 (4.57)
Dimension in inches and (millimeter)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375" (9.5 mm) lead length Tc = 50C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) Trr CJ RJA TJ TSTG Ta = 25 C Ta = 100 C
2
FWL FWL 005G 01G 50 35 50 100 70 100
FWL 02G 200 140 200
FWL 04G 400 280 400 1.0 30 10 1.3 10 1.0
FWL 06G 600 420 600
FWL 08G 800 560 800
FWL 10G 1000 700 1000
UNIT
Volts Volts Volts Amps. Amps. A2S Volts A mA
Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Rating for fusing ( t < 8.3 ms. ) Maximum Forward Voltage per Diode at IF = 1.0 Amp. Maximum DC Reverse Current at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance per Diode (Note 2) Typical Thermal Resistance (Note 3) Operating Junction Temperature Range Storage Temperature Range
Notes :
150 24 36
250
500
ns pf C/W C C
- 50 to + 150 - 50 to + 150
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 3 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board mounting.
UPDATE : APRIL 23,1998
RATING AND CHARACTERISTIC CURVES ( FWL005G - FWL10G )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 Trr + 0.5 A
+
50 Vdc (approx)
D.U.T. PULSE GENERATOR ( NOTE 2 ) 1 OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25
- 1.0 A SET TIME BASE FOR 50/100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
1.0 30
PC Board
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
0.8
PEAK FORWARD SURGE CURRENT, AMPERES
0.375(9.5mm)
24
TJ = 55 C
0.6
Copper Pads 0.22" x 0.22" (5.5 x5.5mm)
18
0.4
12 SINGLE HALF SINE WAVE (JEDEC METHOD) 6
0.2 60 Hz, Resistive or Inductive load. 0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
20 10
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
10
TJ = 100 C
1
1.0
TJ = 25 C 0.1 Pulse Width = 300 s 1 % Duty Cycle
0.1
TJ = 25 C
0.01 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of FWL08G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X