Part Number Hot Search : 
N74AC 24LT310 1MA14 02241 M52769FP 1A66C LDA201 15100
Product Description
Full Text Search
 

To Download FR154G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
FR151G - FR157G
FAST GPP DIODES
TYPE Maximum Peak Reverse Voltage PRV V PK Maximum Average Maximum Rectified Current Forward Peak @ Half-Wave Surge Current @ Resistive Load 60Hz 8.3ms Superimposed I O@ T L A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time Trr ns
Package Dimensions
Adc
FR151G FR152G FR153G FR154G FR155G FR156G FR157G
50 100 200 400 600 800 1000
150 150 1.5 55 30 5.0 1.0 1.3 150 150 250 500 500
DO - 15
Trr I F = 0.5A, I R = 1.0A, I RR = 0.25A Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
1.0(25.4) MIN
.300(7.6) .230(5.8)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .140(3.6) DIA .104(2.6)
DO - 15
39A-1/2
LESHAN RADIO COMPANY, LTD.
FR151G-FR157G GPP RATING & CHARACTERISTIC CURVES OF FAST GPP DIODE
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
1.50 1.25 1.00 .75 .50 .25 0 25 50 75 100 125 150 175 AMBIENT TEMPER ATURE, (C) Single Phase Half Wave 60Hz Resistive or Inductive Load
+0.5A
Trr
(+) 25Vdc (APPROX) (-)
1
OSCILLOSCOPE NON. (NOTE 1) INDUCTIVE
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
SET TIME BASE FOR 50/100ns/cm
1cm
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT, (A)
1.0
TJ =25C
0.1
Pulse Width=300s 1% Duty Cycle 0.01 .4 .6 .8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 4 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
60 8.3ms Single Half Sine-Wave (JEDEC Method)
JUNCTION CAPACITANCE,(pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100 60 40 20 10 6 4 2 1 TJ =25C
PEAK FORWARD SURGE CURRENT,(A)
50
40
30
20
10
0 1 5 10 50 100
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE,(V) NUMBER OF CYCLES AT 60Hz
39A-2/2


▲Up To Search▲   

 
Price & Availability of FR154G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X