Part Number Hot Search : 
G2511 MSZ52 28064 1018AL AP2014 AD58004 09100 U2067B
Product Description
Full Text Search
 

To Download FDW2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDW2503N
April 2000 PRELIMINARY
FDW2503N
Dual N-Channel 2.5V Specified PowerTrench MOSFET
General Description
This N-Channel 2.5V specified MOSFET is a rugged gate version of Fairchild's Semiconductor's advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V - 12V).
Features
* 5.5 A, 20 V. RDS(ON) = 0.021 @ VGS = 4.5 V RDS(ON) = 0.035 @ VGS = 2.5 V
* Extended VGSS range (12V) for battery applications * Low gate charge * High performance trench technology for extremely low RDS(ON) * Low profile TSSOP-8 package
Applications
* Load switch * Motor drive * DC/DC conversion * Power management
G2 S2 S2 D2 G1 S1 S1 D1
Pin 1
1 2 3 4
8 7 6 5
TSSOP-8
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Power Dissipation
TA=25oC unless otherwise noted
Parameter
Ratings
20 12
(Note 1a)
Units
V V A W C
5.5 30 1.0 0.6 -55 to +150
(Note 1a) (Note 1b)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA Thermal Resistance, Junction-to-Ambient
(Note 1a) (Note 1b)
125 208
C/W
Package Marking and Ordering Information
Device Marking 2503N
2000 Fairchild Semiconductor Corporation
Device FDW2503N
Reel Size 13''
Tape width 12mm
Quantity 3000 units
FDW2503N Rev D (W)
FDW2503N
Electrical Characteristics
Symbol
BVDSS BVDSS ===TJ IDSS IGSSF IGSSR VGS(th) VGS(th) ===TJ RDS(on)
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = 250 A ID = 250 A,Referenced to 25C VDS = 16 V, VGS = 12 V, VGS = -12 V VGS = 0 V VDS = 0 V VDS = 0 V
Min
20
Typ
Max Units
V
Off Characteristics
14 1 100 -100 0.6 0.8 -3.2 17 22 23 30 26 1082 277 130 8 8 24 8 VDS = 10 V, VGS = 4.5 V ID = 5.5 A, 12 2 3 0.83
(Note 2)
mV/C A nA nA V mV/C 21 35 29 A S pF pF pF 16 16 38 16 19 ns ns ns ns nC nC nC A V m
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = VGS, ID = 250 A ID = 250 A,Referenced to 25C ID = 5.5 A VGS = 4.5 V, ID = 4.2 A VGS = 2.5 V, VGS = 4.5 V, ID = 5.5A, TJ=125C VGS = 4.5 V, VDS = 5 V, VDS = 5 V ID = 5.5 A
1.5
ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD
Dynamic Characteristics
VDS = 10 V, f = 1.0 MHz V GS = 0 V,
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = 10 V, VGS = 4.5 V,
ID = 1 A, RGEN = 6
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = 0.83 A 0.7 1.2
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a) RJA is 125C/W (steady state) when mounted on a 1 inch copper pad on FR-4.
b) RJA is 208C/W (steady state) when mounted on a minimum copper pad on FR-4.
2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDW2503N Rev. D (W)
FDW2503N
Typical Characteristics
30 25 ID, DRAIN CURRENT (A) 20 15 10 5 0 0
2.5 3.5V 3.0V 2.5V 2.0V RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = 4.5V
2
VGS = 2.0V
1.5
2.5V 3.0V 3.5V 4.0V
1
4.5V
0.5 0.5 1 1.5 2 2.5 3 0 5 10 15 20 25 30 ID, DRAIN CURRENT (A)
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.07 RDS(ON), ON-RESISTANCE (OHM)
1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
ID = 5.5A VGS = 4.5V
ID = 2.8 A 0.06 0.05 0.04 TA = 0.03 0.02 0.01 0 1 2 3 4 5 VGS, GATE TO SOURCE VOLTAGE (V) 125oC
1.4
1.2
1
0.8
TA = 25oC
0.6 -50 -25 0 25 50 75 100
o
125
150
TJ, JUNCTION TEMPERATURE ( C)
Figure 3. On-Resistance Variation withTemperature.
30 25 ID, DRAIN CURRENT (A) 125oC 20 15 10 5 0 0.5 1 1.5 2 2.5 3 VGS, GATE TO SOURCE VOLTAGE (V) 25 C
o
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 IS, REVERSE DRAIN CURRENT (A) VGS = 0V 10 1 0.1 0.01 0.001 0.0001 0 0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V) TA = 125oC 25oC -55oC
VDS = 5V
TA = -55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDW2503N Rev. D (W)
FDW2503N
Typical Characteristics
5 VGS, GATE-SOURCE VOLTAGE (V) ID = 5.5A 4 15V 3 VDS = 5V 10V CAPACITANCE (pF)
1800 1500 CISS 1200 900 600 300 0 0 2 4 6 8 10 12 14 0 4 8 12 16 20 Qg, GATE CHARGE (nC) VDS, DRAIN TO SOURCE VOLTAGE (V) COSS CRSS f = 1MHz VGS = 0 V
2
1
0
Figure 7. Gate Charge Characteristics.
100 RDS(ON) LIMIT ID, DRAIN CURRENT (A) 10 1s 1 DC 0.1 VGS = 4.5V SINGLE PULSE RJA = 250oC/W TA = 25oC 0.01 0.1 1 10 100 VDS, DRAIN-SOURCE VOLTAGE (V) 10s 10ms 100ms 1ms P(pk), PEAK TRANSIENT POWER (W) 50
Figure 8. Capacitance Characteristics.
40
SINGLE PULSE RJA = 250C/W TA = 25C
30
20
10
0 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
0.1
0.1 0.05 0.02 0.01
RJA(t) = r(t) + RJA RJA = 250 C/W P(pk) t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.01
SINGLE PULSE
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDW2503N Rev. D (W)
TSSOP-8 Package Dimensions
TSSOP-8 (FS PKG Code S4)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in millimeters
Part Weight per unit (gram): 0.0334
January 2000, Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R)
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM POPTM PowerTrench(R)
QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM
VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. F1


▲Up To Search▲   

 
Price & Availability of FDW2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X