Part Number Hot Search : 
1N4454 ATA5429 KW1448A NPIS32LS SEL5755C A2168 ADC1143J 2S140
Product Description
Full Text Search
 

To Download FCX688B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
ISSSUE 1 - NOVEMBER 1998 FEATURES
FCX688B
C
*
* * *
2W POWER DISSIPATION
10A Peak Pulse Current Excellent HFE Characteristics up to 10 Amps Extremely Low Saturation Voltage
Complimentary Type Partmarking Detail -
FCX789A 688
E C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current ** Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg VALUE 12 12 5 10 3 1 2 -55 to +150 UNIT V V V A A W W C
recommended Ptot calculated using FR4 measuring 15x15x0.6mm Maximum power dissipation is calculated assuming that the device is mounted on FR4 substrate measuring 40x40x0.6mm and using comparable measurement methods adopted by other suppliers. **Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for these devices Refer to the handling instructions for soldering surface mount components.
FCX688B
ELECTRICAL CHARACTERISTICS (at Tamb = 25C)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) Min 12 12 5 0.1 0.1 40 60 180 350 400 1.1 1.0 500 400 100 150 200 40 40 500 MHz pF pF ns ns Typ Max UNIT V V V A A mV mV mV mV mV V V CONDITIONS. IC=100A IC=10mA* IE=100A VCB=9V VEB=4V IC=0.1A, IB=1mA * IC=0.1A, IB=0.5mA * IC=1A, IB=10mA * IC=3A, IB=10mA * IC=4A, IB=50mA * IC=3A, IB=20mA * IC=3A, VCE=2V * IC=100mA, VCE=2V* IC=3A, VCE=2V* IC=10A, VCE=2V* IC=50mA, VCE=5V f=50MHz VEB=0.5V, f=1MHz VCB=10V, f=1MHz IC=500mA, IB1=IB2=50mA VCC=10V
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio Transition Frequency Input Capacitance Output Capacitance Switching Times
VBE(sat) VBE(on) hFE
fT Cibo Cobo ton toff
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
FCX688B
TYPICAL CHARACTERISTICS
IC/IB=200 IC/IB=100 IC/IB=10 Tamb=25C 0.8
-55C +25C +100C +175C
0.8
IC/IB=100
0.6
0.6
0.4
0.4
0.2
0.2
0 0.01 0.1 1 10
0
0.01
0.1
1
10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC VCE(sat) IC
VCE(sat) v IC VCE(sat) IC
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
+100C +25C -55C
VCE=2V 1.5K 1.6 1.4 1.2 1K 1.0 0.8 500 0.6 0.4 0.2
-55C +25C +100C +175C
IC/IB=100
0.01
0.1
1
10 0 0.01 0.1 1 10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC IC
VBE(sat) v IC IC
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
-55C +25C +100C +175C
10 VCE=2V
1
DC 1s 100ms 10ms 1ms 100us
0.1
0.01
0.1
1
10
0.01 100m
1
10
100
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
VBE(on) v IC IC
Safe Operating Area


▲Up To Search▲   

 
Price & Availability of FCX688B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X