Part Number Hot Search : 
SMCJ90CA AX500 61000 G1320 AAT4650 43000 02M166 74F20PC
Product Description
Full Text Search
 

To Download CNY17F-1X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output, No Base Connection
Features
* Breakdown Voltage, 5300 VRMS * No Base Terminal Connection for Improved Common Mode Interface Immunity * Long Term Stability * Industry Standard Dual-in-Line Package * Lead-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
18216
A C NC
1 2 3
6 NC 5C 4E
e3
Pb
Pb-free
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending * BSI IEC60950 IEC60065 * FIMKO
Order Information
Part CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1X006 CNY17F-1X007 CNY17F-1X009 CNY17F-2X006 CNY17F-2X007 CNY17F-2X009 CNY17F-3X006 CNY17F-3X007 CNY17F-3X009 CNY17F-4X006 CNY17F-4X007 CNY17F-4X009 Remarks CTR 40 - 80 %, DIP-6 CTR 63 - 125 %, DIP-6 CTR 100 - 200 %, DIP-6 CTR 160 - 320 %, DIP-6 CTR 40 - 80 %, DIP-6 400 mil (option 6) CTR 40 - 80 %, SMD-6 (option 7) CTR 40 - 80 %, SMD-6 (option 9) CTR 63 - 125 %, DIP-6 400 mil (option 6) CTR 63 - 125 %, SMD-6 (option 7) CTR 63 - 125 %, SMD-6 (option 9) CTR 100 - 200 %, DIP-6 400 mil (option 6) CTR 100 - 200 %, SMD-6 (option 7) CTR 100 - 200 %, SMD-6 (option 9) CTR 160 - 320 %, DIP-6 400 mil (option 6) CTR 160 - 320 %, SMD-6 (option 7) CTR 160 - 320 %, SMD-6 (option 9)
Description
The CNY17F is an optocoupler consisting af a Gallium Arsenide infrared emitting diode optically coupled to a silicon planar phototransistor detector in a plastic plug-in DIP-6 package. The coupling device is suitable for signal transmission between two electrically separated circuits. The potential difference between the circuits to be coupled is not allowed to exceed the maximum permissible reference voltages. In contrast to the CNY17 Series, the base terminal of the F type is not conected, resulting in a substantially improved common-mode interference immunity.
For additional information on the available options refer to Option Information.
Document Number 83607 Rev. 1.5, 26-Oct-04
www.vishay.com 1
CNY17F
Vishay Semiconductors Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage DC forward current Surge forward current Power dissipation t 10 s Test condition Symbol VR IF IFSM Pdiss Value 6.0 60 2.5 100 Unit V mA A mW
Output
Parameter Collector-emitter breakdown voltage Collector current t 1.0 ms Total power dissipation Test condition Symbol BVCEO IC IC Pdiss Value 70 50 100 150 Unit V mA mA mW
Coupler
Parameter Isolation test voltage (between emitter and detector referred to standard climate 23/50 DIN 50014) Creepage Clearance Isolation thickness between emitter and detector Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance Storage temperature range Ambient temperature range Junction temperature Soldering temperature max. 10 s, dip soldering: distance to seating plane 1.5 mm VIO = 500 V RIO Tstg Tamb Tj Tsld Test condition Symbol VISO Value 5300 Unit VRMS
7.0 7.0 0.4 175 1011 - 55 to + 150 - 55 to + 100 100 260
mm mm mm
C C C C
www.vishay.com 2
Document Number 83607 Rev. 1.5, 26-Oct-04
CNY17F
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Breakdown voltage Reserve current Capacitance Thermal resistance Test condition IF = 60 mA IR = 10 A VR = 6.0 V VR = 0 V, f = 1.0 MHz Symbol VF VBR IR CO Rth 6.0 0.01 25 750 10 Min Typ. 1.25 Max 1.65 Unit V V A pF K/W
Output
Parameter Collector-emitter capacitance Base - collector capacitance Emitter - base capacitance Thermal resistance Test condition VCE = 5.0 V, f = 1.0 MHz VCE = 5.0 V, f = 1.0 MHz VCE = 5.0 V, f = 1.0 MHz Symbol CCE CBC CEB Rth Min Typ. 5.2 6.5 7.5 500 Max Unit pF pF pF K/W
Coupler
Parameter Saturation voltage, collectoremitter Coupling capacitance Collector-emitter leakage current VCE = 10 V CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Test condition IF = 10 mA, IC = 2.5 mA Part Symbol VCEsat CC ICEO ICEO ICEO ICEO Min Typ. 0.25 0.6 2.0 2.0 5.0 5.0 50 50 100 100 Max 0.4 Unit V pF nA nA nA nA
Current Transfer Ratio
Current Transfer Ratio IC/IF at VCE = 5.0 V, 25 C and Collector-Emitter Leakage Current by dash number Parameter Current Transfer Ratio Test condition IF = 10 mA Part CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 IF = 1.0 mA CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Symbol CTR CTR CTR CTR CTR CTR CTR CTR Min 40 63 100 160 13 22 34 56 30 45 70 90 Typ. Max 80 125 200 320 Unit % % % % % % % %
Document Number 83607 Rev. 1.5, 26-Oct-04
www.vishay.com 3
CNY17F
Vishay Semiconductors Switching Characteristics
Linear operation (without saturation) Parameter Turn-on time Rise time Turn-off time Fall time Cut-off frequency Test condition IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W Test condition IF = 20 mA IF = 10 mA IF = 5.0 mA Rise time IF = 20 mA IF = 10 mA IF = 5.0 mA Turn-off time IF = 20 mA IF = 10 mA IF = 5.0 mA Fall time IF = 20 mA IF = 10 mA IF = 5.0 mA Symbol ton tr toff tf fCO Min Typ. 3.0 2.0 2.3 2.0 250 Max Unit s s s s kHz
Switching operation (with saturation) Parameter Turn-on time Part CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Symbol ton ton ton ton tr tr tr tr toff toff toff toff tf tf tf tf Min Typ. 3.0 4.2 4.2 6.0 2.0 3.0 3.0 4.6 18 23 23 25 11 14 14 15 Max Unit s s s s s s s s s s s s s s s s
Typical Characteristics (Tamb = 25 C unless otherwise specified)
IF
RL=75 IC VCC=5 V
IF
1 K VCC=5 V
45
47
icny17f_01
icny17f_02
Figure 1. Linear Operation ( without Saturation)
Figure 2. Switching Operation (with Saturation)
www.vishay.com 4
Document Number 83607 Rev. 1.5, 26-Oct-04
CNY17F
Vishay Semiconductors
(TA = -25C, VCE = 5.0 V) IC/IF = f (IF)
(TA = 50C, VCE = 5.0 V)
1 2 3 4
1 2 3 4
icny17f_03
icny17f_06
A
Figure 3. Current Transfer Ratio vs. Diode Current
Figure 6. Current Transfer Ratio vs. Diode Current
(TA = 0C, VCE = 5.0 V) IC/IF = f (IF)
(TA = 75C, VCE = 5.0 V)
1 2 3 4
1 2 3 4
icny17f_04
icny17f_07
Figure 4. Current Transfer Ratio vs. Diode Current
Figure 7. Current Transfer Ratio vs. Diode Current
(TA = 25C, VCE = 5.0 V) IC/IF = f (IF)
(IF = 10 mA, VCE = 5.0 V) IC/IF = f (T)
4 3 1 2 3 4 2 1
icny17f_05
icny17f_08
A
Figure 5. Current Transfer Ratio vs. Diode Current
Figure 8. Current Transfer Ratio (CTR) vs. Temperature
Document Number 83607 Rev. 1.5, 26-Oct-04
www.vishay.com 5
CNY17F
Vishay Semiconductors
VCEsat = f (IC) (TA = 25C) (TA = 25C) IC = f (VCE)
icny17f_09
icny17f_12
Figure 9. Output Characteristics CNY17F-2, -3
Figure 12. Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-1
VF = f (IF)
VCEsat = f (IC) (TA = 25C)
icny17f_10
icny17f_13
Figure 10. Forward Voltage
Figure 13. Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-2
VCEsat = f (IC) (TA = 25C)
ICEO = f (V,T) (TA = 75C, IF = 0)
icny17f_11
icny17f_14
Figure 11. Collector-Emitter off-state Current
Figure 14. Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-3
www.vishay.com 6
Document Number 83607 Rev. 1.5, 26-Oct-04
CNY17F
Vishay Semiconductors
V
IF = f (TA) VCEsat = f (IC) (TA = 25C)
icny17f_15
icny17f_18
Figure 15. Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-4
Figure 18. Permissible Forward Current Diode
C=f (VO) (TA= 25C, f=1.0 MHz)
D=parameter, TA = 25C, IF=f(tp)
icny17f_16
icny17f_19
Figure 16. Permissible Pulse Load
Figure 19. Transistor Capacitance
Ptot = f (TA)
icny17f_17
Figure 17. Permissible Power Dissipation for Transistor and Diode
Document Number 83607 Rev. 1.5, 26-Oct-04
www.vishay.com 7
CNY17F
Vishay Semiconductors Package Dimensions in Inches (mm)
pin one ID
3 .248 (6.30) .256 (6.50) 4
2
1
5
6
ISO Method A
.335 (8.50) .343 (8.70) .039 (1.00) Min. 4 typ. .018 (0.45) .022 (0.55)
i178004
.048 (0.45) .022 (0.55) .130 (3.30) .150 (3.81)
.300 (7.62) typ.
18 .031 (0.80) min. .031 (0.80) .035 (0.90) .100 (2.54) typ. 3-9 .010 (.25) typ. .300-.347 (7.62-8.81)
.114 (2.90) .130 (3.0)
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18450
www.vishay.com 8
Document Number 83607 Rev. 1.5, 26-Oct-04
CNY17F
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 83607 Rev. 1.5, 26-Oct-04
www.vishay.com 9


▲Up To Search▲   

 
Price & Availability of CNY17F-1X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X