Part Number Hot Search : 
SMBTA64 FSSD07 19A09AMR 2FWJ42N TC186 M74HC697 24128 RKL3CD
Product Description
Full Text Search
 

To Download CM100DY-28H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM100DY-28H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBTMODTM H-Series Module
100 Amperes/1400 Volts
A B H E E H S
C2E1 E2 C1
E2 G2
C
K
G1 E1
G
S L R - M5 THD (3 TYP.) P - DIA. (2 TYP.) J N J N J .110 TAB
M D F
Q
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of two IGBT Transistors in a half-bridge configuration with each transistor having a reverseconnected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management.
G2 E2
C2E1
E2
C1
E1 G1
Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery (135ns) Free Wheel Diode High Frequency Operation (20-25kHz) Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Laser Power Supplies Ordering Information: Example: Select the complete part module number you desire from the table below -i.e. CM100DY-28H is a 1400V (VCES), 100 Ampere Dual IGBTMODTM Power Module.
Type CM Current Rating Amperes 100 VCES Volts (x 50) 28
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J Inches 3.70 3.1500.01 1.89 1.18 Max. 0.90 0.83 0.71 0.67 0.63 Millimeters 94.0 80.00.25 48.0 30.0 Max. 23.0 21.2 18.0 17.0 16.0 Dimensions K L M N P Q R S Inches 0.51 0.47 0.30 0.28 0.256 Dia. 0.26 M5 Metric 0.16 Millimeters 13.0 12.0 7.5 7.0 Dia. 6.5 6.5 M5 4.0
1
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM100DY-28H Dual IGBTMODTM H-Series Module 100 Amperes/1400 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage (C-E SHORT) Collector Current Peak Collector Current Emitter Current Emitter Current-Pulse Maximum Collector Dissipation Max. Mounting Torque M5 Terminal Screws Max. Mounting Torque M6 Mounting Screws Module Weight (Typical) V Isolation
* IE, VEC, Trr, Qrr & diE/dt represent characteristics of the anti-parallel, emitter to collector free-wheel diode (FWDi). ** Pulse width and repetition rate should be such that the device junction temp. (Tj) does not exceed Tj(max) rating. *** Junction temperature (Tj) should not increase beyond 150C.
Symbol Tj Tstg VCES VGES IC ICM IE* IEM* Pc - - - VRMS
CM100DY-28H -40 to 150 -40 to 125 1400 20 100 200** 100 200** 780*** 17 26 270 2500
Units C C Volts Volts Amperes Amperes Amperes Amperes Watts in-lb in-lb Grams Volts
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 10mA, VCE = 10V IC = 100A, VGE = 15V IC = 100A, VGE = 15V, Tj = 125C Total Gate Charge VCC = 800V, IC = 100A, VGE = 15V
* Pulse width and repetition rate should be such that device junction temperature rise is negligible.
Min. - - 5.0 - - -
Typ. - - 6.5 3.1 2.95 510
Max. 1.0 0.5 8.0 4.2* - -
Units mA
A
Volts Volts Volts nC
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switching Times Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr VEC Qrr IE = 100A, diE/dt = -300A/s IE = 100A, VGE = 0V IE = 100A, diE/dt = -300A/s VCC = 800V, IC = 100A, VGE1 = VGE2 = 15V, RG = 3.1 VGE = 0V, VCE = 10V Test Conditions Min. - - - - - - - - - - Typ. - - - - - - - - - 1.0 Max. 20 7 4 250 400 300 500 300 3.8 - Units nF nF nF ns ns ns ns ns V
Diode Reverse Recovery Time Emitter-Collector Voltage Diode Reverse Recovery Charge
C
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c) Rth(j-c) Rth(c-f) Test Conditions Per IGBT Per FWDi Per Module, Thermal Grease Applied Min. - - - Typ. - - - Max. 0.16 0.35 0.13 Units C/W C/W C/W
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM100DY-28H Dual IGBTMODTM H-Series Module 100 Amperes/1400 Volts
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
200
COLLECTOR CURRENT, IC, (AMPERES)
160 VGE = 20V
11
160
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
COLLECTOR CURRENT, IC, (AMPERES)
Tj = 25oC
13 15
200
12 VCE = 10V Tj = 25C Tj = 125C
5
VGE = 15V Tj = 25C Tj = 125C
4
120
120
3
80
10
80
2
40
7
9 8
40
1
0 0 2 4 6 8 10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
0
0 0 4 8 12 16 20 0 40 80 120 160 200
GATE-EMITTER VOLTAGE, VGE, (VOLTS) COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C Tj = 25C
EMITTER CURRENT, IE, (AMPERES) CAPACITANCE, Cies, Coes, Cres, (nF)
102
8
102
101
Cies
6
IC = 200A
4
IC = 100A
Coes
101
100
VGE = 0V f = 1MHz Cres
2
IC = 40A
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
100 1.0
1.5
2.0
2.5
3.0
3.5
4.0
10-1 10-1
100
101
102
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
104
REVERSE RECOVERY TIME, t rr, (ns)
103
102
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
20
IC = 100A
16
VCC = 600V VCC = 800V
SWITCHING TIME, (ns)
103
td(off) tf td(on) VCC = 800V VGE = 15V RG = 3.1 Tj = 125C
t rr
101
12
102
Irr
8
102
100
di/dt = -200A/sec Tj = 25C
4
tr
101 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
101 101
102
EMITTER CURRENT, IE, (AMPERES)
10-1 103
0 0 200 400 600 800
GATE CHARGE, QG, (nC)
3
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM100DY-28H Dual IGBTMODTM H-Series Module 100 Amperes/1400 Volts
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT) 10-2 10-1 100
101
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi) 10-2 10-1 100
101
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.16C/W
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.35C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
4


▲Up To Search▲   

 
Price & Availability of CM100DY-28H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X