Part Number Hot Search : 
200N08 F25A12GF 7FLITE 18F26K MB5342 C106B4 18F26K AD831
Product Description
Full Text Search
 

To Download CGY2105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
CGY2105ATS High dynamic range dual LNA MMIC
Preliminary specification File under Integrated Circuits, IC17 1999 Dec 23
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
FEATURES * Dual Low Noise Amplifier (LNA) Monolithic Microwave Integrated Circuit (MMIC) * Typical noise figure of 0.55 dB * Typical gain of 16.3 dB at 1810 MHz * Input IP3 of 13.5 dBm at 1810 MHz * Low current of 58 mA at 2.5 V for each channel * Low cost SSOP16 plastic package. APPLICATIONS * DCS1800 * PCS1900. GENERAL DESCRIPTION
CGY2105ATS
The CGY2105 is a dual Gallium Arsenide (GaAs) MMIC amplifier designed for use in very low noise figure applications, where high linearity is also required. Excellent tracking between the two amplifiers is obtained. Gain and noise figure variations with temperature are very small. The device is suitable for use in DCS1800 and PCS1900 base station applications. It also provides high gain and very low noise performance at frequencies between 1.0 and 2.5 GHz, as used in Wireless Local Area Network (WLAN) applications. A rematching of the application board might be necessary for optimum performance.
ORDERING INFORMATION TYPE NUMBER CGY2105ATS BLOCK DIAGRAM PACKAGE NAME SSOP16 DESCRIPTION plastic shrink small outline package; 16 leads; body width 4.4 mm VERSION SOT369-1
handbook, full pagewidth
OUT2 16
VG2 13
VG1 12
OUT1
9
CGY2105ATS
1, 2, 14, 15
3
4, 5
6
7, 8, 10, 11
FCA096
VS2
IN2 n.c.
IN1
VS1
Fig.1 Block diagram.
1999 Dec 23
2
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
PINNING SYMBOL VS2 IN2 n.c. n.c. IN1 VS1 OUT1 VG1 VG2 OUT2 PIN 1, 2, 14 and 15 3 4 5 6 7, 8, 10 and 11 9 12 13 16 DESCRIPTION amplifier 2 source amplifier 2 input not connected not connected amplifier 1 input amplifier 1 source amplifier 1 drain output amplifier 1 gate bias amplifier 2 gate bias amplifier 2 drain output
n.c. IN1 VS1 VS1 5 6 7 8
handbook, halfpage
CGY2105ATS
VS2 VS2 IN2 n.c.
1 2 3 4
16 OUT2 15 VS2 14 VS2 13 VG2
CGY2105ATS
12 VG1 11 VS1 10 VS1 9
FCA097
OUT1
Fig.2 Pin configuration.
LIMITING VALUES SYMBOL VDS VGS VDG Vsupply Vneg Tamb Tj Tstg Ptot PARAMETER drain-source voltage gate-source voltage drain-gate voltage positive supply voltage negative supply voltage ambient temperature junction temperature storage temperature total power dissipation Tamb < 85 C see Chapter "Application and test information" see Chapter "Application and test information" CONDITIONS - -3 - - -6 -40 - - - MIN. - - - - - - - - - TYP. MAX. 5 +1 7 6 - +85 150 150 430 UNIT V V V V V C C C mW
THERMAL CHARACTERISTICS SYMBOL Rth(j-a) PARAMETER thermal resistance from junction to ambient VALUE 138 UNIT K/W
1999 Dec 23
3
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
CGY2105ATS
CHARACTERISTICS Tamb = 25 C; measured and guaranteed only for the application shown in Chapter "Application and test information"; unless otherwise specified. SYMBOL Supplies Isupply Ineg positive supply current (for each LNA) Vsupply = 5.0 V; Vneg = -5.0 V 42 - 58 0.3 72 0.4 mA mA PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
negative supply current (for each LNA) Vsupply = 5.0 V; Vneg = -5.0 V
Amplifiers: Vsupply = 5.0 V; Vneg = -5.0 V; Z0 = 50 ; both LNAs biased; duty cycle 100% fi G G(T) NF NF(T) IP3i IP3i(T) ISOr ISOi s11 s22 input frequency gain gain variation with temperature noise figure noise figure variation with temperature input third-order intercept point input third-order intercept point variation with temperature reverse isolation isolation between inputs input reflection coefficient output reflection coefficient 50 source 50 load -40 C < Tamb < +85 C f = 0.5 MHz -40 C < Tamb < +85 C fi = 1710 MHz fi = 1710 to 1910 MHz -40 C < Tamb < +85 C 1710 16 14.8 - - - 11 - 18 21 - - - 16.9 16.3 0.45 0.55 0.25 13.5 0.45 20 23 -8.5 -22 1910 17.8 17.8 - 0.8 - - - - - - - MHz dB dB dB dB dB dBm dB dB dB dB dB
1999 Dec 23
4
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
APPLICATION AND TEST INFORMATION
CGY2105ATS
handbook, full pagewidth
Vsupply Vneg R4 R3
R2 C2
R6
R5
R1 C1
C4 L2 C6 OUT2
TRL6
TRL5 L1
C3 C5 OUT1
16
15
14
13
12
11
10
9
CGY2105ATS
1 2 3 4, 5 n.c. TRL4 TRL2 IN2 TRL3 TRL1 IN1
FCA098
6
7
8
The demonstration board has been optimized for a centre frequency of 1.8 GHz. The MMIC s-parameters (typical values) in a range from 0.1 to 6 GHz are available on request.
Fig.3 Application diagram.
1999 Dec 23
5
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
CGY2105ATS
handbook, full pagewidth
Vneg
OUT2
Vsupply
Vsupply
OUT1
R2 C2 C4 L2 C6 TRL6 TRL4 TRL2
R4 R6
R3 R5
R1 C1 C3 L1 C5 TRL5 TRL3 TRL1
IN2
IN1
FCA099
Designed for a centre frequency of 1.8 GHz.
Fig.4 Application PCB layout.
1999 Dec 23
6
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
Table 1 List of components; see Figs 3 and 4 DESCRIPTION decoupling capacitor decoupling capacitor decoupling capacitor drain biasing resistor gate biasing resistor gate biasing resistor drain biasing inductor Transmission lines; see Figs 3 and 4 Z0 100 100 100 LENGTH IN 0.08 at 1800 MHz 0.08 at 1800 MHz 0.08 at 1800 MHz LENGTH IN mm(1) 10 mm 4 mm 3.4 mm 1 nF 47 pF 47 pF 39 15 k 10 k 18 nH VALUE
CGY2105ATS
COMPONENT C1, C2 C3, C4 C5, C6 R1, R2 R3, R4 R5, R6 L1, L2 Table 2
REFERENCE Philips; NPO, 0603 Philips; NPO, 0603 Philips; NPO, 0603 Philips; XR7, 0805 Philips; 0603 Philips; 0603 Coilcraft; 0603
COMPONENT TRL1, TRL2 TRL3, TRL4 TRL5, TRL6 Note
WIDTH IN mm(1) 0.25 mm 0.80 mm 0.80 mm
1. Transmission line lengths and widths in mm are valid for a double sided PCB; thickness of 0.8 mm in FR4 material ( = 4.7).
1999 Dec 23
7
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
Measured performance
CGY2105ATS
handbook, halfpage
20.0
FCA100
G (dB) 16.0
handbook, halfpage
2.00
FCA101
NF (dB) 1.60
12.0
1.20
8.0
0.80
4.0
0.40
0.0 1.50
1.60
1.70
1.80
1.90 2.00 f (GHz)
0.00 1.50
1.60
1.70
1.80
1.90 2.00 f (GHz)
Vsupply = 5 V; Vneg = -5 V.
Vsupply = 5 V; Vneg = -5 V.
Fig.5 Gain as a function of the frequency.
Fig.6 Noise figure as a function of the frequency.
handbook, halfpage
0.0
FCA102
handbook, halfpage
20.0
FCA103
s11 (dB) -2.5
s21 (dB)
16.0
12.0 -5.0 8.0 -7.5 4.0
-10.0 1.00
1.50
2.00
f (GHz)
2.50
0.0 1.00
1.50
2.00
f (GHz)
2.50
Vsupply = 5 V; Vneg = -5 V.
Vsupply = 5 V; Vneg = -5 V.
Fig.7
Input reflection coefficient s11 as a function of the frequency.
Fig.8
Forward transmission coefficient s21 as a function of the frequency.
1999 Dec 23
8
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
CGY2105ATS
handbook, halfpage
0.0
FCA104
s12
handbook, halfpage
0.0
FCA105
(dB) -5.0
s22 (dB)
-5.0
-10.0
-10.0
-15.0
-15.0
-20.0
-20.0
-25.0 1.00
1.50
2.00
f (GHz)
2.50
-25.0 1.00
1.50
2.00
f (GHz)
2.50
Vsupply = 5 V; Vneg = -5 V.
Vsupply = 5 V; Vneg = -5 V.
Fig.9
Reverse transmission coefficient s12 as a function of the frequency.
Fig.10 Output reflection coefficient s22 as a function of the frequency.
handbook, halfpage
0.0
FCA106
handbook, halfpage
20.0
FCA107
ISOi (dB) -10.0
Po (dBm) 10.0
-20.0
0.0
-30.0 1.00
1.50
2.00
f (GHz)
2.50
-10.0 -20.0
-10.0
0.0
Pi (dBm)
10.0
Vsupply = 5 V; Vneg = -5 V.
Vsupply = 5 V; Vneg = -5 V.
Fig.11 Isolation between RF inputs as a function of the frequency.
Fig.12 RF output power as a function of the RF input power.
1999 Dec 23
9
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
PACKAGE OUTLINE SSOP16: plastic shrink small outline package; 16 leads; body width 4.4 mm
CGY2105ATS
SOT369-1
D
E
A X
c y HE vM A
Z
16
9
Q A2 pin 1 index A1 (A 3) Lp L A
1
e bp
8
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.5 A1 0.15 0.00 A2 1.4 1.2 A3 0.25 bp 0.32 0.20 c 0.25 0.13 D (1) 5.30 5.10 E (1) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.45 Q 0.65 0.45 v 0.2 w 0.13 y 0.1 Z (1) 0.48 0.18 10 0o
o
Note 1. Plastic or metal protrusions of 0.20 mm maximum per side are not included. OUTLINE VERSION SOT369-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 94-04-20 95-02-04
1999 Dec 23
10
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. Manual soldering
CGY2105ATS
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1999 Dec 23
11
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
Suitability of surface mount IC packages for wave and reflow soldering methods
CGY2105ATS
SOLDERING METHOD PACKAGE WAVE BGA, LFBGA, SQFP, TFBGA HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable REFLOW(1) suitable suitable suitable suitable suitable
1999 Dec 23
12
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
NOTES
CGY2105ATS
1999 Dec 23
13
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
NOTES
CGY2105ATS
1999 Dec 23
14
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
NOTES
CGY2105ATS
1999 Dec 23
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 68
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
465008/01/pp16
Date of release: 1999
Dec 23
Document order number:
9397 750 06527


▲Up To Search▲   

 
Price & Availability of CGY2105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X