Part Number Hot Search : 
ATC504L 2SC2782 4BTDV AMS1505 AT91S BA7757 1N5194 10051
Product Description
Full Text Search
 

To Download CBTD16211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
CBTD16211 24-bit level shifting bus exchange switch with 12-bit output enables
Product data 2001 Jun 13
Philips Semiconductors
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
FEATURES
* 5 switch connection between two ports * TTL compatible control input levels * Designed to be used in level shifting applications * Package options include shrink small outline (SSOP) and
thin shrink small outline (TSSOP)
DESCRIPTION
The CBTD16211 provides 24 bits of high-speed TTL-compatible bus switching. The low on-state resistance of the switch allows connections to be made with minimal propagation delay. A diode to VCC is integrated in the circuit to allow for level shifting between 5 V inputs and 3.3 V outputs. The device is organized as a dual 12-bit bus switch with separate output-enable (OE) inputs. It can be used as two 10-bit bus switches or as one 20-bit bus switch. When OE is low, the associated 10-bit bus switch is on, and port A is connected to port B. When OE is high, the switch is open, and a high-impedance state exists between the ports. The CBTD16211 is characterized for operation from -40 to +85 C.
* ESD protection exceeds 1000 V CDM per JESD22-C101 * Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICC PARAMETER Propagation delay An to Yn Input capacitance Output capacitance Total supply current CONDITIONS Tamb = 25 C; GND = 0 V CL = 50 pF; VCC = 5 V VI = 0 V or VCC Outputs disabled; VO = 0 V or VCC Outputs disabled; VCC = 5.5 V TYPICAL 0.25 4.3 6.9 3.0 UNIT ns pF pF A
ORDERING INFORMATION
PACKAGES 56-Pin Plastic SSOP Type III 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40 to +85 C -40 to +85 C ORDER CODE CBTD16211DL CBTD16211DGG DWG NUMBER SOT371-1 SOT364-1
FUNCTION TABLE
INPUTS 1OE L L H H 2OE L H L H OUTPUTS 1A, 1B 1A = 1B 1A = 1B Z Z 2A, 2B 2A = 2B
LOGIC SYMBOL
2 1A1 54 1B1
14
42 1B12
Z 2A = 2B Z
1A12
H = High voltage level L = Low voltage level Z = High impedance "off " state
56 1OE 15 2A1 41 2B1
28 2A12
29 2B12
55 2OE
SA00510
2001 Jun 13
2
853-2260 26502
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
PIN CONFIGURATION
PIN DESCRIPTION
PIN NUMBER SYMBOL NC 1OE, 2OE 1A1-1A12 1B1-1B12 2A1-2A12 2B1-2B12 GND VCC NAME AND FUNCTION No internal connection Output enables Inputs Outputs Inputs Outputs Ground (0 V) Positive supply voltage 1 56, 55 2, 3, 4, 5, 6, 7, 9, 10, 11, 12, 13, 14 54, 53, 52, 51, 50, 48, 47, 46, 45, 44, 43, 42 15, 16, 18, 20, 21, 22, 23, 24, 25, 26, 27, 28 41, 40, 39, 37, 36, 35, 34, 33, 32, 31, 30, 29 8, 19, 38, 49 17
NC 1A1 1A2 1A3 1A4 1A5 1A6 GND 1A7
1 2 3 4 5 6 7 8 9
56 1OE 55 2OE 54 1B1 53 1B2 52 1B3 51 1B4 50 1B5 49 GND 48 1B6 47 1B7 46 1B8 45 1B9 44 1B10 43 1B11 42 1B12 41 2B1 40 2B2 39 2B3 38 GND 37 2B4 36 2B5 35 2B6 34 2B7 33 2B8 32 2B9 31 2B10 30 2B11 29 2B12
1A8 10 1A9 11 1A10 12 1A11 13 1A12 14 2A1 15 2A2 16 VCC 17 2A3 18 GND 19 2A4 20 2A5 21 2A6 22 2A7 23 2A8 24 2A9 25 2A10 26 2A11 27 2A12 28
SA00509
2001 Jun 13
3
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output voltage3 output in Off or High state output in Low state VI < 0 CONDITIONS RATING -0.5 to +7.0 -50 -0.5 to +7.0 -0.5 to +5.5 128 -65 to +150 UNIT V mA V V mA C
DC output current Storage temperature range
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL Tamb DC supply voltage High-level input voltage Low-level Input voltage Operating free-air temperature range PARAMETER Min 4.5 2.0 -- -40 Max 5.5 -- 0.8 +85 UNIT V V V C
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = -40 to +85 C Min VIK VOH II ICC ICC CI CI(OFF) ron
3
UNIT
Typ1 -- -- -- -- -- -- 4.5 8 5 5 35
Max -1.2 V V 10 1 1.5 2.5 -- -- 7 7 50 A mA mA pF pF
Input clamp voltage Output high pass voltage Input leakage current Quiescent supply current Additional supply current per input pin2 Control pins Port OFF capacitance
VCC = 4.5 V; II = -18 mA See Figure 1 VCC = 0 V; VI = 5.5 V VCC = 5.5 V; VI = GND or 5.5 V VCC = 5.5 V; IO = 0, VI = VCC or GND; 1OE=2OE=GND VCC = 5.5 V, one input at 3.4 V, other inputs at VCC or GND VI = 3 V or 0 VO = 3 V or 0, OE = VCC VCC = 4.5 V; V1 = 0 V; II = 64 mA VCC = 4.5 V; V1 = 0 V; II = 30 mA VCC = 4.5 V; V1 = 2.4 V; II = -15 mA
-- -- -- -- -- -- -- -- -- -- --
NOTES: 1. All typical values are at VCC = 5 V, Tamb = 25 C. 2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. 3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is determined by the lowest voltage of the two (A or B) terminals.
2001 Jun 13
4
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
AC CHARACTERISTICS
GND = 0 V; tR; CL = 50 pF VCC = 5.0 V 0.5 V Min tpd ten tdis Propagation delay1 Output enable time to High and Low level Output disable time from High and Low level A or B OE OE B or A A or B A or B -- 1.5 1.5 Max 0.25 8.5 7 ns ns ns
SYMBOL
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
NOTE: 1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
2001 Jun 13
5
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V
3V 1.5 V INPUT 0V tPLH tPHL VOH 1.5 V OUTPUT VOL 1.5 V 1.5 V
TEST CIRCUIT AND WAVEFORMS
7V From Output Under Test CL = 50 pF 500 S1 Open GND 500
Load Circuit
TEST tpd tPLZ/tPZL tPHZ/tPZH
S1 open 7V open
SA00028
Waveform 1. Input (An) to Output (Yn) Propagation Delays
DEFINITIONS Load capacitance includes jig and probe capacitance; CL = see AC CHARACTERISTICS for value. 3V Output Control (Low-level enabling ) tPZL Output Waveform 1 S1 at 7 V (see Note) tPZH Output Waveform 2 S1 at Open (see Note) 1.5 V 1.5 V 0V 3.5 V 1.5 V tPHZ VOH - 0.3 V 1.5 V 0V Note: Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
SA00012
tPLZ
VOL + 0.3 V VOL VOH
SA00029
Waveform 2. 3-State Output Enable and Disable Times
2001 Jun 13
6
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE HIGH VS SUPPLY VOLTAGE 4.0 Tamb = 85C VOH - OUTPUT VOLTAGE HIGH - V 3.6 3.4 100A 6mA 12mA 3.0 24mA VOH - OUTPUT VOLTAGE HIGH - V 3.6 3.4 4.0 Tamb = 25C 100A 6mA 12mA 3.0 24mA OUTPUT VOLTAGE HIGH VS SUPPLY VOLTAGE
2.6 2.4
2.6 2.4
2.0
2.0
1.4 4.5 5 VCC - Supply Voltage - V 5.5
1.4 4.5 5 VCC - Supply Voltage - V 5.5
OUTPUT VOLTAGE HIGH VS SUPPLY VOLTAGE 4.0 Tamb = 0C VOH - OUTPUT VOLTAGE HIGH - V 3.6 3.4 100A 6mA 12mA 3.0 24mA
2.6 2.4
2.0
1.4 4.5 5 VCC - Supply Voltage - V 5.5
SA00548
Figure 1. VOH values (Vin = VCC)
2001 Jun 13
7
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
SSOP56: plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1
2001 Jun 13
8
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
2001 Jun 13
9
Philips Semiconductors
Product data
24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211
Data sheet status
Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 2001 All rights reserved. Printed in U.S.A. Date of release: 06-01 Document order number: 9793 750 08482
Philips Semiconductors
2001 Jun 13 10


▲Up To Search▲   

 
Price & Availability of CBTD16211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X