Part Number Hot Search : 
D9501SQ A1232 TB0640M A0014 2SJ505L 2SJ505L AN79M08 0512S
Product Description
Full Text Search
 

To Download BYWF29-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
BYWF29-50 THRU BYWF29-200
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
ITO-220AC
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
Forward Current - 8.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction Low power loss Low leakage current High surge current capability Superfast recovery time for high efficiency High temperature soldering guaranteed: 250C, 0.25" (6.35mm) from case for 10 seconds
0.600 (15.5) 0.580 (14.5) 0.670 (17.2) 0.646 (16.4)
2
0.350 (8.89) 0.330 (8.38)
PIN 1
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52) 0.110 (2.80) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over passivated chip Terminals: Plated lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.064 ounce, 1.81 grams Mounting Torque: 5 in. - lbs. max.
0.037 (0.94) 0.027 (0.69) 0.205 (5.20) 0.195 (4.95)
PIN 1 PIN 2
0.022 (0.55) 0.014 (0.36)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
BYWF29-50
BYWF29-100 BYWF29-150 BYWF29-200
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=125C Peak forward surge current 10ms single half sine-wave superimposed TJ=150C Maximum instantaneous forward voltage at: IF=20A, TJ=25C IF=8A, TJ=150C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Maximum thermal resistance (NOTE 3) Operating and storage temperature range TC=25C TC=100C
VRRM VRMS VDC I(AV) IFSM
50 35 50
100 70 100 8.0 100.0
150 105 150
200 140 200
Volts Volts Volts Amps Amps
VF
1.3 0.8 10.0 500.0 25.0 45.0 4.5 -65 to +150
Volts A ns pF C/W C
IR trr CJ RJC TJ, TSTG
NOTES: (1) Reverse recovery test conditions: IF=1A, VR=30V, di/dt=100A/s, Irr=10%, IRM for measurement of trr (2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to case mounted on heatsink
4/98
RATINGS AND CHARACTERISTIC CURVES BYWF29-50 THRU BYWF29-200
FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
10 8.0 6.0 4.0 2.0 0
100 80 60 40 20 0
TJ=TJ max. 10ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
50
100
150
1
10
NUMBER OF CYCLES AT 50 HZ
100
CASE TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
80
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=25C
10
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
TJ=125C PULSE WIDTH=300s 1% DUTY CYCLE
10
TJ=100C
1
1
0.1
0.1
0.01 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25C
0.01
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0
20
40
60
80
100
80
JUNCTION CAPACITANCE, pF
70 60 50 40 30 20 0.1
TJ=25C f=1.0 MHZ Vsig=50mVp-p
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of BYWF29-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X