Part Number Hot Search : 
B2566 FSJ163D3 UNRL114 MAX695 E005722 NSSL100C 2SD42 RST125
Product Description
Full Text Search
 

To Download BYW98200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYW98-200
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) trr (max) FEATURES AND BENEFITS VERY LOW CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD AND REVERSE RECOVERY TIMES 3A 200 V 150 C 0.85 V 35 ns
DESCRIPTION Low voltage drop and rectifier suited for switching mode base drive and transistor circuits. ABSOLUTE RATINGS (limiting values) Symbol VRRM IFRM IF (AV) IFSM Tstg Tj TL Parameter Repetitive peak reverse voltage Repetitive peak forward current * Average forward current* Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Maximum lead temperature for soldering during 10s at 4mm from case tp=5 s F=1KHz Ta = 75C = 0.5 tp = 10ms Sinusoidal
DO-201AD (Plastic)
Value 200 110 3 70 - 65 to + 150 150 230
Unit V A A A C C C
* On infinite heatsink with 10mm lead length.
October 1999 - Ed: 4C
1/5
BYW98-200
THERMAL RESISTANCE Symbol Rth (j-a) Junction-ambient * Parameter Value 25 Unit C/W
* On infinite heatsink with 10mm lead length.
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Parameter Reverse leakage current Forward voltage drop Test Conditions Tj = 25C Tj = 100C Tj = 25C Tj = 100C
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2 %
To evaluate the conduction losses use the following equations: 2 P = 0.75 x IF(AV) + 0.04 IF (RMS)
Min. VR = VRRM
Typ.
Max. 10 0.5
Unit A mA V
VF **
IF = 9A IF = 3A 0.78
1.2 0.85
RECOVERY CHARACTERISTICS Symbol trr Qrr tfr VFP Tj = 25C VR = 30V Tj = 25C VR 30V Test Conditions IF = 1A IF = 3A dIF/dt = - 50A/s dIF/dt = - 20A/s dIF/dt = - 50A/s dIF/dt = - 50A/s 15 20 5 Min. Typ. Max. 35 Unit ns nC ns V
Tj = 25C IF = 3A Measured at 1.1 x VF max Tj = 25C IF = 3A
2/5
BYW98-200
Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 IF(av) (A) 0.0 0.0 0.5 1.0 1.5 2.0 2.5
=tp/T
T
= 0.05 = 0.1 = 0.2 = 0.5 =1
Fig. 2: Average forward current versus ambient temperature (=0.5).
IF(av)(A) 3.5 3.0 2.5 2.0
Rth(j-a)=75C/W Rth(j-a)=Rth(j-l)
1.5 1.0
tp
T
0.5
3.5
=tp/T
tp
Tamb(C) 50 75 100 125 150
3.0
0.0
0
25
Fig. 3: Thermal resistance versus lead length.
Fig. 4: Variation of thermal impedance junction to ambient versus pulse duration (recommended pad layout, epoxy FR4, e(Cu)=35m).
Zth(j-a)/Rth(j-a) 1.00
Rth(C/W) 90 80 70 60 50 40 30 20
Rth(j-l) Rth(j-a)
= 0.5
= 0.2
0.10
= 0.1
T
Single pulse
10 0 5 10
Lleads(mm) 15 20 25
0.01 1E-1 1E+0
tp(s) 1E+1
=tp/T
tp
1E+2
5E+2
Fig. 5: Forward voltage drop versus forward current (maximum values).
70.00 IFM(A)
Fig. 6: Junction capacitance versus reverse voltage applied (typical values).
C(pF) 100
Tj=100C (Typical values)
F=1MHz Tj=25C
10.00
Tj=25C
50
Tj=100C
1.00
20 VR(V) 10 1 10 100 200
VFM(V) 0.10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
3/5
BYW98-200
Fig. 7: Reverse recovery time versus dIF/dt. Fig. 8: Peak reverse recovery current versus dIF/dt.
2.5
IF=3A 90% confidence Tj=100C Tj=100C
trr(ns) 100 80 60 40 20 dIF/dt(A/s) 0 1 10 100
Tj=25C
IRM(A)
IF=3A 90% confidence Tj=100C
2.0 1.5 1.0
Tj=100C
Tj=25C
0.5 0.0 dIF/dt(A/s) 1 10 100
Fig. 9: Dynamic parameters versus junction temperature.
% 250
IF=3A dIF/dt=50A/s VR=30V Qrr
200
IRM
150
trr
100 25
Tj(C) 50 75 100 125 150
4/5
BYW98-200
PACKAGE MECHANICAL DATA DO-201AD
B A B OC
note 1
E
E
note 1
OD
OD
note 2
DIMENSIONS REF.
A B C D E 25.40 5.30 1.30 1.25
Millimeters Min. Max.
9.50
Inches Min.
1.000 0.209 0.051 0.049
NOTES 1 - The lead diameter D is not controlled over zone E 2 - The minimum axial length within which the device may be placed with its leads bent at right angles is 0.59"(15 mm)
Max.
0.374
Ordering code BYW98-200 BYW98-200RL
Marking BYW98-200 BYW98-200
Package DO-201AD DO-201AD
Weight 1.16 g. 1.16 g.
Base qty 600 1900
Delivery mode Box Tape and reel
White band indicates cathode Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BYW98200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X