Part Number Hot Search : 
MOC21 7S11BMT 2SD188 HD74LV08 F1A1G 2SK24607 AUY14A2 NCE0157D
Product Description
Full Text Search
 

To Download BYW29F200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYW29(F)
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
FEATURES SUITED FOR SMPS VERY LOW FORWARD LOSSES NEGLIGIBLE SWITCHING LOSSES HIGH SURGE CURRENT CAPABILITY HIGH AVALANCHE ENERGY CAPABILITY INSULATED VERSION (ISOWATT220AC) : Insulating voltage = 2000 V DC Capacitance = 12 pF
A K K A
DESCRIPTION Single chip rectifier suited for switchmode power supply and high frequency DC to DC converters. Packaged in TO-220AC or ISOWATT220AC this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications.
TO-220AC (Plastic) BYW29-200
isolated ISOWATT220AC (Plastic) BYW29F-200
ABSOLUTE MAXIMUM RATINGS
Symbol IF(RMS) IF(AV) RMS forward current
Parameter
Value 16
Unit A A
Average forward current = 0.5
TO-220AC ISOWATT220AC
Tc=120C Tc=100C tp=10ms sinusoidal
8 8 80 - 65 to + 150 - 65 to + 150
IFSM Tstg Tj
Surge non repetitive forward current Storage and junction temperature range
A C C
Symbol VRRM
Parameter Repetitive peak reverse voltage
Value 200
Unit V
October 1999 - Ed: 2D
1/6
BYW29(F)
THERMAL RESISTANCE Symbol Rth (j-c) Junction to case Parameter
TO-220AC ISOWATT220AC
Value 2.8 5.0
Unit C/W
ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS Symbol IR * Tj = 25C Tj = 100C VF ** Tj = 125C Tj = 125C Tj = 25C IF = 5 A IF = 10 A IF = 10 A Test Conditions VR = VRRM Min. Typ. Max. 10 0.6 0.85 1.05 1.15 Unit A mA V
Pulse test :* tp = 5 ms, duty cycle < 2 % ** tp = 380 s, duty cycle < 2 %
To evaluate the conduction losses use the following equation : P = 0.65 x IF(AV) + 0.040 x IF2(RMS)
RECOVERY CHARACTERISTICS Symbol trr Tj = 25C Test Conditions IF = 0.5A IR = 1A IF = 1A VR = 30V tfr Tj = 25C IF = 1A VFR = 1.1 x VF IF = 1A Irr = 0.25A Min. Typ. Max. 25 Unit ns
dIF/dt = -50A/s
35
tr = 10 ns
15
ns
VFP
Tj = 25C
tr = 10 ns
2
V
2/6
BYW29(F)
Fig.1 : Average forward power dissipation versus average forward current.
P F(av)(W)
=0.05 =0.1 =0.2 =0.5 =1
Fig.2 : Peak current versus form factor.
12 10 8 6
160 140 120 100 80
T
IM(A)
T
IM
P=10W
=tp/T tp
4 2
IF(av)(A)
=tp/T tp
60 40
P=5W
P=15W
20 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
0 0
1
2
3
4
5
6
7
8
9
10 11
Fig.3 : Forward voltage drop versus forward current (maximum values).
VFM(V)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
IFM(A)
Tj= 125 oC
0.1
1
10
100
Fig.4 : Relative variation of thermal impedance junction to case versus pulse duration. (TO-220AC)
1.0
K
Zth(j-c) (tp. ) K= Rth(j-c)
=0.5 =0.2
Fig.5 : Relative variation of thermal impedance junction to case versus pulse duration. (ISOWATT220AC)
1
K
Zth(j-c) (tp. ) K= Rth(j-c)
=0.5
0.8
0.5
0.6
= 0 .2
= 0 .1
0.4
T
T
= 0 .1 Single pulse
0.2
Single pulse
0.2
0.1
1.0E-03 1.0E-02
tp(s)
1.0E-01
=tp/T
tp 1. 0E+00
0
1.0E-03 1.0E-02
tp(s)
1.0E-01
=tp/T 1.0 E+00
tp 1. 0E+01
3/6
BYW29(F)
Fig.6 : Non repetitive surge peak forward current versus overload duration. (TO-220AC)
80 70 60 50 40 30 20 10 0 0.001
IM t =0.5
Fig.7 : Non repetitive surge peak forward current versus overload duration. (ISOWATT220AC)
60 50 40
Tc=25 o C
IM(A)
IM(A)
Tc=25 oC
30
Tc=50 o C Tc=75 o C Tc=120 o C
20
IM
Tc=100 o C
t =0.5
10 1 0 0.001
t(s) 0.01 0.1
t(s) 0.01 0.1 1
Fig.8 : Average temperature. (: 0.5) (TO-220AC)
10 9 8 7 6 5 4 3 2 1 0 0
IF(av)(A)
current
versus
ambient
Fig.9 : Average current temperature. (: 0.5) (ISOWATT220AC)
10 9 8 7 6 5 4 3 2 1 0 0
IF(av)(A)
versus
ambient
Rth(j-a)=Rth(j-c)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15 o C/W
Rth(j-a)=15 o C/W =0.5 T
=0.5
T
=tp/T
tp
Tamb( o C)
=tp/T
tp
Tamb( o C)
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
160
Fig.10 : Junction capacitance versus reverse voltage applied (Typical values).
C(pF)
F=1Mhz Tj=25o C
Fig.11 : Recovery charges versus dIF/dt.
QRR(nC)
90 %CONFIDENCE Tj-100 O C
IF=IF(av)
VR(V)
dIF/dt(A/us)
4/6
BYW29(F)
Fig.12 : Peak reverse current versus dIF/dt. Fig.13 : Dynamic parameters versus junction temperature.
QRR;IRM[Tj]/QRR;IRM[Tj=125o C]
IF=IF(av)
IRM(A)
90% CONFIDENCE Tj-100 OC
IRM QRR
dIF/dt(A/us)
Tj( o C)
PACKAGE MECHANICAL DATA ISOWATT220AC (JEDEC outline)
A H B
REF.
Diam
DIMENSIONS Millimeters Inches Min. Max. 4.40 4.60 2.50 2.70 2.40 2.75 0.40 0.70 0.75 1.00 1.15 1.70 4.95 5.20 10.00 10.40 16.00 typ. 28.60 30.60 15.90 16.40 9.00 9.30 3.00 3.20 Min. Max. 0.173 0.181 0.098 0.106 0.094 0.108 0.016 0.028 0.030 0.039 0.045 0.067 0.195 0.205 0.394 0.409 0.63 typ. 1.125 1.205 0.626 0.646 0.354 0.366 0.118 0.126
L6 L2 L3
L7
F1
F G
D
E
A B D E F F1 G H L2 L3 L6 L7 Diam
Cooling method : C Marking : Type number Weight : 2 g
Recommended torque value : 0.55m.N Maximum torque value : 0.70m.N
5/6
BYW29(F)
PACKAGE MECHANICAL DATA TO-220AC (JEDEC outline) DIMENSIONS
H2 C L5 OI L6 L2 D L4 L7 A
REF. A C D E F F1 G H2 L2 L4 L5 L6 L7 L9 M Diam. I
Millimeters Min. Max. 4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 4.95 5.15 10.00 10.40 16.40 typ. 13.00 14.00 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.194 0.202 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
L9 F1
F G
M E
Cooling method : C Marking : Type number Weight : 1.86 g
Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of BYW29F200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X