Part Number Hot Search : 
3DCXXX C560B LB11990 A1110AS1 FDS6298 12320 PR2003G MKW2542A
Product Description
Full Text Search
 

To Download BYW178 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW178
Vishay Telefunken
Very Fast Silicon Mesa Rectifier
Features
D D D D D D
Glass passivated junction Hermetically sealed package Low reverse current Soft recovery characteristics Very fast reverse recovery time Low reverse recovery peak current
Applications
Ultra fast rectifier for switching mode power supplies
94 9588
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage =Repetitive peak reverse voltage Peak forward surge current Repetitive peak forward current Average forward current Junction and storage temperature range Test Conditions Type Symbol VR=VRRM IFSM IFRM IFAV Tj=Tstg Value 800 80 15 3 -55...+175 Unit V A A A C
tp=10ms, half sinewave
Maximum Thermal Resistance
Tj = 25_C Parameter Junction lead Junction ambient Test Conditions l=10mm, TL=constant on PC board with spacing 37.5mm Symbol RthJL RthJA Value 25 70 Unit K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Test Conditions IF=3A VR=VRRM VR=VRRM, Tj=100C Reverse recovery current IF=1A, diF/dtx-50A/ms, VBatt=200V Reverse recovery time IF=1A, diF/dtx-50A/ms, VBatt=200V,iR=0.25xIRM Reverse recovery time (JEDEC) IF=0.5A, IR=1A, iR=0.25A Type Symbol VF IR IR IRM trr trr Min Typ Max 1.9 1 20 Unit V
mA mA
A ns
2.2 50 60
ns
Document Number 86047 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
BYW178
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 40 I FAV- Average Forward Current ( A ) 4
30
3
20 l 10 l
2
1 fv20kHz 0 RthJA=25K/W 0 40 80 L=10mm 120 160 200
0 0 5 10 15
TL=constant 20 25 30
94 9471
94 9570
l - Lead Length ( mm )
Tamb - Ambient Temperature ( C )
Figure 1. Typ. Thermal Resistance vs. Lead Length
Figure 3. Max. Average Forward Current vs. Ambient Temperature
5
2.0 1.6 1.2 0.8 0.4 0 0 40 80 120 160 200 fv20kHz RthJA=70K/W PCB
I RM- Reverse Recovery Current ( A )
I FAV- Average Forward Current ( A )
dIF/dt=50A/ms 4
3
2 1 0 0.1 1 IF - Forward Current ( A ) 10
94 9468
Tamb - Ambient Temperature ( C )
94 9571
Figure 2. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Typ. Reverse Recovery Current vs. Forward Current
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86047 Rev. 2, 24-Jun-98
BYW178
Vishay Telefunken
Z thp - Thermal Resistance for Pulse Cond. (K/W)
1000 VR RM=600V RthJA=70K/W 100 tp/T=0.5 tp/T=0.2 10 tp/T=0.1 tp/T=0.05 0.02 1 10-4 tp/T=0.01 10-3 10-2 10-1 100 101 102 100 101 IFRM - Repetitive Peak Forward Current ( A ) 102 100C 45C 70C Tamb= 25C
94 9562
tp - Pulse Length ( s )
Figure 5. Thermal Response
Dimensions in mm
Sintered Glass Case SOD 64 Weight max. 1.0 g Cathode Identification 4.3 max.
technical drawings according to DIN specifications
1.35 max.
26 min.
4.2 max.
26 min.
94 9587
Document Number 86047 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
BYW178
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86047 Rev. 2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of BYW178

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X