Part Number Hot Search : 
40CPQ100 STO1ROT EPT7064 TL810 KBJ810 HCC4001 SM6B595P 1N1398
Product Description
Full Text Search
 

To Download BYT30P-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYT 30P-1000
FAST RECOVERY RECTIFIER DIODE
VERY HIGH REVERSE VOLTAGE CAPABILITY VERY LOW REVERSE RECOVERY TIME VERY LOW SWITCHING LOSSES LOW NOISE TURN-OFF SWITCHING
Cathode connected to case
SUITABLE APPLICATIONS FREE WHEELING DIODE IN CONVERTERS AND MOTOR CONTROL CIRCUITS RECTIFIER IN S.M.P.S. ABSOLUTE MAXIMUM RATINGS
Symbol VRRM VRSM IFRM IF (RMS) IF (AV) IFSM P Tstg Tj Parameter Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage Repetive Peak Forward Current RMS Forward Current Average Forward Current Surge non Repetitive Forward Current Power Dissipation Storage and Junction Temperature Range Tc = 85C = 0.5 tp = 10ms Sinusoidal Tc = 85C tp 10s
SOD93 (Plastic)
Value 1000 1000 375 70 30 200 60 - 40 to +150 - 40 to +150
Unit V V A A A A W C
THERMAL RESISTANCE
Symbol Rth (j - c) Junction-case Parameter Value 1 Unit C/W
October 1999 - Ed: 2A
1/5
BYT 30P-1000
ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS
Synbol IR Tj = 25C Tj = 100C VF Tj = 25C Tj = 100C IF = 30A Test Conditions VR = VRRM Min. Typ. Max. 100 5 1.9 1.8 Unit A mA V
RECOVERY CHARACTERISTICS
Symbol trr Tj = 25C Test Conditions IF = 1A IF = 0.5A diF/dt = - 15A/s IR = 1A VR = 30V Irr = 0.25A Min. Typ. Max. 165 70 Unit ns
TURN-OFF SWITCHING CHARACTERISTICS (Without Series Inductance)
Symbol tIRM diF/dt = - 120A/s diF/dt = - 240A/s IRM diF/dt = -120A/s diF/dt = - 240A/s 22 Test Conditions VCC = 200 V IF = 30A Lp 0.05H Tj = 100C See figure 11 Min. Typ. Max. 200 120 19.5 A Unit ns
TURN-OFF OVERVOLTAGE COEFFICIENT (With Series Inductance)
Symbol C= VRP VCC Tj = 100C diF/dt = - 30A/s Test Conditions VCC = 200V Lp = 5H IF = IF (AV) See figure 12 Min. Typ. Max. 4.5 Unit
To evaluate the conduction losses use the following equation: VF = 1.47 + 0.010 IF P = 1.47 x IF(AV) + 0.010 IF2(RMS) Figure 1. Low frequency power losses versus average current Figure 2. Peak current versus form factor
2/5
BYT 30P-1000
Figure 3. Non repetitive peak surge current versus overload duration Figure 4. Thermal impedance versus pulse width
Figure 5. Voltage drop versus forward current
Figure 6. Recovery charge versus diF/dt-
Figure 7. Recovery time versus diF/dt-
Figure 8. Peak reverse current versus diF/dt-
3/5
BYT 30P-1000
Figure 9. Peak forward voltage versus diF/dtFigure 10. Dynamic parameters versus junction temperature.
Figure 11. Turn-off switching characteristics (without series inductance).
Figure 12. Turn-off switching characteristics (with series inductance)
4/5
PACKAGE MECHANICAL DATA SOD93 Plastic
DIMENSIONS REF. Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.70 4.90 0.185 0.193 C 1.17 1.37 0.046 0.054 D 2.50 0.098 D1 1.27 0.050 E 0.50 0.78 0.020 0.031 F 1.10 1.30 0.043 0.051 F3 1.75 0.069 G 10.80 11.10 0.425 0.437 H 14.70 15.20 0.578 0.598 L 12.20 0.480 L2 16.20 0.638 L3 18.0 0.709 L5 3.95 4.15 0.156 0.163 L6 31.00 1.220 O 4.00 4.10 0.157 0.161
Cooling method: by conduction (method C) Marking: type number Weight: 4.3g Recommended torque value: 80cm. N Maximum torque value: 100cm. N
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of BYT30P-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X