Part Number Hot Search : 
0100A MA11FAD EDDTRPB MC74VHC1 ILA8133A LA5754MP W921C841 MSKW3034
Product Description
Full Text Search
 

To Download BYT30G-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYT30G-400
HIGH EFFICIENCY FAST RECOVERY DIODES
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM trr VF FEATURES AND BENEFITS VERY LOW REVERSE RECOVERY TIME VERY LOW SWITCHING LOSSES LOW NOISE TURN-OFF SWITCHING SMD PACKAGE DESCRIPTION Single rectifier suited for freewheeling in converters and motor control circuits. Packaged in D2PAK, this surface mount device is intended for use in high frequency inverters, free wheeling and polarity protection applications.
1
30 A 400 V 50 ns 1.4 V
1&3
4
4
2
3
D2PAK (Plastic)
ABSOLUTE MAXIMUM RATINGS Symbol VRRM IF(RMS) IF(AV) IFSM IFRM Tstg Tj Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak forward current Storage and junction temperature range Tc=100C = 0.5 tp=10ms sinusoidal tp = 5s f = 5 kHz Value 400 50 30 350 280 - 40 to + 150 Unit V A A A A C
October 1999 - Ed: 3A
1/5
BYT30G-400
THERMAL RESISTANCE Symbol Rth (j-c) Junction to case Parameter Value 1 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Parameter Reverse leakage current Test Conditions VR = VRRM Tj = 25C Tj = 100C VF ** Forward voltage drop
* tp = 5 ms, < 2 % ** tp = 380 s, < 2 %
Min.
Typ.
Max. 35 6 1.4 1.5
Unit A mA V
IF = 30 A IF = 30 A
Tj = 100C Tj = 25C
Pulse test :
To evaluate the conduction losses use the following equation : P = 1.1 x IF(AV) + 0.0095 IF2(RMS) RECOVERY CHARACTERISTICS Symbol trr Parameter Reverse recovery time Test Conditions Tj = 25C Irr = 0.25 A Tj = 25C dIF/dt = -15A/s TURN-OFF SWITCHING CHARACTERISTICS Symbol tIRM Parameter Maximum reverse recovery time Maximum reverse recovery current Turn-off overvoltage coefficient Test Conditions Tj = 100C IF = 30 A VCC = 200 V Lp < 0.05 H dIF/dt = -120A/s dIF/dt = -240A/s dIF/dt = -120A/s dIF/dt = -240A/s 12 3.3 / 50 9 ns Min. Typ. Max. 75 Unit ns IF = 0.5A I R = 1A IF = 1A VR = 30V Min. Typ. Max. 50 100 Unit ns
IRM
C factor
IF = IF(AV) Tj = 100C VCC = 60 V Lp = 1 H dIF/dt = -30A/s
PIN OUT configuration in D2PAK:
2/5
BYT30G-400
Fig.1 : Average forward power dissipation versus average forward current.
P F(av)(W)
=0.5 =0.2 =0.1 =0.05 T =1
Fig.2 : Peak current versus form factor.
55 50 45 40 35 30 25 20 15 10 5 0 0
I F(av)(A)
=tp/T
tp
5
10
15
20
25
30
35
40
500 T 450 400 IM P=20W 350 =tp/T 300 tp 250 200 P=30W 150 100 P=40W 50 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
I M(A)
Fig.3 : Forward voltage drop versus forward current (maximum values).
VFM(V)
Fig.4 : Relative variation of thermal impedance junction to case versus pulse duration.
K
2.0 1.8 Tj= 100 o C 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.1
1
Zth(j-c) (tp. K= Rth(j-c)
= 0.5 =0.2 =0.1
)
0.5
0.2
T
Single pulse
I FM(A)
tp(s)
=tp/ T tp
1
10
100
0.1 0.001
0.01
0.1
1
Fig.5 : Non repetitive surge peak forward current versus overload duration.
IM(A)
Fig.6 : Average current versus ambient temperature. (: 0.5)
IF(av) (A)
Rth(j-a)=Rth(j-c)
250 200 150 100
35 30 25
Tc=25 oC
=0.5
T
20 15
=tp/T tp Rth(j-a)=15 o C/W
Tc= 60 o C
IM
10 5
Tamb( o C)
50
t =0.5
Tc=100 o C
t(s) 0.01 0.1 1
0 0.001
0 0
20
40
60
80
100
120
140
160
3/5
BYT30G-400
Fig.7 : Reverse recovery charge versus dIF/dt. Fig.8 : Forward recovery times versus dIF/dt.
Fig.9 : Peak reverse current versus dIF/dt.
Fig.10 : Peak forward voltage versus dIF/dt.
Fig.11: Dynamic parameters versus junction temperature.
4/5
BYT30G-400
PACKAGE MECHANICAL DATA D2PAK (Plastic) REF.
A E L2 C2
D L L3 A1 B2 B G A2 C R
M
*
V2
* FLAT ZONE NO LESSTHAN 2mm
A A1 A2 B B2 C C2 D E G L L2 L3 M R V2
DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 2.49 2.69 0.098 0.106 0.03 0.23 0.001 0.009 0.70 0.93 0.027 0.037 1.14 1.70 0.045 0.067 0.45 0.60 0.017 0.024 1.23 1.36 0.048 0.054 8.95 9.35 0.352 0.368 10.00 10.40 0.393 0.409 4.88 5.28 0.192 0.208 15.00 15.85 0.590 0.624 1.27 1.40 0.050 0.055 1.40 1.75 0.055 0.069 2.40 3.20 0.094 0.126 0.40 typ. 0.016 typ. 0 8 0 8
FOOT PRINT (in millimeters)
16.90
10.30 1.30
5.08
3.70 8.90
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BYT30G-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X