|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET book, halfpage M3D121 BYD17 series General purpose controlled avalanche rectifiers Product specification Supersedes data of 1996 Sep 26 1999 Nov 11 Philips Semiconductors Product specification General purpose controlled avalanche rectifiers FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability * Shipped in 8 mm embossed tape * Smallest surface mount rectifier outline. DESCRIPTION Cavity free cylindrical glass package through ImplotecTM(1) technology. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched. (1) Implotec is a trademark of Philips. MAM061 BYD17 series handbook, 4 columns k a Fig.1 Simplified outline (SOD87) and symbol. MARKING TYPE NUMBER BYD17D BYD17G BYD17J BYD17K BYD17M 17D PH 17G PH 17J PH 17K PH 17M PH MARKING CODE LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM BYD17D BYD17G BYD17J BYD17K BYD17M VRWM crest working reverse voltage BYD17D BYD17G BYD17J BYD17K BYD17M VR continuous reverse voltage BYD17D BYD17G BYD17J BYD17K BYD17M - - - - - 200 400 600 800 1000 V V V V V - - - - - 200 400 600 800 1000 V V V V V PARAMETER repetitive peak reverse voltage - - - - - 200 400 600 800 1000 V V V V V CONDITIONS MIN. MAX. UNIT 1999 Nov 11 2 Philips Semiconductors Product specification General purpose controlled avalanche rectifiers SYMBOL IF(AV) PARAMETER average forward current CONDITIONS Ttp = 105 C; averaged over any 20 ms period; see Figs 2 and 4 Tamb = 65 C; PCB mounting (see Fig.9); averaged over any 20 ms period; see Figs 3 and 4 IFSM non-repetitive peak forward current t = 10 ms half sinewave; Tj = Tj max prior to surge; VR = VRRMmax L = 120 mH; Tj = Tj max prior to surge; inductive load switched off see Fig.5 BYD17 series MIN. - MAX. UNIT 1.5 A - 0.6 A - 20 A ERSM Tstg Tj non-repetitive peak reverse avalanche energy storage temperature junction temperature - -65 -65 7 +175 +175 mJ C C ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL VF V(BR)R PARAMETER forward voltage reverse avalanche breakdown voltage BYD17D BYD17G BYD17J BYD17K BYD17M IR trr Cd reverse current VR = VRRMmax; see Fig.7 VR = VRRMmax; Tj = 165 C; see Fig.7 reverse recovery time when switched from IF = 0.5 A to IR = 1 A; measured at IR = 0.25 A; see Fig.10 diode capacitance VR = 0 V; f = 1 MHz; see Fig.8 CONDITIONS IF = 1 A; Tj = Tj max; see Fig.6 IF = 1 A; see Fig.6 IR = 0.1 mA 225 450 650 900 1100 - - - - - - - - - - - 3 21 - - - - - 1 100 - - V V V V V A A s pF MIN. - - TYP. - - MAX. 0.93 1.05 UNIT V V THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper 40 m, see Fig.9. For more information please refer to the "General Part of associated Handbook". PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS VALUE 30 150 UNIT K/W K/W 1999 Nov 11 3 Philips Semiconductors Product specification General purpose controlled avalanche rectifiers GRAPHICAL DATA BYD17 series handbook, halfpage 3 MBH394 1.0 IF(AV) (A) 0.8 MSC293 IF(AV) (A) 2 0.6 0.4 1 0.2 0 0 40 80 120 160 200 Ttp (C) 0 0 40 80 120 a = 1.57; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.9. 160 200 Tamb (C) a = 1.57; VR = VRRMmax; = 0.5. Fig.2 Maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage). Fig.3 Maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage). handbook, halfpage 2.5 P (W) 2.0 MBH395 MGC736 handbook, halfpage 200 Tj a = 3 2.5 2 1.57 1.42 ( oC) 150 1.5 100 1.0 D 0.5 50 G J K M 0 0 0.4 0.8 1.2 1.6 IF(AV) (A) 0 0 400 800 1200 VR, VRRM (V) a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5. Fig.4 Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current. Solid line = VR. Dotted line = VRRM; = 0.5. Fig.5 Maximum permissible junction temperature as a function of reverse voltage. 1999 Nov 11 4 Philips Semiconductors Product specification General purpose controlled avalanche rectifiers BYD17 series MBG048 handbook, halfpage 6 10 3 handbook, halfpage IR (A) 2 MGC739 IF (A) 4 10 2 10 0 0 1 VF (V) 2 1 0 40 80 120 160 200 Tj (oC) Solid line: Tj = 25 C. Dotted line: Tj = 175 C. VR = VRRMmax. Fig.6 Forward current as a function of forward voltage; maximum values. Fig.7 Reverse current as a function of junction temperature; maximum values. 10 2 handbook, halfpage MGC740 50 Cd (pF) 4.5 10 50 2.5 1 1 10 102 VR (V) 103 1.25 MSB213 f = 1 MHz; Tj = 25 C. Dimensions in mm. Fig.8 Diode capacitance as a function of reverse voltage; typical values. Fig.9 Printed-circuit board for surface mounting. 1999 Nov 11 5 Philips Semiconductors Product specification General purpose controlled avalanche rectifiers BYD17 series handbook, full pagewidth DUT + IF (A) 0.5 1 t rr 10 25 V 50 0 0.25 0.5 IR (A) 1.0 t MAM057 Input impedance oscilloscope: 1 M, 22 pF; tr 7 ns. Source impedance: 50 ; tr 15 ns. Fig.10 Test circuit and reverse recovery time waveform and definition. 1999 Nov 11 6 Philips Semiconductors Product specification General purpose controlled avalanche rectifiers PACKAGE OUTLINE Hermetically sealed glass surface mounted package; ImplotecTM(1) technology; 2 connectors BYD17 series SOD87 k (2) a D1 D L DIMENSIONS (mm are the original dimensions) UNIT mm D 2.1 2.0 D1 2.0 1.8 H 3.7 3.3 L 0.3 H L 0 1 scale 2 mm Notes 1. Implotec is a trademark of Philips. 2. The marking indicates the cathode. OUTLINE VERSION SOD87 REFERENCES IEC 100H03 JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 99-03-31 99-06-04 DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. 1999 Nov 11 7 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777 For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999 Internet: http://www.semiconductors.philips.com SCA 68 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 135002/03/pp8 Date of release: 1999 Nov 11 Document order number: 9397 750 06275 |
Price & Availability of BYD17 |