Part Number Hot Search : 
NTE1913 SRF1015 LC5732 CA139E 00160 P7N60A SDB2301 NPT2018
Product Description
Full Text Search
 

To Download BY722 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, 2 columns
M3D117
BY715 to BY724 Very fast high-voltage soft-recovery rectifiers
Product specification 2001 Sep 24
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Soft-recovery switching characteristics * Compact construction. APPLICATIONS * For high-voltage rectification up to 75 kHz * High-voltage applications for: - Multipliers - Slot-wound diode-split-transformers.
k handbook, halfpage
BY715 to BY724
DESCRIPTION Rugged glass package, using a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched. The package is designed to be used in an insulating medium such as resin, oil or SF6 gas.
a
MAM163
Fig.1 Simplified outline (SOD61) and symbol.
MARKING Table 1 Cathode band colour codes PACKAGE CODE SOD61E SOD61E SOD61E SOD61E SOD61E SOD61G SOD61G SOD61K SOD61K SOD61K green red green blue yellow red blue red green yellow OUTER BAND brown brown red red red green green blue blue blue INNER BAND
TYPE NUMBER BY715 BY716 BY717 BY718 BY719 BY720 BY721 BY722 BY723 BY724
2001 Sep 24
2
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VRSM BY715 BY716 BY717 BY718 BY719 BY720 BY721 BY722 BY723 BY724 VRRM repetitive peak reverse voltage BY715 BY716 BY717 BY718 BY719 BY720 BY721 BY722 BY723 BY724 VRW working reverse voltage BY715 BY716 BY717 BY718 BY719 BY720 BY721 BY722 BY723 BY724 PARAMETER non-repetitive peak voltage CONDITIONS
BY715 to BY724
MIN. - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 5 6
MAX.
UNIT kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV
10 12 14 17 19 22 24 30 5 6 10 12 14 17 19 22 24 30 4 5 9 10 12 14 16 18 20 24
2001 Sep 24
3
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
SYMBOL IF(AV)
PARAMETER average forward current BY715 BY716 BY717 BY718 BY719 BY720 BY721 BY722 BY723 BY724
CONDITIONS averaged over any 20 ms period; see Figs 2, 3, 4 and 5 - - - - - - - - - - -
MIN.
MAX.
UNIT
20 20 4 4 4 3 3 3 3 3 500 +120 +120
mA mA mA mA mA mA mA mA mA mA mA C C
IFRM Tstg Tj
repetitive peak forward current storage temperature junction temperature
-65 -65
2001 Sep 24
4
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage BY715 BY716 BY717 BY718 BY719 BY720 BY721 VF forward voltage BY722 BY723 BY724 IR Qr reverse current recovery charge VR = VRWmax; Tj = 120 C IF = 50 mA; Tj = Tj max; see Fig.9 - - - - - when switched from IF = 100 mA to VR 100 V and dIF/dt = -200 mA/s; see Fig.11 when switched from IF = 100 mA to 40 VR 100 V and dIF/dt = -200 mA/s; see Fig.11 when switched from IF = 100 mA to - VR 100 V and dIF/dt = -200 mA/s; see Fig.11 CONDITIONS IF = 100 mA; Tj = Tj max; see Figs 6, 7 and 8 - - - - - - - MIN.
BY715 to BY724
TYP.
MAX.
UNIT
- - - - - - - - - - - -
28 28 69 69 69 92 92 88 88 88 3 0.4
V V V V V V V V V V A nC
tf
fall time
-
-
ns
trr
reverse recovery time
100
-
ns
2001 Sep 24
5
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
GRAPHICAL DATA
BY715 to BY724
handbook, halfpage
20
MBL356
IF(AV) (mA)
handbook, halfpage
5
MBL357
IF(AV) (mA)
a = 1.57 a=3
16
4
12 a=5
3
8
2
4
1
0 0 100 Tamb (C) 200
0 0 100 Tamb (C) 200
BY715 and BY716 a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave.
BY717 to BY719 a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave.
Fig.2
Maximum permissible average forward current as a function of ambient temperature.
Fig.3
Maximum permissible average forward current as a function of ambient temperature.
handbook, halfpage
5
MBL358
IF(AV) (mA)
handbook, halfpage
5
MBL359
IF(AV) (mA)
4
4
3
3
2
2
1
1
0 0 100 Tamb (C) 200
0 0 100 Tamb (C) 200
BY720 and BY721 a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave.
BY722 to BY724 a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave.
Fig.4
Maximum permissible average forward current as a function of ambient temperature.
Fig.5
Maximum permissible average forward current as a function of ambient temperature.
2001 Sep 24
6
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
handbook, halfpage
200
MBL352
IF (mA)
handbook, halfpage
200
MBL353
IF (mA)
160
160
120
120
80
80
40
40
0 0 20 40 60 V (V) 80 F
0 0 40 80 120 160 200 VF (V)
BY715 and BY716 Dotted line; Tj = 120 C. Solid line: Tj = 25 C.
BY717 to BY719 Dotted line; Tj = 120 C. Solid line: Tj = 25 C.
Fig.6
Forward current as a function of maximum forward voltage.
Fig.7
Forward current as a function of maximum forward voltage.
handbook, halfpage
200
MBL354
handbook, halfpage
200
MBL355
IF (mA)
IF (mA)
160
160
120
120
80
80
40
40
0 0 40 80 120 160 200 240 VF (V)
0 0 100 200 300 V (V) 400 F
BY720 and BY721 Dotted line; Tj = 120 C. Solid line: Tj = 25 C.
BY722 to BY724 Dotted line; Tj = 120 C. Solid line: Tj = 25 C.
Fig.8
Forward current as a function of maximum forward voltage.
Fig.9
Forward current as a function of maximum forward voltage.
2001 Sep 24
7
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
handbook, full pagewidth
VR VR Vo VRRM
DUT VI
Io
V RW
T nom
t
MAM105 - 1
Fig.10 Typical operation circuit and voltage waveform.
handbook, halfpage I
F
dI F dt t rr 10% t Qr 90% IR tf
MGD569
Fig.11 Reverse recovery definitions.
2001 Sep 24
8
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
PACKAGE OUTLINE
BY715 to BY724
handbook, full pagewidth
5 max k 3 max
2.5 max
a
0.6
L
G
L
MBC899 - 1
The marking bands indicates the cathode. Dimensions in mm; see table below.
Fig.12 SOD61E to K.
PACKAGE SPECIFICATION TYPE NUMBER BY715 BY716 BY717 BY718 BY719 BY720 BY721 BY722 BY723 BY724 PACKAGE CODE SOD61E SOD61E SOD61E SOD61E SOD61E SOD61G SOD61G SOD61K SOD61K SOD61K 29.7 29.7 29.7 29.7 29.7 29.0 29.0 28.2 28.2 28.2 Lmin (mm) 9.5 9.5 9.5 9.5 9.5 11.0 11.0 12.5 12.5 12.5 Gmax (mm)
2001 Sep 24
9
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
BY715 to BY724
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Sep 24
10
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
NOTES
BY715 to BY724
2001 Sep 24
11
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613510/01/pp12
Date of release: 2001
Sep 24
Document order number:
9397 750 08656


▲Up To Search▲   

 
Price & Availability of BY722

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X