Part Number Hot Search : 
C74LV SIG55 NTD42 C3197 ADUC8 GBPC5008 E005270 ADT7463
Product Description
Full Text Search
 

To Download BY329X1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Damper diode fast, high-voltage
FEATURES
* Low forward volt drop * Fast switching * Soft recovery characteristic * High thermal cycling performance * Isolated mounting tab
BY329X-1500, BY329X-1500S
SYMBOL
QUICK REFERENCE DATA
VR = 1500 V VF 1.35 V / 1.5 V IF(peak) = 6 A (f = 16 kHz) IF(peak) = 6 A (f = 70 kHz) IFSM 75 A trr 230 ns / 160 ns
k 1
a 2
GENERAL DESCRIPTION
Glass-passivated double diffused rectifier diode featuring low forward voltage drop, fast reverse recovery and soft recovery characteristic. The device is intended for use in TV receivers and PC monitors. The BY329X series is supplied in the conventional leaded SOD113 package.
PINNING
PIN 1 2 tab DESCRIPTION anode cathode isolated
SOD113
case
1
2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER VRSM VRRM VRWM IF(peak) IFRM IF(RMS) IFSM Tstg Tj Peak non-repetitive reverse voltage Peak repetitive reverse voltage Crest working reverse voltage BY329X Peak working forward current Peak repetitive forward current RMS forward current Peak non-repetitive forward current Storage temperature Operating junction temperature f = 16 kHz f = 70 kHz t = 25 s; = 0.5; Ths 86 C t = 10 ms sinusoidal; Tj = 150 C prior to surge; with reapplied VRWM(max) -40 CONDITIONS MIN. MAX. 1500 1500 1300 -1500 6 14 11 75 150 150 -1500S 6 UNIT V V V A A A A A C C
September 1998
1
Rev 1.100
Philips Semiconductors
Product specification
Damper diode fast, high-voltage
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER R.M.S. isolation voltage from both terminals to external heatsink CONDITIONS
BY329X-1500, BY329X-1500S
MIN. -
TYP.
MAX. 2500
UNIT V
f = 50-60 Hz; sinusoidal waveform; R.H. 65% ; clean and dustfree
Cisol
Capacitance from both terminals f = 1 MHz to external heatsink
-
10
-
pF
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS with heatsink compound without heatsink compound in free air. MIN. TYP. 55 MAX. 4.8 5.9 UNIT K/W K/W K/W
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL PARAMETER VF IR Forward voltage Reverse current CONDITIONS IF = 6.5 A IF = 6.5 A; Tj = 125 C VR = 1300 V VR = 1300 V; Tj = 125 C TYP. 1.1 1.05 1.3 1.2 250 1 MAX. 1.45 1.35 1.6 1.5 250 1 UNIT V V A mA BY329X- 1500 1500S 1500 1500S
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL PARAMETER trr Qs Vfr tfr Reverse recovery time Reverse recovery charge Peak forward recovery voltage Forward recovery time CONDITIONS IF = 1 A; VR 30 V; dIF/dt = 50A/s IF = 2 A; -dIF/dt = 20 A/s IF = 6.5A; dIF/dt = 50A/s IF = 6.5A; dIF/dt = 50A/s TYP. BY329X 1500 1500S 0.18 1.6 17 210 0.13 0.7 23 220 MAX. 1500 0.23 2.0 30 300 1500S 0.16 0.95 40 320 s C V ns UNIT
September 1998
2
Rev 1.100
Philips Semiconductors
Product specification
Damper diode fast, high-voltage
BY329X-1500, BY329X-1500S
I
F
100
Maximum pulse width / us
V
BY459X-1500
VRRM
10% tfr VF V VF 5V time fr
1 10
pulse width tp
time period T
time
10
100 line frequency / kHz
Fig.1. Definition of Vfr and tfr
Fig.4. Maximum allowable pulse width tp versus line frequency; Basic horizontal deflection circuit.
I
dI F dt
F
30
IF / A
Tj = 125 C Tj = 25 C
BY32915
trr time
20
Qs
25%
100%
10
typ
I
R
0 0 0.5 1
max
1.5
VF / V
2
Fig.2. Definition of trr and Qs
Fig.5. BY329-1500 Typical and maximum forward characteristic IF = f(VF); parameter Tj
IF / A 30
Tj = 125 C Tj = 25 C
VCC
BY32915S
Line output transformer LY
20
10
typ
Cf deflection transistor D1
Cs
max
0
0
0.5
1
1.5
VF / V
2
Fig.3. Basic horizontal deflection circuit.
Fig.6. BY329-1500S Typical and maximum forward characteristic IF = f(VF); parameter Tj
September 1998
3
Rev 1.100
Philips Semiconductors
Product specification
Damper diode fast, high-voltage
BY329X-1500, BY329X-1500S
10
Transient thermal impedance, Zth j-hs (K/W)
1
0.1
0.01
P D
tp
D=
tp T t
0.001 1us
T
10us
100us 1ms 10ms 100ms 1s pulse width, tp (s) BY229F
10s
Fig.7. Transient thermal impedance Zth = f(tp)
September 1998
4
Rev 1.100
Philips Semiconductors
Product specification
Damper diode fast, high-voltage
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
3.2 3.0 10.3 max
BY329X-1500, BY329X-1500S
4.6 max 2.9 max
Recesses (2x) 2.5 0.8 max. depth
2.8 6.4 15.8 19 max. max. seating plane 15.8 max
3 max. not tinned 3 2.5 13.5 min. 1 0.4
M
2 1.0 (2x) 0.6 2.54 5.08 0.5 2.5 0.9 0.7
Fig.8. SOD113; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1998
5
Rev 1.100
Philips Semiconductors
Product specification
Damper diode fast, high-voltage
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BY329X-1500, BY329X-1500S
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1998
6
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BY329X1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X