Part Number Hot Search : 
582AR 223929 AOD11S60 SM79L06 10N65KL L6918D C4063A SHD12
Product Description
Full Text Search
 

To Download BY134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY 133 ... BY 135 Silicon Rectifiers Silizium Gleichrichter
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 50...1300 V DO-41 DO-204AL 0.4 g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
see page 16 siehe Seite 16
Maximum ratings Type Typ BY 133 BY 134 BY 135 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1300 600 150
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 1600 800 200
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TA = 50/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t Tj TS
1 A 1) 10 A 1) 50 A 12.5 A2s - 50...+175/C - 50...+175/C
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 54 28.02.2002
BY 133 ... BY 135 Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Tj = 25/C Tj = 25/C Tj = 100/C IF = 1 A VR = VRRM VR = VRRM VF IR IR RthA Kennwerte < 1.3 V < 5 :A < 50 :A < 45 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
55


▲Up To Search▲   

 
Price & Availability of BY134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X