Part Number Hot Search : 
HV2901 HSOP28 H8NA60FI MB89F051 NSVS1106 74HC7 DB104G 2N1117
Product Description
Full Text Search
 

To Download BY133G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G THRU 1N4007G, BY133G
GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 50 to 1300 Volts Forward Current - 1.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.0 ampere operation at TA=75 with no thermal runaway Typical IR less than 0.1 A High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-41 molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.335 gram
DIM ENSIONS DIM A B C D inches Min. 0.165 0.079 0.028 1.000 Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 mm Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
1N 4001G
1N 4002G
1N 4003G
1N 4004G
1N 4005G
1N 4006G
1N 4007G
BY 133G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R R
JA JL
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30.0 1.1 5.0 50.0 2.0 8.0 55.0 25.0
600 420 600
800 560 800
1000 700 1000
1300 910 1300
Volts Volts Volts Amp Amps Volts A S F /W
Typical reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
TJ, TSTG
-65 to +175
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of BY133G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X